Part Number Hot Search : 
MP2127DQ C2026 001444 FH2164 EG01Z BCM8040 2508A 1N5232B
Product Description
Full Text Search
 

To Download NAZT331M80V16X17HLSF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change surface mount aluminum electrolytic capacitors nazt series features ? cylindrical v-chip construction for surface mounting ? available with anti-vibration wide terminations ? very low impedance & high ripple current at 100khz ? extended load life (2,000 ~ 5,000 hours @ +105c) ? suitable for dc-dc converter, dc-ac inverter, etc. ? designed for automatic mounting and reflow soldering ? meets the requirements of aec-q200* *contact nic for supporting test data characteristics low esr component liquid electrolyte for performance data see www.lowesr.com rated voltage rating 6.3 ~ 100vdc rated capacitance range 4.7 ~ 12,000 f operating temp. range -55 ~ +105c capacitance tolerance 20% (m) max. leakage current after 2 miuntes @ 20c 0.01cv or 3 a whichever is greater tan @ 120hz/20c w.v. (vdc) 6.3 10 16 25 35 50 63 80 100 s.v. (vdc) 8.0 13 20 32 44 63 79 100 125 4 ~ 6.3mm diameter 0.26 0.20 0.16 0.14 0.12 0.12 0.08 - - 8 ~ 18mm diameter 0.28 0.24 0.22 0.16 0.14 0.14 0.08 0.08 0.07 low temperature stability impedance ratio @ 120hz w.v. (vdc) 6.3 10 16 25 35 50 63 80 100 z-40c/z+20c 333333222 z-55c/z+20c 444333333 load life test @ 105c 4 ~ 6mm dia. 2,000 hours 10x8mm case size 2,000 hours 8 ~ 18mm dia. 5,000 hours capacitance change within 30% of initial measured value tan less than 300% of the speci ed maximum value leakage current less than the speci ed maximum value cap. ( f) code working voltage (vdc) 6.3 10 16 25 35 50 63 80 100 4 . 7 4 r 7 ---- 4x6.3 4x6.3 - - - 10 100 - - - 4x6.3 5x6.3 6.3x6.3 6.3x6.3 - - 15 150 - - 4x6.3 5x6.3 5x6.3 6.3x6.3 - - - 22 220 - 4x6.3 5x6.3 5x6.3 5x6.3 6.3x6.3 6.3x8 - - 27 270 4x6.3 5x6.3 5x6.3 6.3x6.3 6.3x6.3 6.3x8 - - - 33 330 5x6.3 5x6.3 6.3x6.3 6.3x6.3 6.3x6.3 6.3x8 - - 10x10.5 47 470 5x6.3 6.3x6.3 6.3x6.3 6.3x6.3 6.3x6.3 6.3x8 10x8 10x10.5 12.5x14 56 560 5x6.3 6.3x6.3 6.3x6.3 6.3x6.3 6.3x8 8x10.5 - - - 68 680 6.3x6.3 6.3x6.3 6.3x6.3 6.3x6.3 6.3x8 8x10.5 - - 12.5x14 100 101 5x6.3 6.3x6.3 6.3x6.3 6.3x8 6.3x8 8x10.5 12.5x14 12.5x14 16x17 6.3x6.3 8x10.5 10x8 150 151 6.3x6.3 6.3x6.3 6.3x8 8x10.5 8x10.5 10x10.5 12.5x14 12.5x14 16x17 10x8 220 221 6.3x6.3 6.3x8 6.3x8 8x10.5 8x10.5 10x10.5 12.5x14 - 18x17.5 10x8 330 331 6.3x8 8x10.5 8x10.5 8x10.5 10x10.5 12.5x14 16x17 16x17 18x22 10x8 470 471 8x10.5 8x10.5 8x10.5 10x10.5 10x14 16x17 16x17 18x17.5 - 10x8 12.5x14 680 681 8x10.5 10x10.5 10x10.5 10x14 12.5x14 16x17 18x17.5 - - 10x8 12.5x14 1000 102 8x10.5 10x10.5 10x14 12.5x14 16x17 16x17 18x22 - - 12.5x14 1200 122 ----- 18x17.5 - - - 1500 152 10x10.5 10x14 12.5x14 16x17 16x17 18x22 - - - 12.5x14 2200 222 12.5x14 12.5x14 - 16x17 18x17.5 - - - - 2700 272 ---- 18x22 - - - - 3300 332 - - 16x17 18x17.5 - - - - - 3900 392 - - - 18x22 - - - - - 4700 472 - 16x17 18x17.5 - - - - - - 5600 562 - - 18x22 - - - - - - 6800 682 16x17 18x17.5 - - - - - - - 8200 822 18x17.5 18x22 - - - - - - - 10000 103 18x17.5 - - - - - - - - 12000 123 18x22 - - - - - - - - standard values and case sizes (mm) sac alloy compatible 230c ~ 260c *see part number system for details rohs compliant includes all homogeneous materials http://
2 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change nic part number cap. ( f) w.v. (vdc) dissipaton factor (tan ) max. impedance ( ) 100khz, +20c max. ripple current (ma rms) +105c, 100khz load life hours @ +105c nazt270m6.3v4x6.3nbf 27 6.3 0.26 1.45 90 2,000 nazt330m6.3v5x6.3nbf 33 0.26 0.70 170 2,000 nazt470m6.3v5x6.3nbf 47 0.26 0.70 170 2,000 nazt560m6.3v5x6.3nbf 56 0.26 0.70 170 2,000 nazt680m6.3v6.3x6.3nbf 68 0.26 0.39 250 2,000 nazt101m6.3v5x6.3nbf 100 0.26 0.70 170 2,000 nazt101m6.3v6.3x6.3nbf 100 0.26 0.39 250 2,000 nazt151m6.3v6.3x6.3nbf 150 0.26 0.39 250 2,000 nazt221m6.3v6.3x6.3nbf 220 0.26 0.39 250 2,000 nazt331m6.3v6.3x8nbf 330 0.26 0.30 300 2,000 nazt471m6.3v8x10.5nbf 470 0.28 0.17 600 5,000 nazt681m6.3v8x10.5nbf 680 0.28 0.17 600 5,000 nazt681m6.3v10x8jbf 680 0.28 0.17 600 2,000 nazt102m6.3v8x10.5nbf 1000 0.28 0.17 600 5,000 nazt152m6.3v10x10.5lbf 1500 0.28 0.09 850 5,000 nazt222m6.3v12.5x14klbf 2200 0.30 0.066 1100 5,000 nazt682m6.3v16x17jlsf 6800 0.38 0.035 1800 5,000 nazt822m6.3v18x17.5jlsf 8200 0.42 0.033 2060 5,000 nazt103m6.3v18x17.5jlsf 10000 0.46 0.033 2060 5,000 nazt123m6.3v18x22jlsf 12000 0.50 0.028 2260 5,000 nazt220m10v4x6.3nbf 22 10 0.20 1.45 90 2,000 nazt270m10v5x6.3nbf 27 0.20 0.70 170 2,000 nazt330m10v5x6.3nbf 33 0.20 0.70 170 2,000 nazt470m10v6.3x6.3nbf 47 0.20 0.39 250 2,000 nazt560m10v6.3x6.3nbf 56 0.20 0.39 250 2,000 nazt680m10v6.3x6.3nbf 68 0.20 0.39 250 2,000 nazt101m10v6.3x6.3nbf 100 0.20 0.39 250 2,000 nazt151m10v6.3x6.3nbf 150 0.20 0.39 250 2,000 nazt221m10v6.3x8nbf 220 0.20 0.30 300 2,000 nazt331m10v8x10.5nbf 330 0.24 0.17 600 5,000 nazt471m10v8x10.5nbf 470 0.24 0.17 600 5,000 nazt471m10v10x8jbf 470 0.24 0.17 600 2,000 nazt681m10v10x10.5lbf 680 0.24 0.09 850 5,000 nazt102m10v10x10.5lbf 1000 0.24 0.09 850 5,000 nazt152m10v10x14llbf 1500 0.24 0.07 950 5,000 nazt152m10v12.5x14klbf 1500 0.24 0.066 1100 5,000 nazt222m10v12.5x14klbf 2200 0.26 0.066 1100 5,000 nazt472m10v16x17jlsf 4700 0.30 0.035 1800 5,000 nazt682m10v18x17.5jlsf 6800 0.34 0.033 2060 5,000 nazt822m10v18x22jlsf 8200 0.38 0.028 2260 5,000 nazt150m16v4x6.3nbf 15 16 0.16 1.45 90 2,000 nazt220m16v5x6.3nbf 22 0.16 0.70 170 2,000 nazt270m16v5x6.3nbf 27 0.16 0.70 170 2,000 nazt330m16v6.3x6.3nbf 33 0.16 0.39 250 2,000 nazt470m16v6.3x6.3nbf 47 0.16 0.39 250 2,000 nazt560m16v6.3x6.3nbf 56 0.16 0.39 250 2,000 nazt680m16v6.3x6.3nbf 68 0.16 0.39 250 2,000 nazt101m16v6.3x6.3nbf 100 0.16 0.39 250 2,000 nazt151m16v6.3x8nbf 150 0.16 0.30 300 2,000 nazt221m16v6.3x8nbf 220 0.16 0.30 300 2,000 nazt331m16v8x10.5nbf 330 0.22 0.17 600 5,000 nazt331m16v10x8jbf 330 0.22 0.17 600 2,000 nazt471m16v8x10.5nbf 470 0.22 0.17 600 5,000 nazt681m16v10x10.5lbf 680 0.22 0.09 850 5,000 nazt102m16v10x14llbf 1000 0.22 0.07 950 5,000 nazt102m16v12.5x14klbf 1000 0.22 0.066 1100 5,000 nazt152m16v12.5x14klbf 1500 0.22 0.06 1100 5,000 nazt332m16v16x17jlsf 3300 0.26 0.035 1800 5,000 nazt472m16v18x17.5jlsf 4700 0.28 0.033 2060 5,000 nazt562m16v18x22jlsf 5600 0.30 0.028 2260 5,000 surface mount aluminum electrolytic capacitors nazt series standard values, case sizes and specifications for automotive equipment, see part number system
3 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change nic part number cap. ( f) w.v. (vdc) dissipaton factor (tan ) max. impedance ( ) 100khz, +20c max. ripple current (ma rms) +105c, 100khz load life hours @ +105c nazt100m25v4x6.3nbf 10 25 0.14 1.45 90 2,000 nazt150m25v5x6.3nbf 15 0.14 0.70 170 2,000 nazt220m25v5x6.3nbf 22 0.14 0.70 170 2,000 nazt270m25v6.3x6.3nbf 27 0.14 0.39 250 2,000 nazt330m25v6.3x6.3nbf 33 0.14 0.39 250 2,000 nazt470m25v6.3x6.3nbf 47 0.14 0.39 250 2,000 nazt560m25v6.3x6.3nbf 56 0.14 0.39 250 2,000 nazt680m25v6.3x6.3nbf 68 0.14 0.39 250 2,000 nazt101m25v6.3x8nbf 100 0.14 0.30 300 2,000 nazt151m25v8x10.5nbf 150 0.16 0.17 600 5,000 nazt221m25v8x10.5nbf 220 0.16 0.17 600 5,000 nazt221m25v10x8jbf 220 0.16 0.17 600 2,000 nazt331m25v8x10.5nbf 330 0.16 0.17 600 5,000 nazt471m25v10x10.5lbf 470 0.16 0.09 850 5,000 nazt681m25v10x14llbf 680 0.16 0.07 950 5,000 nazt681m25v12.5x14klbf 680 0.16 0.066 1100 5,000 nazt102m25v12.5x14klbf 1000 0.16 0.066 1100 5,000 nazt152m25v16x17jlsf 1500 0.16 0.035 1800 5,000 nazt222m25v16x17jlsf 2200 0.18 0.035 1800 5,000 nazt332m25v18x17.5jlsf 3300 0.20 0.033 2060 5,000 nazt392m25v18x22jlsf 3900 0.20 0.028 2260 5,000 nazt4r7m35v4x6.3nbf 4.7 35 0.12 1.45 90 2,000 nazt100m35v5x6.3nbf 10 0.12 0.70 170 2,000 nazt150m35v5x6.3nbf 15 0.12 0.70 170 2,000 nazt220m35v5x6.3nbf 22 0.12 0.70 170 2,000 nazt270m35v6.3x6.3nbf 27 0.12 0.39 250 2,000 nazt330m35v6.3x6.3nbf 33 0.12 0.39 250 2,000 nazt470m35v6.3x6.3nbf 47 0.12 0.39 250 2,000 nazt560m35v6.3x8nbf 56 0.12 0.30 300 2,000 nazt680m35v6.3x8nbf 68 0.12 0.30 300 2,000 nazt101m35v6.3x8nbf 100 0.12 0.30 300 2,000 nazt101m35v8x10.5nbf 100 0.14 0.17 600 5,000 nazt151m35v8x10.5nbf 150 0.14 0.17 600 5,000 nazt151m35v10x8jbf 150 0.14 0.17 600 2,000 nazt221m35v8x10.5nbf 220 0.14 0.17 600 5,000 nazt331m35v10x10.5lbf 330 0.14 0.09 850 5,000 nazt471m35v10x14llbf 470 0.14 0.07 950 5,000 nazt471m35v12.5x14klbf 470 0.14 0.066 1100 5,000 nazt681m35v12.5x14klbf 680 0.14 0.066 1100 5,000 nazt102m35v16x17jlsf 1000 0.14 0.035 1800 5,000 nazt152m35v16x17jlsf 1500 0.14 0.035 1800 5,000 nazt222m35v18x17.5jlsf 2200 0.16 0.033 2060 5,000 nazt272m35v18x22jlsf 2700 0.16 0.028 2260 5,000 nazt4r7m50v4x6.3nbf 4.7 50 0.12 2.90 60 2,000 nazt100m50v6.3x6.3nbf 10 0.12 0.88 165 2,000 nazt150m50v6.3x6.3nbf 15 0.12 0.88 165 2,000 nazt220m50v6.3x6.3nbf 22 0.12 0.88 165 2,000 nazt270m50v6.3x8nbf 27 0.12 0.68 195 2,000 nazt330m50v6.3x8nbf 33 0.12 0.68 195 2,000 nazt470m50v6.3x8nbf 47 0.12 0.68 195 2,000 nazt560m50v8x10.5nbf 56 0.14 0.34 350 5,000 nazt680m50v8x10.5nbf 68 0.14 0.34 350 5,000 nazt101m50v8x10.5nbf 100 0.14 0.34 350 5,000 nazt101m50v10x8jbf 100 0.14 0.34 330 2,000 nazt151m50v10x10.5lbf 150 0.14 0.18 670 5,000 nazt221m50v10x10.5lbf 220 0.14 0.18 670 5,000 nazt331m50v12.5x14klbf 330 0.14 0.12 900 5,000 nazt471m50v16x17jlsf 470 0.14 0.073 1610 5,000 nazt681m50v16x17jlsf 680 0.14 0.073 1610 5,000 nazt102m50v16x17jlsf 1000 0.14 0.073 1610 5,000 nazt122m50v18x17.5jlsf 1200 0.14 0.068 1900 5,000 nazt152m50v18x22jlsf 1500 0.14 0.042 2180 5,000 surface mount aluminum electrolytic capacitors nazt series standard values, case sizes and specifications for automotive equipment, see part number system
4 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change dimensions (mm) and reel quantities case size d0.5 l max. a0.2 b0.2 i0.3 w p0.3 qty/reel tr13 (330mm) tr15 (380mm) 4x6.3 4.0 6.3 4.3 4.3 1.8 0.5~0.8 1.0 1,200 2,000 5x6.3 5.0 6.3 5.3 5.3 2.2 0.5~0.8 1.4 800 1,000 6.3x6.3 6.3 6.3 6.6 6.6 2.5 0.5~0.8 2.2 800 1,000 6.3x8 6.3 8.0 6.6 6.6 2.5 0.5~0.8 2.2 500 900 8x10.5 8.0 10.5 8.3 8.3 2.9 0.7~1.0 3.2 300 500 10x8 10.0 8.0 10.3 10.3 3.2 1.0~1.4 4.6 400 500 10x10.5 10.0 10.5 10.3 10.3 3.2 1.0~1.4 4.6 300 500 10x14 10.0 14 10.3 10.3 3.2 1.0~1.4 4.6 - 400 12.5x14 12.5 14.0 12.8 12.8 4.5 1.0~1.4 4.6 - 250 16x17 16.0 17.0 16.3 16.3 5.2 1.8~2.1 7.0 - 200 18x17.5 18 17.5 19.0 19.0 6.5 1.7~2.1 7.0 - 175 18x22 18 22.0 19.0 19.0 6.5 1.7~2.1 7.0 - 125 0.3mm max. d l + - i i w p a b nazt 101 m 16v 6.3x6.3 n b w y f rohs compliant wide terminations (opt.) termination/packaging code re ow temperature code size in mm working voltage tolerance code m=20% capacitance code in f, rst 2 digits are signi cant third digit is no. of zeros, ?r? indicates decimal for values under 10 f series part number system optional: suitable for automotive equipment, sourced to special production and inspection at ts-16949 certi ed production site nic part number cap. ( f) w.v. (vdc) dissipaton factor (tan ) max. impedance ( ) 100khz, +20c max. ripple current (ma rms) +105c, 100khz load life hours @ +105c nazt100m63v6.3x6.3lbf 10 63 0.08 1.50 80 2,000 nazt220m63v6.3x8lbf 22 0.08 1.20 120 2,000 nazt470m63v10x8jbf 47 0.08 0.70 200 2,000 nazt101m63v12.5x14jlbf 100 0.08 0.16 800 5,000 nazt151m63v12.5x14jlbf 150 0.08 0.16 800 5,000 nazt221m63v12.5x14jlbf 220 0.08 0.16 800 5,000 nazt331m63v16x17hlsf 330 0.08 0.082 1410 5,000 nazt471m63v16x17hlsf 470 0.08 0.082 1410 5,000 nazt681m63v18x17.5hlsf 680 0.08 0.080 1690 5,000 nazt102m63v18x22hlsf 1000 0.08 0.055 1960 5,000 nazt470m80v10x10.5jbf 47 80 0.08 0.65 200 5,000 nazt101m80v12.5x14hlbf 100 0.08 0.32 500 5,000 nazt151m80v12.5x14hlbf 150 0.08 0.32 500 5,000 NAZT331M80V16X17HLSF 330 0.08 0.17 793 5,000 nazt471m80v18x17.5hlsf 470 0.08 0.153 917 5,000 nazt330m100v10x10.5jbf 33 100 0.07 0.65 200 5,000 nazt470m100v12.5x14hlbf 47 0.07 0.32 500 5,000 nazt680m100v12.5x14hlbf 68 0.07 0.32 500 5,000 nazt101m100v16x17hlsf 100 0.07 0.17 793 5,000 nazt151m100v16x17hlsf 150 0.07 0.17 793 5,000 nazt221m100v18x17.5hlsf 220 0.07 0.153 917 5,000 nazt331m100v18x22hlsf 330 0.07 0.083 1230 5,000 surface mount aluminum electrolytic capacitors nazt series standard values, case sizes and specifications for automotive equipment, see part number system
5 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change voltage diameter time above 200c time above 217c time above 230c peak temperature 5 seconds 6.3 ~ 50v 4 ~ 8mm 80 sec. max. 70 sec. max. 40 sec. max. see part number suf x and peak re ow temperature table 10x8 50 sec. max. 40 sec. max. 20 sec. max. 10mm 70 sec. max. 60 sec. max. 40 sec. max. 12.5mm 60 sec. max. 50 sec. max. 30 sec. max. 16 ~ 18mm 50 sec. max. 40 sec. max. 20 sec. max. 63v 6.3mm 70 sec. max. 60 sec. max. 40 sec. max 10 ~ 12.5mm 50 sec. max. 40 sec. max. 20 sec. max. 16 ~ 18mm 50 sec. max. 40 sec. max. 15 sec. max. 80v, 100v 10mm 50 sec. max. 40 sec. max. 20 sec. max. 12.5mm 50 sec. max. 40 sec. max. 20 sec. max. 16 ~ 18mm 45 sec. max. 30 sec. max. 10 sec. max. reflow temperatures and duration capacitors can withstand two times reflow at the above conditions. second reflow shall be at least one hour after natural cool to room temperature. code peak re ow temperature n 260c l 250c k 245c j 240c h 235c code finish & reel size b sn-bi finish & 13" reel lb sn-bi finish & 15" reel s 100% sn finish & 13" reel ls 100% sn finish & 15" reel peak reflow temperature codes termination finish & packaging options codes note: 16mm & 18mm diameter parts are only available with sn nish. surface mount aluminum electrolytic capacitors nazt series time above 200c (see table) 50 100 150 200 time (seconds) temperature - deg. c preheat - 120 seconds max. (150c ~ 180c) peak temperature (see table) 230 time above 230c (see table) time above 217c (see table) case size a b c 4x6.3 1.0 2.6 1.8 5x6.3 1.4 3.0 1.8 6x3x6.3 6.3x8 2.1 3.5 1.8 8x10.5 2.8 4.1 2.1 10x8 10x10.5 4.3 4.4 2.5 12.5x14 4.3 5.8 2.5 16x17 6.6 6.5 5.0 18x17.5 6.6 7.7 5.0 18x22 6.6 7.7 5.0 a c b standard terminal land pattern dimensions (mm) c w p a r r t b case size d 0.5 l a, b c 0.2 p 0.2 w r t 8x10.5wt 8.0 10.5 0.5 8.3 0.2 9.0 3.2 0.7 ~ 1.0 (0.7) (1.3) 10x10.5wt 10.0 10.5 0.5 10.3 0.2 11.0 4.6 1.0 ~ 1.4 (0.7) (1.3) 10x14wt 10.0 14.0 +0.5/-1.5 10.3 0.2 11.0 4.6 1.0 ~ 1.4 (0.7) (1.3) 12.5x14wt 12.5 14.0 +0.5/-1.5 13.5 0.2 14.2 4.6 1.0 ~ 1.4 (2.2) (2.4) 16x17wt 16.0 17.0 +0.5/-1.5 17.0 0.2 18.0 7.0 1.8 ~ 2.1 (3.0) (2.0) 18x17.5wt 18.0 17.5 +0/-2.0 19.0 0.2 20.0 7.0 1.7 ~ 2.1 (3.0) (2.0) 18x22wt 18.0 22.0 +0/-2.0 19.0 0.2 20.0 7.0 1.7 ~ 2.1 (3.0) (2.0) wide termination (wt) dim. (mm) case size a b c 8x10.5wt 2.5 4.5 4.7 10x10.5wt 3.8 4.8 4.7 10x10.5wt 3.8 4.8 4.7 12.5x14wt 3.8 6.1 6.9 16x17wt 5.0 8.0 9.5 18x17.5wt 5.0 8.6 9.5 18x22wt 5.0 8.6 9.5 wt land pattern dim. (mm) a c b termination de ection: wt = 0.15mm max. from bottom of support terminals d l wt anti-vibration skirt review & compare re ow soldering heat limits v-chip smt aluminum electrolytic capacitors www.niccomp.com/rsl
6 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change surface mount aluminum electrolytic capacitors nazt series case size a 0.2 b 0.2 c 0.3 d 0.1 p 0.1 t 0.2 t max. s 0.1 4x6.3 4.7 4.7 12.0 5.5 8.0 6.4 0.6 - 5x6.3 5.7 5.7 12.0 5.5 12.0 6.4 0.6 - 6.3x6.3 7.0 7.0 16.0 7.5 12.0 6.5 0.6 - 6.3x8 7.0 7.0 16.0 7.5 12.0 8.2 0.6 - 8x10.5 8.7 8.7 24.0 11.5 16.0 11.1 0.6 - 10x8 10.7 10.7 24.0 11.5 16.0 8.3 0.6 - 10x10.5 10.7 10.7 24.0 11.5 16.0 11.2 0.6 - 10x14 10.7 10.7 24.0 11.5 16.0 14.6 0.6 - 12.5x14 13.2 13.2 32.0 14.2 24.0 14.3 0.6 28.4 16x17 17.5 17.5 44.0 20.2 28.0 17.3 0.6 40.4 18x17 19.5 19.5 44.0 20.2 32.0 17.8 0.6 40.4 18x22 19.5 19.5 44.0 20.2 32.0 22.5 0.6 40.4 case size w 1.0 qty per reel 13" (330mm) 15" (380mm) 4x6.3 14 1200 2000 5x6.3 14 800 1000 6.3x6.3 18 800 1000 6.3x8 18 500 900 8x10.5 26 300 500 10x8 26 400 500 10x10.5 26 300 500 10x14 26 - 400 12.5x14 34 - 250 16x17 46 - 200 18x17 46 - 175 18x22 46 - 125 reel dimensions (mm) taping specifications (mm) 1. both leader and trailer tape: minimum 10 empty carrier tape pockets. 2. connection: maximum 3 connections (slices) per reel. 2mm 0.5mm 13mm 0.5mm 21mm 0.8mm 330mm 2.0mm or 380mm 2.0mm 50mm min. w 3mm t a p feeding 1.5 ? +0.1/- 1.75 d b c 1.5 +0.1/-0 1.75 + 0.15 t 4 + 0.1 s test method characteristic standard 1) direction & duration of vibration: two (2) hours in x, y, z axis 2) frequency: 5hz ~ 2,000hz reciprocation for 20 minutes 3) peak to peak amplitude: 5mm 4) peak acceleration: 30g 5) sweep type: log 6) thickness of solder paste: 0.20mm 0.03mm capacitance change within 10% of the initial measured value dissipation factor (tan ) less than speci ed maximum value leakage current less than speci ed maximum value wt style vibration specification case size a 0.2 b 0.2 c 0.3 d 0.1 p 0.1 t 0.2 t max. s 0.1 8x10.5 8.7 8.7 24.0 11.5 16.0 11.1 0.6 - 10x8 10.7 10.7 24.0 11.5 16.0 8.3 0.6 - 10x10.5 10.7 10.7 24.0 11.5 16.0 11.2 0.6 - 10x14 10.7 10.7 24.0 11.5 16.0 14.6 0.6 - 12.5x14 13.9 13.9 32.0 14.2 24.0 14.7 0.6 28.4 16x17 17.5 17.5 44.0 20.2 28.0 17.8 0.6 40.4 18x17 19.5 19.5 44.0 20.2 32.0 17.8 0.6 40.4 18x22 19.5 19.5 44.0 20.2 32.0 22.5 0.6 40.4 wt taping specifications (mm) 1. both leader and trailer tape: minimum 10 empty carrier tape pockets. 2. connection: maximum 3 connections (slices) per reel. t a p feeding 1.5 ? +0.1/- 1.75 d b c 1.5 +0.1/-0 1.75 + 0.15 t 4 + 0.1 s


▲Up To Search▲   

 
Price & Availability of NAZT331M80V16X17HLSF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X