^zmi-c-onauatoi ij~^ioaucti.r unc. 20 stern ave. springfield, new jersey 07081 u.s.a. MUR3010PT, rurh1510cc, mur3015pt, rurh1515cc, mur3020pt, rurh1520cc 15a, 100v - 200v ultrafast dual diodes features ? ultrafast with soft recovery characteristic (trr < 30ns) ? +175c rated junction temperature ? reverse voltage up to 200v ? avalanche energy rated applications ? switching power supply ? power switching circuits ? general purpose description MUR3010PT, mur3015pt, mur3020pt and rurh1510cc, rurh1515cc, rurh1520cc are ultrafast dual diodes (trr < 30ns) with soft recovery characteristics. they have a low forward voltage drop and are of planar, silicon nitride passivated, ion-implanted, epitaxial construction. these devices are intended for use as energy steering/ clamping diodes and rectifiers in a variety of switching power supplies and other power switching applications. their low stored charge and ultrafast recovery with soft recovery characteristics minimizes ringing and electrical noise in many power switching circuits thus reducing power loss in the switching transistor. packaging availability part number MUR3010PT rurh1510cc mur3015pt rurh1515cc mur3020pt rurh1520cc package to-218ac to-218ac to-218ac to-218ac to-218ac to-218ac brand MUR3010PT rurh1510c mur3015pt rurh1515c mur3020pt rurh1520c note: when ordering, use the entire part number. package jedecto-218ac cathode (flange) anode1 cathode anode2 symbol m a1 a2 absolute maximum ratings tc = +25c peak repetitive reverse voltage .... working peak reverse voltage ... .... dc blocking voltage. ... .... average rectified forward current (total device forward current at rated vr and tc = 150c) peak forward repetitive current .... (rated vr, square wave 20khz) nonrepetitive peak surge current , . . . (surge applied at rated load condition halfwave 1 phase 60hz) operating and storage temperature vr MUR3010PT rurh1510cc 100v 100v 100v 15a 30a 200a -55cto+175c mur3015pt rurh1515cc 150v 150v 150v 15a 30a 200a -55cto+175c mur3020pt rur1520cc 200v 200v 200v 15a 30a 200a -55cto+175c quality semi-conductors
electrical specifications tc = +25c, unless otherwise specified symbol vf lrat tc - +150c lrat tq - +25c *rr ta ib reuc eavl test condition if = 15a tc = +150c if = 15a tc = +25c vr = 100v vr = 150v vr = 200v vr = 100v vr = 150v vr = 200v if = 1a if = 15a if = 1a if = 15a if = 1a if = 15a see fig. 7, 8 limits MUR3010PT, rurh1510cc min - - - - - - - - - - - - - - - - typ - - - - - - - - - - 18 20 9 10 - - max 0.85 1.05 500 - - 100 - - 30 35 - - - - 1.5 20 mur3015pt, rurh1515cc min - - - - - - - - - - - - - typ - - - - - - - - - - 18 20 9 10 - - max 0.85 1.05 - 500 - - 100 - 30 35 - - - - 1.5 20 mur3020pt, rurh1520cc min - - - - - - - - - - - - - - - typ - - - - - - - - - - 18 20 9 10 - - max 0.85 1.05 - - 500 - - 100 30 35 - - - - 1.5 20 units v v jja ua ^a ha ua ^a ns ns ns ns ns ns c/w mj
|