Part Number Hot Search : 
KMOC3061 P33FB3 SMBJ58CA SBMJ160 2SD1119Q ISL6208 N8025M HD2184
Product Description
Full Text Search
 

To Download MUR1005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  MUR1005 thru mur1060 10 amp super fast glass passivated rectifier features maximum ratings ? operating temperature: - 55 c to +150c ? storage temperature: - 55 c to +150c mcc catalog number device marking maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage MUR1005MUR1005 50v 35v50v mur1010 mur1010 100v 70v100v mur1020 mur1020 200v140v200v mur1040 mur1040 400v280v400v mur1060 mur1060 600v420v600v electrical characteristics @ 25 c unless otherwise specified average forward current i f(av) 10.0a t c = 10 0 c peak forward surge current i fsm 100a8. 3ms, half sine maximum forward voltage drop per element maximum dc reverse current at rated dc blocking voltage i r 10u a 1000ua t j = 25 c t j = 100 c ? glass passivated chip ? super fast switching time for hight efficiency ? low reverse leakage current ? high surge capacity 1005-1020 1040-1060 a b c k j i g f d n m l h pin 1 pin 2 case pin 12  inches mm      
a .560 .625 14.22 15.88 b .380 .420 9.65 10.67 f ------ .250 ------ 6.35 g .500 .580 12.70 14.73 h .190 .210 4.83 5.33 i .020 .045 0.51 1.14 j .012 .025 0.30 0.64 k .139 .161 3.53 4.09 l .140 .190 3.56 4.83 m .045 .055 1.14 1.40 n .080 .115 2.03 2.92 to-220ac t j = 25 c 1005-1020 1040-1060 1.30v 1.5v v f i fm =10a t rr i f =0.5a, i r =1.0a, i rr =0.25a typical junction capacitance c j 160pf measured at 1.0mhz, v r =4.0v 35ns 60ns maximum reverse recovery time 50 to 600 volts *pulse test: pulse width 300 sec, duty cycle 2%  
 omponents 20736 marilla street chatsworth       
     revision: 1 2007/10/08 mcc tm micro commercial components www. mccsemi .com 1 of 3 case material: molded plastic. ul flammability classification rating 94v-0 ? d . 230 . 270 5.84 6.86 
  c .100 .135 2.54 3.43
MUR1005 thru mur1060 revision: 1 200 7 /10/08 mcc tm micro commercial components www. mccsemi .com 2 of 3 fig.1 - forward current derating curve fig.3 - typical instantaneous forward characteristics average forward rectified current, amperes 10 6 4 2 8 iinstantaneous forward current, amperes 1 10 100 0.1 0.4 0.2 0.6 0.8 1.0 1.2 1.4 1.6 0 0 50 100 150 lead temperature, o c instantaneous forward voltage, volts fig.2 - maximum non-repetitive peak forward surge current peak forward surge current, amperes number of cycles at 60hz 0 20 40 60 80 100 1 10 100 fig.4 - typical reverse characteristics percent of rated peak reverse voltage,% instantaneous reverse current, microamperes 0.1 0 1 10 1000 100 20 40 60 80 100 fig.5 - typical junction capacitance reverse voltage, volts 0.1 10 junction capacitance, pf 1000 1.0 4.0 10 100 100 60 hz resistive or inductive load pulse width 8.3ms single half-sire-wave (jedec method) t j =25 o c pulse width=300us 1% duty cycle t j =125 o c t j =25 o c t j = 25 o c f = 1.0 mhz vsig = 50mvp-p MUR1005~mur1020 mur1040~mur1060
mcc revision: 1 2007/10/08 tm micro commercial components www. mccsemi .com 3 of 3 products are represented on our website, harmless against all damages. ***applications disclaimer*** ***important notice*** aerospace or military applications. products offer by micro commercial components corp . are not intended for use in medical, micro commercial components corp . reserve s the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . micro commercial components corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . the user of products in such applications shall assume all risks of such use and will agree to hold micro commercial components corp . and all the companies whose


▲Up To Search▲   

 
Price & Availability of MUR1005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X