Part Number Hot Search : 
TIP150 MAX8548 DTA14 RY531024 90M1T SDA167G C2508 P3907
Product Description
Full Text Search
 

To Download MBR1090FCT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  a, nov ,2010 jiangsu changjiang electronics technology co., ltd to - 220 f plastic - encapsulate diodes mbr 10 6 0, 70 , 80 , 90 , 100 fct schottky barrier rectifier features ? schottky barrier chip ? guard ri ng die construction for transient protection ? low power loss,high efficiency ? high surge capability ? high current capability and low forward voltage drop ? for use in low voltage, high frequency inverters,free wheeling, and polarity protection applications max imum ratings ( t a =25 unless otherwise noted ) value symbol parameter mbr10 60 fct mbr10 70 fct mbr10 80 fct mbr10 90 fct mbr10 100 fct unit v rrm p eak repetitive reverse voltage v rwm working peak reverse voltage v r dc b locking voltage 60 70 80 90 100 v v r(rms) rms reverse voltage 42 49 56 63 70 v i o average rectified output current 10 a i fsm non - repetitive peak f orward surge current 8.3ms half sine wave 120 a p d power d issipation 2 w r ja thermal r esistance from j unction to a m bient 50 /w t j junction t emperature 125 t stg s torage t emperature - 5 5 ~+ 150 to - 220 f 1. anode 2. cathode 3. anode
a, nov ,2010 electrical characteristics (t a =25 unless otherwise specified) parameter symb ol device test conditions m in typ m ax u nit mbr10 60 fct 60 mbr10 70 fct 70 mbr10 80 fct 80 mbr10 90 fct 90 reverse voltage v (br) mbr10 100 fct i r = 0. 1 m a 100 v mbr10 60 fct v r = 60 v mbr10 70 fct v r = 70 v mbr10 80 fct v r = 80 v mbr10 90 fct v r = 90 v reverse c urrent i r mbr10 100 fct v r = 100 v 0.1 m a mbr10 60 fct 0 .8 v f ( 1 ) mbr10 70 - 100 fct i f = 5 a 0.85 for ward voltage v f ( 2 ) mbr10 60 - 100 fct i f = 10 a 0.95 v mbr1060fct 150 typical t otal capacitance c tot mbr10 70 - 100 fct v r = 4 v,f=1mhz 300 pf


▲Up To Search▲   

 
Price & Availability of MBR1090FCT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X