Part Number Hot Search : 
FR3711 100EL 500RL N74AC N3501EM N3501EM MS720101 M74HC163
Product Description
Full Text Search
 

To Download KK4145A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  technical data low power ground fault interrupter KK4145A ordering information kk 4145an plastic dip kk 4145ad soic t a = -35 to 8 5 c for all packages . the kk 4145an is a low power controller for ac outlet ground fault interrupters. these devices detect hazardous grounding conditions, such as equi pm ent (connect ed t o opposi t e phases of t h e ac l i n e) i n cont act wi t h a pool of wat e r and open ci rcui t s t h e l i n e before a harm ful or l e t h al shock occurs. c ont ai ned i n t e rnal l y are a 26v zener shunt regul at or, an op am p, and an sc r dri v er. w i t h t h e addi t i on of t w o sense t r ansform e rs, a bri dge rect i f i e r, an scr, a relay, and a few additional com ponents, the KK4145An will det ect and prot ect agai nst bot h hot wi re t o ground and neut ral wi re t o ground faul t s . the si m p l e l a y out and convent i onal desi gn ensure ease of application and long-term reliability. ? no pot ent i o m e nt er requi red ? direct interface to scr ? suppl y vol t a ge deri ved from ac l i n e ? 26v shunt ? ad j u stab le sen s itiv ity ? grounded neut ral faul t det ect i on ? m eet s u.l. 943 st andards ? 450 a qui escent current ? ideal for 120 v or 220 v sy st em s block diagram + ++ r1 +in p ut v fb v re f +v s (+ 13v ) (+ 26v ) o p a m p o u tp ut sc r t r i g ge r g r ou nd 6.5 v 6. 5 v 6. 5 v 6. 5 v r2 r3 10k 10 k 4. 7k pin assignment 1 2 3 4 nc 8 7 6 5 gn d +v s v re f +in p ut v fb op am p ou t p ut s cr t r i g g e r absolute maximum ratings s y m b o l p a r a m e t e r v a l u e u n i t i cc suppl y c u rrent 18 m a p d int e rnal power di ssi pat i on 500 m w tst g st orage tem p erat ure r a nge -65 t o +150 c topr operat i ng tem p erat ure r a nge -35 t o +85 c t j junct i on tem p erat ure 125 c t l lead tem p erat ure 125 c t a < 50c 450 m w p d for t a > 50c derat e at 6 m w / c
KK4145A electrical characteristics (i s = 1.5 m a and t a = +25c) s y m b o l p a r a m e t e r test condition min max unit v oh det ect or r e ference vol t a ge pi n 7 t o pi n 3 6.8 8.1 v shunt regulator +v s zener vol t a ge pi n 6 t o pi n 4 2 5 2 9 . 2 v v ref r e ference vol t a ge pi n 3 t o pi n 4 1 2 . 5 1 4 . 6 v i s qu iescen t cu rren t +v s = 24 v 7 5 0 a operational amplifier v io offset vol t a ge pi n 2 t o pi n 3 -3.0 +3.0 m v v d +out put vol t a ge swi ng pi n 7 t o pi n 3 6.8 8.1 v v ol ?out put vol t a ge swi ng pi n 7 t o pi n 3 -13.5 -9.5 v i oh +out put source c u rrent pi n 7 t o pi n 3 ? -450 ? ? -850 ? a i ol ?out put source c u rrent pi n 7 t o pi n 3 800 1200 a b w gai n b a ndwi d t h product f = 50 khz 1.0 m h z resistors i s = 0 ma r 1 r 1 pi n 1 t o pi n 3 8 12 k ? r 2 r 2 pi n 2 t o pi n 3 8 12 k ? r 3 r 3 pi n 5 t o pi n 4 3.5 5.9 k ? scr t r i gger vol t age pi n 5 to pi n 4 v on detector on 1.5 v v off detector off 0 1 0 m v electrical characteristics (i s = 1.5 m a and -35c t a +85c ) s y m b o l p a r a m e t e r test condition min max unit v oh det ect or r e ference vol t a ge pi n 7 t o pi n 3 6.5 8.3 v shunt regulator +v s zener vol t a ge pi n 6 t o pi n 4 24 3 0 v v ref r e ference vol t a ge pi n 3 t o pi n 4 12 1 5 v i s qu iescen t cu rren t +v s = 23 v 8 0 0 a operational amplifier v io offset vol t a ge pi n 2 t o pi n 3 -5.0 +5.0 m v v d +out put vol t a ge swi ng pi n 7 t o pi n 3 6.5 8.3 v v ol ?out put vol t a ge swi ng pi n 7 t o pi n 3 -14 -9 v resistors i s = 0 ma r 1 r 1 pi n 1 t o pi n 3 7.5 12.5 k ? r 2 r 2 pi n 2 t o pi n 3 7.5 12.5 k ? r 3 r 3 pi n 5 t o pi n 4 3.5 5.9 k ? scr t r i gger vol t age pi n 5 to pi n 4 v on detector on 1.3 v v off detector off 0 5 0 m v
principles of operation the 26v shunt regul at or vol t a ge generat e d by t h e st ri ng of zener di odes i s di vi ded i n t o t h ree reference vol t a ges: 3/ 4 vs , 1/ 2 vs , and 1/ 4 vs . vr ef i s at 1/ 2vs and i s used as a reference t o creat e an art i f i cal ground of +13v at t h e op am p noni nvert i ng i nput . fig u r e 1 sh o w s a t h ree-wi re 120v ac out l e t gfi appl i cat i on usi ng an kk 4145an. fault signals from the sense t r ansform e r are ac coupl ed i n t o t h e i nput and are am plified according to the following equation: v7 = rsense x isense/n w h ere v7 i s t h e r m s vol t a ge at pi n 7 rel a t i v e t o pi n 3, rsense is th e v a lu e o f th e feedback resistor connected from pi n 7 t o pi n 1, isense i s t h e faul t current i n am ps rms an d n is th e tu rn s ratio o f th e tran sfo r m e r. w h en v7 exceeds plus or m i nus 7.2v relative to pin 3 the scr trig g e r o u t p u t will g o h i g h an d fire th e ex tern al scr. the form ula for v7 is approxim a te because it does not include the sense transf orm e r characteristics. grounded neutral fault detection is accom p lished when a short or faul t cl oses a m a gnet i c pat h bet w een t h e sense t r ansform e r and t h e grounded neut r a l t r a n s f o r m e r . t h e r e s u l t a n t a c c o u p l i n g clo s es a p o s itiv e feed b ack p a th around the op am p, and therefore the op am p oscillates. w h e n t h e p e a k s o f the oscillation voltage exceed the scr trig g e r co m p arato r th resh o l d s , th e scr o u t p u t will go hi gh. shunt regulator r l ine l i m i t s t h e current i n t o t h e shunt regul at or; 220v ap p licatio n s will req u i re su b s titu tin g a 4 7 k ? 2w r e sist or. in addi t i on t o suppl y i ng power t o t h e ic , t h e s h u n t regul at or creat es i n t e rnal reference vol t a ges (see above). operational amplifier rsense is a feedback resistor that sets gain and th erefo r e sen s itiv ity to n o r m a l fau lts. to ad j u st r s ense, fol l o w t h i s procedure: appl y t h e desi red faul t current (a di fference i n current of 5m a i s t h e ul 943 standard). ad j u st rsense u p w ard u n til th e scr activ ates. a fix e d resistor can be used for rsense, since the resultant 15% variation in sensitivity will m eet ul?s 943 4-6m a speci fi cat i on wi ndow. the rol l - off frequency i s great er t h an t h e grounded n e u t ral fau lt o s cillatio n freq u e n c y, in o r d e r to p r eserv e loop gain for oscillation (whi ch is determ ined by the i nduct a nce of t h e 200: 1 t r ansform e r and c 4 ). the senst i v i t y t o grounded neut ral faul t s i s adjust ed by ch an g i n g th e freq u e n c y o f o s cillatio n . in creasin g th e frequency reduces the sensitiv ity by reducing the loop g a in o f th e p o s itiv e feed b ack circu it. as freq u e n c y i n creases, t h e si gnal becom e s at t e nuat e d and t h e l oop g a in d ecreases. w ith th e v a lu es sh o w n th e circu it will det ect a grounded neut ral faul t havi ng resi st ance of 2 ? ?or less. the i nput t o t h e op am p are prot ect ed from overvol t a ge by back-t oback di odes. scr driver the sc r used m u st have a hi gh dv/ d t rat i ng t o ensure that line noise (generated by noisy appliances such as a d r ill m o to r) d o e s n o t falsely trig g e r th e scr. also , th e sc r m u st have a gat e dri v e requi rem e nt of l e ss t h an 200a. c f is a n o i se filter cap acito r th at p r ev en ts n a rro w pulses from firing the scr. the rel a y sol e noi d used shoul d have a 3m s or l e ss response t i m e i n order t o m eet t h e ul 943 t i m i ng requi rem e nt . sense transformers and cores the sense and grounded neut ral t r ansform e r cores are u s u a lly fab r icated u s in g h i g h p e rm eab ility lam i n a ted steel rings. their single turn prim ary is created by passi ng t h e l i n e and neut ral wi res t h rough t h e cent e r of i t s core. the secondary i s usual l y from 200 t o 1500 tu rn s. two - wire applica t io n circuit fi gure 2 shows t h e di agram of a 2-wi re 120v ac out l e t gfi ci rcui t usi ng an kk 4145an. this circuit is not desi gned t o det ect grounded neut ral faul t s . thus, t h e grounded neut ral t r ansform e r and capaci t o rs c 3 and c 4 of fi gure 1 are not used. KK4145A
10 00: 1 ho t li n e c1 c3 c4 c2 c f q1 on s e m i mc r100 - 6 db 1 so le n o i d load lat c h ing c ont ac ts k1 1m * kk 4145an 10 f 0. 0 1 f 0. 03 f 0. 01 f 2. 2 f 1n4 004 ( 4 ) 15k r te s t m ov r se n s e v fb +v s r li n e v re f ( + 13v ) n eut r a l pre s s to te s t 200: 1 s e ns e t r an s f or mer g r ou n d n eut r a l tr a n s f o r m e r gn d 24 k o p a m p o u t put s c r t r i gger * val u e depends on t r ansform e r charact eri s t i c s. figure 1. gfi application circuit (three-wire outlet) KK4145A
10 00: 1 ho t li n e c1 c2 c f q1 t a g i x 0103d a db 1 so le n o i d load lat c h ing c ont ac ts k1 1m * kk 4145an 10 f 0. 01 f 2. 2 f 1n4 004 ( 4 ) 15k r te s t m ov r se n s e v fb +v s r li n e v re f ( + 13v ) n eut r a l pre s s to te s t s e ns e t r an s f or mer gn d 24 k o p a m p o u t put s c r t r i gger * val u e depends on t r ansform e r charact eri s t i c s. figure 2. gfi application circuit (two-wire outlet) KK4145A
schematic diagram q2 1 q1 9 6. 5v q2 0 6. 5v q1 8 6. 5v q1 7 6. 5v q8 q1 5 q4 c2 10 p f r4 50 k r1 4 1. 3k r2 10 k r5 50k r6 45 0 q1 4 q23 q1 0 q16 q7 q9 c1 4 pf q5 q6 q1 2 q1 q2 (- ) (+) (1) q3 q2 2 r1 10k r1 0 6k q1 1 q1 3 (2) v fb + i np ut r9 39 k r3 4. 7k r1 3 30 k r7 25 0k (7 ) (5 ) (4 ) (3) (6) (+1 3 v ) v re f +v s (+ 26v ) gr ou nd o p a m p ou t p ut sb s t r a t e sc r t r i g g e r r1 2 7. 2 k z1 5. 6v KK4145A
n s u f f i x p l as t i c di p ( m s ? 00 1b a ) sy m b o l m i n m a x a 8. 51 10. 16 b 6. 1 7 . 1 1 c 5. 33 d 0. 36 0. 56 f 1. 14 1. 78 g h j 0 10 k 2. 92 3. 81 no t e s : l 7. 62 8. 26 1. d i m e n s i o n s ?a ?, ?b ? d o n o t i n cl u d e m o l d f l as h o r p r o t r u s i o n s . m 0. 2 0 . 3 6 m a x i m u m m o l d f l a s h o r p r o t r u s i o n s 0. 25 m m ( 0 . 010) p e r s i d e . n 0. 38 d su f f i x so i c (m s - 0 1 2 a a) sy m b o l m i n m a x a 4. 8 5 b 3. 8 4 c 1. 35 1. 75 d 0. 33 0. 51 f 0. 4 1 . 2 7 g h j 0 8 no t e s : k 0. 1 0 . 2 5 1. d i m e n s i o ns a a n d b d o no t i n c l ud e m o l d f l a s h o r p r ot r u s i on . m 0. 19 0. 25 2. m a x i m u m m o l d f l a s h o r p r o t r u s i o n 0. 15 m m ( 0 . 006) p e r s i d e p 5. 8 6 . 2 fo r a ; fo r b ? 0. 25 m m ( 0 . 010) p e r s i d e . r 0. 25 0. 5 1. 27 5. 72 d i me n s i o n , mm d i me n s i o n , mm 2. 54 7. 62 a b h c k c m j f m p g d r x 4 5 se a t i n g pl a n e 0 . 25 (0 . 0 10 ) m t -t - 1 8 4 5 l h m j a b f g d se a t i n g pl a n e n k 0 . 2 5 ( 0 .01 0 ) m t -t - c 1 8 4 5 KK4145A


▲Up To Search▲   

 
Price & Availability of KK4145A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X