Part Number Hot Search : 
AT24C128 C56M6 5KP51A 9936B RO869 00104 FU240 6520A
Product Description
Full Text Search
 

To Download KBU2508G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features surge overload rating -300 amperes peak ideal for printed circuit board reliable low cost construction utilizing molded plastic technique plastic material has u/l flammability classification 94v-0 mounting postition:any maximum ratings and electrical characteristics kbu kbu kbu kbu kbu kbu kbu 25005g 2501g 2502g 2504g 2506g 2508g 2510g maximum recurrent peak reverse voltage v rrm 50 100 200 400 600 800 1000 v maximum rms voltage v rms 35 70 140 280 420 560 700 v maximum dc blocking voltage v dc 50 100 200 400 600 800 1000 v maximum average forward (with heatsink note 1) rectified current @ t c =100 (without heatsink) peak forward surge current 8.3ms single half sine-wave super imposed on rated load (jedec method) maximum forward voltage at 12.5a dc v f v maximum dc reverse current @ t j =25 at rated dc blocking voltage @ t j =125 operating temperature range t j storage temperature range t stg notes: 1.device mounted on 100mm*100mm*1.6mm cu plate heatsink. ~ 466 ~ kbu25005g thru kbu2510g a i r 1.1 i (av) -55 to +150 10 a a 300 25.0 3.6 -55 to +150 i fsm 500 rating at 25 ambient temperature unless otherwise specified. symbol reverse voltage - 50 to 1000 volts forward current - 25.0 amperes glass passivated bridge rectifiers dimensions in inches and (milimeters) unit characteristics single phase, half wave ,60hz, resistive or inductive load. for capacitive load, derate current by 20% kbu .935(23.7) .895(22.7) .600(16.8) .700(17.8) 300 (7.5) .780(19.8) .740(18.8) (25.4) 1.00 min. .052(1.3)dia. .048(1.2)typ. .071(1.8) .087(2.2) .220(5.6) .180(4.6) .256(6.5) .276(7.0) .15 x23l (3.8 x5.7l) hole thru .157(4.0)*45
rating and characteristic curves kbu25005g thru kbu2510g ~ 467 ~ 0.1 1.0 0.01 10 100 0.4 0.8 1.0 1.2 1.4 1.6 0.6 fig.3 C typical forward characteristics i n s t a n t a n e o u s f o r w a r d c u r r e n t ( a m p e r e s ) instantaneous forward voltage, volts fig.4 C typical reverse characteristics percent of rated peak reverse voltage i n s t a n t a n e o u s r e v e r s e c u r r e n t m i c r o a m p e r e s t j = 25 c 0.01 0.1 1.0 10 140 120 100 80 60 40 20 0 case temperature ( c) fig. 2 C derating curve output rectified current a v e r a g e f o r w a r d o u t p u t c u r r e n t a m p e r e s 50 40 20 10 0 30 100 150 fig.1-maximum forward surge current number of cyclets at 60hz p e a k f o r w a r d s u r g e c u r r e n t a m p e r e s 1 10 100 0 350 200 150 100 50 250 300


▲Up To Search▲   

 
Price & Availability of KBU2508G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X