Part Number Hot Search : 
RB520S TGT150DA AOZ1017 07M00 010959 PS253 CFRA103 00266
Product Description
Full Text Search
 

To Download K6T0908V2B-TF10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  k6t0908v2b, k6t0908u2b family cmos sram revision 1.0 august 1998 1 document title 64kx8 bit low power and low voltage cmos static ram revision history revision no. 0 1.0 remark advance final history design target finalize draft data november 25, 1997 august 27, 1998 the attached datasheets are provided by samsung electronics. samsung electronics co., ltd. reserve the right to change the speci fications and products. samsung electronics will answer to your questions about device. if you have any questions, please contact the samsung branch offices.
k6t0908v2b, k6t0908u2b family cmos sram revision 1.0 august 1998 2 64kx8 bit low power and low voltage cmos static ram general description the k6t0908v2b and k6t0908u2b families are fabricated by samsung s advanced cmos process technology. the families support various operating temperature ranges and has various package types for user flexibility of system design. the family also support low data retention voltage for battery back-up operation with low data retention current. features process technology: tft organization: 64kx8 power supply voltage km68v512a family: 3.0~3.6v km68u512a family: 2.7~3.3v low data retention voltage: 2v(min) three state output and ttl compatible package type: 32-tsop1-0820f, 32-tsop1-0813.4f pin description name function name function cs 1 ,cs 2 chip select inputs i/o 1 ~i/o 8 data inputs/outputs oe output enable vcc power we write enable input vss ground a 0 ~a 15 address inputs n.c no connection product family 1. the parameter is measured with 30pf test load. product family operating tempera- ture v cc range speed power dissipation pkg type standby (isb 1 , max) operating (icc 2 , max) k6t0908v2b-b commercial(0~70 c) 3.0 ~ 3.6v 85 1) /100ns 10 m a 30ma 32-tsop1-f 32-stsop1-f k6t0908u2b-b 2.7 ~ 3.3v 25ma k6t0908v2b-f industrial(-40~85 c) 3.0 ~ 3.6v 30ma k6t0908u2b-f 2.7 ~ 3.3v 25ma functional block diagram 32-tsop type1 - forward 32- s tsop type1 - forward a11 a9 a8 a13 we cs2 a15 vcc n.c n.c a14 a12 a7 a6 a5 a4 oe a10 cs 1 i/o8 i/o7 i/o6 i/o5 i/o4 vss i/o3 i/o2 i/o1 a0 a1 a2 a3 32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 oe a10 cs 1 i/o8 i/o7 i/o6 i/o5 i/o4 vss i/o3 i/o2 i/o1 a0 a1 a2 a3 a11 a9 a8 a13 we cs2 a15 vcc n.c n.c a14 a12 a7 a6 a5 a4 samsung electronics co., ltd. reserves the right to change products and specifications without notice. precharge circuit. memory array 512 rows 128 8 columns i/o circuit column select clk gen. row select a0 a1 a2 a3 a9 a11 a10 a4 a5 a6 a7 a8 a12 a14 cs 1 cs2 we i/o 1 data cont data cont oe i/o 8 a13 a15 control logic
k6t0908v2b, k6t0908u2b family cmos sram revision 1.0 august 1998 3 product list commercial temperature products(0~70 c) industrial temperature products(-40~85 c) part name function part name function k6t0908v2b-tb85 k6t0908v2b-tb10 k6t0908u2b-tb85 k6t0908u2b-tb10 32-tsop1 f, 85ns, 3.3v, ll 32-tsop1 f, 100ns, 3.3v, ll 32-tsop1 f, 85ns, 3.0v, ll 32-tsop1 f, 100ns, 3.0v, ll k6t0908v2b-tf85 K6T0908V2B-TF10 k6t0908v2b-yf85 k6t0908v2b-yf10 k6t0908u2b-tf85 k6t0908u2b-tf10 k6t0908u2b-yf85 k6t0908u2b-yf10 32-tsop1 f, 85ns, 3.3v, ll 32-tsop1 f, 100ns, 3.3v, ll 32-stsop1 f, 85ns,3.3v,ll 32-stsop1 f, 100ns,3.3v,ll 32-tsop1 f, 85ns, 3.0v, ll 32-tsop1 f, 100ns, 3.0v, ll 32-stsop1 f, 85ns, 3.0v, ll 32-stsop1 f, 100ns,3.0v, ll functional description 1. x means don t care (must be in high or low states) cs 1 cs 2 oe we i/o mode power h x 1) x 1) x 1) high-z deselected standby x 1) l x 1) x 1) high-z deselected standby l h h h high-z output disabled active l h l h dout read active l h x 1) l din write active absolute maximum ratings 1) 1. stresses greater than those listed under "absolute maximum ratings" may cause permanent damage to the device. functional oper ation should be restricted to recommended operating condition. exposure to absolute maximum rating conditions for extended periods may affect r eliability. item symbol ratings unit remark voltage on any pin relative to vss v in ,v out -0.5 to v cc +0.5 v - voltage on vcc supply relative to vss v cc -0.3 to 4.6 v - power dissipation p d 1 w - storage temperature t stg -65 to 150 c - operating temperature t a 0 to 70 c k6t0908v2b-l, k6t0908u2b-l -40 to 85 c k6t0908v2b-p, k6t0908u2b-p soldering temperature and time t solder 260 c, 10sec (lead only) - -
k6t0908v2b, k6t0908u2b family cmos sram revision 1.0 august 1998 4 recommended dc operating conditions 1) note: 1. commercial product : t a =0 to 70 c, otherwise specified industrial product : t a =-40 to 85 c, otherwise specified 2. overshoot : v cc +3.0v in case of pulse width 30ns 3. undershoot : -3.0v in case of pulse width 30ns 4. overshoot and undershoot are sampled, not 100% tested item symbol product min typ max unit supply voltage vcc k6t0908v2b family 3.0 3.3 3.6 v k6t0908u2b family 2.7 3.0 3.3 v ground vss all family 0 0 0 v input high voltage v ih k6t0908v2b, k6t0908u2b family 2.2 - vcc+0.3v 2) v input low voltage v il k6t0908v2b, k6t0908u2b family -0.3 3) - 0.6 v capacitance 1) (f=1mhz, t a =25 c) 1. capacitance is sampled, not 100% tested item symbol test condition min max unit input capacitance c in v in =0v - 6 pf input/output capacitance c io v io =0v - 8 pf dc and operating characteristics item symbol test conditions min typ max unit input leakage current i li v in =vss to vcc -1 - 1 m a output leakage current i lo cs 1 =v ih or cs 2 =v il or oe =v ih or we =v il , v io =vss to vcc -1 - 1 m a operating power supply i cc i io =0ma, cs 1 =v il , cs 2 =v ih, v in =v ih or v il, read - - 5 ma average operating current i cc1 cycle time=1 m s, 100% duty, i io =0ma, cs 1 0.2v, cs 2 3 vcc-0.2v, v in 0.2v or v in 3 vcc-0.2v - - 5 ma i cc2 cycle time=min, 100% duty, i io =0ma cs 1 =v il , cs 2 =v ih , v in =v il or v ih k6t0908v2b - - 30 ma k6t0908u2b - - 25 ma output low voltage v ol i ol =2.1ma - - 0.4 v output high voltage v oh i oh =-1.0ma 2.4 - - v standby current(ttl) i sb cs 1 =v ih , cs 2 =v il , other inputs=v il or v ih - - 0.3 ma standby current (cmos) i sb1 cs 1 3 vcc-0.2v, cs 2 3 vcc-0.2v, or cs 2 0.2v , other inputs=0~vcc - - 10 m a
k6t0908v2b, k6t0908u2b family cmos sram revision 1.0 august 1998 5 c l * * including scope and jig capacitance ac operating conditions test conditions (test load and test input/output reference) input pulse level : 0.4 to 2.2v input rising and falling time : 5ns input and output reference voltage : 1.5v output load (see right) :c l 1) =100pf+1ttl 1. 85ns part tested with 30pf test load. ac characteristics (k6t0908v2b family:vcc=3.0~3.6v, k6t0908u2b family:vcc=2.7~3.3v, commercial products:t a =0 to 70 c, industrial products:t a =-40 to 85 c ) parameter list symbol speed bins units 85ns 100ns min max min max read read cycle time t rc 85 - 100 - ns address access time t aa - 85 - 100 ns chip select to output t co - 85 - 100 ns output enable to valid output t oe - 45 - 50 ns chip select to low-z output t lz 10 - 10 - ns output enable to low-z output t olz 5 - 5 - ns chip disable to high-z output t hz 0 30 0 30 ns output disable to high-z output t ohz 0 20 0 20 ns output hold from address change t oh 10 - 15 - ns write write cycle time t wc 85 - 100 - ns chip select to end of write t cw 70 - 80 - ns address set-up time t as 0 - 0 - ns address valid to end of write t aw 70 - 80 - ns write pulse width t wp 60 - 70 - ns write recovery time t wr 0 - 0 - ns write recovery time t wr1 0 - 0 - ns write to output high-z t whz 0 25 0 30 ns data to write time overlap t dw 35 - 40 - ns data hold from write time t dh 0 - 0 - ns end write to output low-z t ow 5 - 5 - ns data retention characteristics item sym test condition min typ max unit vcc for data retention v dr cs 1 3 vcc-2.0v, cs 2 3 vcc-2.0v or cs 2 0.2v 2.0 - 3.6 v data retention current i dr vcc=3.0v, cs 1 vcc-0.2v, cs 2 3 vcc-0.2v or cs 2 0.2v - - 10 m a data retention set-up time t sdr see data retention waveform 0 - - ms recovery time t rdr 5 - -
k6t0908v2b, k6t0908u2b family cmos sram revision 1.0 august 1998 6 address data out previous data valid data valid timming diagrams timing waveform of read cycle(1) (address controlled , cs 1 = oe =v il , we =v ih ) t aa t rc t oh timing waveform of read cycle(2) ( we =v ih ) data valid high-z cs 1 address oe data ou t notes (read cycle) 1. t hz and t ohz are defined as the time at which the outputs achieve the open circuit conditions and are not referenced to output voltage levels. 2. at any given temperature and voltage condition, t hz (max.) is less than t lz (min.) both for a given device and from device to device interconnection. cs 2 t oh t aa t olz t lz t ohz t hz(1,2) t rc t co2 t oe t co1
k6t0908v2b, k6t0908u2b family cmos sram revision 1.0 august 1998 7 timing waveform of write cycle(1) ( we controlled) address cs 1 t cw(2) t wr(4) timing waveform of write cycle(2) ( cs 1 controlled) address cs 1 t wc t wr(4) t as(3) cs 2 t cw(2) t wp(1) t dw t dh t ow t whz data undefined data valid we data in data out t dw t dh data valid we data in data out high-z high-z cs 2 t wc t aw t as(3) t cw(2) t wp(1) t aw
k6t0908v2b, k6t0908u2b family cmos sram revision 1.0 august 1998 8 data retention wave form cs 1 controlled v cc 3.0/2.7v 1) 2.2v v dr cs 1 gnd data retention mode cs 1 3 v cc - 0.2v t sdr t rdr timing waveform of write cycle(3) (cs 2 controlled) address cs 1 t aw notes (write cycle) 1. a write occurs during the overlap of a low cs 1 , a high cs 2 and a low we . a write begins at the latest transition among cs 1 goes low, cs 2 going high and we going low : a write end at the earliest transition among cs 1 going high, cs 2 going low and we going high, t wp is measured from the begining of write to the end of write. 2. t cw is measured from the cs 1 going low or cs 2 going high to the end of write. 3. t as is measured from the address valid to the beginning of write. 4. t wr is measured from the end of write to the address change. t wr(1) applied in case a write ends as cs 1 or we going high t wr(2) applied in case a write ends as cs 2 going to low. cs 2 t cw(2) we data in data valid data out high-z high-z t cw(2) t wr(4) t wp(1) t dw t dh t as(3) t wc cs 2 controlled v cc 3.0/2.7v 1) 0.4v v dr cs 2 gnd data retention mode t sdr t rdr cs 2 0.2v 1. 3.0v for k6t0908v2b family, 2.7v for k6t0908u2b family
k6t0908v2b, k6t0908u2b family cmos sram revision 1.0 august 1998 9 package dimensions 32 pin thin small outline package type i (0813.4f) 1.00 0.10 0.039 0.004 max 8.40 0.331 1 . 1 0 m a x 0 . 0 0 4 m a x #1 0.50 ( ) 0.020 11.80 0.10 0.465 0.004 0.45 ~0.75 0.018 ~0.030 13.40 0.10 0.528 0.008 + 0.10 0.15 - 0.05 + 0.004 0.006 - 0.002 0~8 + 0.10 0.20 - 0.05 + 0.004 0.008 - 0.002 0.50 0.0197 0.25 ( ) 0.010 min 0.05 0.002 max 1.20 0.047 8 . 0 0 0 . 3 1 5 typ 0.25 0.010 #16 #32 #17 32 pin thin small outline package type i (0820f) #32 1.00 0.10 0.039 0.004 max 8.40 0.331 0 . 0 0 4 m a x 1 . 1 0 m a x #1 0.50 ( ) 0.020 18.40 0.10 0.724 0.004 0.45 ~0.75 0.018 ~0.030 20.00 0.20 0.787 0.008 #17 + 0.10 0.15 - 0.05 + 0.004 0.006 - 0.002 0~8 + 0.10 0.20 - 0.05 + 0.004 0.008 - 0.002 0.50 0.0197 0.25 ( ) 0.010 min 0.05 0.002 max 1.20 0.047 8 . 0 0 0 . 3 1 5 typ 0.25 0.010 #16 units: millimeter(inch)


▲Up To Search▲   

 
Price & Availability of K6T0908V2B-TF10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X