|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
is25cd512 / 0 1 0 & is25ld020 integrated silicon solution, inc. - www.issi.com rev. c 08/12 /2013 1 features ? single power supply operation - low voltage range: 2. 7 0 v C 3.60 v (5 1 2 kb it / 1 mb it ) 2. 3 0 v C 3.60 v ( 2mbit ) ? memory organization - is25cd512 : 64 k x 8 ( 512 k bit) - IS25CD010 : 128 k x 8 ( 1 mbit) - is25 l d020 : 256 k x 8 ( 2 mbit) ? cost effective sector/block architecture - 512k b : uniform 4kbyte sectors / two uniform 32 kbyte blocks - 1 mb : uniform 4kbyte sectors / four uniform 32 kbyte blocks - 2 mb : uniform 4kbyte sectors / four uniform 64kbyte blocks ? low standby current 1ua (typ) ? serial peripheral interface (spi) compatible - supports single - or dual - output - supports spi modes 0 and 3 - maximum 33 mhz clock rate for normal read - maximum 100 mhz clock rate for fast read ? page program (up to 256 bytes) operation - typical 2 ms per page program ? sector, block or chip erase operation - maximum 1 0 ms sector, block or chip erase ? low power consumption - typical 10 ma active read current - typical 15 ma program/erase current ? hardware write protection - protect and unprotect the device from write operation by write protect (wp#) pin ? software write protection - the block protect (bp2, bp1, bp0) bits allow partial or entire memory to be configured as read - only ? high product endurance - guaranteed 2 00,000 program/erase cycles per single sector - minimum 20 years data retention ? indus trial standard pin - out and package - 8 - pin soic 150mil - 8 - pin vvsop 150mil (2mb) - 8 - pin uson (2x3 mm) (512kb) - 8 - pin wson (5x6 mm) - 8 - pin tssop - kgd (call factory) - lead - free (pb - free) package - automotive temperature ranges available ? security function - buil t in safe guard function and sector unlock function to make the flash robust (appendix1&2) general description the is25cd512 /01 0 and is25ld 020 are 512kbit/ 1 mbit / 2 mbit serial peripheral interface (spi) flash memories , providing single - or dual - output . the devices are designed to support a 33 mhz clock rate in normal read mode, and 100 mhz in fast read , the fastest in the industry . the devices use a single low voltage power supply, wide operating voltage ranging to perform read, erase and program operations. the devices can be programmed in standard eprom programmers. the is25cd512/010 and is25ld020 are accessed through a 4 - wire spi interface consisting of serial data input /output (sl o ), serial data output (so), serial clock (sck), and chip enable (ce#) pins. they compl y with all recognized command codes and operations. the dual - output fast read operation provides and effective serial data rate of 200mhz. the devices support page program mode, where 1 to 256 bytes data can be programmed into the memory in one program operation. these devices are divided into unifo rm 4 kbyte sectors or uniform 32 kbyte blocks. ( is25ld020 is uniform 4 kbyte sectors or uniform 64 kbyte ). the is25cd512/010 and is25ld020 are manufactured on pflash?s advanced non - volatile technology. the devices are offered in a variety of packages for all critical needs . the devices operate at wide temperatures between - 40c to +105c. 512kbit/1 mbit / 2 mbit single operating voltage serial flash memory with 100 mhz dual - output spi bus interface output spi bus interface memory with 100 mhz dual - output spi bus interface memory with 100 mhz dual - output spi bus interface
is25cd512 / 0 1 0 & is25ld020 integrated silicon solution, inc. - www.issi.com rev. c 08/12 /2013 2 connection diagrams pin descriptions symbol type description ce# input chip enable: ce# low activates the devices internal circuitries for device operation. ce# high deselects the devices and switches into standby mode to reduce the power consumption. when a device is not selected, data will not be accepted via the serial input pin (sl o ), and the serial output pin (so) will r emain in a high impedance state. sck input serial data clock si o input /output serial data input /output so output serial data output gnd ground vcc device power supply wp# input write protect: a hardware program/erase protection for all or part of a memory array. when the wp# pin is low, memory array write - protection depends on the setting of bp2, bp1 and bp0 bits in the status register. when the wp# is high, the devices are not write - protected. hold# input hold: pause serial communication by the m aster device without resetting the serial sequence. ce# ce# so wp # gnd vcc hold # sck sio sio sck hold # vcc so wp # gnd 1 2 3 4 8 7 6 5 1 2 3 4 8 7 6 5 8 - pin soic /vvsop 8 - pin wson 8 - pin tssop 8 - pin uson gnd ce# so wp # vcc hold # sck sio 5 6 7 8 1 2 3 4 vcc hold # sck sio so gnd wp # ce # is25cd512 / 0 1 0 & is25ld020 integrated silicon solution, inc. - www.issi.com rev. c 08/12 /2013 3 block diagram sio is25cd512 / 0 1 0 & is25ld020 integrated silicon solution, inc. - www.issi.com rev. c 08/12 /2013 4 spi modes description multiple is25cd512/010 and is25ld020 devices can be connected on the spi serial bus and controlled by a spi master, i.e. microcontroller, as shown in figure 1. the devices support either of two spi modes: mode 0 (0, 0) mode 3 (1, 1) the difference between these two modes is the clock polari ty when the spi master is in stand - by mode: the serial clock remains at 0 (sck = 0) for mode 0 and the clock remains at 1 (sck = 1) for mode 3. please refer to figure 2. for both modes, the input data is latched on the rising edge of serial clock (sck) , and the output data is available from the falling edge of sck. figure 1. connection diagram among spi master and spi slaves (memory devices) figure 2. spi modes supported msb msb sck sck so sio input mode mode 0 (0, 0) mode 3 (1, 1) spi master (i.e. microcontroller) cs3 cs2 cs1 spi memory device spi memory devic e spi memory device spi interface with (0,0) or (1,1) sd i o sdi sck sck sck sck so so so sio sio sio ce# ce# ce# wp# wp# wp# hold# hold# hold# note: 1. the write protect (wp#) and hold (hold#) signals should be driven high or low as appropriate. is25cd512 / 0 1 0 & is25ld020 integrated silicon solution, inc. - www.issi.com rev. c 08/12 /2013 5 system configuration the is25cd512/010 and is25ld020 devices are designed to interface directly with the synchronous serial peripheral interface (spi) of the motorola mc68hcxx series of microcontrollers or any spi interface - equipped system controllers. the devices have two superset features that can be enab led through specific software instructions and the configuration register: table 1 - 1 . block/sector addresses of is25cd512/010 and is25ld020 memory density block no. block size (kbytes) sector no. sector size (kbytes) address range 2 mbit block 0 64 sector 0 4 000000h - 000fffh sector 1 4 001000h - 001fffh : : : sector 15 4 00f000h - 00ffffh block 1 64 sector 16 4 010000h - 010fffh sector 17 4 011000h - 011fffh : : : sector 31 4 01f000h - 01ffffh : : : : : block 3 64 : 4 0 3 0000h C 0 3 ffffh block no. block size (kbytes) sector no. sector size (kbytes) address range sector 0 (1) 4 000000h - 000fffh sector 1 4 001000h - 001fffh : : : sector 7 4 007000h - 007fffh sector 8 4 008000h - 008fffh sector 9 4 009000h - 009fffh : : 000000h - 006fffh sector 15 4 00f000h - 00ffffh block 2 32 " " 010000h - 017fffh block 3 32 " " 018000h - 01ffffh memory density 1 mbit 512 kbit 32 32 block 0 block 1 is25cd512 / 0 1 0 & is25ld020 integrated silicon solution, inc. - www.issi.com rev. c 08/12 /2013 6 registers (continued) status register refer to tables 5 and 6 for status register format and status register bit definitions. the bp0, bp1, bp2, and srwd are volatile memory cells that can be written by a write status register (wrsr) instruction. the defa ult value of the bp2, bp1, bp0 we re set to 0 and srwd bits w as set to 0 at factory. once a 0 or 1is written, it will not be changed by device power - up or power - down, and can only be altered by the next wrsr instruction. the status register can be read by the read status register (rdsr). refer to table 10 for instruction set. the function of status register bits are described as follows: wip bit : th e write in progress (wip) bit is read - only, and can be used to detect the progress or completion of a program or erase operation. when the wip bit is 0, the device is ready for a write status register, program or erase operation. when the wip bit is 1, the device is busy. wel bit : the write enable latch (wel) bit indicates the status of the internal write enable latch. when the wel is 0, the write enable latch is disabled, and all write operations, including write status register, page program, secto r erase, block and chip erase operations are inhibited. when the wel bit is 1, write operations are allowed. the wel bit is set by a write enable (wren) instruction. each write register, program and erase instruction must be preceded by a wren instructio n. the wel bit can be reset by a write disable (wrdi) instruction. it will automatically be the reset after the completion of a write instruction. bp2, bp1, bp0 bits : th e block protection (bp2 , bp1, bp0) bits are used to define the portion of the memory area to be protected. refer to tables 7, 8 and 9 for the block write protection bit settings. when a defined combination of bp2, bp1 and bp0 bits are set, the corresponding memory area is protected. any program or erase operation to that area will be inhib ited . note: a chip erase (chip_er) instruction is executed successfully only if all the block protection bits are set as 0s. srwd bit : the status register write disable (srwd) bit operates in conjunction with the write protection (wp#) s ignal to provide a hardware protection mode. when the srwd is set to 0, the status register is not write - protected. when the srwd is set to 1 and the wp# is pulled low (vil ), the volatile bits of status register (srwd, bp2, bp1, bp0) become read - only, and a wrsr instruction will be ignored. if the srwd is set to 1 and wp# is pulled high (vih), the status register can be changed by a wrsr instruction. table 5. status register format bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0 srwd 1 reserved bp2 bp1 bp0 wel wip default (flash bit) 0 0 0 0 0 0 0 is25cd512 / 0 1 0 & is25ld020 integrated silicon solution, inc. - www.issi.com rev. c 08/12 /2013 7 registers (continued) table 6. status register bit definition bit name definition read - /write non - volatile bit bit 0 wip write in progress bit: "0" indicates the device is ready "1" indicates a write cycle is in progress and the device is busy r no bit 1 wel write enable latch: "0" indicates the device is not write enabled "1" indicates the device is write enabled (default) r/w no bit 2 bp0 block protection bit: (see table 7 and table 8 for details) "0" indicates the specific blocks are not write - protected (default) "1" indicates the specific blocks are write - protected r/w yes bit 3 bp1 bit 4 bp2 bits 5 - 6 n/a reserved: always "0"s n/a bit 7 srwd status register write disable: (see table 9 for details) "0" indicates the status register is not write - protected (default) "1" indicates the status register is write - protected r/w yes table 8. block write protect bits for is25cd512/010 and is25ld020 status register bits protected memory area bp1 bp0 is25cd512 IS25CD010 is25ld020 0 0 none none none 0 1 none upper quarter (block 3) 01800h - 01ffffh upper quarter (block 3) 03000h - 03ffffh 1 0 none upper half (block 2 & 3) 010000h - 01ffffh upper half (block 2 & 3 ) 020000h - 03ffffh 1 1 all blocks 000000h - 00ffffh all blocks 000000h - 01ffffh all blocks 000000h - 03ffffh is25cd512 / 0 1 0 & is25ld020 integrated silicon solution, inc. - www.issi.com rev. c 08/12 /2013 8 registers (continued) protection mode the is25cd512/010 and is25ld020 have two types of write - protection mechanisms: hardware and software. these are used to prevent irrelevant operation in a possibly noisy environment and protect the data integrity. hardware write - protection the devices provide two hardware write - protection features: a. when inputting a program, erase or write status register instruction, the number of clock pulse is checked to determine whether it is a multiple of eight before the executing. any incomplete instruction command sequence will be ignored. b. the write protection (wp#) pin provides a hardware write protection method for bp2, bp 1 , bp0 and srwd in the status register. refer to the status register description. c. a ll write sequence s will be ignored when vcc drop to v wi (see p.26) software write protection the is25cd512/010 and is25ld020 also provide s two software write protection features: a. before the execution of any program, erase or write status register instruction, the write enable latch (wel) bit must be enabled by execut ing a write enable (wren) instruction. if the wel bit is not enabled first, the program, erase or write register instruction will be ignored. b. the block protection (bp2, bp 1, bp0) bits allow part or the whole memory area to be write - protected. table 9. hardware write protection on status register srwd wp# status register 0 low writable 1 low protected 0 high writable 1 high writable is25cd512 / 0 1 0 & is25ld020 integrated silicon solution, inc. - www.issi.com rev. c 08/12 /2013 9 device operation the is25cd512/010 and is25ld020 utilize an 8 - bit instruction register. refer to table 10 instruction set for details of the instructions and instruction codes. all instructions, addresses, and data are shifted in with the most significant bit (msb) first on se rial data input (si). the input data on si is latched on the rising edge of serial clock (sck) after chip enable (ce#) is driven low (v il ). every instruction sequence starts with a one - byte instruction code and is followed by address bytes, data bytes, or both address bytes and data bytes, depending on the type of instruction. ce# must be driven high (v ih ) after the last bit of the instruction sequence has been shifted in. the timing for each instruction is illustrated in the following opera tional descriptions. table 10. instruction set instruction name hex code operation command cycle maximum frequency rdid abh read manufacturer and product id 4 bytes 100 mhz jedec id read 9fh read manufacturer and product id by jedec id command 1 byte 100 mhz rdmdid 90h read manufacturer and device id 4 bytes 100 mhz wren 06h write enable 1 byte 100 mhz wrdi 04h write disable 1 byte 100 mhz rdsr 05h read status register 1 byte 100 mhz wrsr 01h write status register 2 bytes 100 mhz read 03h read data bytes from memory at normal read mode 4 bytes 33 mhz fast_read 0bh read data bytes from memory at fast read mode 5 bytes 100 mhz frdo 3bh fast read dual output 5 bytes 100 mhz page_ prog 02h page program data bytes into memory 4 bytes + 256b 10 0 mhz sector_er d7h/20h sector erase 4 bytes 100 mhz block_er d8h block erase 4 bytes 100 mhz chip_er c7h/60h chip erase 1 byte 100 mhz hold operation hold# is used in conjunction with ce# to select the is25cd512/010 and is25ld020 . when the devices are selected and a serial sequence is underway, hold# can be used to pause the serial communication with the master device without resetting the serial sequence. to pause, hold# is brought low while the sck signal is low. to resume serial communication, hold# is brought high while the sck signal is low (sck may still toggle duri ng hold). inputs to sl o will be ignored while so is in the high impedance state. is25cd512 / 0 1 0 & is25ld020 integrated silicon solution, inc. - www.issi.com rev. c 08/12 /2013 10 device operation (continued) rdid command (read product identification) operation the read product identification (rdid) instruction is for reading out the old style of 8 - bit electronic signature, whose values are shown as table of id definitions. this is not same as rdid or jedec id instruction. its not recommended to use for new desi gn. for new design, please use rdid or jedec id instruction. the rdes instruction code is followed by three dummy bytes, each bit being latched - in on si during the rising edge of sck. then the device id is shifted out on so with the msb first, each bit bee n shifted out during the falling edge of sck. the rdes instruction is ended by ce# goes high. the device id outputs repeatedly if continuously send the additional clock cycles on sck while ce# is at low. table 11. product identification product identification data manufacturer id first byte 9dh second byte 7fh device id: device id 1 device id 2 is25cd512 05h 20h IS25CD010 10 h 2 1 h is25ld020 11 h 22 h figure 3. read product identification sequence 0 1 8 31 38 39 46 47 54 high impedance device id 1 device id 1 device id 1 sck ce # si so instruction 9 7 1010 1011 b 3 dummy bytes is25cd512 / 0 1 0 & is25ld020 integrated silicon solution, inc. - www.issi.com rev. c 08/12 /2013 11 device operation (continued) jedec id read command (read product identification by jedec id) operation the jedec id read instruction allows the user to read the manufacturer and product id of devices. refer to table 11 product identification for pflash manufacturer id and device id. after the jedec id read command is input, the second manufacturer id (7fh) is shifted out on so with the msb first, followed by the first manufacturer id (9dh) and the device id ( 22 h, in the case of the is25ld020 ), each bit shifted out during the falling edge of sck. if ce# stays low after the last bit of the device id is shifted out, the manufacturer id and device id will loop until ce# is pulled high. figure 4. read product identification by jedec id read sequence sck ce # si instruction 1001 1111 b 0 8 15 23 24 31 7 16 high impedance so device id 2 manufacture id 1 manufacture id 2 is25cd512 / 0 1 0 & is25ld020 integrated silicon solution, inc. - www.issi.com rev. c 08/12 /2013 12 device operation (continued) rdmdid command (read device manufacturer and device id) operation the rdmdid instruction allows the user to read the manufacturer and product id of devices. refer to table 11 product identification for pflash manufacturer id and device id. the rdmdid command is input, followed by a 24 - bit address pointing to an id table. the table contains the first manufacturer id (9dh) and the device id (22h, in the case of the is25ld020 ), and is shifted out on so with the msb first, each bit shifted out during the falling edge of sck. if ce# stays low after the last bit of the device id is shifted out, the manufacturer id and device id will loop until ce# is pulled high. figure 5 . read product identification by rdmd id read sequence 0 1 2 3 4 5 6 7 8 9 1 0 1 1 2 8 2 9 3 0 3 1 . . . i n s t r u c t i o n = 1 0 0 1 0 0 0 0 b . . . 2 3 2 2 2 1 3 2 1 a 0 3 - b y t e a d d r e s s c e # s c k s i o s o h i g h i m p e d a n c e 3 2 3 3 3 4 3 5 3 6 3 7 3 8 3 9 4 0 4 1 4 2 4 3 4 4 4 5 4 6 4 7 7 6 5 4 3 2 1 0 c e # s c k s i o s o 6 5 4 3 2 1 7 0 m a n u f a c t u r e r i d 1 d e v i c e i d 1 is25cd512 / 0 1 0 & is25ld020 integrated silicon solution, inc. - www.issi.com rev. c 08/12 /2013 13 note : (1) address a0 = 0, will output the 1st manufacture id (9dh) first - > device id1 - > 2nd manufacture id (7fh) address a0 = 1, will output the device id1 - > 1st manufacture id (9d) - > 2nd manufacture id (7fh) 4 8 4 9 5 0 5 1 5 2 5 3 5 4 5 5 5 6 s c k s i o s o 6 5 4 3 2 1 7 0 m a n u f a c t u r e r i d 2 c e # is25cd512 / 0 1 0 & is25ld020 integrated silicon solution, inc. - www.issi.com rev. c 08/12 /2013 14 device operation (continued) write enable operation the write enable (wren) instruction is used to set the write enable latch (wel) bit. the wel bit of the is25cd512/010 and is25ld020 is reset to the write C protected state after power - up. the wel bit must be write enabled before any write operation, including sector, block erase, chip erase, page program and write status register operations. the wel bit will be reset to the write - protect state automatically upon completion of a write operation. the wren instruction is required before any above operation is executed. figure 6 . write enable sequence wrdi command (write disable) operation the write disable (wrdi) instruction resets the wel bit and disables all write instructions. the wrdi instruction is not required after the execution of a write instruction, since the wel bit is automatically reset. figure 7 . write disable sequence sio sio is25cd512 / 0 1 0 & is25ld020 integrated silicon solution, inc. - www.issi.com rev. c 08/12 /2013 15 device operation (continued ) rdsr command (read status register) operation the read status register (rdsr) instruction provides access to the status register. during the execution of a program, erase or write status register operation, all other instructions will be ignored except the rdsr instruction, which can be used to check the progress or completion of an operation by reading the wip bit of status register. figure 8 . read status register sequence wrsr command (write status register) operation the write status register (wrsr) instruction allows the user to enable or disable the block protection and status register write protection features by wr iting 0s or 1 s into the volatile bp2, bp1, bp0 and srwd bits. figure 9 . write status register sequence sio sio is25cd512 / 0 1 0 & is25ld020 integrated silicon solution, inc. - www.issi.com rev. c 08/12 /2013 16 device operation (continued) read command (read data) operation the read data (read) instruction is used to read memory data of a is25cd512/010 and is25ld020 under normal mode running up to 33 mhz. the read instruction code is transmitted via the sl o line, followed by three address bytes (a23 - a0) of the first memory location to be read. a total of 24 address bits are shifted in, but only ams (most significant address) - a0 are decoded. the remainin g bits (a23 C ams) are ignored. the first byte addressed can be at any memory location. upon completion, any data on the sl will be ignored. refer to table 12 for the related address key. the first byte data (d7 - d0) addressed is then shifted out on th e so line, msb first. a single byte of data, or up to the whole memory array, can be read out in one read instruction. the address is automatically incremented after each byte of data is shifted out. the read operation can be terminated at any time by driv ing ce# high (vih) after the data comes out. when the highest address of the devices is reached, the address counter will roll over to the 000000h address, allowing the entire memory to be read in one continuous read instruction. table 12. address key address is25ld020 IS25CD010 is25cd512 a n ( a ms C 0) a17 - a0 a1 6 - a0 a1 5 - a0 don't care bits a23 C C C figure 1 2 . read data sequence sio is25cd512 / 0 1 0 & is25ld020 integrated silicon solution, inc. - www.issi.com rev. c 08/12 /2013 17 device operation (continued) fast_read command (fast read data) operation the fast_read instruction is used to read memory data at up to a 100 mhz clock. the fast_read instruction code is followed by three address bytes (a23 - a0) and a dummy byte (8 clocks), transmitted via the si line, with each bit lat ched - in during the rising edge of sck. then the first data byte addressed is shifted out on the so line, with each bit shifted out at a maximum frequency fct, during the falling edge of sck. the first byte addressed can be at any memory location. the addr ess is automatically incremented after each byte of data is shifted out. when the highest address is reached, the address counter will roll over to the 000000h address, allowing the entire memory to be read with a single fast_read instruction. the fast_rea d instruction is terminated by driving ce# high (vih). figure 1 3 . fast read data sequence sio sio is25cd512 / 0 1 0 & is25ld020 integrated silicon solution, inc. - www.issi.com rev. c 08/12 /2013 18 device operation (continued ) frdo command (fast read dual output) operation the frdo instruction is used to read memory data on two output pins each at up to a 100 mhz clock. the frdo instruction code is followed by three address bytes (a23 - a0) and a dummy byte (8 clocks), transmitted via the si line, with each bit latched - in during the rising edge of sck. then th e first data byte addressed is shifted out on the so and sio lines, with each pair of bit s shifted out at a maximum frequency fct, during the falling edge of sck. the first bit (msb) is output on so, while simultaneously the second bit is output on sio. the first byte addressed can be at any memory location. the address is automatically incremented after each byte of data is shifted out. when the highest address is reached, the address counter will roll over to the 000000h address, allowing the entire mem ory to be read with a single frdo instruction. frdo instruction is terminated by driving ce# high (vih). figure 1 4 . f ast read dual - output sequence 0 1 2 3 4 5 6 7 8 9 10 11 28 29 30 31 ... instruction = 0011 1011b ... 23 22 21 3 2 1 0 3 - byte address ce# sck sio so high impedance 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 7 6 5 4 3 2 1 0 7 6 5 4 3 2 1 0 7 6 ce# sck sio so high impedance data out 1 data out 2 is25cd512 / 0 1 0 & is25ld020 integrated silicon solution, inc. - www.issi.com rev. c 08/12 /2013 19 device operation (continued ) page_prog command (page program) operation the page program (page_prog) instruction allows up to 256 bytes data to be programmed into memory in a single operation. the destination of the memory to be programmed must be outside the protected memory area set by the blo ck protection (bp2, bp1, bp0) bits. a page_prog instruction which attempts to program into a page that is write - protected will be ignored. before the execution of page_prog instruction, the write enable latch (wel) must be enabled through a write enable (w ren) instruction. the page_prog instruction code, three address bytes and program data (1 to 256 bytes) are input via the sl o line. program operation will start immediately after the ce# is brought high, otherwise the page_prog instruction will not be executed. the internal control logic automatically handles the programming voltages and timing. during a program operation, all i nstructions will be ignored except the rdsr instruction. the progress or completion of the program operation can be determined by reading the wip bit in status register via a rdsr instruction. if the wip bit is 1, the program operation is still in progre ss. if wip bit is 0, the program operation has completed. if more than 256 bytes data are sent to a device, the address counter rolls over within the same page, the previously latched data are discarded, and the last 256 bytes data are kept to be programmed into the page. the starting byte can be anywhere within the page. when the end of the page is reached, the address will wrap around to the beginning of the same page. if the data to be programmed are less than a full page, the data of all other bytes on the same page will remain unchanged. note: a program operation can alter 1s into 0s, but an erase operation is required to change 0s back to 1s. a byte cannot be reprogrammed without first erasing the whole sector or block. figure 1 5 . page program sequence sio is25cd512 / 0 1 0 & is25ld020 integrated silicon solution, inc. - www.issi.com rev. c 08/12 /2013 20 device operation (continued) erase operation the memory array of the is25cd512 / 0 1 0 is organized in to uniform 4 kbyte sectors or 32 kbyte uniform blo cks (a block consists of eight adjacent sectors). is25ld020 is organized into uniform 4 kbyte sectors or 64 kbyte uniform blocks (a block consists of sixteen adjacent sectors) before a byte can be reprogrammed, the sector or block that contains the byte must be erased (erasing sets bi ts to 1). in order to erase the devices, there are three erase instructions available: sector erase (sector_er), block erase (block_er) and chip erase (chip_er). a sector erase operation allows any individual sector to be erased without affecting the dat a in other sectors. a block erase operation erases any individual block. a chip erase operation erases the whole memory array of a device. a sector erase, block erase or chip erase operation can be executed prior to any programming operation. sector_er co mmand (sector erase) operation a sector_er instruction erases a 4 kbyte sector before the execution of a sector_er instruction, the write enable latch (wel) must be set via a write enable (wren) instruction. the wel bit is reset automatically after the co mpletion of sector an erase operation. a sector_er instruction is entered, after ce# is pulled low to select the device and stays low during the entire instruction sequence the sector_er instruction code, and three address bytes are input via si. erase op eration will start immediately after ce# is pulled high. the internal control logic automatically handles the erase voltage and timing. refer to figure 14 for sector erase sequence. during an erase operation, all instruction will be ignored except the rea d status register (rdsr) instruction. the progress or completion of the erase operation can be determined by reading the wip bit in the status register using a rdsr instruction. if the wip bit is 1, the erase operation is still in progress. if the wip bi t is 0, the erase operation has been completed. block_er command (block erase) operation a block erase (block_er) instruction erases a 64 kbyte block of the is25ld020 , and 32 kbyte block of the is25cd512 c/010c . before the execution of a block_er instruction, the write enable latch (wel) must be set via a write enable (wren) instruction. the wel is reset automatically after the completion of a block erase operation. the block_er instruction code and three address bytes are input via si. erase oper ation will start immediately after the ce# is pulled high, otherwise the block_er instruction will not be executed. the internal control logic automatically handles the erase voltage and timing. refer to figure 15 for block erase sequence. chip_er command (chip erase) operation a chip erase (chip_er) instruction erases the entire memory array of a is25cd512/010 and is25ld020 . before the execution of chip_er instruction, the write enable latch (wel) must be set via a write enable (wren) instruction. the w el is reset automatically after completion of a chip erase operation. the chip_er instruction code is input via the si. erase operation will start immediately after ce# is pulled high, otherwise the chip_er instruction will not be executed. the internal c ontrol logic automatically handles the erase voltage and timing. refer to figure 16 for chip erase sequence. is25cd512 / 0 1 0 & is25ld020 integrated silicon solution, inc. - www.issi.com rev. c 08/12 /2013 21 device operation (continued) figure 1 6 . sector erase sequence figure 1 7 . block erase sequence figure 1 8 . chip erase sequence sio sio sio is25cd512 / 0 1 0 & is25ld020 integrated silicon solution, inc. - www.issi.com rev. c 08/12 /2013 22 absolute maximum ratings (1) temperature under bias - 65 o c to +125 o c storage temperature - 65 o c to +125 o c surface mount lead soldering temperature standard package 240 o c 3 seconds lead - free package 260 o c 3 seconds input voltage with respect to ground on all pins (2) - 0.5 v to vcc + 0.5 v all output voltage with respect to ground - 0.5 v to vcc + 0.5 v vcc (2) - 0.5 v to +6.0 v notes: 1. applied conditions greater than those listed in absolute maximum ratings may cause permanent damage to the device. this is a stress rating only. the functional operation of the device conditions that exceed those indicated in the operation al sections of this specification is not implied. exposure to absolute maximum rating condition for extended periods may affect device reliability. 2. maximum dc voltage on input or i/o pins is vcc + 0.5 v. during voltage transitions, input or i/o pins may overshoot vcc by + 2.0 v for a period of time not to exceed 20 ns. minimum dc voltage on input or i/o pins is - 0.5 v. during voltage transitions, input or i/o pins may undershoot gnd by - 2.0 v for a period of time not to exceed 20 ns. dc and ac operating range part number is25cd512 / 0 1 0 is25ld0 20 o perating temperature (extended grade) - 40 o c to 10 5 o c operating temperature (automotive, a1 grade) - 40 o c to 85 o c operating temperature (automotive, a2 grade) - 40 o c to 105 o c vcc power supply 2. 70 v C 3.60 v dc characteristics applicable over recommended operating range from: vcc = 2. 7 0 v to 3.60 v (unless otherwise noted). symbol parameter condition min typ max units i cc1 vcc active read current v cc = 3.60 v at 33 mhz, so = open 10 15 ma i cc2 vcc program/erase current v cc = 3.60 v at 33 mhz, so = open 15 30 ma i sb1 vcc standby current cmos v cc = 3.60 v, ce# = v cc 10 a i sb2 vcc standby current ttl v cc = 3.60 v, ce# = v ih to v cc 3 ma i li input leakage current v in = 0v to v cc 1 a i lo output leakage current v in = 0v to v cc , t ac = 0 o c to 85 o c 1 a v il input low voltage - 0.5 0.8 v v ih input high voltage 0.7v cc v cc + 0.3 v v ol output low voltage 2.30 v < v cc < 3.60 v i ol = 2.1 ma 0.45 v v oh output high voltage i oh = - 100 a v cc - 0.2 v is25cd512 / 0 1 0 & is25ld020 integrated silicon solution, inc. - www.issi.com rev. c 08/12 /2013 23 ac characteristics applicable over recommended operating range from, vcc = 2. 7 0 v to 3.60 v cl = 1 ttl gate and 10 pf (unless otherwise noted). symbol parameter min typ max units fct clock frequency for fast read mode 0 100 mhz fc clock frequency for read mode 0 33 mhz tri input rise time 8 ns tfi input fall time 8 ns tckh sck high time 4 ns tckl sck low time 4 ns tceh ce# high time 25 ns tcs ce# setup time 10 ns tch ce# hold time 5 ns tds data in setup time 2 ns tdh data in hold time 2 ns ths hold setup time 15 ns thd hold time 15 ns tv output valid 8 ns toh output hold time normal mode 0 ns tlz hold to output low z 200 ns thz hold to output high z 200 ns tdis output disable time 10 0 ns tec sector /block/chip erase time 1 0 ms tpp page program time 2 5 ms tvcs vcc set - up time 50 s t w write status register time (flash bit) 1 0 ms is25cd512 / 0 1 0 & is25ld020 integrated silicon solution, inc. - www.issi.com rev. c 08/12 /2013 24 ac characteristics (continued) serial input/output timing (1) note: 1. for spi mode 0 (0,0) sio is25cd512 / 0 1 0 & is25ld020 integrated silicon solution, inc. - www.issi.com rev. c 08/12 /2013 25 ac characteristics (continued) hold timing pin capacitance (f = 1 mhz, t = 25c ) typ max units conditions cin 4 6 pf vin = 0 v cout 8 12 pf vout = 0 v note: these parameters are characterized but not 100% tested. output test load input test waveforms and measurement level is25cd512 / 0 1 0 & is25ld020 integrated silicon solution, inc. - www.issi.com rev. c 08/12 /2013 26 power - up and power - down at power - up and power - down, the device must not be selected (ce# must follow the voltage applied on vcc) until vcc reaches the correct value: - vcc(min) at power - up, and then for a further delay of tvce - vss at power - down usually a simple pull - up resistor on ce# can be used to insure safe and prope r power - up and power - down. to avoid data corruption and inadvertent write operations during power up, a power on reset (por) circuit is included. the logic inside the device is held reset while vcc is less than the por threshold value (vwi) during power up , the device does not respond to any instruction until a time delay of tpuw has elapsed after the moment that vcc rised above the vwi threshold. however, the correct operation of the device is not guaranteed if, by this time, vcc is still below vcc(min). no write status register, program or erase instructions should be sent until the later of: - tpuw after vcc passed the vwi threshold - tvce after vcc passed the vcc(min) level at power - up, the device is in the following state: - the device is in the stand by mode - the write enable latch (wel) bit is reset at power - down, when vcc drops from the operating voltage, to below the vwi, all write operations are disabled and the device does not respond to any write instruction. symbol parameter min. max. unit t vce *1 vcc(min) to ce# low 10 s t puw *1 power - up time delay to write instruction 1 10 ms v wi *1 is25cd512/010 1.6 2.1 v is25ld020 1.9 2.4 note: *1. these parameters are characterized only. chip selection not allowed all write commands are rejected tvce read access allowed device fully accessible tpuw vcc vcc(max) vcc(min) reset state v (write inhibit) time is25cd512 / 0 1 0 & is25ld020 integrated silicon solution, inc. - www.issi.com rev. c 08/12 /2013 27 program/erase performance parameter unit typ max remarks sector erase time ms 1 0 from writing erase command to erase completion block erase time ms 1 0 from writing erase command to erase completion chip erase time ms 1 0 from writing erase command to erase completion page programming time ms 2 5 from writing program command to program completion note: these parameters are characterized and are not 100% tested. reliability characteristics parameter min unit test method endurance 200,000 cycles jedec standard a117 data retention 20 years jedec standard a103 esd C human body model 2,000 volts jedec standard a114 esd C machine model 200 volts jedec standard a115 latch - up 100 + icc1 ma jedec standard 78 note: these parameters are characterized and are not 100% tested. is25cd512 / 0 1 0 & is25ld020 integrated silicon solution, inc. - www.issi.com rev. c 08/12 /2013 28 package type information jn 8 - pin soic 150mil broad sm all outline integrated circuit package ( unit: millimeters ) note: package dimensions are shown in mm. is25cd512 / 0 1 0 & is25ld020 integrated silicon solution, inc. - www.issi.com rev. c 08/12 /2013 29 package type information (continued) jd 8 - pin tssop package ( unit: millimeters ) note: package dimensions are shown in mm. pin 1 4 . 5 0 . 65 4 . 3 6 . 6 6 . 2 3 . 1 2 . 9 0 . 30 0 . 25 1 . 0 5 1 . 0 0 1 . 0 5 1 . 2 0 0 . 15 0 . 05 8 0 0 0 0 . 7 0 . 5 0 . 2 5 gage plane detail a detail a 0 . 127 unit : millimeters is25cd512 / 0 1 0 & is25ld020 integrated silicon solution, inc. - www.issi.com rev. c 08/12 /2013 3 0 package type information (continued) jk 8 - pin ult r a - thin small outline no - lead (wson) package ( unit: millimeters ) note: package dimensions are shown in mm. is25cd512 / 0 1 0 & is25ld020 integrated silicon solution, inc. - www.issi.com rev. c 08/12 /2013 31 package type information (continued) jv 8 - pin v v sop package 150mil (unit: millimeters) note: package dimensions are shown in mm. is25cd512 / 0 1 0 & is25ld020 integrated silicon solution, inc. - www.issi.com rev. c 08/12 /2013 32 is25cd512 / 0 1 0 & is25ld020 integrated silicon solution, inc. - www.issi.com rev. c 08/12 /2013 33 package type information (continued) ju 8 - pin uson package ( unit: millimeters ) note: package dimensions are shown in mm. is25cd512 / 0 1 0 & is25ld020 integrated silicon solution, inc. - www.issi.com rev. c 08/12 /2013 34 appendix1: safe guard function safe guard function is a security function for customer to protect by sector (4kbyte). every sector has one bit register to decide it will under safe guard protect or not. (0means protect and 1 means not protect by safe g uard.) is25cd512 (sector 0~sector 15), IS25CD010 (sector 0~sector 31) and is25ld020 (sector 0~sector 63) *safe guard function priority is higher than status register (bp0/1/2) mapping table for safe guard register address[9:0] d7 d6 d5 d4 d3 d2 d1 d0 sector0 000h 1 1 1 1 1 1 1 0 sector1 000h 1 1 1 1 1 1 0 1 sector2 000h 1 1 1 1 1 0 1 1 sector3 000h 1 1 1 1 0 1 1 1 sector4 000h 1 1 1 0 1 1 1 1 sector5 000h 1 1 0 1 1 1 1 1 sector6 000h 1 0 1 1 1 1 1 1 sector7 000h 0 1 1 1 1 1 1 1 sector8 001h 1 1 1 1 1 1 1 0 sector9 001h 1 1 1 1 1 1 0 1 sector10 001h 1 1 1 1 1 0 1 1 sector11 001h 1 1 1 1 0 1 1 1 sector12 001h 1 1 1 0 1 1 1 1 sector13 001h 1 1 0 1 1 1 1 1 sector14 001h 1 0 1 1 1 1 1 1 sector15 001h 0 1 1 1 1 1 1 1 is25cd512 / 0 1 0 & is25ld020 integrated silicon solution, inc. - www.issi.com rev. c 08/12 /2013 35 read safe guard register the read safe guard instruction code is transmitted via the slo line, followed by three address bytes (a23 - a0) of the first register location to be read. the first byte data (d7 - d0) addressed is then shifted out on the so line, msb first. the address i s automatically incremented after each byte of data is shifted out. the read operation can be terminated at any time by driving ce# high (vih) after the data comes out. fig a. timing waveform of read safe guard register erase safe guard register if we want to erase the safe guard register to let the flash into unprotect status, it needs five continuous instructions. if any instruction is wrong, the erase command will be ignored. erase wait time follow product erase timing spec. fig b. shows the complete steps for erase safe guard register. program safe guard register if we want to erase the safe guard register to let the flash into unprotect status, it needs five continuous instructions. if any instruction is wrong, the program command will be ignored. the program safe guard instruction allows up to 256 bytes data to be programmed into memory in a singl e operation. program wait time follow product program timing spec. fig c. shows the complete steps for program safe guard register. 1 st byte 2 nd byte c s s c k s i 1 2 7 8 2 f h 9 1 0 2 3 2 4 a 2 3 - a 0 2 5 2 6 3 1 3 2 d 7 - d 0 d 7 - d 0 3 3 3 4 3 9 4 0 s o 4 1 4 2 4 7 4 8 is25cd512 / 0 1 0 & is25ld020 integrated silicon solution, inc. - www.issi.com rev. c 08/12 /2013 36 fig b. erase safe guard register c s s c k s i 1 2 7 8 9 1 0 3 1 3 2 5 5 h a 2 3 - a 0 s e c t o r p r o t e c t i o n m o d e e r a s e c s s c k s i 1 2 7 8 9 1 0 3 1 3 2 a a h a 2 3 - a 0 c s s c k s i 1 2 7 8 9 1 0 3 1 3 2 8 0 h a 2 3 - a 0 c s s c k s i 1 2 7 8 9 1 0 3 1 3 2 a a h a 2 3 - a 0 c s s c k s i 1 2 7 8 2 b h is25cd512 / 0 1 0 & is25ld020 integrated silicon solution, inc. - www.issi.com rev. c 08/12 /2013 37 fig c. program safe guard register 1 st byte 2nd byte s c k s i 1 2 7 8 9 1 0 3 1 3 2 2 3 h a 2 3 - a 0 c s d 7 - d 0 d 7 - d 0 3 3 3 4 3 9 4 0 4 1 4 2 4 7 4 8 c s s c k s i 1 2 7 8 9 1 0 3 1 3 2 5 5 h a 2 3 - a 0 c s s c k s i 1 2 7 8 9 1 0 3 1 3 2 a a h a 2 3 - a 0 c s s c k s i 1 2 7 8 9 1 0 3 1 3 2 a 0 h a 2 3 - a 0 c s s c k s i 1 2 7 8 9 1 0 3 1 3 2 5 5 h a 2 3 - a 0 is25cd512 / 0 1 0 & is25ld020 integrated silicon solution, inc. - www.issi.com rev. c 08/12 /2013 38 appendix2: sector unlock function instruction name hex code operation command cycle maximum frequency sect_un lock 26h sector unlock 4 bytes 1 0 0 mhz sect_ lock 24h sector lock 1 byte 1 0 0 mhz sec_un lock command operation the sector unlock command allows the user to select a specific sector to allow program and erase operations. this instruction is effective when the blocks are designated as write - protected through the bp0, bp1 and bp2 bits in the status register. only one sector can be enabled at any time. to enable a different sector, a previously enabled sector must be disabled by executing a sector lock command . the instruction code is followed by a 24 - bit address specifying the target sector, but a0 through a11 are not decoded. the remaining sectors within the same block remain in read - only mode. figure d . sector unlock sequence note: 1.if the clock number will not match 8 clocks(command)+ 24 clocks (address), it will be ignored. 2.it must be executed write enable (06h) before sector unlock instructions. c s s c k s i 1 2 7 8 9 1 0 1 5 1 6 1 7 1 8 2 3 2 4 2 5 2 6 3 1 3 2 1 2 7 8 0 6 h 2 6 h a 2 3 - a 1 6 a 1 5 - a 8 a 7 - a 0 i n t h e s e c t o r u n l o c k p r o c e d u r e , [ a 1 1 : a 0 ] n e e d s e q u a l t o 0 , u n l o c k p r o c e d u r e i s c o m p l e t e d , o t h e r w i s e c h i p w i l l r e g a r d i t a s i l l e g a l c o m m a n d . s e c t o r u n l o c k is25cd512 / 0 1 0 & is25ld020 integrated silicon solution, inc. - www.issi.com rev. c 08/12 /2013 39 sect_l ock command operation the sector lock command reverses the function of the sector unlock command. the instruction code does not require an address to be specified, as only one sector can be enabled at a time. the remaining sectors within the same block remain in read - only mode. figure e . sector lock sequence is25cd512 / 0 1 0 & is25ld020 integrated silicon solution, inc. - www.issi.com rev. c 08/12 /2013 40 ordering information : density frequency (mhz) order part number package 512k b 100 is25cd512 - jdle 8 - pin tssop is25cd512 - jnle 8 - pin soic 150mil is25cd512 - jkle 8 - pin wson (5x6mm) is25cd512 - jule 8 - pin uson (2x3mm) is25cd512 - jdla* 8 - pin tssop (call factory) is25cd512 - jnla* 8 - pin soic 150mil (call factory) is25cd512 - jkla* 8 - pin wson (5x6mm) (call factory) is25cd512 - jula* 8 - pin uson (2x3mm) (call factory) is25cd512 - jwle kgd (call factory) 1mb 100 IS25CD010 - jdle 8 - pin tssop IS25CD010 - jnle 8 - pin soic 150mil IS25CD010 - jkle 8 - pin wson (5x6mm) (call factory) IS25CD010 - jdla* 8 - pin tssop (call factory) IS25CD010 - jnla* 8 - pin soic 150mil (call factory) IS25CD010 - jwle kgd (call factory) 2mb 100 is25ld020 - jdle 8 - pin tssop is25ld020 - jnle 8 - pin soic 150mil is25ld020 - jkle 8 - pin wson (5x6mm) is25ld020 - jvle 8 - pin vvsop 150mil is25ld020 - jdla* 8 - pin tssop (call factory) is25ld020 - jnla* 8 - pin soic 150mil (call factory) is25ld020 - jkla* 8 - pin wson (5x6mm) (call factory) is25ld020 - jvla* 8 - pin vvsop 150mil (call factory) is25ld020 - jwle kgd (call factory) a* = a1, a2 automotive temperature ranges |
Price & Availability of IS25CD010 |