Part Number Hot Search : 
RMPA2450 100BGC B1545 GSW3809X 58004 2SC3927 PT2313 S304120
Product Description
Full Text Search
 

To Download IRS2301 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.irf.com ? 2009 international rectifier 1 september 30, 2009 datasheet no ? pd 97421 IRS2301s high and low side driver features ? floating channel designed for bootstrap operation ? fully operational to +600v ? tolerant to negative transient voltage ? dv/dt immune ? gate drive supply range from 5v to 20v ? undervoltage lockout for both channels ? 3.3v, 5v and 15v input logic compatible ? matched propagation delay for both channels ? outputs in phase with inputs ? lower di/dt gate driver for better noise immunity ? leadfree, rohs compliant typical applications o appliance motor drives o servo drives o micro inverter drives o general purpose three phase inverters product summary v offset 600v max v out 5v ? 20v i o+ & i o- (min) 120ma / 250ma t on & t off (typical) 220ns / 200ns delay matching 50ns package options 8-lead soic IRS2301s typical connection diagram
IRS2301s www.irf.com ? 2009 international rectifier 2 table of contents page typical connection diagram 1 description 3 feature comparison 3 qualification information 4 absolute maximum ratings 5 recommended operating conditions 5 dynamic electrical characteristics 6 static electrical characteristics 6 functional block diagram 7 input/output timing diagram 8 lead definitions 9 lead assignments 9 application information and additional details 10 package details 11 tape and reel details 12 part marking information 13 ordering information 14
IRS2301s www.irf.com ? 2009 international rectifier 3 description the IRS2301s is a high voltage, high speed power mo sfet and igbt driver with independent high- and low- side referenced output channels. proprietary hvic and latch immune cmos technologies enable ruggedized monolithic construction. the logic input is compatible with standard cmos or lsttl output, down to 3.3v logic. the output drivers feature a high pulse current buffe r stage. the floating channel can be used to drive an n- channel power mosfet or igbt in the high-si de configuration which operates up to 600v.
IRS2301s www.irf.com ? 2009 international rectifier 4 qualification information ? industrial ?? qualification level comments: this family of ics has passed jedec?s industrial qualification. ir?s consumer qualification level is granted by extension of the higher industrial level. moisture sensitivity level msl2 ??? 260c (per ipc/jedec j-std-020) machine model class b (per jedec standard jesd22-a115) esd human body model class 2 (per eia/jedec standard eia/jesd22-a114) ic latch-up test class i, level a (per jesd78) rohs compliant yes ? qualification standards can be found at international rectifier?s web site http://www.irf.com/ ?? higher qualification ratings may be available should the user have such requirements. please contact your international rectifier sales r epresentative for further information. ??? higher msl ratings may be available for the specif ic package types listed here. please contact your international rectifier sales repres entative for further information.
IRS2301s www.irf.com ? 2009 international rectifier 5 absolute maximum ratings absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. all voltage parameters are absolute voltages referenced to com. t he thermal resistance and power dissipation ratings are measured under board mounted and still air conditions. recommended operating conditions the input/output logic timing diagram is shown in fig. 1. for proper operation the device should be used within the recommended conditions. the v s offset rating is tested with all s upplies biased at 15v differential. ?: logic operational for v s of -5 v to +600 v. logic state held for v s of -5 v to ? v bs. (please refer to the design tip dt97 -3 for more details). symbol definition min. max. units v b high-side floating absolute voltage -0.3 625 v s high-side floating supply offset voltage v b - 25 v b + 0.3 v ho high-side floating output voltage v s - 0.3 v b + 0.3 v cc low-side and logic fixed supply voltage -0.3 25 v lo low-side output voltage -0.3 v cc + 0.3 v in logic input voltage (hin & lin) com -0.3 v cc + 0.3 v dv s /dt allowable offset supply voltage transient ? 50 v/ns p d package power dissipation @ ta 25c ? 0.625 w rth ja thermal resistance, junction to ambient ? 200 c/w t j junction temperature ? 150 t s storage temperature -50 150 t l lead temperature (soldering, 10 seconds) ? 300 c symbol definition min. max. units v b high-side floating supply absolute voltage v s + 5 v s + 20 v s high-side floating supply offset voltage ? 1 600 v ho high-side floating output voltage v s v b v cc low-side and logic fixed supply voltage 5 20 v lo low-side output voltage 0 v cc v in logic input voltage (hin & lin) com v cc v t a ambient temperature -40 125 c
IRS2301s www.irf.com ? 2009 international rectifier 6 static electrical characteristics v bias (v cc , v bs ) = 15v and t a = 25c unless otherwise specified. the v il, v ih and i in parameters are referenced to com and are applicable to the respective input leads: hin and lin. the v o, i o and r on parameters are referenced to com and are applicabl e to the respective output leads: ho and lo. dynamic electrical characteristics v bias (v cc , v bs ) = 15v, c l = 1000pf, t a = 25c unless otherwise specified. symbol definition min typ max units test conditions v ih logic ?1? input voltage 2.5 ? ? v il logic ?0? input voltage ? ? 0.8 v v cc = 10v to 20v v oh high level output voltage, v bias - v o ? ? 0.2 v ol low level output voltage, v o ? ? 0.1 v i o = 2ma i lk offset supply leakage current ? ? 50 v b = v s = 600v i qbs quiescent v bs supply current 60 160 260 i qcc quiescent v cc supply current 60 160 260 v in = 0v or 5v i in+ logic ?1? input bias current ? 5 20 v in = 5v i in- logic ?0? input bias current ? ? 5 a v in = 0v v ccuv+ v bsuv+ v cc and v bs supply undervoltage positive going threshold 3.3 4.1 5 v ccuv- v bsuv- v cc and v bs supply undervoltage negative going threshold 3 3.8 4.7 v ccuvh v bsuvh hysteresis 0.1 0.3 ? v i o+ output high short circuit pulsed current ? 200 ? v o = 0v, pw 10s i o- output low short circuit pulsed current ? 350 ? ma v o = 15v, pw 10s symbol definition min typ max units test conditions t on turn-on propagation delay ? 220 300 v s = 0v t off turn-off propagation delay ? 200 280 v s = 0v or 600v mt delay matching, hs & ls turn-on/off ? 0 50 t r turn-on rise time ? 130 220 t f turn-off fall time ? 50 80 ns v s = 0v
IRS2301s www.irf.com ? 2009 international rectifier 7 functional block diagram:
IRS2301s www.irf.com ? 2009 international rectifier 8 input/output pin equivalent circuit diagrams: v cc com/v ss lo esd diode esd diode v b v s ho esd diode esd diode 25v 25v 600v
IRS2301s www.irf.com ? 2009 international rectifier 9 lead definitions: pin# symbol description 1 v cc low-side and logic fixed supply 2 hin logic input for high-side gate driver outputs (ho), in phase with ho 3 lin logic input for low-side gate driv er outputs (lo), in phase with lo 4 com low-side return 5 lo low-side gate drive output 6 v s high-side floating supply return 7 ho high-side gate drive output 8 v b high-side floating supply lead assignments
IRS2301s www.irf.com ? 2009 international rectifier 10 application information and additional details figure 1: input/output timing diagram figure 2: switching time waveform definitions figure 3: delay matching waveform definitions
IRS2301s www.irf.com ? 2009 international rectifier 11 tolerability to negative vs transients the IRS2301s has been seen to withstand negative v s transient conditions on the order of -25v for a period of 100 ns (v bias (v cc , v bs ) = 15v and t a = 25c). an illustration of the IRS2301s performance can be seen in figure 4. even though the IRS2301s has been show n able to handle these negative v s transient conditions, it is highly recommended that the circuit desi gner always limit the negative v s transients as much as possible by careful pcb layout and component use. vs (v) -30 -20 -10 0 figure 4: -vs transient results
IRS2301s www.irf.com ? 2009 international rectifier 12 package details
IRS2301s www.irf.com ? 2009 international rectifier 13 tape and reel details carrier tape dimension for 8soicn code min max min max a 7.90 8.10 0.311 0.318 b 3.90 4.10 0.153 0.161 c 11.70 12.30 0.46 0.484 d 5.45 5.55 0.214 0.218 e 6.30 6.50 0.248 0.255 f 5.10 5.30 0.200 0.208 g 1.50 n/a 0.059 n/a h 1.50 1.60 0.059 0.062 reel dimensions for 8soicn code min max min max a 329.60 330.25 12.976 13.001 b 20.95 21.45 0.824 0.844 c 12.80 13.20 0.503 0.519 d 1.95 2.45 0.767 0.096 e 98.00 102.00 3.858 4.015 f n/a 18.40 n/a 0.724 g 14.50 17.10 0.570 0.673 h 12.40 14.40 0.488 0.566 metric imperial metric imperial e f a c d g a b h n ote : controlling dimension in mm loaded tape feed direction a h f e g d b c
IRS2301s www.irf.com ? 2009 international rectifier 14 part marking information
IRS2301s www.irf.com ? 2009 international rectifier 15 ordering information standard pack base part number package type form quantity complete part number tube/bulk 95 IRS2301s pbf IRS2301 soic8n tape and reel 2500 IRS2301str pbf the information provided in this document is believed to be accu rate and reliable. however, international rectifier assumes no responsibility for the consequences of the use of this information. international rectifier assumes no responsibility for any infringement of patents or of other rights of third parties which may result from the use of this information. no license is granted by implic ation or otherwise under any patent or patent rights of international rectif ier. the specifications ment ioned in this document are subj ect to change without notice. this document supersedes and repl aces all information previously supplied. for technical support, please contact ir?s technical assistance center http://www.irf.com/technical-info/ world headquarters: 233 kansas st., el segundo, california 90245 tel: (310) 252-7105


▲Up To Search▲   

 
Price & Availability of IRS2301

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X