Part Number Hot Search : 
E39CA BC847BW TM162 08L35PF ISR2050C 2SK1215 0805H STD4N25
Product Description
Full Text Search
 

To Download IRF6810STRPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  08/08/11 www.irf.com 1 IRF6810STRPBF irf6810str1pbf applicable directfet outline and substrate outline  
        directfet ?  isometric description the IRF6810STRPBF combines the latest hexfet? power mosfet silicon technology with the advanced directfet tm packaging to achieve improved performance in a package that has the footprint of a micro-8 and only 0.7 mm profile. the directfet package i s compatible with existing layout geometries used in power applications, pcb assembly equipment and vapor phase, infra-red or con vection soldering techniques, when application note an-1035 is followed regarding the manufacturing methods and processes. the directfe t package allows dual sided cooling to maximize thermal transfer in power systems, improving previous best thermal resistance by 80%. the IRF6810STRPBF has low gate resistance and low charge along with ultra low package inductance providing significant reductio n in switching losses. the reduced losses make this product ideal for high efficiency dc-dc converters that power the latest generat ion of processors operating at higher frequencies. the IRF6810STRPBF has been optimized for the control fet socket of synchronous buc k operating from 12 volt bus converters. fig 1. typical on-resistance vs. gate voltage fig 2. typical total gate charge vs gate-to-source voltage  click on this section to link to the appropriate technical paper.  click on this section to link to the directfet website.   surface mounted on 1 in. square cu board, steady state.  t c measured with thermocouple mounted to top (drain) of part.   repetitive rating; pulse width limited by max. junction temperature.  starting t j = 25c, l = 0.601mh, r g = 50 , i as = 13a.  s1 s2 sb m2 m4 l4 l6 l8   0 5 10 15 20 q g total gate charge (nc) 0.0 2.0 4.0 6.0 8.0 10.0 12.0 14.0 v g s , g a t e - t o - s o u r c e v o l t a g e ( v ) v ds = 20v v ds = 13v vds= 5v i d = 13a 0 2 4 6 8 10 12 14 16 v gs, gate -to -source voltage (v) 0 5 10 15 t y p i c a l r d s ( o n ) ( m ) i d = 16a t j = 25c t j = 125c d d s g v dss v gs r ds(on) r ds(on) 25v max 16v max 4.0m @ 10v 5.6m @ 4.5v absolute maximum ratings parameter units v ds drain-to-source voltage v gs gate-to-source voltage i d @ t a = 25c continuous drain current, v gs @ 10v i d @ t a = 70c continuous drain current, v gs @ 10v i d @ t c = 25c continuous drain current, v gs @ 10v  i dm pulsed drain current  e as single pulse avalanche energy  mj i ar avalanche current  a v a 51 max. 13 50 130 16 25 16 13 q g tot q gd q gs2 q rr q oss v gs(th) 7.4nc 2.7nc 0.98nc 12nc 8.9nc 1.6v directfet ?   power mosfet   rohs compliant and halogen free   low profile (<0.7 mm)  dual sided cooling compatible   ultra low package inductance  optimized for high frequency switching   ideal for cpu core dc-dc converters  optimized for control fet application   compatible with existing surface mount techniques   100% rg tested  footprint compatible to directfet

  2 www.irf.com  pulse width 400 s; duty cycle 2%.  d s g static @ t j = 25c (unless otherwise specified) parameter min. typ. max. units bv dss drain-to-source breakdown voltage 25 ??? ??? v ? v dss / t j breakdown voltage temp. coefficient ??? 22 ??? mv/c r ds(on) static drain-to-source on-resistance ??? 4.0 5.2 ??? 5.6 7.3 v gs(th) gate threshold voltage 1.1 1.6 2.1 v v gs(th) / t j gate threshold voltage coefficient ??? -5.9 ??? mv/c i dss drain-to-source leakage current ??? ??? 1.0 ??? ??? 150 i gss gate-to-source forward leakage ??? ??? 100 gate-to-source reverse leakage ??? ??? -100 gfs forward transconductance 182 ??? ??? s q g total gate charge ??? 7.4 11 q gs1 pre-vth gate-to-source charge ??? 1.6 ??? q gs2 post-vth gate-to-source charge ??? 0.98 ??? q gd gate-to-drain charge ??? 2.7 ??? q godr gate charge overdrive ??? 2.1 ??? see fig. 15 q sw switch charge (q gs2 + q gd ) ??? 3.68 ??? q oss output charge ??? 8.9 ??? nc r g gate resistance ??? 0.4 t d(on) turn-on delay time ??? 8.2 ??? t r rise time ??? 22 ??? t d(off) turn-off delay time ??? 11 ??? t f fall time ??? 4.8 ??? c iss input capacitance ??? 1038 ??? c oss output capacitance ??? 325 ??? c rss reverse transfer capacitance ??? 74 ??? diode characteristics parameter min. typ. max. units i s continuous source current (body diode) a i sm pulsed source current (body diode)  v sd diode forward voltage ??? ??? 1.0 v t rr reverse recovery time ??? 12 18 ns q rr reverse recovery charge ??? 8.4 13 nc 16 130 v ds = v gs , i d = 25 a m a na nc ns pf v gs = 4.5v, i d = 13a  ??? ??? ??? ??? di/dt = 280a/ s  t j = 25c, i s = 13a, v gs = 0v  showing the integral reverse p-n junction diode. t j = 25c, i f =13a v gs = 0v v ds = 13v i d = 13a v dd = 13v, v gs = 4.5v  conditions v gs = 0v, i d = 250 a reference to 25c, i d = 1ma v gs = 10v, i d = 16a  v gs = 16v v gs = -16v v ds = 20v, v gs = 0v v ds = 13v v ds = 20v, v gs = 0v, t j = 125c mosfet symbol r g = 1.8 v ds = 13v, i d =13a conditions ? = 1.0mhz v ds = 16v, v gs = 0v v gs = 4.5v i d = 13a

  www.irf.com 3 used double sided cooling , mounting pad with large heatsink.
mounted on minimum footprint full size board with metalized back and with small clip heatsink.  r is measured at t j of approximately 90c.   surface mounted on 1 in. square cu (still air).  

 with small clip heatsink (still air)   mounted on minimum footprint full size board with metalized back and with small clip heatsink (still air) fig 3. maximum effective transient thermal impedance, junction-to-ambient  1e-006 1e-005 0.0001 0.001 0.01 0.1 1 10 100 1000 t 1 , rectangular pulse duration (sec) 0.001 0.01 0.1 1 10 100 t h e r m a l r e s p o n s e ( z t h j a ) 0.20 0.10 d = 0.50 0.02 0.01 0.05 single pulse ( thermal response ) notes: 1. duty factor d = t1/t2 2. peak tj = p dm x zthja + tc ri (c/w) i (sec) 20.0398 3.8916 11.5686 0.0561 25.1338 0.6065 3.20948 0.0013 j j 1 1 2 2 3 3 r 1 r 1 r 2 r 2 r 3 r 3 ci= i / ri ci= i / ri a a 4 4 r 4 r 4 absolute maximum ratings parameter units p d @t a = 25c power dissipation p d @t a = 70c power dissipation p d @t c = 25c power dissipation  t p peak soldering temperature t j operating junction and t stg storage temperature range thermal resistance parameter typ. max. units r  ??? 60 r  12.5 ??? r  20 ??? c/w r  ??? 6.3 r 1.0  w/c w c 0.017 270 -40 to + 150 max. 20 2.1 1.3

  4 www.irf.com fig 5. typical output characteristics fig 4. typical output characteristics fig 6. typical transfer characteristics fig 7. normalized on-resistance vs. temperature fig 8. typical capacitance vs.drain-to-source voltage fig 9. typical on-resistance vs. drain current and gate voltage -60 -40 -20 0 20 40 60 80 100 120 140 160 t j , junction temperature (c) 0.6 0.8 1.0 1.2 1.4 1.6 t y p i c a l r d s ( o n ) ( n o r m a l i z e d ) i d = 16a v gs = 10v v gs = 4.5v 1 10 100 v ds , drain-to-source voltage (v) 10 100 1000 10000 c , c a p a c i t a n c e ( p f ) v gs = 0v, f = 1 mhz c iss = c gs + c gd , c ds shorted c rss = c gd c oss = c ds + c gd c oss c rss c iss 0 15 30 45 60 75 90 105 120 135 i d , drain current (a) 0.0 5.0 10.0 15.0 20.0 25.0 30.0 35.0 t y p i c a l r d s ( o n ) ( m ) t j = 25c vgs = 3.5v vgs = 4.5v vgs = 5.0v vgs = 7.0v vgs = 8.0v vgs = 10v vgs = 12v vgs = 15v 0.1 1 10 100 v ds , drain-to-source voltage (v) 0.01 0.1 1 10 100 1000 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) vgs top 10v 5.0v 4.5v 3.5v 3.0v 2.8v 2.5v bottom 2.3v 60 s pulse width tj = 25c 2.3v 0.1 1 10 100 v ds , drain-to-source voltage (v) 0.1 1 10 100 1000 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) vgs top 10v 5.0v 4.5v 3.5v 3.0v 2.8v 2.5v bottom 2.3v 60 s pulse width tj = 150c 2.3v 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 v gs , gate-to-source voltage (v) 0.1 1 10 100 1000 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) t j = 150c t j = 25c t j = -40c v ds = 15v 60 s pulse width

  www.irf.com 5 fig 13. typical threshold voltage vs. junction temperature fig 12. maximum drain current vs. case temperature fig 10. typical source-drain diode forward voltage fig 11. maximum safe operating area fig 14. maximum avalanche energy vs. drain current 25 50 75 100 125 150 t c , case temperature (c) 0 10 20 30 40 50 60 i d , d r a i n c u r r e n t ( a ) -75 -50 -25 0 25 50 75 100 125 150 t j , temperature ( c ) 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 t y p i c a l v g s ( t h ) g a t e t h r e s h o l d v o l t a g e ( v ) i d = 25 a 25 50 75 100 125 150 starting t j , junction temperature (c) 0 20 40 60 80 100 120 140 160 180 200 220 e a s , s i n g l e p u l s e a v a l a n c h e e n e r g y ( m j ) i d top 1.6a 2.4a bottom 13a 0.3 0.5 0.7 0.9 1.1 1.3 v sd , source-to-drain voltage (v) 0.1 1 10 100 1000 i s d , r e v e r s e d r a i n c u r r e n t ( a ) t j = 150c t j = 25c t j = -40c v gs = 0v 0.01 0.1 1 10 100 v ds , drain-tosource voltage (v) 0.1 1 10 100 1000 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) ta = 25c tj = 150c single pulse 1msec 10msec operation in this area limited by r ds (on) 100 sec dc

  6 www.irf.com fig 15a. gate charge test circuit fig 15b. gate charge waveform fig 16b. unclamped inductive waveforms t p v (br)dss i as fig 16a. unclamped inductive test circuit fig 17b. switching time waveforms fig 17a. switching time test circuit r g i as 0.01 t p d.u.t l v ds + - v dd driver a 15v 20v   vds vgs id vgs(th) qgs1 qgs2 qgd qgodr 1k vcc dut 0 l s 20k v ds 90% 10% v gs t d(on) t r t d(off) t f  

1  

0.1 %
 
   + - 

  www.irf.com 7 fig 18. 

    for hexfet  power mosfets   

   ?


 
? 

? 
 
 
 
 !  p.w. period di/dt diode recovery dv/dt ripple 5% body diode forward drop re-applied voltage reverse recovery current body diode forward current v gs =10v v dd i sd driver gate drive d.u.t. i sd waveform d.u.t. v ds waveform inductor curent d = p. w . period        + - + + + - - -   
  ? "# 

$
%  ?  " 
!
&

'('' ?  

$


)) ? '(''
*
 " 
( 
  
       !  
" 
?         

 !"#$%
 & & '()
%   * '  
((  
%
    )  & * d gs d d d g=gate d=drain s=source

  8 www.irf.com 
?          

 !"#$%
 & & '()
%   * '  
((  
%
    )  &  code a b c d e f g h j k l m r p n/a 0.0031 0.007 0.112 0.018 max 0.191 0.156 n/a 0.02 0.08 2.75 0.35 min 4.75 3.70 n/a 0.08 0.17 2.85 0.45 max 4.85 3.95 n/a 0.003 0.0008 0.108 0.014 min 0.146 0.187 metric imperial dimensions 0.035 0.071 0.024 0.020 0.80 1.70 0.58 0.48 0.90 1.80 0.62 0.52 0.067 0.031 0.023 0.019 0.48 0.52 1.08 1.12 0.044 0.043 0.020 0.019 0.023 0.535 0.595 0.021 
?   ! "# gate marking part number logo batch number date code line above the last character of the date code indicates "lead-free"

  www.irf.com 9 data and specifications subject to change without notice. this product has been designed and qualified for the consumer market. qualification standards can be found on ir?s web site. ir world headquarters: 101n sepulveda blvd, el segundo, california 90245, usa tel: (310) 252-7105 tac fax: (310) 252-7903 visit us at www.irf.com for sales contact information . 08/2011 
?  tape & reel dimension (showing component orientation). reel dimensions note: controlling dimensions in mm std reel quantity is 4800 parts. (ordered as IRF6810STRPBF). for 1000 parts on 7" reel, order irf6810str1pbf b c max n.c n.c 0.520 n.c n.c 0.724 0.567 0.606 imperial h min 330.0 20.2 12.8 1.5 100.0 n.c 12.4 11.9 standard option (qty 4800) code a b c d e f g h max n.c n.c 13.2 n.c n.c 18.4 14.4 15.4 min 12.992 0.795 0.504 0.059 3.937 n.c 0.488 0.469 metric g e f min 6.9 0.75 0.53 0.059 2.31 n.c 0.47 0.47 tr1 option (qty 1000) max n.c n.c 12.8 n.c n.c 13.50 12.01 12.01 min 177.77 19.06 13.5 1.5 58.72 n.c 11.9 11.9 metric max n.c n.c 0.50 n.c n.c 0.53 n.c n.c imperial a d loaded tape feed direction a e note: controlling dimensions in mm code a b c d e f g h f b c imperial min 0.311 0.154 0.469 0.215 0.158 0.197 0.059 0.059 max 8.10 4.10 12.30 5.55 4.20 5.20 n.c 1.60 min 7.90 3.90 11.90 5.45 4.00 5.00 1.50 1.50 metric dimensions max 0.319 0.161 0.484 0.219 0.165 0.205 n.c 0.063 d h g


▲Up To Search▲   

 
Price & Availability of IRF6810STRPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X