Part Number Hot Search : 
TS862 1990329 1N5731C AP1116Y 261405B AP1116Y Z86C61 M3100
Product Description
Full Text Search
 

To Download IB1205LD-1W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  thecopyrightandauthorityfortheinterpretationoftheproductsarereservedbymornsun ib_ld-1w&ib_ls-1w 2013.11.21 -b/2 page1of4 features l smallfootprint l sip/dippackage l 1kvdcisolation l temperaturerange:-40 cto+85 c l noheatsinkrequired l internalsmdconstruction l noexternalcomponentrequired l industrystandardpinout l rohscompliance applications theib_ld-1w&ib_ls-1wseriesarespeciallydesigned forapplicationswhereagroupofpolarpowersuppliesare isolatedfromtheinputpowersupplyinadistributedpower supplysystemonacircuitboard. theseproductsapplyto: 1)wherethevoltageoftheinputpowersupplyisfixed (voltagevariation ? 5%); 2) whereisolationisnecessarybetweeninputandoutput (isolationvoltage 1000vdc); 3)wheretheregulationoftheoutputvoltageandtheoutput ripplenoisearedemanded. ib_ld-1w&ib_ls-1wseries 1w,fixedinput,isolated®ulated singleoutputdc-dcconverter patentprotectionrohs modelselection rated power package style output voltage input voltage product series product program model inputvoltage (vdc) outputvoltage (vdc) outputcurrent (ma) inputcurrent (ma)(typ.) efficiency(%) @max.load nominal range max. min. @max. load @no load min. typ. ib0505ld-1w 5 4.75-5.25 5 200 20 299 30 63 67 ib0512ld-1w 12 83 9 278 68 72 ib0515ld-1w 15 67 7 274 69 73 ib0503ls-1w 3.3 303 3 333 56 60 ib0505ls-1w 5 200 20 299 63 67 ib0509ls-1w 9 111 12 286 66 70 ib0512ls-1w 12 83 9 282 67 71 ib0515ls-1w 15 67 7 274 69 73 ib0524ls-1w 24 42 5 294 64 68 IB1205LD-1W 12 11.4-12.6 5 200 20 124 15 63 67 ib1209ld-1w 9 111 12 116 68 72 ib1212ld-1w 12 83 9 119 66 70 b1215ld-1w 15 67 7 113 70 74 ib1205ls-1w 5 200 20 124 63 67 ib1209ls-1w 9 111 12 116 68 72 ib1212ls-1w 12 83 9 119 66 70 ib1215ls-1w 15 67 7 113 70 74 ib1224ls-1w 24 42 5 123 64 68 ib1505ls-1w 15 14.25-15.75 5 200 20 100 15 63 67 ib1515ls-1w 15 67 7 93 68 72 ib1524ls-1w 24 42 5 98 64 68
thecopyrightandauthorityfortheinterpretationoftheproductsarereservedbymornsun ib_ld-1w&ib_ls-1w 2013.11.21 -b/2 page2of4 model inputvoltage (vdc) outputvoltage (vdc) outputcurrent (ma) inputcurrent (ma)(typ.) efficiency(%) @max.load nominal range max. min. @max. load @no load min. typ. ib2405ld-1w 24 22.8-25.2 5 200 20 61 8 64 68 ib2409ld-1w 9 111 12 61 64 68 ib2412ld-1w 12 83 9 57 69 73 ib2415ld-1w 15 67 7 56 71 75 ib2424ld-1w 24 42 5 61 64 68 ib2405ls-1w 5 200 20 61 64 68 ib2409ls-1w 9 111 12 61 64 68 ib2412ls-1w 12 83 9 57 69 73 ib2415ls-1w 15 67 7 56 71 75 ib2424ls-1w 24 42 5 61 64 68 outputspecifications item testcondition min. typ. max. unit lineregulation forvinchangeof 5% -- -- 0.25 % loadregulation 10%to100%load -- 1 2 outputvoltageaccuracy 100%load -- -- 3 temperaturedrift 100%load -- -- 0.03 %/ outputripple* 20mhzbandwidth -- 10 20 mvp-p outputnoise* 20mhzbandwidth -- 50 75 *testrippleandnoiseby parallelcable method. seedetailedoperationinstructionsatdc-dcapplicationnotes. commonspecification item testconditions min. typ. max. unit storagehumidityrange noncondensing -- -- 95 % operatingtemperature -40 -- 85 storagetemperature -55 -- 125 leadtemperature ta=25 c -- 15 25 temp.riseatfullload 1.5mmfromcasefor10seconds -- -- 300 cooling freeairconvection casematerial plastic(ul94-v0) shortcircuitprotection *ibxx05(ls/ld)-1w ibxx24(ls/ld)-1w -- -- 1 s others continuous switchingfrequency 100%load,nominalinput -- 120 300 khz mtbf mil-hdbk-217f@25 3500 -- -- khours weight ib_ls-1w/ib_ls-w75 -- 2.1 -- g ib_ld-1w/ib_ld-w75 -- 2.4 -- g * supplyvoltagemustbediscontinuedattheendofshortcircuitduration. isolationspecifications item testcondition min. typ. max. unit isolationvoltage input-output,testedfor1minuteandleakagecurrent lessthan1ma 1000 -- -- vdc isolationresistance input-output,testat500vdc 1000 -- -- m isolationcapacitance input-output,100khz/0.1v -- 60 -- pf
thecopyrightandauthorityfortheinterpretationoftheproductsarereservedbymornsun ib_ld-1w&ib_ls-1w 2013.11.21 -b/2 page3of4 typicalcharacteristics operating temp.( ) c temperature derating graph outline dimensions & p in connections ib_ls-1w/ib_ls-w75 ib_ld-1w/ib_ld-w75
thecopyrightandauthorityfortheinterpretationoftheproductsarereservedbymornsun ib_ld-1w&ib_ls-1w 2013.11.21 -b/2 page4of4 note: 1. operationunderminimumloadwillnotdamagetheconverter;however,theymaynotmeetallspecifications. 2. max.capacitiveloadistestedatnominalinputvoltageandfullload. 3. unlessotherwisenoted,allspecificationsaremeasuredatta=25 c,humidity<75%,nominalinputvoltageandratedoutputload. 4. inthisdatasheet,alltestmethodsarebasedonourcorporatestandards. 5. allcharacteristicsareforlistedmodels,andnon-standardmodelsmayperformdifferently.pleasecontactourtechnicalsupportformoredetail. 6. pleasecontactourtechnicalsupportforanyspecificrequirement. 7. specificationsofthisproductaresubjecttochangeswithoutpriornotice. mornsunscience&technologyco.,ltd. address:no.5,kehuist.1,kehuidevelopmentcenter,scienceave.,guangzhousciencecity,luogangdistrict,guangzhou,p.r.china. tel:86-20-38601850 fax:86-20-38601272 e-mail: info@mornsun.cn http://www.mornsun-power.com applicationnote 1)requirementonoutputload toensurethismodulecanoperateefficientlyandreliably,duringoperation,theminimumoutputloadcouldnotbelessthan10%ofthefullload. iftheactualoutputpowerisverysmall,pleaseconnectaresistorwithproperresistanceattheoutputendinparalleltoincreasetheload. 2)recommendedcircuit ifyouwanttofurtherdecreasetheinput/outputripple,an lc filteringnetworkmaybeconnectedtotheinputandoutputendsofthedc/dc converter,see(figure1). l vin gnd +vo 0v dc cin l dc cout (figure1) itshouldalsobenotedthattheinductanceandthefrequencyofthe lc filteringnetworkshouldbestaggeredwiththedc/dcfrequencytoavoid mutualinterference.however,thecapacitanceoftheoutputfiltercapacitormustbeproper.ifthecapacitanceistoobig,astartupproblemmight arise.foreverychannelofoutput,providedthesafeandreliableoperationisensured,thegreatestcapacitanceofitsfiltercapacitorsees(table1). externalcapacitortable(table1) it snotrecommendtoconnectanyexternalcapacitorintheapplicationfieldwithlessthan0.5wattoutput. 3)overloadprotection undernormaloperatingconditions,theoutputcircuitoftheseproductshasnoprotectionagainstover-currentandshort-circuits.thesimplest methodistoconnectaself-recoveryfuseinseriesattheinputendoraddacircuitbreakertothecircuit. 4)inputover-voltageprotectioncircuit thesimplestdeviceforinputover-voltageprotectionisalinearvoltageregulatorwithoverheatprotectionthatisconnectedtotheinputendin series(figure2). vin gnd reg +vo dc dc 0v (figure2) 5)whentheenvironmenttemperatureishigherthan71 c,theproductoutputpowershouldbelessthen60%oftheratedpower. 6)itisnotrecommendedtoincreasetheoutputpowercapabilitybyconnectingtwoormoreconvertersinparallel.theproductisnot hot-swappable. vin (vdc) cin ( f) vout (vdc) cout ( f) 5 4.7 3.3/5 10 12 4.7 9 4.7 15 2.2 12 2.2 24 1 15 1 -- -- 24 0.47


▲Up To Search▲   

 
Price & Availability of IB1205LD-1W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X