Part Number Hot Search : 
DTA115T 00104 3KP13A 356AJ 73600 CP2200A EH14Z1 F1621
Product Description
Full Text Search
 

To Download HBCA144EC6 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cystech electronics corp. spec. no. : c155c6 issued date : 2013.10.02 revised date : page no. : 1/7 HBCA144EC6 cystek product specification pnp and npn dual digital transistors HBCA144EC6 features ?built-in bias resistors enable the co nfiguration of an inverter circu it without connecting external input resistors (see equi valent circuit). ?the bias resistors consist of thin-f ilm resistors with complete isolati on to allow positive biasing of the input for pnp transistor, and nega tive biasing of the input for npn transistor. they also have the advantage of almost completely eliminating parasitic effects. ? only the on/off conditions need to be set for operation, making device design easy. ? one dta144e chip and one dtc144e chip in a sot-563 package. ? mounting by sot-523 automatic mounting machines is possible. ?mounting cost and area can be cut in half. ? transistor elements are indepe ndent, eliminating interference. ?pb-free lead plating and halogen-free package. equivalent circuit outline ordering information device package shipping HBCA144EC6-0-t1-g sot-563 (pb-free lead plating and halogen-free package) 3000 pcs / tape & reel sot-563 HBCA144EC6 r b 1=47k , r b 2=47k r be 1=47k , r be 2=47k tr1 tr2 r b 1 r be 2 r be 1 r b 2 e1 b1 c2 c1 b2 e2 environment friendly grade : s for rohs compliant products, g for rohs compliant and green compound products packing spec, t1 : 3000 pc s / tape & reel, 7? reel product rank, zero for no rank products product name
cystech electronics corp. spec. no. : c155c6 issued date : 2013.10.02 revised date : page no. : 2/7 HBCA144EC6 cystek product specification absolute maximum ratings (ta=25 ) limits parameter symbol tr1(npn) tr2(pnp) unit supply voltage v cc 50 -50 v input voltage v in -10~+40 -40~+10 v i o 30 -30 ma output current i o(max.) 100 -100 ma total power dissipation pd 150 (note) mw junction temperature tj 150 c storage temperature tstg -55~+150 c note : 120mw per element must not be exceeded. characteristics (ta=25 ) ?tr1(npn) parameter symbol min. typ. max. unit test conditions v i(off) - - 0.5 v v cc =5v, i o =100 a input voltage v i(on) 3 - - v v o =0.3v, i o =2ma output voltage v o(on) - - 0.3 v i o /i i =10ma/0.5ma input current i i - - 0.18 ma v i =5v output current i o(off) - - 0.5 a v cc =50v, v i =0v dc current gain g i 68 - - - v o =5v, i o =5ma input resistance r 1 32.9 47 61.1 k - resistance ratio r 2 /r 1 0.8 1 1.2 - - transition frequency f t - 250 - mhz v ce =10v, i c =5ma, f=100mhz * * transition frequency of the device ?tr2(pnp) parameter symbol min. typ. max. unit test conditions v i(off) - - -0.5 v v cc =-5v, i o =-100 a input voltage v i(on) -3 - - v v o =-0.3v, i o =-2ma output voltage v o(on) - - -0.3 v i o /i i =-10ma/-0.5ma input current i i - - -0.18 ma v i =-5v output current i o(off) - - -0.5 a v cc =-50v, v i =0v dc current gain g i 68 - - - v o =-5v, i o =-5ma input resistance r 1 32.9 47 61.1 k - resistance ratio r 2 /r 1 0.8 1 1.2 - - transition frequency f t - 250 - mhz v ce =-10v, i c =-5ma, f=100mhz * * transition frequency of the device
cystech electronics corp. spec. no. : c155c6 issued date : 2013.10.02 revised date : page no. : 3/7 HBCA144EC6 cystek product specification characteristic curves ?tr1( npn) dc current gain vs output current 1 10 100 1000 0.1 1 10 100 output current --io(ma) current gain--- hfe vo = 5v output voltage vs output current 10 100 1000 11 0 output current ---io(ma) output voltage---vo(on)(mv) 1 0 0 io / ii = 20 input voltage vs output current (on characteristics) 0.1 1 10 0.1 1 10 100 output current --- io(ma) input voltage --- vi(on)(v) vo = 0.3v output current vs input voltage (off characteristics) 0.1 1 10 0.1 1 10 input voltage --- vi(off)(v) output current --- io(ma) vcc = 5v
cystech electronics corp. spec. no. : c155c6 issued date : 2013.10.02 revised date : page no. : 4/7 HBCA144EC6 cystek product specification ?tr2( pnp) dc current gain vs output current 10 100 1000 1 10 100 output current---io(ma) current gain--- hfe vo=5v output voltage vs output current 10 100 1000 11 0 output current ---io(ma) output voltage---vo(on)(mv) 1 0 0 io/ii=20 input voltage vs output current (on characteristics) 1 10 0.1 1 10 100 output current ---io(ma) input voltage --- vi(on)(v) vo=0.3v output current vs input voltage (off characteristics) 0.1 1 10 100 0.1 1 10 100 input voltage --- vi(off)(v) output current --- io(ma) vcc=5v power derating curves 0 20 40 60 80 100 120 140 160 0 50 100 150 200 ambient temperature --- ta( ) power dissipation---pd(mw) dual single
cystech electronics corp. spec. no. : c155c6 issued date : 2013.10.02 revised date : page no. : 5/7 HBCA144EC6 cystek product specification reel dimension carrier tape dimension
cystech electronics corp. spec. no. : c155c6 issued date : 2013.10.02 revised date : page no. : 6/7 HBCA144EC6 cystek product specification recommended wave soldering condition peak temperature soldering time product pb-free devices 260 +0/-5 c 5 +1/-1 seconds recommended temperature profile for ir reflow profile feature sn-pb eutectic assembly pb-free assembly average ramp-up rate (tsmax to tp) 3 c/second max. 3 c/second max. preheat ? temperature min(t s min) ? temperature max(t s max) ? time(ts min to ts max ) 100 c 150 c 60-120 seconds 150 c 200 c 60-180 seconds time maintained above: ? temperature (t l ) ? time (t l ) 183 c 60-150 seconds 217 c 60-150 seconds peak temperature(t p ) 240 +0/-5 c 260 +0/-5 c time within 5 c of actual peak temperature(tp) 10-30 seconds 20-40 seconds ramp down rate 6 c/second max. 6 c/second max. time 25 c to peak temperature 6 minutes max. 8 minutes max. note : all temperatures refer to topside of t he package, measured on the package body surface.
cystech electronics corp. spec. no. : c155c6 issued date : 2013.10.02 revised date : page no. : 7/7 HBCA144EC6 cystek product specification sot-563 dimension inches millimeters inches millimeters marking: product code date code: year+month year: 6 2006, 7 2007 month: 1 1, 2 2, ??? 9 9, a 10, b 11, c 12 13 6-lead sot-563 plastic surface mounted package cystek package code: c6 style: pin 1. emitter1 (e1) pin 2. base1 (b1) pin 3. collector2 (c2) pin 4. emitter2 (e2) pin 5. base2 (b2) pin 6. collector1 ( c1 ) dim min. max. min. max. dim min. max. min. max. a 0.021 0.024 0.525 0.600 b 0.007 0.011 0.170 0.270 a1 0.000 0.002 0.000 0.050 e1 0.043 0.051 1.100 1.300 e 0.018 0.022 0.450 0.550 e 0.059 0.067 1.500 1.700 c 0.004 0.006 0.090 0.160 l 0.004 0.012 0.100 0.300 7 ref 7 ref 0.059 0.067 1.500 1.700 d notes : 1 .controlling dimension : millimeters. 2.maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 3.if there is any question with packing specification or packing method, please c ontact your local cystek sales office. material : ? lead : pure tin plated. ? mold compound : epoxy resin family, flammability solid burning class:ul94v-0. important notice: ? all rights are reserved. reproduction in whole or in part is prohibited without the prior written approval of cystek. ? cystek reserves the right to make changes to its products without notice. ? cystek semiconductor products are not warranted to be suitable for use in life-support applications, or systems. ? cystek assumes no liability for any consequence of customer pr oduct design, infringement of pat ents, or application assistance .


▲Up To Search▲   

 
Price & Availability of HBCA144EC6

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X