Part Number Hot Search : 
RBC1006 RBC1006 AP1701AW D217RW RBC1006 L1024 00206 7ASCLH
Product Description
Full Text Search
 

To Download GBPC50005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  elektronische bauelemente gbpc 50 series voltage 50v ~ 1000v 50 amp glass passivated bridge rectifiers ? features . surge overload 200 ~ 400 amperes peak . low forward voltage drop . mounting position : any . electrically isolated base ? 2000 volts . solderable 0.25? faston terminals . materials used carries u/l recognition ? maximum ratings and electrical characteristics rating 25 : ambient temperature unless otherwise specified . resistive or inductive load 60hz for capacitive load current by 20%. gbpc type number 50005 5001 5002 5004 5006 5008 5010 units maximum recurrent peak peak reverse voltage 50 100 200 400 600 800 1000 v maximum rms bridge input voltage 35 70 140 280 420 560 700 v maximum average forward rectified output current @tc=55 : 50 a peak forward surge current maximum forward voltage drop per element at 25a maximum reverse current at rate dc blocking voltage per element @t a =25 : 10 a operating temperature range tc -55 to +150 : storage temperature range t a -55 to +150 : http://www.secosgmbh.com/ any changing of specification will not be informed individual 0 1 - j u n - 2 0 0 2 r e v . a p a g e 1 o f 2 4 5 0 v 1. 1 v 450 a 8.3ms single half sine-w ave gbpc metal heat sink (2.4) 0.94 diam hole for no.8 screw 193"(4.9)diam .242(6.15) .254(6.45) .035(0.9) .028(0.7) 1.114(28.3) 1.130(28.7) .661(16.8) .648(16.4) .555(14.1) .571(14.5) .648(16.4) .661(16.8) 1.130(28.7) 1.114(28.3) .335(8.5) .295(7.5) .882(22.4) .921(23.4) .720(18.3) .705(17.9) g g dimensions in inches and(millimeters) rohs compliant product a suf fix of ?-c? sp ecifies halogen-free.
elektronische bauelemente gbpc 50 series voltage 50v ~ 1000v 50 amp glass passivated bridge rectifiers ? rating and characteristic curves http://www.secosgmbh.com/ any changing of specification will not be informed individual 01-jun-2002 rev. a page 2 of 2 i n s t a n t a n e o u s f o r w a rd v o l t a g e , v o l ts i n s t a n t a n e o u s f o r w a r d c u r r e n t , a m p e r e s fi g . 3 - t y p i c a l f o r w a rd ch a r a c t e r i s t i cs 100 10 1 .0 0 .1 0 . 01 0 .6 0 .8 1 .0 1 .2 1 .4 0 .4 1 .6 b a v e r a g e f o r w a r d o u t p u t c u r r e n t , a m p e r e s fi g . 2 - d e r a t i n g cur ve o u t p u t r e c t ifi e d curr e nt t e m pe r a t ur e, 150 100 4 0 0 2 0 6 0 8 0 10 0 50 10 1 .0 0 .1 0 . 01 0 120 20 40 60 80 100 140 t j = 25 pe rc e n t o f r a t e d peak r eve r se v o l t a ge i n s t a n t a n e o u s r e v e r s e c u r r e n t , m i c r o a m p e r e s fi g . 4 - t y p i c a l r eve r se ch a r a c t e r i s t i cs nu m be r o f c y c l es a t 60 hz p e a k f o r w a r d s u r g e c u r r e n t , a m p e r e s fi g . 1 - m a x m un f o r w a rd s ur g e curr e nt 200 0 350 400 300 100 10 1 500 g bp c 50


▲Up To Search▲   

 
Price & Availability of GBPC50005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X