Part Number Hot Search : 
AD524 30KPA85A R24D05 L780S20 M00000 CL3225 JST40 CL3225
Product Description
Full Text Search
 

To Download GBPC50005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  glass passivated single-ohase bpidge rectifier e-mail: sales@cnmic.com web site: www.cnmic.com voltage range 50 to 1000 volts GBPC50005 thru gbpc5010 current 50.0 amperes features plastic package has ul flammability classification 94v-0 integrally molded heatsink provides very low thermal resistance for maximum heat dissipation high forward surge capacity glass passivated chip junction high isolation voltage from case to lugs high temperature soldering guaranteed: 260 /10 seconds, mechanical data case:epoxy, molded plastic with integrally mounted heatsink terminals: plated 0.25 (6.35mm) lug polarity: polarity symbols market on case mounting: thru hole for #10 screw, 20 in-lbs torque max. see note 3 weight: 0.62 ounce, 17.5 gram maximum ratings and electrical characteristics ratings at 25 ambient temperature unless otherwise specified single phase, half wave, 60hz, resistive or inductive load for capacitive load derate current by 20% symbols gbpc 50005 gbpc 5001 gbpc 5002 gbpc 5004 gbpc 5006 gbpc 5008 gbpc 5010 unit maximum repetitive peak reverse voltage v rrm 50 100 200 400 600 800 1000 volts maximum rms voltage v rms 35 70 140 280 420 560 700 volts maximum dc blocking voltage v dc 50 100 200 400 600 800 1000 volts maximum average forward rectified current at t c =55 (see fig.1) i (av) 50 amps peak forward surge current 8.3ms single half sine wave superimposed on rated load (jedec method) i fsm 500 amps rating for fusing (t 8.3ms) i 2 t 1037 a 2 s maximum instantaneous forward voltage drop per bridge element 25.0a v f 1.1 volts t a = 25 5.0 maximum dc reverse current at rated dc blocking voltage per element t a = 125 i r 1.0 a isolation voltage from case to lug v iso 2500 volts typical thermal resistance (note 1 and 2) r jc 1.6 /w operating junction temperature t j (-55 to +150) storage temperature range t stg (-55 to +150) notes: 1.unit mounted on 9 3.5 4.6 (23cm 9cm 11.8cm) al plate. 2.bolt down on heat-sink with silicon thermal compound between bridge and mounting surface for maximum heat transfer efficiency with#10 screw - + ac ac metal heat sink #10 screw hole for .100(5.08) .220(5.59) .740(18.8) .840(21.3) .25(6.35) .290(7.36) .310(7.87) 0.030(.76) 0.034(.86) 0.094(2.4)dia. .692(17.6) .732(18.6) .542(13.8) .582(14.8) .632(16.1) .672(17.1) 1.115(28.3) 1.135(28.8) .632(16.1) 0.72(17.1) 1.115(28.3) 1.135(28.8) dimensions in inches and ( millimeters ) gbpc35
glass passivated single-ohase bpidge rectifier e-mail: sales@cnmic.com web site: www.cnmic.com voltage range 50 to 1000 volts GBPC50005 thru gbpc5010 current 50.0 amperes 80 35 45 20 15 10 05 25 30 50 40 100 60 40 20 0 0.01 0.1 10 100 1.0 140 120 100 80 60 40 20 0 0.4 0.60.81.01.21.41.6 1.8 0.1 1.0 100 10 0.01 700 80 60 40 8 6 420 1 10 100 400 300 200 100 2 600 500 50 45 0255075100125 150 175 0 5 10 15 20 25 30 35 40 1 cycle b r i d g e ( w ) a v e r a g e p o w e r d i s s i p a t i o n o f i n s t a n t a n e o u s r e v e r s e c u r r e n t , ( a ) ( a ) i n s t a n t a n e o u s f o r w a r d c u r r e n t , c u r r e n t , ( a ) p e a k f o r w a r d s u r g e a v e r a g e f o r w a r d c u r r e n t , ( a ) average output current, ( a ) percent of rated peak reverse voltage, ( % ) instantaneous forward voltage, ( v ) number of cycles at 60 hz case temperature ( ) fig. 5- maximum power dissipation per bridge lement characteristics fig. 4 - typical reverse fig. 3- typical forward characteristics per bridge lement fig. 2 - maximum non-repetitive peak forward surge current per leg output rectified current fig. 1 - derating curve for resistive or inductive load max j j t =t capacitive load t =100 j t =25 j j t =25 pulse width=300 s 1% duty cycle ( jedec method ) t =t j j max 8.3ms single half-wave resistive load lnductive of half wave 60hz single phase (23 9 11.8cm) al. finned plate heat sink mounting 9" 3.5" 4.6" thick ratings and characteristics curves GBPC50005 thru gbpc5010


▲Up To Search▲   

 
Price & Availability of GBPC50005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X