Part Number Hot Search : 
OL5112L PL6002JP 0000MH G4BC2 H1086 STK5006P PG308R AN7513
Product Description
Full Text Search
 

To Download EMEM8004 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  euro quartz euroquartz limited blacknell lane crewkerne somerset uk ta18 7he tel: +44 (0)1460 230000 fax: +44 (0)1460 230001 email: info@euroquartz.co.uk www.euroquartz.co.uk description the euroquartz EMEM8004 oscillator range are programmable mems (micro electro-mechanical system) devices offering excellent jitter and stability performance over a wide range of supply voltages and temperature ranges (up to -40 to +105c). EMEM8004 parts incorporate an all-silicon resonator that is robust and perfoms well in high shock and vibration environments. EMEM8004 oscillators are available in four, industry-standard smd packages: 7 x 5mm, 5 x 3.2mm, 3.2 x 2.5mm and 2.5 x 2.0mm. the part may be 'dropped in' to most pcb footprints as standard crystal oscillators. the EMEM8004 oscillators have the same functionality as emem8001 parts but with a greater output drive (c l = 40pf) the programmable EMEM8004 series are available on very short leadtimes. electrical specifications features frequency range 1.0mhz to 150mhz frequency stability 20, 25 or 50ppm operating voltage: 1.71v to 3.60v operating temperature range ext. commercial: -20 to +70c industrial: -40 to +85c ext. industrial: -40 to +105c operating and standby current 8ma operating (40mhz) 15a standby ultra-miniature footprint 2.5 x 2.0 x 0.85mm 3.2 x 2.5 x 0.85mm 5.0 x 3.2 x 0.85mm 7.0 x 5.0 x 0.85mm excellent shock & vibration resistance pb free, rohs, reach svhc compliant iso9001 (2008) qualified page 1 of 5 parameter symbol condition min. typ. max. unit frequency f 0 single frequency 1 150 mhz frequency tolerance ?f includes frequency variations due to initial tolerance, temperature and power supply voltage. 10, 25 & 50 ppm ageing ?f 1 year @ 25 5 ppm supply current, standby i dd t = 25c 15 a output startup time 2 t su t = 25c 1.0 1.3 ms output disable time t da 20 100 ns output duty cycle sym 45 55 % input logic levels input logic high input logic low v ih v il 0.75*v dd 0.25*v dd volts 1. absolute maximum ratings are those values beyond which the safety of the device cannot be guaranteed. the device should not be operated beyond these limits. 2. output frequency to within 100ppm of final stable output frequency. 3. see typical cycle to cycle jitter graph for frequency dependence. programmable low power precision cmos EMEM8004 - mems oscillator 1.0mhz to 150.0mhz
euro quartz euroquartz limited blacknell lane crewkerne somerset uk ta18 7he tel: +44 (0)1460 230000 fax: +44 (0)1460 230001 email: info@euroquartz.co.uk www.euroquartz.co.uk page 2 of 5 parameter symbol range supply voltage v dd 1.71 ~3.60v output load z l r>10k , c40pf operating temperature option 1 option 2 option 3 t -40 to +105c -40 to +85c -20 to +70c recommended operating conditions example: EMEM8004 ce1 - 123.000 t package, temp., & stability output frequency 1.0 to 150mhz blank = tubes t = tape & reel family ordering code standby# (pin 1) output (pin 3) high level output on open (not connected) output on low level high impedance standby function package (plastic qfn) temperature stability frequency packing option p=a: 7.0 x 5.0mm p=b: 5.0 x 3.2mm p=c: 3.2 x 2.5mm p=d: 2.5 x 2.0mm t=e:-20 ~ +70c t=i:-40 ~ +85c t=l:-40 ~ +105c s=1: 50ppm s=2: 25ppm s=3: 10ppm xxx.xxx blank: tubes t: tape & reel order in the form: EMEM8004pts-frequency-supply format example: EMEM8004ce1-123.000t ordering information absolute maximum ratings item min. max. unit condition supply voltage -0.3 +4.0 v input voltage -0.3 vdd+0.3 v junction temp. - +150 c storage temp. -55 +150 c soldering temp. - +260 c 40 sec. max. esd hbm mm cdm - 4000 200 1500 v this is an 123.000mhz oscillator in a plastic 3.2 x 2.5mm package; stability 50ppm over -20 to +70c, shipped in tape and reel. programmable low power precision cmos EMEM8004 - mems oscillator 1.0mhz to 150.0mhz
euro quartz euroquartz limited blacknell lane crewkerne somerset uk ta18 7he tel: +44 (0)1460 230000 fax: +44 (0)1460 230001 email: info@euroquartz.co.uk www.euroquartz.co.uk electrical specifications parameter symbol condition min. typ. max. unit supply current no load i dd c l = 0p r l = t = 25c 1mhz 27mhz 70mhz 150mhz 5.9 6.7 8.0 10.6 6.2 7.1 8.5 11.9 ma output logic levels output logic high output logic low v oh v ol -6ma 6ma 0.8*v dd 0.2*v dd ns output transition time rise time fall time t r t f c l = 40pf; t = 25c 20%/80%*v dd 1.4 1.1 3 3 ns output transition time rise time fall time t r t f c l = 40pf; t = 25c 10%/90%*v dd 2.2 1.8 4 4 ns period jitter j p f = 100mhz 3 10 105 ps rms vdd = 1.8v vdd = 2.5v vdd = 3.3v page 3 of 5 parameter symbol condition min. typ. max. unit supply current no load i dd c l = 0p r l = t = 25c 1mhz 27mhz 70mhz 150mhz 6.1 7.2 8.9 12.2 6.4 7.5 9.4 13.9 ma output logic levels output logic high output logic low v oh v ol -6ma 6ma 0.9*v dd 0.2*v dd ns output transition time rise time fall time t r t f c l = 40pf; t = 25c 20%/80%*v dd 1.1 0.9 2 2 ns output transition time rise time fall time t r t f c l = 15pf; t = 25c 10%/90%*v dd 1.7 1.5 3.5 3 ns period jitter j p f = 100mhz 3 5 10 ps rms parameter symbol condition min. typ. max. unit supply current no load i dd c l = 0p r l = t = 25c 1mhz 27mhz 70mhz 150mhz 6.2 7.6 10.0 14.4 6.4 7.5 9.4 13.9 ma output logic levels output logic high output logic low v oh v ol -8ma 8ma 0.9*v dd 0.1*v dd ns output transition time rise time fall time t r t f c l = 40pf; t = 25c 20%/80%*v dd 0.8 0.8 2 2 ns output transition time rise time fall time t r t f c l = 40pf; t = 25c 10%/90%*v dd 1.4 1.3 3 3 ns period jitter j p f = 100mhz 3 5 10 ps rms programmable low power precision cmos EMEM8004 - mems oscillator 1.0mhz to 150.0mhz
euro quartz euroquartz limited blacknell lane crewkerne somerset uk ta18 7he tel: +44 (0)1460 230000 fax: +44 (0)1460 230001 email: info@euroquartz.co.uk www.euroquartz.co.uk 7.0 x 5.0mm plastic package board layout (recommended) solder reflow profile package dimensions msl1 @ 260c refer to jstd-020c ramp-up rate (200c to peak temp.) 3c/s max. preheat time 150c to 200c 60-180s time maintained above 217c 60-150s peak temperature 255-260c time within 5c of actual peak 20-40s ramp-down rate 6c/s max. time 25c to peak temperature 8 min max. page 4 of 5 programmable low power precision cmos EMEM8004 - mems oscillator 1.0mhz to 150.0mhz
euro quartz euroquartz limited blacknell lane crewkerne somerset uk ta18 7he tel: +44 (0)1460 230000 fax: +44 (0)1460 230001 email: info@euroquartz.co.uk www.euroquartz.co.uk 5.0 x 3.2mm plastic package 3.2 x 2.5mm plastic package 2.5 x 2.0mm plastic package page 5 of 5 programmable low power precision cmos EMEM8004 - mems oscillator 1.0mhz to 150.0mhz


▲Up To Search▲   

 
Price & Availability of EMEM8004

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X