Part Number Hot Search : 
16LV8 EL4544 24223 0F9TRP00 HA8002 B1422BB1 STBC0 MAX6037
Product Description
Full Text Search
 

To Download EEEHA2A3R3P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  design and speci cations are each subject to change without notice. ask factory for the current technical speci cations before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. aluminum electrolytic capacitors/ ha C eee-17 C  )" k capacitance (f) rated voltage mark series identi?cation lot number negative polarity marking (C) mark for lead-free products black dot (square) a0.2 w ( ) reference size 0 d0.5 h b0.2 (i) k (p) (i) l + C 0.3 max. pressure relief ( 0 10 and larger) features endurance: 105 c 1000 h vibration-proof product is available upon request. ( 0 8 mm and larger) aec-q200 quali? ed ? rohs directive compliant surface mount type series: ha type: v specifi cations di men sions in mm (not to scale) marking example:6.3 v 22 f (polarized) marking color : black category temp. range C40 c to +105 c rated w.v. range 6.3 v.dc to 100 v.dc nominal cap. range 1 f to 1500 f capacitance tolerance 20 % (120 hz/+20 c) dc leakage cur rent i < 0.01 cv or 3 (a) after 2 minutes (whichever is greater) tan d please see the attached standard products list characteristics at low temperature w.v. (v) 6.3 10 16 25 35 50 63 100 (impedance ratio at 120 hz) z(C25 c)/z(+20 c) 43222233 z(C40 c)/z(+20 c) 86443344 endurance after applying rated working voltage for 1000 hours at +105 c2 c and then being stabilized at +20 c, capacitors shall meet the following limits. capacitance change 20 % of initial measured value (6.3 w.v. of miniature : 30 %) tan d < 200 % of initial speci? ed value dc leakage current < initial speci? ed value shelf life after storage for 1000 hours at +105 c2 c with no voltage applied and then being stabilized at +20 c, capacitors shall meet the limits speci? ed in endurance. (with voltage treatment) resistance to soldering heat after re? ow soldering and then being stabilized at +20 c, capacitor shall meet the following limits. capacitance change 10 % of initial measured value tan d < initial speci? ed value dc leakage current < initial speci? ed value s ha hight-temperature assuranceize size code d l a, b h i w p k b 4.0 5.4 - 0.2 4.3 5.5 max. 1.8 0.650.1 1.0 0.35 - 0.20 c 5.0 5.4 - 0.2 5.3 6.5 max. 2.2 0.650.1 1.5 0.35 - 0.20 d 6.3 5.4 - 0.2 6.6 7.8 max. 2.6 0.650.1 1.8 0.35 - 0.20 d8 6.3 7.70.3 6.6 7.8 max. 2.6 0.650.1 1.8 0.35 - 0.20 e 8.0 6.20.3 8.3 9.5 max. 3.4 0.650.1 2.2 0.35 - 0.20 f 8.0 10.20.3 8.3 10.0 max. 3.4 0.900.2 3.1 0.700.20 g 10.0 10.20.3 10.3 12.0 max. 3.5 0.900.2 4.6 0.700.20 + 0.1 + 0.1 + 0.1 + 0.15 + 0.15 + 0.15 + 0.15 + 0.15 frequency (hz) 50, 60 120 1 k 10 k to correction factor 0.70 1.00 1.30 1.70 frequency correction factor for ripple current j 6.3 v a 10 v c 16 v e 25 v rated voltage mark v 35 v h 50 v j 63 v 2a 100 v (unit : mm) ? this product qualify for aec-q200, but it has some deviations. 02 mar. 2014
design and speci cations are each subject to change without notice. ask factory for the current technical speci cations before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. aluminum electrolytic capacitors/ ha C eee-18 C standard prod ucts w.v. cap. (20 %) case size speci? cation part no. (rohs:compliant) re? ow min. packaging q'ty dia. length ? size code ripple current (120 hz) (+105c) tan d (120 hz) (+20 c) taping (v) (f) (mm) (mm) (ma r.m.s.) (pcs) 6.3 22 4 5.4 b 29 0.30 eeeha0j220r (1) 2000 33 4 5.4 (b) 29 0.35 eeeha0j330wr (1) 2000 47 45.4(b)360.35 eeeha0j470wr (1) 2000 55.4c460.30 eeeha0j470r (1) 1000 100 55.4(c)470.35 eeeha0j101wr (1) 1000 6.3 5.4 d 71 0.30 eeeha0j101p (1) 1000 220 6.3 5.4 (d) 74 0.35 eeeha0j221wp (1) 1000 330 6.3 7.7 d8 105 0.30 eeeha0j331xp (1) 9 0 0 810.2 f2300.35 eeeha0j331p (2) 500 470 8 10.2 (f) 300 0.35 eeeha0j471up (2) 500 1000 810.2(f)3000.35 eeeha0j102up (2) 500 10 10.2 g 400 0.35 eeeha0j102p (2) 500 1500 10 10.2 g 480 0.35 eeeha0j152p (2) 500 10 22 4 5.4 (b) 28 0.30 eeeha1a220wr (1) 2000 33 45.4(b)290.30 eeeha1a330wr (1) 2000 55.4c430.22 eeeha1a330r (1) 1000 47 5 5.4 (c) 43 0.30 eeeha1a470wr (1) 1000 100 6.3 5.4 (d) 71 0.30 eeeha1a101wp (1) 1000 86.2e1100.26 eeeha1a101p (2) 1000 220 6.3 7.7 d8 105 0.22 eeeha1a221xp (1) 9 0 0 810.2 f 1600.26 eeeha1a221p (2) 500 470 810.2(f)2000.26 eeeha1a471up (2) 500 10 10.2 g 270 0.26 eeeha1a471p (2) 500 1000 10 10.2 g 400 0.26 eeeha1a102p (2) 500 16 10 4 5.4 b 28 0.16 eeeha1c100r (1) 2000 22 45.4(b)280.26 eeeha1c220wr (1) 2000 55.4c390.16 eeeha1c220r (1) 1000 33 5 5.4 (c) 35 0.26 eeeha1c330wr (1) 1000 47 55.4(c)390.26 eeeha1c470wr (1) 1000 6.3 5.4 d 70 0.16 eeeha1c470p (1) 1000 100 6.3 5.4 (d) 70 0.26 eeeha1c101wp (1) 1000 220 6.3 7.7 d8 105 0.16 eeeha1c221xp (1) 9 0 0 810.2(f)1500.20 eeeha1c221up (2) 500 10 10.2 g 210 0.20 eeeha1c221p (2) 500 330 810.2(f)1700.20 eeeha1c331up (2) 500 10 10.2 g 230 0.20 eeeha1c331p (2) 500 470 810.2(f)3400.20 eeeha1c471up (2) 500 10 10.2 g 340 0.20 eeeha1c471p (2) 500 680 10 10.2 g 380 0.20 eeeha1c681p (2) 500 ? size code( ):miniaturization product please refer to the page of re? ow pro? le and the taping dimensions. when requesting vibration-proof product, please put the last v instead to p endurance : 105 c 1000 h 02 mar. 2014
design and speci cations are each subject to change without notice. ask factory for the current technical speci cations before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. aluminum electrolytic capacitors/ ha C eee-19 C standard prod ucts w.v. cap. (20 %) case size speci? cation part no. (rohs:compliant) re? ow min. packaging q'ty dia. length ? size code ripple current (120 hz) (+105c) tan d (120 hz) (+20 c) taping (v) (f) (mm) (mm) (ma r.m.s.) (pcs) 25 4.7 4 5.4 b 22 0.14 eeeha1e4r7r (1) 2000 10 45.4(b)220.20 eeeha1e100wr (1) 2000 55.4c 280.14 eeeha1e100r (1) 1000 22 55.4(c)350.20 eeeha1e220wr (1) 1000 6.3 5.4 d 55 0.14 eeeha1e220p (1) 1000 33 55.4(c)450.20 eeeha1e330wr (1) 1000 6.3 5.4 d 65 0.14 eeeha1e330p (1) 1000 47 6.3 5.4 (d) 70 0.20 eeeha1e470wp (1) 1000 86.2e 910.16 eeeha1e470p (2) 1000 100 6.3 7.7 d8 91 0.14 eeeha1e101xp (1) 9 0 0 86.2(e)910.16 eeeha1e101up (2) 1000 810.2 f 1300.16 eeeha1e101p (2) 500 220 810.2 (f)1600.16 eeeha1e221up (2) 500 10 10.2 g 190 0.16 eeeha1e221p (2) 500 330 810.2 (f)1800.16 eeeha1e331up (2) 500 10 10.2 g 340 0.16 eeeha1e331p (2) 500 470 10 10.2 g 360 0.16 eeeha1e471p (2) 500 35 4.7 4 5.4 b 22 0.12 eeeha1v4r7r (1) 2000 10 45.4(b)220.16 eeeha1v100wr (1) 2000 55.4c 300.12 eeeha1v100r (1) 1000 22 55.4(c)350.16 eeeha1v220wr (1) 1000 6.3 5.4 d 60 0.12 eeeha1v220p (1) 1000 33 6.3 5.4 (d) 42 0.16 eeeha1v330wp (1) 1000 86.2e 840.14 eeeha1v330p (2) 1000 47 86.2(e)840.14 eeeha1v470up (2) 1000 8 10.2 f 98 0.14 eeeha1v470p (2) 500 100 6.3 7.7 d8 84 0.12 eeeha1v101xp (1) 9 0 0 810.2 (f)1200.14 eeeha1v101up (2) 500 10 10.2 g 160 0.14 eeeha1v101p (2) 500 220 810.2 (f)1700.14 eeeha1v221up (2) 500 10 10.2 g 210 0.14 eeeha1v221p (2) 500 330 10 10.2 g 250 0.14 eeeha1v331p (2) 500 50 0.1 4 5.4 b 1 0.12 eeeha1hr10r ??? (1) 2000 0.22 4 5.4 b 2 0.12 eeeha1hr22r ??? (1) 2000 0.33 4 5.4 b 3 0.12 eeeha1hr33r ??? (1) 2000 0.47 4 5.4 b 5 0.12 eeeha1hr47r ??? (1) 2000 1 4 5.4 b 10 0.12 eeeha1h1r0r (1) 2000 2.2 4 5.4 b 16 0.12 eeeha1h2r2r (1) 2000 3.3 4 5.4 b 16 0.12 eeeha1h3r3r (1) 2000 4.7 5 5.4 c 23 0.12 eeeha1h4r7r (1) 1000 10 6.3 5.4 d 35 0.12 eeeha1h100p (1) 1000 22 8 6.2 e 70 0.12 eeeha1h220p (2) 1000 33 6.3 7.7 d8 70 0.12 eeeha1h330xp (1) 9 0 0 86.2(e)700.12 eeeha1h330up (2) 1000 8 10.2 f 91 0.12 eeeha1h330p (2) 500 47 6.3 7.7 d8 63 0.12 eeeha1h470xp (1) 9 0 0 8 10.2 (f) 95 0.12 eeeha1h470up (2) 500 10 10.2 g 100 0.12 eeeha1h470p (2) 500 100 810.2 (f)1100.12 eeeha1h101up (2) 500 10 10.2 g 120 0.12 eeeha1h101p (2) 500 220 10 10.2 g 150 0.12 eeeha1h221p (2) 500 ? size code( ):miniaturization product ??? please kindly accept last shipment : 31/mar/2015 please refer to the page of re? ow pro? le and the taping dimensions. when requesting vibration-proof product, please put the last v instead to p endurance : 105 c 1000 h 02 mar. 2014
design and speci cations are each subject to change without notice. ask factory for the current technical speci cations before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. aluminum electrolytic capacitors/ ha C eee-20 C standard prod ucts w.v. cap. (20 %) case size speci? cation part no. (rohs:compliant) re? ow min. packaging q'ty dia. length ? size code ripple current (120 hz) (+105c) tan d (120 hz) (+20 c) taping (v) (f) (mm) (mm) (ma r.m.s.) (pcs) 63 10 8 6.2 e 25 0.18 eeeha1j100p (2) 1000 22 86.2(e) 250.18 eeeha1j220up (2) 1000 8 10.2 f 30 0.18 eeeha1j220p (2) 500 33 10 10.2 g 45 0.18 eeeha1j330p (2) 500 47 8 10.2 (f) 45 0.18 eeeha1j470up (2) 500 10 10.2 g 50 0.18 eeeha1j470p (2) 500 100 3.3 8 6.2 e 30 0.18 EEEHA2A3R3P (2) 1000 4.7 8 6.2 (e) 30 0.18 eeeha2a4r7up (2) 1000 10 8 10.2 f 55 0.18 eeeha2a100p (2) 500 22 8 10.2 (f) 55 0.18 eeeha2a220up (2) 500 10 10.2 g 60 0.18 eeeha2a220p (2) 500 33 10 10.2 g 65 0.18 eeeha2a330p (2) 500 47 10 10.2 (g) 65 0.18 eeeha2a470up (2) 500 ? size code( ):miniaturization product please refer to the page of re? ow pro? le and the taping dimensions. when requesting vibration-proof product, please put the last v instead to p endurance : 105 c 1000 h 02 mar. 2014


▲Up To Search▲   

 
Price & Availability of EEEHA2A3R3P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X