Part Number Hot Search : 
SSM6N COLTD 1N5231 RCA9228A FN2246 ADG1236 A1030 CFRA102
Product Description
Full Text Search
 

To Download ECQE6182XF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  design, specifications are subject to change without notice. ask factory for technical specifications before purchase and/or use . whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail. '$ plastic film capacitors metallized polyester film capacitor type: ecqe(f) non-inductive construction using metallized polyester film with flame retardant epoxy resin coating features self-healing property excellent electrical characteristics flame retardant epoxy resin coating rohs directive compliant recommended applications general purpose usage ? please contact us when applications are cd , ignitor etc. explanation of part numbers 123456789101112 e c q e product code dielectric & construction rated volt. capacitance f cap. tol. suffix suffix 1 2 4 6 100 vdc 250 vdc 400 vdc 630 vdc 10 12 1a 2a 1000 vdc 1250 vdc 125 vac 250 vac j k 5 % 10 % e c q e product code dielectric & construction rated volt. capacitance r f suffix cap. tol. suffix specifications explanation of part number for odd size taping category temp. range (including temperature-rise on unit surface) rated voltage capacitance range capacitance tolerance dissipation factor (tan ) withstand voltage insulation resistance (ir) 100 vdc, 250 vdc,400 vdc, 630 vdc, 1000 vdc, 1250 vdc, 125 vac, 250 vac 40 ?c to + 105 ?c 40 ?c to + 105 ?c 100 vdc, 250 vdc, 400 vdc, 630 vdc, 1000 vdc, 1250 vdc, (derating of rated voltage by 1.25 %/?c at more than 85 ?c) 125 vac, 250 vac 0.0010 ? to 10 ? (e12) 5 %(j), 10 %(k) tan < = 1.0 % (20 ?c, 1 khz) rated volt. 100 v to 630 vdc between terminals : rated volt.(vdc) ? 150 % 60 s rated volt. 1000 vdc, 1250 vdc between terminals : rated volt. (vdc) ? 175 % 2 s to 5 s or 1000 vac 60 s between terminals to enclosure : 1500 vac 60 s rated volt. 125 vac, 250 vac between terminals : rated volt.(vac) ? 230 % 60 s between terminals to enclosure : 1500 vac 60 s 100 v to 630 vdc: c < = 0.33 ? : ir > = 9000 m (20 ?c , 100 vdc, 60 s) c > 0.33 ? : ir > = 3000 m . ? 1000 vdc, 1250 vdc: ir > = 10000 m ( 20 ?c, 100 vdc, 60 s) ir > = 2000 m ( 20 ?c, 500 vdc, 60 s) 125 vac, 250 vac: c < = 0.47 ? : ir > = 2000 m (20 ?c , 500 vdc, 60 s) c > 0.47 ? : ir > = 3000 m . ? (20 ?c , 100 vdc, 60 s) ? in case of applying voltage in alternating current (50 hz or 60 hz sine wave) to a capacitor with dc rated voltage, please refer to the page of ?ermissible voltage (r.m.s) in alternating current corresponding to dc rated voltage? ? voltage to be applied to ecqe1a (f) & ecqe2a (f) is only sine wave (50 hz or 60 hz). suffix blank b z 3 6 lead form straight crimped lead cut lead crimped taping (ammo) crimped taping (ammo) p ? ? ? /p33-52 12.11.14 19:29 y [ w 32 free datasheet http:///
design, specifications are subject to change without notice. ask factory for technical specifications before purchase and/or use . whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail. '$ plastic film capacitors dimensions in mm (not to scale) $vumfbe packaging specifications for bulk package packing quantity:100 pcs./bag taping specifications for automatic insertion taping style ? refer to the page of taping specifications. 100 vdc 250 vdc 400 vdc 630 vdc 1000 vdc 1250 vdc 125 vac 250 vac ecqe (f) ad as ab bcd e 0.56 to 0.68  ammo ( ) f3 0.82 to 1.0  ammo ( ) f3 1.2 to 3.3  ammo ( ) f3 1.2 to 3.3  ammo r ( ) f 0.010 to 0.27  ammo ( ) f3 0.33  ammo ( ) f3 0.39 to 1.5  ammo ( ) f3 0.010 to 0.33  ammo r ( ) f 0.39 to 1.5  ammo r ( ) f 0.010 to 0.10  ammo ( ) f3 0.12 to 0.47  ammo ( ) f3 0.010 to 0.10  ammo r ( ) f 0.12 to 0.47  ammo r ( ) f 0.0010 to 0.033  ammo ( ) f3 0.039 to 0.047  ammo ( ) f3 0.056 to 0.22  ammo ( ) f3 0.0010 to 0.047  ammo r ( ) f 0.056 to 0.22  ammo r ( ) f 0.010 to 0.10  ammo r ( ) f 0.0010 to 0.022  ammo r ( ) f 0.010 to 0.068  ammo ( ) f6 0.010 to 0.068  ammo r ( ) f 0.010 to 0.033  ammo ( ) f6 0.010 to 0.047  ammo r ( ) f 0.056 to 0.22  ammo r ( ) f packaging specifications cap. range ( f) taping style packing suffix rated volt. type style ad ab b c d e lead spacing 5.0 mm 5.0 mm 5.0 mm 5.0 mm 7.5 mm 7.5 mm ? see the column rating, dimensions & quantity box for packing quantity. lead spacing metallized film p ? ? ? /p33-52 12.11.14 19:29 y [ w 33 free datasheet http:///
design, specifications are subject to change without notice. ask factory for technical specifications before purchase and/or use . whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail. '$ plastic film capacitors rating, dimensions & quantity/ammo box rated voltage : 250 vdc, capacitance tolerance : 5 % (j), 10 % (k) style d: 0.010 ? to 0.33 f style b: 0.39 ? to 10.0 ? suffix for lead crimped or taped type cap. tol. code suffix for lead crimped or taped type cap. tol. code rating, dimensions & quantity/ammo box rated voltage : 100 vdc, capacitance tolerance : 5 %(j), 10 %(k) 0.56 12.0 5.5 10.9 15.9 10.0 10.0 1.0 0.60 0.68 12.0 6.0 11.9 16.9 10.0 10.0 1.0 0.60 0.82 12.0 6.0 13.5 18.5 10.0 10.0 1.0 0.60 1.0 12.0 6.7 14.0 19.0 10.0 10.0 1.0 0.60 1.2 18.5 5.5 12.8 17.8 15.0 10.0 1.0 0.60 1.5 18.5 6.0 13.4 18.4 15.0 10.0 1.0 0.80 1.8 18.5 6.5 14.4 19.4 15.0 10.0 1.0 0.80 2.2 18.5 7.0 15.0 20.0 15.0 10.0 1.0 0.80 2.7 18.5 8.0 15.8 20.8 15.0 10.0 1.0 0.80 3.3 18.5 8.5 16.5 21.5 15.0 10.0 1.0 0.80 3.9 26.0 7.0 16.4 21.4 22.5 15.0 1.0 0.80 4.7 26.0 7.5 17.0 22.0 22.5 15.0 1.0 0.80 5.6 26.0 8.3 17.5 22.5 22.5 15.0 1.0 0.80 6.8 26.0 9.0 18.5 23.5 22.5 15.0 1.0 0.80 8.2 26.0 10.0 20.0 25.0 22.5 15.0 1.5 0.80 10.0 26.0 11.5 21.0 26.0 22.5 15.0 1.5 0.80 part no. cap. (?) min. order q'ty taping 500    dimensions ( mm ) l max. t max. standard 5 mm odd size 5 mm odd size 7.5 mm ?d ecqe1564?f () ecqe1684?f () ecqe1824?f () ecqe1105?f () ecqe1125?f () ecqe1155?f () ecqe1185?f () ecqe1225?f () ecqe1275?f () ecqe1335?f () ecqe1395?f () ecqe1475?f () ecqe1565?f () ecqe1685?f () ecqe1825?f () ecqe1106?f () 500 1,000 400 400 500 600  h max. straight crimped lead straight f crimped lead s straight g max. bulk 500 style d: 0.056 ? to 1.0 ? style b: 1.2 ? to 10.0 ? part no. cap. (?) dimensions ( mm ) l max. t max. ?d ecqe2103?f () 0.010 10.3 4.3 7.4 12.4 7.5 7.5 1.0 0.60 ecqe2123?f () 0.012 10.3 4.4 7.5 12.5 7.5 7.5 1.0 0.60 ecqe2153?f () 0.015 10.3 4.4 7.5 12.5 7.5 7.5 1.0 0.60 ecqe2183?f () 0.018 10.3 4.4 7.5 12.5 7.5 7.5 1.0 0.60 ecqe2223?f () 0.022 10.3 4.4 7.5 12.5 7.5 7.5 1.0 0.60 ecqe2273?f () 0.027 10.3 4.4 7.5 12.5 7.5 7.5 1.0 0.60 ecqe2333?f () 0.033 10.3 4.5 7.5 12.5 7.5 7.5 1.0 0.60 ecqe2393?f () 0.039 10.3 4.5 7.5 12.5 7.5 7.5 1.0 0.60 ecqe2473?f () 0.047 10.3 4.5 7.5 12.5 7.5 7.5 1.0 0.60 ecqe2563?f () 0.056 10.3 4.8 7.9 12.9 7.5 7.5 1.0 0.60 ecqe2683?f () 0.068 10.3 4.5 7.5 12.5 7.5 7.5 1.0 0.60 ecqe2823?f () 0.082 10.3 4.9 8.0 13.0 7.5 7.5 1.0 0.60 ecqe2104?f () 0.10 10.3 5.8 8.4 13.4 7.5 7.5 1.0 0.60 ecqe2124?f () 0.12 10.3 6.0 9.0 14.0 7.5 7.5 1.0 0.60 ecqe2154?f () 0.15 10.3 6.0 10.8 15.8 7.5 7.5 1.0 0.60 ecqe2184?f () 0.18 12.0 5.0 10.3 15.3 10.0 10.0 1.0 0.60 ecqe2224?f () 0.22 12.0 5.5 10.5 15.5 10.0 10.0 1.0 0.60 ecqe2274?f () 0.27 12.0 6.0 11.5 16.5 10.0 10.0 1.0 0.60 ecqe2334?f () 0.33 12.0 6.5 12.0 17.0 10.0 10.0 1.0 0.60 ecqe2394?f () 0.39 18.5 4.9 12.0 17.0 15.0 10.0 1.0 0.60 ecqe2474?f () 0.47 18.5 5.3 12.5 17.5 15.0 10.0 1.0 0.60 ecqe2564?f () 0.56 18.5 5.5 13.0 18.0 15.0 10.0 1.0 0.60 ecqe2684?f () 0.68 18.5 6.0 13.5 18.5 15.0 10.0 1.0 0.80 ecqe2824?f () 0.82 18.5 6.5 14.5 19.5 15.0 10.0 1.0 0.80 ecqe2105?f () 1.0 18.5 7.4 15.0 20.0 15.0 10.0 1.0 0.80 ecqe2125?f () 1.2 18.5 8.0 15.9 20.9 15.0 10.0 1.0 0.80 ecqe2155?f () 1.5 18.5 9.0 16.8 21.8 15.0 10.0 1.0 0.80 ecqe2185?f () 1.8 26.0 7.5 15.5 20.5 22.5 15.0 1.0 0.80 ecqe2225?f () 2.2 26.0 8.5 16.3 21.3 22.5 15.0 1.0 0.80 ecqe2275?f () 2.7 26.0 9.4 17.0 22.0 22.5 15.0 1.0 0.80 ecqe2335?f () 3.3 26.0 10.3 18.0 23.0 22.5 15.0 1.5 0.80 ecqe2395?f () 3.9 26.0 11.0 20.5 25.5 22.5 15.0 1.5 0.80 ecqe2475?f () 4.7 26.0 12.0 21.5 26.5 22.5 15.0 1.5 0.80 ecqe2565?f () 5.6 31.0 11.8 21.0 26.0 27.5 22.5 1.5 0.80 ecqe2685?f () 6.8 31.0 13.0 22.4 27.4 27.5 22.5 1.5 0.80 ecqe2825?f () 8.2 31.0 14.3 23.5 28.5 27.5 22.5 1.5 0.80 ecqe2106?f () 10.0 31.0 15.9 25.8 30.8 27.5 22.5 1.5 0.80 1000   1000 500 500 1000 400 500 400 300  h max. straight crimped lead straight f crimped lead s straight g max. 500 min. order q'ty taping standard 5 mm odd size 5 mm odd size 7.5 mm bulk p ? ? ? /p33-52 12.11.14 19:29 y [ w 34 free datasheet http:///
design, specifications are subject to change without notice. ask factory for technical specifications before purchase and/or use . whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail. '$ plastic film capacitors rating, dimensions & quantity/ammo box rated voltage : 400 vdc, capacitance tolerance : 5 %(j), 10 %(k) style d:0.010 ? to 0.10 f style b:0.12 f to 2.2 ? suffix for lead crimped or taped type cap. tol. code part no. 0.010 10.3 4.3 7.4 12.4 7.5 7.5 1.0 0.60 0.012 10.3 4.4 7.5 12.5 7.5 7.5 1.0 0.60 0.015 10.3 4.4 7.5 12.5 7.5 7.5 1.0 0.60 0.018 10.3 4.4 7.5 12.5 7.5 7.5 1.0 0.60 0.022 10.3 4.8 7.9 12.9 7.5 7.5 1.0 0.60 0.027 10.3 5.5 8.0 13.0 7.5 7.5 1.0 0.60 0.033 10.3 6.0 9.0 14.0 7.5 7.5 1.0 0.60 0.039 12.0 4.9 8.0 13.0 10.0 10.0 1.0 0.60 0.047 12.0 5.0 8.3 13.3 10.0 10.0 1.0 0.60 0.056 12.0 5.0 10.0 15.0 10.0 10.0 1.0 0.60 0.068 12.0 5.4 10.5 15.5 10.0 10.0 1.0 0.60 0.082 12.0 5.8 11.0 16.0 10.0 10.0 1.0 0.60 0.10 12.0 6.3 12.0 17.0 10.0 10.0 1.0 0.60 0.12 18.5 5.0 10.0 15.0 15.0 10.0 1.0 0.60 0.15 18.5 5.0 12.4 17.4 15.0 10.0 1.0 0.60 0.18 18.5 5.4 12.5 17.5 15.0 10.0 1.0 0.60 0.22 18.5 5.9 13.0 18.0 15.0 10.0 1.0 0.60 0.27 18.5 6.5 14.3 19.3 15.0 10.0 1.0 0.80 0.33 18.5 7.0 14.9 19.9 15.0 10.0 1.0 0.80 0.39 18.5 7.5 15.4 20.4 15.0 10.0 1.0 0.80 0.47 18.5 7.8 17.0 22.0 15.0 10.0 1.0 0.80 0.56 26.0 6.5 16.0 21.0 22.5 15.0 1.0 0.80 0.68 26.0 7.0 16.5 21.5 22.5 15.0 1.0 0.80 0.82 26.0 7.9 17.3 22.3 22.5 15.0 1.0 0.80 1.0 26.0 8.5 18.0 23.0 22.5 15.0 1.0 0.80 1.2 26.0 9.5 18.9 23.9 22.5 15.0 1.0 0.80 1.5 31.0 9.5 19.0 24.0 27.5 22.5 1.0 0.80 1.8 31.0 11.0 20.5 25.5 27.5 22.5 1.5 0.80 2.2 31.0 11.0 22.0 27.0 27.5 22.5 1.5 0.80 ecqe4103 ? f( ) ecqe4123 ? f( ) ecqe4153 ? f( ) ecqe4183 ? f( ) ecqe4223 ? f( ) ecqe4273 ? f( ) ecqe4333 ? f( ) ecqe4393 ? f( ) ecqe4473 ? f( ) ecqe4563 ? f( ) ecqe4683 ? f( ) ecqe4823 ? f( ) ecqe4104 ? f( ) ecqe4124 ? f( ) ecqe4154 ? f( ) ecqe4184 ? f( ) ecqe4224 ? f( ) ecqe4274 ? f( ) ecqe4334 ? f( ) ecqe4394 ? f( ) ecqe4474 ? f( ) ecqe4564 ? f( ) ecqe4684 ? f( ) ecqe4824 ? f( ) ecqe4105 ? f( ) ecqe4125 ? f( ) ecqe4155 ? f( ) ecqe4185 ? f( ) ecqe4225 ? f( ) cap. (f) 1000 500   500 500 400  1000 dimensions ( mm ) l max. t max. d h max. straight crimped lead straight f crimped lead s straight g max. 500 min. order q'ty taping standard 5 mm odd size 5 mm odd size 7.5 mm bulk metallized film p ? ? ? /p33-52 12.11.14 19:29 y [ w 35 free datasheet http:///
design, specifications are subject to change without notice. ask factory for technical specifications before purchase and/or use . whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail. '$ plastic film capacitors rated voltage : 630 vdc, capacitance tolerance : 5 %(j), 10 %(k) suffix for lead crimped or taped type. cap. tol. code ? ? style d:0.010 ? to 0.047 f style b:0.0010 f to 0.0082 ?, 0.056 ? to 2.2 ? part no. 0.0010 10.0 4.5 9.5 14.5 7.5 5.0 1.0 0.60 0.0012 10.0 4.5 10.0 15.0 7.5 5.0 1.0 0.60 0.0015 10.0 4.5 10.0 15.0 7.5 5.0 1.0 0.60 0.0018 10.0 4.5 10.0 15.0 7.5 5.0 1.0 0.60 0.0022 10.0 4.5 10.0 15.0 7.5 5.0 1.0 0.60 0.0027 10.0 4.5 10.0 15.0 7.5 5.0 1.0 0.60 0.0033 10.0 4.5 10.0 15.0 7.5 5.0 1.0 0.60 0.0039 10.0 4.5 10.0 15.0 7.5 5.0 1.0 0.60 0.0047 12.0 4.5 10.0 15.0 10.0 7.5 1.0 0.60 0.0056 12.0 4.5 10.0 15.0 10.0 7.5 1.0 0.60 0.0068 12.0 4.9 10.0 15.0 10.0 7.5 1.0 0.60 0.0082 12.0 4.5 10.0 15.0 10.0 7.5 1.0 0.60 0.010 12.0 4.5 7.5 12.5 10.0 10.0 1.0 0.60 0.012 12.0 4.5 7.8 12.8 10.0 10.0 1.0 0.60 0.015 12.0 5.0 8.2 13.2 10.0 10.0 1.0 0.60 0.018 12.0 4.9 10.0 15.0 10.0 10.0 1.0 0.60 0.022 12.0 5.3 10.5 15.5 10.0 10.0 1.0 0.60 0.027 12.0 5.5 10.9 15.9 10.0 10.0 1.0 0.60 0.033 12.0 6.0 11.9 16.9 10.0 10.0 1.0 0.60 0.039 12.0 6.0 13.4 18.4 10.0 10.0 1.0 0.60 0.047 12.0 6.5 13.5 18.5 10.0 10.0 1.0 0.60 0.056 18.5 5.4 10.5 15.5 15.0 10.0 1.0 0.60 0.068 18.5 5.8 11.0 16.0 15.0 10.0 1.0 0.60 0.082 18.5 6.5 12.0 17.0 15.0 10.0 1.0 0.60 0.10 18.5 6.3 14.0 19.0 15.0 10.0 1.0 0.60 0.12 18.5 6.3 14.5 19.5 15.0 10.0 1.0 0.80 0.15 18.5 7.5 15.4 20.4 15.0 10.0 1.0 0.80 0.18 18.5 8.0 16.0 21.0 15.0 10.0 1.0 0.80 0.22 18.5 9.0 16.5 21.5 15.0 10.0 1.0 0.80 0.27 26.0 7.0 16.5 21.5 22.5 15.0 1.0 0.80 0.33 26.0 7.8 17.0 22.0 22.5 15.0 1.0 0.80 0.39 26.0 8.5 17.9 22.9 22.5 15.0 1.0 0.80 0.47 26.0 9.3 18.5 23.5 22.5 15.0 1.0 0.80 0.56 26.0 10.0 20.0 25.0 22.5 15.0 1.5 0.80 0.68 26.0 11.5 21.0 26.0 22.5 15.0 1.5 0.80 0.82 31.0 11.3 20.5 25.5 27.5 22.5 1.5 0.80 1.0 31.0 12.5 21.9 26.9 27.5 22.5 1.5 0.80 1.2 31.0 13.5 23.0 28.0 27.5 22.5 1.5 0.80 1.5 31.0 15.3 24.7 29.7 27.5 22.5 1.5 0.80 1.8 31.0 16.8 27.0 32.0 27.5 22.5 1.5 0.80 2.2 31.0 19.5 29.0 34.0 27.5 22.5 1.5 0.80 ecqe6102? f( ) ecqe6122? f( ) ecqe6152? f( ) ecqe6182? f( ) ecqe6222? f( ) ecqe6272? f( ) ecqe6332? f( ) ecqe6392? f( ) ecqe6472? f( ) ecqe6562? f( ) ecqe6682? f( ) ecqe6822? f( ) ecqe6103? f( ) ecqe6123? f( ) ecqe6153? f( ) ecqe6183? f( ) ecqe6223? f( ) ecqe6273? f( ) ecqe6333? f( ) ecqe6393? f( ) ecqe6473? f( ) ecqe6563? f( ) ecqe6683? f( ) ecqe6823? f( ) ecqe6104? f( ) ecqe6124? f( ) ecqe6154? f( ) ecqe6184? f( ) ecqe6224? f( ) ecqe6274? f( ) ecqe6334? f( ) ecqe6394 ?f( ) ecqe6474? f( ) ecqe6564? f( ) ecqe6684? f( ) ecqe6824? f( ) ecqe6105? f( ) ecqe6125? f( ) ecqe6155? f( ) ecqe6185? f( ) ecqe6225? f( ) cap. (?) 1000  1000 500 400 300 1000 500 400 ? 500  dimensions ( mm ) l max. t max. d h max. straight crimped lead straight f crimped lead s straight g max. 500 min. order q'ty taping standard 5 mm odd size 5 mm odd size 7.5 mm bulk p ? ? ? /p33-52 12.11.14 19:29 y [ w 36 free datasheet http:///
design, specifications are subject to change without notice. ask factory for technical specifications before purchase and/or use . whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail. '$ plastic film capacitors rating, dimensions & quantity/ammo box rated voltage : 1000 vdc, note) 125 vac, capacitance tolerance : 5 % (j), 10 % (k) note) this type has two rated voltage, one is dc rated voltage another is ac rated voltage.. dc rated voltage is 1000 v, ac rated voltage is 125 v. making for rated voltage is ? 1000 v, 125 v  when capacitors use in secondary side of power source, and in case of applying voltage in altering current (50 hz or 60 hz sine wave) to a capacitor, please refer to the page of ''permissible voltage (r.m.s) in altering current corresponding to dc rated voltage''. when capacitors use in primary side of power source, the rated voltage is shown 125 vac. voltage to be applied to capacitors in only sine wave (50 hz or 60 hz). ac rated capacitors complying with clause 1 of ''electrical appliance and material safety law''. and not complying with clause 2 of ''electrical appliance and material safety law'', in this case please use ecqul type or ecqug type part no. 0.010 15.5 6.0 11.0 16.0 12.5 12.5 1.0 0.60 0.012 15.5 6.0 12.0 17.0 12.5 12.5 1.0 0.60 0.015 15.5 7.0 12.5 17.5 12.5 12.5 1.0 0.60 0.018 15.5 7.5 13.0 20.0 12.5 12.5 1.0 0.80 0.022 15.5 7.5 15.5 22.5 12.5 12.5 1.0 0.80 0.027 21.0 6.0 13.0 18.0 17.5 12.5 1.0 0.80 0.033 21.0 6.5 14.0 19.0 17.5 12.5 1.0 0.80 0.039 21.0 7.0 14.5 19.5 17.5 12.5 1.0 0.80 0.047 21.0 7.5 15.5 20.5 17.5 12.5 1.0 0.80 0.056 21.0 7.5 17.0 22.0 17.5 12.5 1.0 0.80 0.068 21.0 8.5 18.0 23.0 17.5 12.5 1.0 0.80 0.082 21.0 9.0 18.5 23.5 17.5 12.5 1.0 0.80 0.10 21.0 10.0 20.0 25.0 17.5 12.5 1.0 0.80 0.12 26.0 9.0 18.5 23.5 22.5 17.5 1.0 0.80 0.15 26.0 10.0 20.0 25.0 22.5 17.5 1.5 0.80 0.18 26.0 10.5 22.0 27.0 22.5 17.5 1.5 0.80 0.22 26.0 12.0 23.0 28.0 22.5 17.5 1.5 0.80 ecqe10103?f () ecqe10123?f () ecqe10153?f () ecqe10183?f () ecqe10223?f () ecqe10273?f () ecqe10333?f () ecqe10393?f () ecqe10473?f () ecqe10563?f () ecqe10683?f () ecqe10823?f () ecqe10104?f () ecqe10124?f () ecqe10154?f () ecqe10184?f () ecqe10224?f () cap. (f) min. order q'ty 500 400 500 400 300  dimensions ( mm ) l max. t max. ?d 7.5 mm h max. straight crimped lead straight f crimped lead s straight g max. 500 bulk taping style d: 0.010 ? to 0.022 ? style b: 0.027 ? to 0.22 ? suffix for lead crimped or taped type. cap. tol. code   metallized film p ? ? ? /p33-52 12.11.14 19:29 y [ w 37 free datasheet http:///
design, specifications are subject to change without notice. ask factory for technical specifications before purchase and/or use . whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail. '$ plastic film capacitors rating, dimensions & quantity/ammo box rated voltage : 1250 vdc, note) 125 vac, capacitance tolerance : 5 % (j), 10 % (k) note) this type has two rated voltage, one is dc rated voltage another is ac rated voltage.. dc rated voltage is 1250 v, ac rated voltage is 125 v. making for rated voltage is ? 1250 v, 125 v  when capacitors use in secondary side of power source, and in case of applying voltage in altering current (50 hz or 60 hz sine wave) to a capacitor, please refer to the page of ''permissible voltage (r.m.s) in altering current corresponding to dc rated voltage''. when capacitors use in primary side of power source, the rated voltage is shown 125 vac. voltage to be applied to capacitors in only sine wave (50 hz or 60 hz). ac rated capacitors complying with clause 1 of ''electrical appliance and material safety law''. and not complying with clause 2 of ''electrical appliance and material safety law'', in this case please use ecqul type or ecqug type style d: 0.0010 ? to 0.0068 f style b: 0.0082 ? to 0.22 ? part no. 0.0010 15.5 6.0 11.0 16.0 12.5 10.0 1.0 0.60 0.0012 15.5 6.0 11.0 16.0 12.5 10.0 1.0 0.60 0.0015 15.5 6.0 11.0 16.0 12.5 10.0 1.0 0.60 0.0018 15.5 6.0 11.0 16.0 12.5 10.0 1.0 0.60 0.0022 15.5 6.0 11.5 16.5 12.5 10.0 1.0 0.60 0.0027 15.5 6.5 12.0 17.0 12.5 10.0 1.0 0.60 0.0033 15.5 6.0 11.5 16.5 12.5 10.0 1.0 0.60 0.0039 15.5 6.5 12.0 17.0 12.5 10.0 1.0 0.60 0.0047 15.5 7.0 12.5 17.5 12.5 10.0 1.0 0.60 0.0056 15.5 7.5 13.0 18.0 12.5 10.0 1.0 0.60 0.0068 15.5 7.5 15.0 20.0 12.5 10.0 1.0 0.60 0.0082 21.0 5.0 12.0 17.0 17.5 12.5 1.0 0.60 0.010 21.0 5.0 12.5 17.5 17.5 12.5 1.0 0.60 0.012 21.0 5.5 13.0 18.0 17.5 12.5 1.0 0.60 0.015 21.0 6.0 13.5 18.5 17.5 12.5 1.0 0.60 0.018 21.0 6.5 14.5 19.5 17.5 12.5 1.0 0.80 0.022 21.0 7.0 15.0 20.0 17.5 12.5 1.0 0.80 0.027 26.0 6.0 15.5 20.5 22.5 17.5 1.0 0.80 0.033 26.0 6.5 16.0 21.0 22.5 17.5 1.0 0.80 0.039 26.0 7.0 16.5 21.5 22.5 17.5 1.0 0.80 0.047 26.0 8.0 17.0 22.0 22.5 17.5 1.0 0.80 0.056 31.0 7.5 17.0 22.0 27.5 22.5 1.0 0.80 0.068 31.0 8.0 17.5 22.5 27.5 22.5 1.0 0.80 0.082 31.0 9.0 18.5 23.5 27.5 22.5 1.0 0.80 0.10 31.0 10.0 19.5 24.5 27.5 22.5 1.0 0.80 0.12 31.0 11.5 20.5 25.5 27.5 22.5 1.5 0.80 0.15 31.0 12.0 23.0 28.0 27.5 22.5 1.5 0.80 0.18 31.0 13.0 24.5 29.5 27.5 22.5 1.5 0.80 0.22 31.0 14.5 26.5 31.5 27.5 22.5 1.5 0.80 ecqe12102?f () ecqe12122?f () ecqe12152?f () ecqe12182?f () ecqe12222?f () ecqe12272?f () ecqe12332?f () ecqe12392?f () ecqe12472?f () ecqe12562?f () ecqe12682?f () ecqe12822?f () ecqe12103?f () ecqe12123?f () ecqe12153?f () ecqe12183?f () ecqe12223?f () ecqe12273?f () ecqe12333?f () ecqe12393?f () ecqe12473?f () ecqe12563?f () ecqe12683?f () ecqe12823?f () ecqe12104?f () ecqe12124?f () ecqe12154?f () ecqe12184?f () ecqe12224?f () cap. (f) min. order q'ty 500 400 500 dimensions ( mm ) l max. t max. ?d 7.5 mm h max. straight crimped lead straight f crimped lead s straight g max. bulk taping 500 suffix for lead crimped or taped type. cap. tol. code   p ? ? ? /p33-52 12.11.14 19:29 y [ w 38 free datasheet http:///
design, specifications are subject to change without notice. ask factory for technical specifications before purchase and/or use . whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail. '$ plastic film capacitors rating, dimensions & quantity/ammo box rated voltage : 125 vac, capacitance tolerance : 5 %(j), 10 %(k) noise suppression capacitors (across-the-line) style d:0.010 ? to 0.068 f suffix for lead crimped or taped type. cap. tol. code m f( ) table 1 notice for ac rated ac rated capacitors complying with clause 1 of ''electrical appliance and material safety law''. as for clause 2 of ''electrical appliance and material safety law'', please use ecqul type or ecqug type. when using these capacitors as a across-the-line capacitor, it shall be required to follow either item 1. or item 2. condition. 1. capacitor shall be connected in parallel with varistor (specified varistor voltage in table 1.) 2. voltage applied for capacitor shall not exceed other than specified in table 1, when using these capacitors. cap. rated voltage 125 vac varistor voltage 250 v pulse voltage 250 v 0? part no. 0.010 10.5 4.5 7.5 12.5 7.5 7.5 1.0 0.60 0.012 10.5 4.4 7.5 12.5 7.5 7.5 1.0 0.60 0.015 10.5 4.4 7.5 12.5 7.5 7.5 1.0 0.60 0.018 10.5 4.4 7.5 12.5 7.5 7.5 1.0 0.60 0.022 10.5 4.4 7.5 12.5 7.5 7.5 1.0 0.60 0.027 10.5 4.4 7.5 12.5 7.5 7.5 1.0 0.60 0.033 10.5 4.5 7.8 12.8 7.5 7.5 1.0 0.60 0.039 10.5 4.5 7.8 12.8 7.5 7.5 1.0 0.60 0.047 10.5 5.5 8.0 13.0 7.5 7.5 1.0 0.60 0.056 10.5 5.9 8.5 13.5 7.5 7.5 1.0 0.60 0.068 10.5 6.3 9.4 14.4 7.5 7.5 1.0 0.60 ecqe1a103 ? f( ) ecqe1a123 ? f( ) ecqe1a153 ? f( ) ecqe1a183 ? f( ) ecqe1a223 ? f( ) ecqe1a273 ? f( ) ecqe1a333 ? f( ) ecqe1a393 ? f( ) ecqe1a473 ? f( ) ecqe1a563 ? f( ) ecqe1a683 ? f( ) cap. (?) 1000  1000 500 dimensions ( mm ) l max. t max. d h max. straight crimped lead straight f crimped lead s straight g max. 500 min. order q'ty taping standard 5 mm odd size 5 mm odd size 7.5 mm bulk metallized film p ? ? ? /p33-52 12.11.14 19:29 y [ w 39 free datasheet http:///
design, specifications are subject to change without notice. ask factory for technical specifications before purchase and/or use . whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail. '$ plastic film capacitors rated voltage : 250 vac, capacitance tolerance : 5 %(j), 10 %(k) noise suppression capacitors (across-the-line) style d:0.010 f to 0.047 ? style b:0.056 ? to 0.47 ? table 1 ? please consult us about crimed lead type of 0.56 ? to 2.2 f. notice for ac rated ac rated capacitors complying with clause 1 of ''electrical appliance and material safety law''. as for clause 2 of ''electrical appliance and material safety law'', please use ecqul type or ecqug type. when using these capacitors as a across-the-line capacitor, it shall be required to follow either item 1. or item 2. condition. 1. capacitor shall be connected in parallel with varistor (specified varistor voltage in table 1.) 2. voltage applied for capacitor shall not exceed other than specified in table 1, when using these capacitors. cap. rated voltage 250 vac varistor voltage 470 v pulse voltage 630 v 0? suffix for lead crimped or taped type. cap. tol. code m f( ) part no. 0.010 12.5 5.5 10.8 15.8 10.0 10.0 1.0 0.60 0.012 12.5 6.0 11.5 16.5 10.0 10.0 1.0 0.60 0.015 12.5 6.3 9.9 14.9 10.0 10.0 1.0 0.60 0.018 12.5 6.0 11.9 16.9 10.0 10.0 1.0 0.60 0.022 12.5 6.0 11.5 16.5 10.0 10.0 1.0 0.60 0.027 12.5 5.5 10.9 15.9 10.0 10.0 1.0 0.60 0.033 12.5 6.0 11.9 16.9 10.0 10.0 1.0 0.60 0.039 12.5 6.0 13.4 18.4 10.0 10.0 1.0 0.60 0.047 12.5 6.5 14.4 19.4 10.0 10.0 1.0 0.60 0.056 18.5 5.4 10.5 15.5 15.0 10.0 1.0 0.60 0.068 18.5 5.8 11.0 16.0 15.0 10.0 1.0 0.60 0.082 18.5 6.3 12.0 17.0 15.0 10.0 1.0 0.60 0.10 18.5 6.3 14.0 19.0 15.0 10.0 1.0 0.60 0.12 18.5 6.8 14.5 19.5 15.0 10.0 1.0 0.80 0.15 18.5 7.5 15.4 20.4 15.0 10.0 1.0 0.80 0.18 18.5 8.0 16.0 21.0 15.0 10.0 1.0 0.80 0.22 18.5 9.0 16.9 21.9 15.0 10.0 1.0 0.80 0.27 26.0 7.0 16.5 21.5 22.5 15.0 1.0 0.80 0.33 26.0 7.8 17.0 22.0 22.5 15.0 1.0 0.80 0.39 26.0 8.5 17.9 22.9 22.5 15.0 1.0 0.80 0.47 26.0 9.3 18.5 23.5 22.5 15.0 1.0 0.80 0.56 26.0 10.0 20.0 7 22.5 7 1.0 0.80 0.68 26.0 11.5 21.0 7 22.5 7 1.0 0.80 0.82 26.0 13.0 22.5 7 22.5 7 1.0 0.80 1.0 31.0 12.5 21.9 7 27.5 7 1.5 0.80 1.2 31.0 13.5 23.0 7 27.5 7 1.5 0.80 1.5 31.0 15.3 24.7 7 27.5 7 1.5 0.80 1.8 31.0 16.8 27.0 7 27.5 7 1.5 0.80 2.2 31.0 19.5 29.0 7 27.5 7 1.5 0.80 ecqe2a103 ? f( ) ecqe2a123 ? f( ) ecqe2a153 ? f( ) ecqe2a183 ? f( ) ecqe2a223 ? f( ) ecqe2a273 ? f( ) ecqe2a333 ? f( ) ecqe2a393 ? f( ) ecqe2a473 ? f( ) ecqe2a563 ? f( ) ecqe2a683 ? f( ) ecqe2a823 ? f( ) ecqe2a104 ? f( ) ecqe2a124 ? f( ) ecqe2a154 ? f( ) ecqe2a184 ? f( ) ecqe2a224 ? f( ) ecqe2a274 ? f( ) ecqe2a334 ?f( ) ecqe2a394 ? f( ) ecqe2a474 ? f( ) ecqe2a564p( )( ) ecqe2a684p( )( ) ecqe2a824p( )( ) ecqe2a105p( )( ) ecqe2a125p( )( ) ecqe2a155p( )( ) ecqe2a185p( )( ) ecqe2a225p( )( ) cap. (f) 500 1000 500 400 300   dimensions ( mm ) l max. t max. d h max. straight crimped lead straight f crimped lead s straight g max. 500 min. order q'ty taping standard 5 mm odd size 7.5 mm bulk p ? ? ? /p33-52 12.11.14 19:29 y [ w 40 free datasheet http:///
frequency characteristics temperature characteristics 0.01 0.1 1 10 100 1000 10000 1 10 100 1000 10000 0 2 4 6 8 10 1 10 100 1000 10000 -10 -5 0 5 10 1 10 100 1000 10000 1.e+06 1.e+07 1.e+08 1.e+09 1.e+10 1.e+11 1.e+12 -60 -40 -20 0 20 40 60 80 100 0 2 4 6 8 10 -60 -40 -20 0 20 40 60 80 100 -10 -5 0 5 10 -60 -40 -20 0 20 40 60 80 100 ecqe(f) type 100vdc series (metallized polyester film) erectrical characteristics at 1khz temperature (degree c) capacitance change (%) dissipation factor (%) temperature (degree c) at 1khz at dc100v temperature (degree c) insuration resistance (ohm) capacitance change (%) frequency (khz) frequency (khz) dissipation factor (%) frequency (khz) impedance (ohm) 10uf 4.7uf 1.0uf 10uf 4.7uf 1.0uf 10uf 4.7uf 1.0uf 10uf 4.7uf 1.0uf 1.0uf 4.7uf 10uf 1.0uf 4.7uf 10uf free datasheet http:///
rating voltage capacitance value(uf) code dv/dt(v/us) current(o-p) (a) 0.56 564 12.32 0.68 684 15.0 0.82 824 18.0 1.00 105 22.0 1.20 125 13.2 1.50 155 17.1 1.80 185 19.8 2.20 225 24.2 2.70 275 29.7 3.30 335 36.3 3.90 395 23.4 4.70 475 28.2 5.60 565 33.6 6.80 685 40.8 8.20 825 49.2 10.00 106 60.0 pulse handling capability (dv/dt) (max 10000cycles) voltage derating by temperature permissible current permissible voltage 6 22 100vdc 11 0 20 40 60 80 100 120 -60 -40 -20 0 20 40 60 80 100 120 0.1 1 10 100 10 100 1000 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 10 100 1000 * please consult panasonic if your condition exceeds the above spec. ecqe(f) type 100vdc series (metallized polyester film) applicable specifications frequency (khz) permissible current (arms) permissible voltage (vrms) (at sinewave) frequency (khz) rated voltage (vdc) surface temperature of capacitor(degree c) 1.0uf 2.2uf 4.7uf 10uf 1.0uf 2.2uf 4.7uf 10uf from 0.56uf to 10uf free datasheet http:///
temperature characteristics frequency characteristics 0.01 0.1 1 10 100 1000 10000 1 10 100 1000 10000 100000 0 2 4 6 8 10 1 10 100 1000 10000 -10 -5 0 5 10 1 10 100 1000 10000 1.e+06 1.e+07 1.e+08 1.e+09 1.e+10 1.e+11 1.e+12 -60 -40 -20 0 20 40 60 80 100 0 2 4 6 8 10 -60 -40 -20 0 20 40 60 80 100 -10 -5 0 5 10 -60 -40 -20 0 20 40 60 80 100 ecqe(f) type 250vdc series (metallized polyester film) erectrical characteristics at 1khz temperature (degree c) capacitance change (%) dissipation factor (%) temperature (degree c) at 1khz at dc100v temperature (degree c) insuration resistance (ohm) capacitance change (%) frequency (khz) frequency (khz) dissipation factor (%) frequency (khz) impedance (ohm) 10uf 1.0uf 0.1uf 10uf 1.0uf 0.1uf 10uf 1.0uf 0.01uf 10uf 1.0uf 0.1uf 0.1uf 1.0uf 10uf 0.1uf 1.0uf 10uf 0.01uf 0.01uf 0.1uf 0.01uf 0.01uf 0.01uf free datasheet http:///
rating voltage capacitance value(uf) code dv/dt(v/us) current(o-p) (a) 0.010 103 0.48 0.015 153 0.72 0.022 223 1.06 0.033 333 1.58 0.047 473 2.26 0.068 683 3.26 0.100 104 4.80 0.150 154 7.20 0.220 224 7.26 0.330 334 10.89 0.470 474 8.46 0.680 684 12.24 1.000 105 18.00 1.500 155 27.00 2.200 225 22.00 3.300 335 33.00 4.700 475 47.00 6.800 685 54.40 10.000 106 80.00 250vdc pulse handling capability (dv/dt) voltage derating by temperature (max 10000cycles) 48 8 10 18 33 permissible current permissible voltage 0 50 100 150 200 250 300 -60 -40 -20 0 20 40 60 80 100 120 1 10 100 10 100 1000 0 1 2 3 4 5 10 100 1000 * please consult panasonic if your condition exceeds the above spec. ecqe(f) type 250vdc series (metallized polyester film) applicable specifications frequency (khz) permissible current (arms) permissible voltage (vrms) (at sinewave) frequency (khz) rated voltage (vdc) surface temperature of capacitor(degree c) 1.0uf 2.2uf 4.7uf 10uf from 0.01uf to 10uf 0.47uf 0.22uf 0.10uf 0.047u 0.022u 0.01uf 0.01uf 0.022uf 0.047uf 0.10uf 0.22uf 0.47uf 1.0uf 2.2uf 4.7uf 10uf free datasheet http:///
frequency characteristics temperature characteristics 0.01 0.1 1 10 100 1000 10000 1 10 100 1000 10000 100000 0 2 4 6 8 10 1 10 100 1000 10000 -10 -5 0 5 10 -60 -40 -20 0 20 40 60 80 100 -10 -5 0 5 10 1 10 100 1000 10000 1.e+07 1.e+08 1.e+09 1.e+10 1.e+11 1.e+12 1.e+13 -60 -40 -20 0 20 40 60 80 100 0 2 4 6 8 10 -60 -40 -20 0 20 40 60 80 100 ecqe(f) type 400vdc series (metallized polyester film) erectrical characteristics at 1khz temperature (degree c) capacitance change (%) dissipation factor (%) temperature (degree c) at 1khz at dc100v temperature (degree c) insuration resistance (ohm) capacitance change (%) frequency (khz) frequency (khz) dissipation factor (%) frequency (khz) impedance (ohm) 2.2uf 1.0uf 0.1uf 2.2uf 1.0uf 0.1uf 2.2uf 1.0uf 0.1uf 0.01uf 0.01uf 0.01uf 0.01uf 0.1uf 1.0uf 2.2uf 0.01uf 0.1uf 1.0uf 2.2uf 2.2uf 1.0uf 0.1uf 0.01uf free datasheet http:///
rating voltage capacitance value(uf) code dv/dt(v/us) current(o-p) (a) 0.010 103 1.31 0.015 153 1.97 0.022 223 2.88 0.033 333 4.32 0.047 473 3.67 0.068 683 5.30 0.100 104 7.80 0.150 154 5.55 0.220 224 8.14 0.330 334 12.21 0.470 474 17.39 0.680 684 14.96 1.000 105 22.00 1.200 155 27.00 2.200 225 39.60 permissible voltage voltage derating by temperature 131 permissible current pulse handling capability (dv/dt) (max 10000cycles) 400vdc 78 37 22 18 0 100 200 300 400 500 -60 -40 -20 0 20 40 60 80 100 120 0 0.5 1 1.5 2 2.5 3 10 100 1000 1 10 100 10 100 1000 * please consult panasonic if your condition exceeds the above spec. ecqe(f) type 400vdc series (metallized polyester film) applicable specifications frequency (khz) permissible current (arms) permissible voltage (vrms) (at sinewave) frequency (khz) rated voltage (vdc) surface temperature of capacitor(degree c) from 0.01uf to 2.2uf 2.2uf 1.0uf 0.47uf 0.22uf 0.1uf 0.047uf 0.022uf 0.01uf 0.01uf 0.022uf 0.047uf 0.1uf 0.22uf 0.47uf 1.0uf 2.2uf free datasheet http:///
temperature characteristics frequency characteristics 0.01 0.1 1 10 100 1000 10000 1 10 100 1000 10000 100000 0 2 4 6 8 10 1 10 100 1000 10000 -10 -5 0 5 10 1 10 100 1000 10000 1.e+07 1.e+08 1.e+09 1.e+10 1.e+11 1.e+12 1.e+13 -60 -40 -20 0 20 40 60 80 100 0 2 4 6 8 10 -60 -40 -20 0 20 40 60 80 100 -10 -5 0 5 10 -60 -40 -20 0 20 40 60 80 100 ecqe(f) type 630vdc series (metallized polyester film) erectrical characteristics at 1khz temperature (degree c) capacitance change (%) dissipation factor (%) temperature (degree c) at 1khz at dc100v temperature (degree c) insuration resistance (ohm) capacitance change (%) frequency (khz) frequency (khz) dissipation factor (%) frequency (khz) impedance (ohm) 2.2uf 1.0uf 0.1uf 2.2uf 1.0uf 0.1uf 1.0uf 0.1uf 0.01uf 0.01uf 0.01uf 0.01uf 0.1uf 1.0uf 2.2uf 0.01uf 0.1uf 1.0uf 2.2uf 2.2uf 1.0uf 0.1uf 0.01uf 2.2uf free datasheet http:///
rating voltage capacitance value(uf) code dv/dt(v/us) current(o-p) (a) 0.010 103 2.73 0.015 153 4.10 0.022 223 6.01 0.033 333 9.01 0.047 473 12.83 0.068 683 7.89 0.100 104 11.60 0.150 154 17.40 0.220 224 25.52 0.330 334 20.79 0.470 474 29.61 0.680 684 42.84 1.000 105 48.00 1.500 155 72.00 2.200 225 105.60 (max 10000cycles) 273 voltage derating by temperature 630vdc permissible current permissible voltage 116 63 48 pulse handling capability (dv/dt) 0 100 200 300 400 500 600 700 800 -60 -40 -20 0 20 40 60 80 100 120 1 10 100 10 100 1000 0 1 2 3 4 5 10 100 1000 * please consult panasonic if your condition exceeds the above spec. ecqe(f) type 630vdc series (metallized polyester film) applicable specifications frequency (khz) permissible current (arms) permissible voltage (vrms) (at sinewave) frequency (khz) rated voltage (vdc) surface temperature of capacitor(degree c) from 0.01uf to 2.2uf 2.2uf 1.0uf 0.47uf 0.22uf 0.1uf 0.047uf 0.022uf 0.01uf 0.01uf 0.022uf 0.047uf 0.1uf 0.22uf 0.47uf 1.0uf 2.2uf free datasheet http:///
temperature characteristics frequency characteristics 0.01 0.1 1 10 100 1000 10000 1 10 100 1000 10000 100000 0 2 4 6 8 10 1 10 100 1000 10000 -10 -5 0 5 10 1 10 100 1000 10000 1.e+07 1.e+08 1.e+09 1.e+10 1.e+11 1.e+12 1.e+13 -60 -40 -20 0 20 40 60 80 100 0 2 4 6 8 10 -10 -5 0 5 10 -60 -40 -20 0 20 40 60 80 100 ecqe(f) type 125vac series (metallized polyester film) erectrical characteristics at 1khz temperature (degree c) capacitance change (%) dissipation factor (%) temperature (degree c) at 1khz at dc100v temperature (degree c) insuration resistance (ohm) capacitance change (%) frequency (khz) frequency (khz) dissipation factor (%) frequency (khz) impedance (ohm) 0.47uf 0.1uf 0.047uf 0.47uf 0.1uf 0.047uf 0.47uf 0.1uf 0.01uf 0.47uf 0.1uf 0.047uf 0.047uf 0.1uf 0.47uf 0.047uf 0.1uf 0.47uf 0.01uf 0.01uf 0.047uf 0.01uf 0.01uf 0.01uf free datasheet http:///
temperature characteristics frequency characteristics 0.01 0.1 1 10 100 1000 10000 1 10 100 1000 10000 100000 0 2 4 6 8 10 1 10 100 1000 10000 -10 -5 0 5 10 1 10 100 1000 10000 1.e+07 1.e+08 1.e+09 1.e+10 1.e+11 1.e+12 1.e+13 -60 -40 -20 0 20 40 60 80 100 0 2 4 6 8 10 -60 -40 -20 0 20 40 60 80 100 -10 -5 0 5 10 -60 -40 -20 0 20 40 60 80 100 ecqe(f) type 250vac series (metallized polyester film) erectrical characteristics at 1khz temperature (degree c) capacitance change (%) dissipation factor (%) temperature (degree c) at 1khz at dc100v temperature (degree c) insuration resistance (ohm) capacitance change (%) frequency (khz) frequency (khz) dissipation factor (%) frequency (khz) impedance (ohm) 0.47uf 0.1uf 0.047uf 0.47uf 0.1uf 0.047uf 0.47uf 0.1uf 0.01uf 0.47uf 0.1uf 0.047uf 0.047uf 0.1uf 0.47uf 0.047uf 0.1uf 0.47uf 0.01uf 0.01uf 0.047uf 0.01uf 0.01uf 0.01uf free datasheet http:///


▲Up To Search▲   

 
Price & Availability of ECQE6182XF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X