Part Number Hot Search : 
00410 1213198 M40Z300 SNXXX 48F4400P F4010 CF50603 HUN2230
Product Description
Full Text Search
 

To Download DFLZ8V2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dflz6v2 thru dflz39 1 watt zener diode 6.2v - 39v volts features ? 1.0w power dissipation ? high surge capability ? ideally suited for automatic assembly ? standard v z tolerance is +/- 5% ? storage temperature range(t stg ): -55 to +150  
 omponents 20736 marilla street chatsworth       
     mcc revision: c 2013/01/01 tm micro commercial components ? operating temperature range(t j ): -55 to +150 symbol value units zener current i zm pd/vz ma power dissipation @t a =50 o c p tot 1000 m w junction to soldering point thermal resistance110 o c/w r thja forward voltage@i f = 200ma vf v 1.2 r thjs 9 o c/w www. mccsemi .com 1 of 4 0.036 0.093 0.048 suggested solder pad layout dimensions inches mm dim min m a x min m a x note a .140 .152 3.55 3.85 b.100 .122 2.553.10 c.055.075 1.401.90 d.035 .0530.90 1.35 e.020.041 0.50 1.05 g .010 ----- 0.25 ----- h----- .010 ----.25 a b e c d h g sod-123fl epoxy meets ul 94 v-0 flammability rating moisture sensitivity level 1 ? lead free finish/rohs compliant (note1) ("p"suffix designates compliant. see ordering information) note :1.high temperature solder exemptions applied,see eu directive annex 7. maximum ratings ? halogen free available upon request by adding suffix "-hf"
dflz6v2 - dflz39 typical temperature @iztc(%/ o c) zener voltage v z voltages reverse current coefficient marking part number i r (max) @ v r maximum zener impedance z zt @izt electrical characteristics @ 25 o c unless otherwise specified www ccsei c 2 f 2 2 5 5 2 2 2 5 5 5 2 5 5 2 2 2 5 2 5 5 5 5 5 5 5 5 5 2 5 2 2 2 5 5 2 2 5 2 5 5 5 5 5 5 5 5 25 5 2 25 2 5 2 2 22 25 5 5 2 22 22 2 2 25 5 22 2 2 22 25 25 2 5 2 2 2 25 2 25 5 2 2 2 2 25 5 22 5 25 5 5 2 in a p a in a 36.00 34.00 38.00 10 5.0 40.0 1 27.0 0.06 0.11 z36 dflz39 39.00 37.00 41.00 10 5.0 40.0 1 30.0 0.06 0.11 z39 notes: 1. short duration pulse test used to minimize self-heating effect. () () mcc tm micro commercial components revision: 201/01/01
revision: c 2013/01/01 0 0.2 0.4 0.6 0.8 1.0 25 0 50 75 100 125 150 p , p o we r dissi p a t i o n (w) d t , ambient temperature ( c) fig. 1 power derating curve a 1.2 0.000001 0.00001 0.001 1 0.5 0.6 0.9 v , instantaneous forward voltage (v) fig. 2 typical forward characteristics f i , ins t an t ane o u s f o r wa r d c u r r en t (a) f 0.7 0.8 0.0001 0.01 0.1 c total capacitance (pf) t , 100 1,000 10,000 10 100 1 v , nominal zener voltage (v) fig. 3 typical total capacitance vs. nominal zener voltage z f = 1mhz t = 25c a v = 1v r v = 2v r 3 of 4 www. mccsemi .com dflz6v2-dflz39 mcc tm micro commercial components
mcc revision: c 2013/01/01 tm micro commercial components www. mccsemi .com 4 of 4 device packing part number-tp tape&reel: 2.5kpcs/reel ordering information : *** i m p o r t a n t n o t ic e * ** m i c r o c o m m e r c i a l c o m p on e n ts c o r p . r e s e rve s t h e r i g h t t o m a k e c h a n g e s w i t ho u t f u r t h e r no t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o rr e c t i o n s , m o d i f i c a t i o n s , e n h a n c e m e n t s , i m pr o v e m e n t s , o r o t h e r ch a n g e s . m i c r o c o m m e r c i a l c o mp o n e n ts c o r p . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g ou t o f t h e a p p l i c a t i on o r u s e o f a n y p r o d uc t d e sc r i be d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y li c e n s e un der i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f pr o d uc t s i n s u c h a p p l i c a t i o n s sh a l l a ss u m e a l l r i s k s o f su c h u s e a n d w ill a g r ee t o h o l d m i c r o c o mm er c i a l c o m p o n e n t s c o r p . a n d a ll t h e c o m p a n i e s w ho s e p r o d u c t s a r e r e p r e s e n t ed o n ou r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s. * * * l i f e s u p p o r t *** m c c ' s pr o d uc t s a r e n o t a u t h o r iz ed f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u pp o r t d e v i c e s o r s y s t e m s w i t h ou t t h e e x pre ss wr i tt e n a p p r o v a l o f m i c r o c o mm e r c i a l c o m p o n e n t s c o rp o r a t i o n. * * * c u s t o m e r a w a r e n e ss*** c o un t e r f e i t i n g o f s e m i c o n d u c t o r p a r t s i s a gr o w i n g p r o b l e m i n t h e i n d u s t ry . m i c r o c o mm e r c i a l c o m p o n e n t s ( m cc ) i s t a k i n g s t r o n g m e a su r e s t o p r o t e c t ou r s e l v e s a n d o u r cu s t o m e r s f r o m t h e pr o l i f e r a t i on o f c o u n t e r f e i t p a r t s . m c c s t r o n g l y e nc o u r a g e s c u s t o m e r s t o p u r c h a s e m c c p a r t s e i t h e r d i r e c t l y f r o m m c c o r f r o m a u t ho r i z e d m c c d i s t r i b u t o r s w ho a r e l i s t e d b y c o u n t r y o n o u r w e b p a g e c i t ed below . p r o d uc t s c us t o m e r s b u y e i t h e r f r o m m c c d i r e c t l y o r f r o m a u t ho r i z e d m cc d i s t r i b u t o r s a r e g e n u i n e p a r t s , h a v e f ul l t r a c e a b il i t y , m e e t m c c ' s q u a l i t y s t a n d a r d s f o r h a n d li n g a n d s t o r a g e . m c c wi l l n o t p r o v i d e a n y w a rr a n ty c o v e r a g e o r o t h e r a s s i s t a n c e f o r p a r ts b o u g h t f r o m u n a u t h o r i z e d s o u r c e s. m c c i s c o m m i t t e d t o c o m b a t t h i s g l o b a l pr o b l e m a n d e n c ou r a g e o u r c u s t o m e r s t o d o t h e i r p a r t in s t o p p i n g t h i s p r a c t i c e b y b u y i n g d i r e c t o r f r o m a u t h o r i z ed d i s t r i b u t o r s. note : adding "-hf" suffix for halogen free, eg. part number-tp-hf


▲Up To Search▲   

 
Price & Availability of DFLZ8V2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X