Part Number Hot Search : 
BAV17007 CXXXX A3126 AE9922 1REEL 1N476 VP531 AXX2520
Product Description
Full Text Search
 

To Download DE1E3KX152MB5 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  http://www.murata.com/ data sheet ! note: 1. this datasheet is downloaded from the website of murata manufacturing co., ltd. therefore, it?s specifications are subject t o change or our products in it may be discontinued without advance notice. please check with our sales representatives or product engineers bef ore ordering. 2. this datasheet has only typical specifications because there is no space for detailed specifications. therefore, please appr ove our product specifications or transact the approval sheet for product specifications before ordering. 2011.7.7 capacitors > safety standard certified ceramic cap. safety standard certified type kx (reinforced insulation) (ul, csa, iec60384-14 classx1/y1) DE1E3KX152MB5ba01 (e, 1500pf, ac250v) rohs regulation conformity parts o this data sheet is applied for safety standard certified ceramic capacitor type kx used for general electronics equipment for y our design. o bonding, resin molding and coating in case of bonding, molding or coating this product, verify that these processes do not affect the quality of capacitor by test ing the performance of the bonded, molded or coated product in the intended equipment. the variation in thickness of adhesive or molding resin or coating may cause an outer coating resin cracking and/or ceramic element cracking of a capacitor in a temperature cycling. o plese refer to 'caution' and 'notice' for the other details.  the rohs compliance means that we judge from eu directive 2002/95/ec the products do not contain lead, cadmium, mercury, hexa valent chromium, pbb and pbde, except exemptions stated in eu directive 2002/95/ec annex and impurities existing in natural world.  this statement does not insure the compliance of any of the listed parts with any laws or legal imperatives developed by any eu members individually with regards to the rohs directive. ? d f 0.8 d max. e t max. 4.0 max. 5.0 1.0 (in mm) lead code coating extension e b5 up to the end of crimp ? 0.6 0.1 0.05  dimensions body diameter d 9mm max. body thickness t 8.0mm max. lead spacing f 10.0mm 0.8mm lead diameter ? 0.6mm +0.1/-0.05mm coating extension e up to the end of crimp  rated value murata pn code spec temperature char. e3 e, +20/-55% capacitance 152 1500pf capacitance tol. m 20% safety standard certified type kx x1,y1: ac250v(r.m.s.)  lead style code lead style b5 vertical crimp short  packaging code packaging minimum quantity b bulk 500 please refer to 'packaging' for the details.  specifications standard no. rated voltage certified no. ul csa vde bsi semko demko fimko nemko esti imq e37921 1343810 40002831 km 37901 812158 314577 24191 p08209173 08.0707 v4069 ac250v(r.m.s.) ul1414 csa e60384-14 iec 60384-14 en 60384-14 en 60065 (8.8, 14.2) iec 60384-14 en 60384-14 iec 60384-14 en 60384-14 en 60384-14  the certification number might change due to revision of the application standard and changes in the range of acquisition.  please contact us when the certification of chinese safety standard or south korean safety standard is necessary. please refer to 'saferty standard certified type ky/kh/kx specifications and test methods' pdf file.  standard certification


▲Up To Search▲   

 
Price & Availability of DE1E3KX152MB5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X