Part Number Hot Search : 
CD5022GO M7CA005 768KHZ 0LVEL TSM3460 KRC120 SI7942DP 1N4751A
Product Description
Full Text Search
 

To Download CT135 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  20 | page dimensions in inches (millimeters) cotomos CT135/cs135 te CT135 and cs135 combine coto quality and economy in an industry stan - dard 6 pin dip package. both the CT135 and the cs135 ofer low output capaci - tance and low leakage current. te CT135 utilizes a thru hole lead confguration, while the cs135 ofers a surface mount option when the application requires it. both relays are ideally suited to the needs of test and measurement, industrial, and telecommunications. CT135/cs135 features u contact form: 1a u load voltage: 80v maximum u operation led current: 3.0ma maximum u load current: 100ma maximum u on-resistance: 30 f ma ximum u low of-state leakage current: 10na maximum u i/o breakdown voltage: 1500vrms minimum u sufx - h for i/o breakdown voltage: 5000vrms minimum cs135 CT135 c t135/cs135 terminal identification 6 54 1 23 (+) (-) 1: anode (led) 2: cathode (led) 3: nc 4,6: drain (mos fet) 5: source (mos fet) ? 0.047(1.2) 0.252(6.4) 0.358(9.1)max. 0.020(0.5) 0.162(4.1) 0. 11 8( 3.0) identifies pin #1 0.310(7.87)max. 0.376(9.54)max. 0.010(0.25) 0.020(0.5) 0.100(2.54) 0.200(5.08) 0.470(1.2) 0.252(6.4) 0.020(0.5) 0.100(2.54) 0.200(5.08) 0.358(9.1)max. 0.134(3.4) 0.154(3.9)max . 0.051(1.3) 0.010(0.25) 0.406(10.3)max. identifies pin #1 tel: (401) 943.2686 | fax: (401) 942.0920
page | 21 page | 21 CT135/cs135 maximum ratings ( ambient temperature: 25oc) parameters symbol units value input specifications continuous led current i f ma 50ma peak led current i fp ma 500ma led reverse voltage v r v 5v input power dissipation p in mw 75mw output specifications load voltage v l v 80v (ac peak or dc) load current i l a 100ma peak load current i peak a 0.3a output power dissipation p out mw 350mw relay specifications total power dissipation p t mw 400mw i/o breakdown voltage v i/o v 1500vrms operating temperature t opr -40oc ~ +85oc storage temperature t stg -40oc ~ +100oc CT135/cs135 electrical specifications (ambient temperature: 25oc) parameters symbol test conditions units min typ max input led forward voltage v f i=10ma v 1.0 1.5 operation led current i f on ma 0.9 3.0 recovery led voltage v f off v 0.5 output on-resistance drain to drain r on i f =5ma, i l =rating time to fow is within 1 sec. f 20 30 of-state leakage current i leak v l =80v na 10 output capacitance c out v l =0v, f=1mhz pf 6.0 transmission turn-on time t on i f =10ma, i l =rating ms 0.02 0.1 turn-of time t of ms 0.05 1.0 coupled i/o insulation resistance r i/o f 10 9 i/o capacitance c i/o f=1mhz pf 1.3 environmental ratings: operating temp: -40c to +85 c; storage temp: C40 to +100 c. all electrical parameters measured at 25 c unless otherwise specifed. coto technology, inc. for most recent data visit www.cotorelay.com


▲Up To Search▲   

 
Price & Availability of CT135

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X