Part Number Hot Search : 
79M12 50PFR40 LTC3539 C3417 ISL6443 X4323 AWT6270 N5263B
Product Description
Full Text Search
 

To Download CPC2030N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  i ntegrated c ircuits d ivision www.ixysic.com ds-CPC2030N-r03 1 CPC2030N dual single-pole, normally open 8-pin soic optomos ? relay e 3 pb part # description CPC2030N 8-pin soic (50/tube) CPC2030Ntr 8-pin soic (2000/reel) parameter rating units blocking voltage 350 v p load current 120 ma rms / ma dc on-resistance (max) 30 ? led current to operate 2 ma applications features description ordering information pin configuration ? telecommunications ? security ? passive infrared detectors (pir) ? data signaling ? sensor circuitry ? instrumentation ? multiplexers ? data acquisition ? electronic switching ? i/o subsystems ? medical equipment?patient/equipment isolation ? aerospace ? industrial controls ? 1500v rms input/output isolation ? ttl/cmos compatible input ? arc-free with no snubbing circuits ? no emi/rfi generation ? immune to radiated em fields ? smd pick & place, wave solderable ? tape & reel version available ? small 8-pin soic package the CPC2030N is a miniature device with two independent normally open (1-form-a) solid state relays in an 8-pin soic package that employs optically coupled mosfet technology to provide 1500v rms of input/output isolation. optically coupled outputs using the patented optomos architecture are controlled by a highly efficient gaaias infrared led. the CPC2030N uses ixys integrated circuits division?s state of the art, double-molded vertical construction packaging to produce one of the world?s smallest relays. the CPC2030N offers substantial board space savings over the competitor?s larger 8-pin soic relay. switching characteristics of normally open (form a) devices form-a i f i load 10% 90% t on t off approvals ? ul certified component: file e76270 ? csa certified component: certificate 1172007 ? en/iec 60950-1 certified component: tuv certificate b 10 05 49410 006 + control C control load load 1 2 3 4 7 8 5 6 + control C control load load
i ntegrated c ircuits d ivision www.ixysic.com 2 r03 CPC2030N absolute maximum ratings are stress ratings. stresses in excess of these ratings can cause permanent damage to the device. functional operation of the device at conditions beyond those indicated in the operational sections of this data sheet is not implied. absolute maximum ratings @ 25c parameter ratings units blocking voltage 350 v p reverse input voltage 5 v input control current peak (10ms) 50 ma 1a input power dissipation 70 mw total power dissipation 1 600 mw isolation voltage, input to output 1500 v rms operational temperature -40 to +85 c storage temperature -40 to +125 c 1 derate linearly 5mw / oc parameter conditions symbol min typ max units output characteristics load current continuous 1 i f =2ma i l - - 120 ma rms / ma dc peak t =10ms i lpk - - 350 ma p on-resistance 2 i l =120ma r on - 19.5 30 ? off-state leakage current v l =350v p i leak --1a switching speeds turn-on i f =5ma, v l =10v t on - 0.76 2 ms turn-off t off - 0.36 1 output capacitance i f =0ma, v l =50v, f=1mhz c out -9 - pf capacitance, input to output - - -1 - pf input characteristics input control current to activate 3 i l =120ma i f --2ma input control current to deactivate - i f 0.1 - - ma input voltage drop i f =5ma v f 0.9 1.2 1.4 v reverse input current v r =5v i r - - 10 a 1 load current derates linearly from 120ma @ 25 o c to 60ma @85 o c, and must be derated for both poles operating simultaneously. 2 measurement taken within 1 second of on-time. 3 for applications requiring high temperature operation (greater than 60 o c) a led drive current of 4ma is recommended. electrical characteristics @ 25c
i ntegrated c ircuits d ivision CPC2030N www.ixysic.com 3 r03 performance data* *the performance data shown in the graphs above is typical of device performance. for guaranteed parameters not indicated in t he written speci? cations, please contact our application department. led forward voltage (v) 1.250 1.255 1.260 1.265 1.270 1.275 device count (n) 0 5 10 15 20 25 typical led forward voltage drop (n=50, i f =5ma, t a =25oc) turn-on time (ms) 0.60 0.65 0.70 0.75 0.80 0.85 0.90 device count (n) 0 5 10 15 20 typical turn-on time (n=50, i f =5ma, i l =60ma, t a =25oc) turn-off time (ms) 0.34 0.35 0.36 0.37 0.38 0.39 0.40 device count (n) 0 5 10 15 20 25 typical turn-off time (n=50, i f =5ma, i l =60ma, t a =25oc) led current (ma) 0.3 0.4 0.5 0.6 0.7 0.8 0.9 device count (n) 0 5 10 15 typical i f for switch operation (n=50, i l =120ma, t a =25oc) on-resistance ( : ) 18.75 19.00 19.25 19.50 19.75 20.00 20.25 device count (n) 0 5 10 15 20 25 typical on-resistance distribution (n=50, i f =2ma, i l =120ma, t a =25oc) blocking voltage (v p ) 416 419 422 425 428 431 device count (n) 0 5 10 15 20 25 typical blocking voltage distribution (n=50, i f =0ma, t a =25oc) led forward voltage (v) 1.10 1.15 1.20 1.25 1.30 1.35 1.40 1.45 1.50 1.55 led forward current (ma) 0 10 20 30 40 50 typical led forward voltage vs. led forward current (t a =25oc) led current (ma) 0 1020304050 turn-on time ( p s) 0 500 1000 1500 2000 2500 3000 3500 typical turn-on time vs. led forward current (i l =60ma, t a =25oc) led current (ma) 0 1020304050 turn-off time ( p s) 300 310 320 330 340 350 360 370 typical turn-off time vs. led forward current (i l =60ma, t a =25oc) temperature (oc) -40 -20 0 20 40 60 80 100 led forward voltage (v) 1.0 1.1 1.2 1.3 1.4 1.5 1.6 typical led forward voltage drop vs. temperature i f =50ma i f =20ma i f =10ma i f =5ma i f =2ma temperature (oc) -40 -20 0 20 40 60 80 100 turn-on time ( p s) 500 1000 1500 2000 2500 typical turn-on time vs. temperature (i l =60ma) i f =2ma i f =5ma temperature (oc) -40 -20 0 20 40 60 80 100 turn-off time ( p s) 150 200 250 300 350 400 450 500 550 typical turn-off time vs. temperature (i l =60ma) i f =5ma i f =2ma
i ntegrated c ircuits d ivision www.ixysic.com 4 r03 CPC2030N performance data* *the performance data shown in the graphs above is typical of device performance. for guaranteed parameters not indicated in t he written speci? cations, please contact our application department. temperature (oc) -40 -20 0 20 40 60 80 100 led current (ma) 0.40 0.45 0.50 0.55 0.60 0.65 0.70 0.75 0.80 0.85 typical i f for switch operation (i l =60ma) load voltage (v) -3 -2 -1 0 1 2 3 load current (a) -0.15 -0.10 -0.05 0.00 0.05 0.10 0.15 typical load current vs. load voltage (i f =2ma, t a =25oc) temperature (oc) -40 -20 0 20 40 60 80 100 load current (ma) 40 60 80 100 120 140 maximum load current vs. temperature (i f =4ma) temperature (oc) -40 -20 0 20 40 60 80 100 on-resistance ( : ) 18 20 22 24 26 28 30 32 typical on-resistance vs. temperature (i f =4ma, i l =60ma) temperature (oc) -40 -20 0 20 40 60 80 100 blocking voltage (v p ) 390 400 410 420 430 440 450 460 typical blocking voltage vs. temperature (i f =0ma) temperature (oc) -40 -20 0 20 40 60 80 100 leakage current (na) 0 5 10 15 20 25 30 typical leakage vs. temperature measured across pins 5 & 6, 7 & 8 (i f =0ma, v l =350v) load voltage (v) 0 50 100 150 200 250 300 350 output capacitance (pf) 0 10 20 30 40 50 output capacitance vs. load voltage (i f =0ma, f=1mhz, t a =25oc) time 10 p s 100 p s 1ms 10ms 100ms 1s 10s 100s load current (a) 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 energy rating curve
i ntegrated c ircuits d ivision CPC2030N www.ixysic.com 5 r03 manufacturing information moisture sensitivity all plastic encapsulated semiconductor packages are susceptible to moisture ingression. ixys integrated circuits division classified all of its plastic encapsulated devices for moisture sensitivity according to the latest version of the joint industry standard, ipc/jedec j-std-020 , in force at the time of product evaluation. we test all of our products to the maximum conditions set forth in the standard, and guarantee proper operation of our devices when handled according to the limitations and information in that standard as well as to any limitations set forth in the information or standards referenced below. failure to adhere to the warnings or limitations as established by the listed specifications could result in reduced product performance, reduction of operable life, and/or reduction of overall reliability. this product carries a moisture sensitivity level (msl) rating as shown below, and should be handled according to the requirements of the latest version of the joint industry standard ipc/jedec j-std-033 . device moisture sensitivity level (msl) rating CPC2030N msl 3 esd sensitivity this product is esd sensitive , and should be handled according to the industry standard jesd-625 . reflow profile this product has a maximum body temperature and time rating as shown below. all other guidelines of j-std-020 must be observed. device maximum temperature x time CPC2030N 260oc for 30 seconds board wash ixys integrated circuits division recommends the use of no-clean flux formulations. however, board washing to remove flux residue is acceptable. since ixys integrated circuits division employs the use of silicone coating as an optical waveguide in many of its optically isolated products, the use of a short drying bake could be necessary if a wash is used after solder reflow processes. chlorine- or fluorine-based solvents or fluxes should not be used. cleaning methods that employ ultrasonic energy should not be used. e 3 pb
i ntegrated c ircuits d ivision ixys integrated circuits division makes no representations or warranties with respect to the accuracy or completeness of the co ntents of this publication and reserves the right to make changes to specifications and product descriptions at any time without notice. neither circuit patent licenses nor indemnity a re expressed or implied. except as set forth in ixys integrated circuits division?s standard terms and conditions of sale, ixys integrated circuits division assumes no liability whatsoever, a nd disclaims any express or implied warranty, relating to its products including, but not limited to, the implied warranty of merchantability, fitness for a particular purpose, or infringem ent of any intellectual property right. the products described in this document are not designed, intended, authorized or warranted for use as components in systems in tended for surgical implant into the body, or in other applications intended to support or sustain life, or where malfunction of ixys integrated circuits division?s product may resul t in direct physical harm, injury, or death to a person or severe property or environmental damage. ixys integrated circuits division reserves the right to discontinue or make changes to its p roducts at any time without notice. specification: ds-CPC2030N-r03 ?copyright 2012, ixys integrated circuits division optomos? is a registered trademark of ixys integrated circuits division all rights reserved. printed in usa. 12/17/2012 for additional information please visit our website at: www.ixysic.com 6 CPC2030N mechanical dimensions CPC2030N CPC2030Ntr tape & reel dimensions mm (inches) pcb land pattern 2.184 max (0.086 max ) 0.838 0.102 (0.033 0.004) 0.381 0.051 (0.015 0.002) lead to package standoff min 0.0254 (0.001) (max 0.102 (0.004) 0.432 0.127 (0.017 0.005) 0.203 0.025 (0.008 0.001) 1.016 0.025 (0.040 0.001) 5.60 (0.22) 1.30 (0.051) 0.55 (0.022) 2.54 (0.100) 9.347 0.203 (0.368 0.008) 6.096 0.102 (0.240 0.004) 3.810 0.051 (0.150 0.002) 2.540 typ (0.100 typ ) pin 1 notes: 1. all dimensions in millimeters 2. 10 sprocket hole pitch cumulative tolerance 0.20. 3. carrier camber is within 1mm in 250mm. 4. tape material : black conductive polystyrene alloy. 5. all dimensions meet eia-481-c requirements. 6. thickness : 0.30 0.05mm. 7. component load per 13 reel : 2000 pcs. 7.50 0.10 16.00 0.30 1.75 0.10 8.00 0.10 4.00 0.10 2.00 0.10 9.65 0.10 6.50 1.20 2.85 0.10 2.35 0.10 6.55 0.10 3.50 ?1.50 +0.1, -0 ?1.50 min embossment embossed carrier top cover tape thickness 0.102 max. (0.004 max.) 330.2 dia. (13.00 dia.)


▲Up To Search▲   

 
Price & Availability of CPC2030N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X