Part Number Hot Search : 
4046N BZT20 10SVP10M HG62E58 LA70100M MOF0932 PF5102 AO4411
Product Description
Full Text Search
 

To Download CJPF10N60 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  to-220 -3l /to-220f plastic-encapsulate mosfets cjp10n60,CJPF10N60 n-channel power mosfet description the cjp10n60/CJPF10N60 is a high voltage and high current power mosfet, designed to have c haracteristics, such as fast switching time, low gate charge, low on-state resistance and have rugged avalanche characteristics. this power mosfet is usually used at high speed switching applications in power supplies, pwm motor controls, high efficient dc to dc converters and bridge circuits. features z low c rss z fast s witching z 100% avalanche tested maximum ratings (t a =25 unless otherwise noted) parameter symbol value unit drain-source voltage v ds 600 gate-source voltage v gs 30 v continuous drain current i d 10 a power dissipation p d 2 w thermal resistance from junction to ambient r ja 62.5 /w junction temperature t j 150 storage temperature t stg -50 ~+150 1. gate 2. drain 3. source 1.gate 3.source 2.drain to-220 -3l /to-220f 1 of 3 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification c,mar,2014
electrical characteristics (t a =25 unless otherwise noted) parameter symbol test condition min typ max unit drain-source breakdown voltage v (br) dss v gs = 0v, i d =250a 600 gate-threshold voltage (note1) v gs(th) v ds =v gs , i d =250a 2.0 4.0 v gate-body leakage current (note1) i gss v ds =0v, v gs =30v 100 na zero gate voltage drain current i dss v ds =600v, v gs =0v 10 a drain-source on-state resistance (note1) r ds(on) v gs =10v, i d =5a 1 ? input capacitance c iss 1430 output capacitance c oss 117 reverse transfer capacitance c rss v ds =25v,v gs =0v, f =1mhz 2.2 pf turn-on delay time t d (on) 46 rise time t r 74 turn-off delay time t d(off) 340 fall time t f v dd =325v, i d =10a, r g =25 ? 66 n s forward on voltage(note1) v sd v gs =0v, i s =10a 1.4 v notes: 1. pulse test : pulse width 300s, duty cycle 2 %. 2 of 3 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification c,mar,2014
01234567 0 2 4 6 8 10 12 25 50 75 100 125 0 1 2 3 4 5 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1e-3 0.01 0.1 1 10 24681012 0 1 2 3 4 5 6 7 246810 0.0 0.2 0.4 0.6 0.8 1.0 1.2 0 10203040 0 2 4 6 8 10 v ds =50v pulsed drain current i d (a) gate to source voltage v gs (v) transfer characteristics t a =100 t a =25 i d =250ua threshold voltage threshold voltage v th (v) junction temperature t j ( ) pulsed source current i s (a) source to drain voltage v sd (v) v sd i s ?? t a =100 t a =25 pulsed i d =5a r ds(on) ?? v gs on-resistance r ds(on) ( ) gate to source voltage v gs (v) t a =100 t a =25 t a =25 pulsed on-resistance r ds(on) ( ) drain current i d (a) i d ?? r ds(on) v gs =10v 1 v gs =5v pulsed cjp /pf 10n60 output characteristics drain current i d (a) drain to source voltage v ds (v) v gs = 6v 8v 10v v gs =4.5v 3 of 3 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification c,mar,2014


▲Up To Search▲   

 
Price & Availability of CJPF10N60

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X