Part Number Hot Search : 
0PFTN TDA7439 FLATPACK MMBT5401 IDTCV123 CD4699 WP711 D1005
Product Description
Full Text Search
 

To Download CIM05U102BC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  multilayer chip bead cim series- cim05 (1005/ eia 0402) cim series display high impedance because it is composed of a multilayered internal conductor and has excellent attenuation characteristics for wide band frequency.  the smallest beads suitable for surface mounting  perfect shape for automatic mounting, with no directionality.  excellent solderability and high heat resistance for either flow o r reflow soldering  monolithic inorganic material construction for high reliabil ity  closed magnetic circuit configuration avoids crosstalk and is suitab le for high density pcbs. application high frequency emi prevention application to computers, printer s, vcrs, tvs and portable telephones. specification product identification ci m 05 u 300 n c (1) (2) (3) (4) (5) (6) (7) (1) chip beads (2) multi-layer type (3) dimension (4) material code p,u: broad impedance, especially suppresses noise in the 10~200 mhz range j: suppresses noise in the 100~300 mhz range k: suppresses noise in the 200 mhz above n: suppresses noise in the 200~500 mhz range (5) nominal impedance (300:30 ?, 121:120 ?) (6) thickness option(n:standard, a:thinner than standard, b:thicke r than standard) (7) packaging(c:paper tape, e:embossed tape) features  operating temperature range C55 to +125c  storage temperature range C10 to +40c  relative humidity 30 to 70%
recommended soldering condition reflow soldering flow soldering packaging
1. model : cim1005 type 2. dimension 3. description multilayer chip bead type dimension [ mm] l w t d 05 1.00.05 0.50.05 0.50.05 0.250.1 part no. thickness ( mm) impedance ( ? )25%@100 mhz dc resistance ( ? ) max. rated current ( ma) max. cim05u100 0.5 0.05 10 0.05 1200 cim05u300 0.5 0.05 30 0.10 700 cim05u600 0.5 0.05 60 0.15 600 cim05u800 0.5 0.05 80 0.20 600 cim05u121 0.5 0.05 120 0.25 500 cim05u241 0.5 0.05 240 0.35 400 cim05u301 0.5 0.05 300 0.45 400 cim05u471 0.5 0.05 470 0.55 300 cim05u601 0.5 0.05 600 0.60 300 cim05u102 0.5 0.05 1000 1.00 250 cim05j300 0.5 0.05 30 0.20 700 cim05j600 0.5 0.05 60 0.20 600 cim05j800 0.5 0.05 80 0.25 600 cim05j121 0.5 0.05 120 0.30 500 cim05j241 0.5 0.05 240 0.35 400 cim05j301 0.5 0.05 300 0.45 400 cim05j471 0.5 0.05 470 0.55 300 cim05j601 0.5 0.05 600 0.60 300 cim05j102 0.5 0.05 1000 0.80 250 cim05j152 0.5 0.05 1500 1.00 250 cim05j182 0.5 0.05 1800 1.40 100
4. characteristics data
notice : all specifications are subject to change without previous n otice. please contact with product representatives or engineers to check specificati ons.


▲Up To Search▲   

 
Price & Availability of CIM05U102BC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X