Part Number Hot Search : 
74HC259 LG2640 222E3 561U100H 7C102 12NF0 SMAJ20A TJF1052I
Product Description
Full Text Search
 

To Download CD299PG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
   8 snap-in cd 299 pg series 9 000h at 105c extended lifetime at 105c high ripple current high professional industrial power supplies cd 29h qh cd 296 kc highest current cd 297 bb longest life higher current cd 299 pg longer life item characteristics operating temperature range (c) -40 ~ +105 -25 ~ +105 voltage range (v) 160 ~ 250 315 ~ 450 capacitance range (f) 39 ~ 2 200 capacitance tolerance (20c, 120hz) 20% leakage current (a) after 5 minutes at 20c application of rated voltage, leakage current is not more than 0,01cv or 1,5ma, whichever is smaller c: nominal capacitance (f) v: rated voltage (v) dissipation factor (20c, 120hz) rated voltage (v) 160 180 200 2  0  1   0  00  0 tan (max) 0,15 0,20 stability at low temperature (impedance ratio at 120hz) rated voltage (v) 250  1  ~  0 z -25c / z +20c 3 8 z -40c / z +20c 12 - useful life load life endurance test shelf life lifetime 9 000h >200 000h 7 000h 7 000h 1 000h leakage current not more than specifed value not more than specifed value not more than specifed value not more than specifed value capacity change within 30% of initial value within 20% of initial value within 20% of initial value within 20% of initial value dissipation factor not more than 300% of specifed value not more than 200% of specifed value not more than 130% of specifed value not more than 200% of specifed value condition: applied voltage applied current applied temperature failure rate level u r i r 105c 1% failure rate u r 1,4 x i r 50c 1% failure rate u r i r 105c guaranteed u r i r = 0 105c u r = 0 i r = 0 105c after test: u r to be applied for 30min >24h before measurement frequency rated voltage (v) 50hz 60hz 120hz 300hz 1khz 50khz 160 ~ 250 0,81 0,85 1,00 1,17 1,45 1,50 315 ~ 450 0,77 0,82 1,00 1,16 1,41 1,43 multiplier for ripple current frequency coeffcient i a = actual ripple current at 120hz, i r = rated ripple current at 120hz, 105c multiplier of useful life as a function of ambient temperature and ripple current load lifetime diagram 40 50 60 70 80 90 100 110 t a (?c) i a CCC i r 3.0 2.5 2.0 1.5 1.0 0.5 0.0 x32 x16 x8 x4 x2 x1 lifetime multiplier cd 299 pg series direct contact & support: jianghai europe gmbh +49 (0)2151-652088-0 info@jianghai-europe.com www.jianghai-europe.com v2006.2
 9 custom products are available on request. snap-in cd 299 pg series ratings for cd 299 pg series v dc (surge voltage) code rated capa- citance max esr 20c, 120hz typ esr 20c, 120hz max ripple current 105c, 120hz size ? d x l (v) (f) (m) (m) (arms) (mm) 160 (200) 2c 270 737 516 1,10 22 x 25 330 603 423 1,20 22 x 30 390 511 358 1,30 25 x 25 470 424 297 1,40 22 x 35 424 297 1,40 25 x 30 560 356 249 1,50 22 x 40 356 249 1,50 30 x 25 680 293 205 1,70 22 x 45 293 205 1,70 25 x 35 293 205 1,70 30 x 30 820 243 170 2,00 25 x 40 1 000 199 140 2,20 25 x 45 199 140 2,20 30 x 35 1 200 166 117 2,30 25 x 50 166 117 2,30 30 x 40 166 117 2,30 35 x 35 1 500 133 93 2,50 30 x 45 133 93 2,50 35 x 40 1 800 111 78 2,70 30 x 50 111 78 2,70 35 x 45 2 200 91 64 2,90 35 x 50 180 (225) 2k 220 905 634 1,00 22 x 25 330 603 423 1,20 22 x 30 603 423 1,20 25 x 25 470 424 297 1,40 22 x 35 424 297 1,40 25 x 30 424 297 1,40 30 x 25 560 356 249 1,50 22 x 40 356 249 1,50 25 x 35 680 293 205 1,70 22 x 50 293 205 1,70 25 x 40 293 205 1,70 30 x 30 820 243 170 2,00 25 x 45 243 170 2,00 30 x 35 243 170 2,00 35 x 30 1 000 199 140 2,20 30 x 40 1 200 166 117 2,30 30 x 45 166 117 2,20 35 x 35 1 500 133 93 2,50 30 x 50 133 93 2,50 35 x 40 1 800 111 78 2,70 35 x 45 2 200 91 64 2,90 35 x 50 200 (250) 2d 220 905 634 1,00 22 x 25 270 737 516 1,10 22 x 30 737 516 1,10 25 x 25 390 511 358 1,30 22 x 35 511 358 1,30 25 x 30 511 358 1,30 30 x 25 470 424 297 1,40 22 x 40 424 297 1,40 25 x 35 424 297 1,40 30 x 30 560 356 249 1,50 22 x 45 680 293 205 1,70 25 x 40 293 205 1,70 30 x 35 820 243 170 2,00 25 x 50 243 170 2,00 30 x 40 243 170 2,00 35 x 30 1 000 199 140 2,20 30 x 45 199 140 2,20 35 x 35 1 200 166 117 2,30 30 x 50 166 117 2,30 35 x 40 1 500 133 93 2,50 35 x 50 250 (300) 2e 180 1 106 774 0,90 22 x 30 220 905 634 1,00 25 x 25 270 737 516 1,10 22 x 35 737 516 1,10 25 x 30 737 516 1,10 30 x 25 330 603 423 1,20 22 x 40 603 423 1,20 25 x 35 390 511 358 1,30 22 x 45 511 358 1,30 25 x 40 511 358 1,30 30 x 30 470 424 297 1,40 25 x 45 424 297 1,40 30 x 35 424 297 1,40 35 x 30 560 356 249 1,50 25 x 50 680 293 205 1,70 30 x 45 293 205 1,70 35 x 35 820 243 170 2,00 30 x 50 243 170 2,00 35 x 40 1 000 199 140 2,20 35 x 45 1 200 166 117 2,30 35 x 50 315 (365) 2f 82 2 427 1 335 0,64 22 x 25 100 1 990 1 095 0,69 22 x 30 120 1 658 912 0,75 25 x 25 v dc (surge voltage) code rated capa- citance max esr 20c, 120hz typ esr 20c, 120hz max ripple current 105c, 120hz size ? d x l (v) (f) (m) (m) (arms) (mm) 315 (365) 2f 150 1 327 730 0,82 22 x 35 1 327 730 0,82 25 x 30 1 327 730 0,82 30 x 25 180 1 106 608 0,90 22 x 40 1 106 608 0,90 25 x 35 220 905 498 1,00 22 x 45 905 498 1,00 25 x 40 905 498 1,00 30 x 30 270 737 406 1,10 25 x 45 737 406 1,10 30 x 35 737 406 1,10 35 x 30 330 603 332 1,20 25 x 50 603 332 1,20 30 x 40 390 511 281 1,30 30 x 45 511 281 1,30 35 x 35 470 424 233 1,40 30 x 50 424 233 1,40 35 x 40 560 356 196 1,50 35 x 45 680 293 161 1,70 35 x 50 350 (400) 2v 82 2 427 1 335 0,64 22 x 25 100 1 990 1 095 0,69 22 x 30 1 990 1 095 0,69 25 x 25 120 1 658 912 0,75 22 x 35 1 658 912 0,75 25 x 30 150 1 327 730 0,82 22 x 40 1 327 730 0,82 30 x 25 180 1 106 608 0,90 22 x 45 1 106 608 0,90 25 x 35 1 106 608 0,90 30 x 30 220 905 498 1,00 22 x 50 905 498 1,00 25 x 40 270 737 406 1,10 25 x 50 737 406 1,10 30 x 35 737 406 1,10 35 x 30 330 603 332 1,20 30 x 45 603 332 1,20 35 x 35 390 511 281 1,30 30 x 50 511 281 1,30 35 x 40 560 356 196 1,50 35 x 50 400 (450) 2g 56 3 553 1 954 0,51 22 x 25 68 2 926 1 610 0,56 22 x 30 2 926 1 610 0,56 25 x 25 82 2 427 1 335 0,64 22 x 35 100 1 990 1 095 0,69 25 x 30 120 1 658 912 0,75 22 x 40 1 658 912 0,75 25 x 35 1 658 912 0,75 30 x 25 150 1 327 730 0,82 22 x 50 1 327 730 0,82 25 x 40 1 327 730 0,82 30 x 30 180 1 106 608 0,90 25 x 45 1 106 608 0,90 30 x 35 1 106 608 0,90 35 x 25 220 905 498 1,00 25 x 50 905 498 1,00 30 x 40 905 498 1,00 35 x 30 270 737 406 1,10 30 x 45 737 406 1,10 35 x 35 330 603 332 1,20 30 x 50 603 332 1,20 35 x 40 390 511 281 1,30 35 x 45 470 424 233 1,40 35 x 50 450 (500) 2w 39 6 802 3 061 0,37 22 x 25 47 5 644 2 540 0,40 22 x 30 56 4 737 2 132 0,47 22 x 35 4 737 2 132 0,47 25 x 25 68 3 901 1 756 0,53 22 x 40 3 901 1 756 0,53 25 x 30 82 3 235 1 456 0,56 22 x 45 3 235 1 456 0,56 25 x 35 3 235 1 456 0,56 30 x 25 100 2 653 1 194 0,64 22 x 50 2 653 1 194 0,64 25 x 40 2 653 1 194 0,64 30 x 30 120 2 211 995 0,72 25 x 45 150 1 769 796 0,79 25 x 50 1 769 796 0,79 30 x 40 1 769 796 0,79 35 x 30 180 1 474 664 0,87 30 x 45 1 474 664 0,87 35 x 35 220 1 206 543 1,00 30 x 50 1 206 543 1,00 35 x 40 270 983 443 1,19 35 x 45 330 804 362 1,38 35 x 50 direct contact & support: jianghai europe gmbh +49 (0)2151-652088-0 info@jianghai-europe.com www.jianghai-europe.com v2006.2
8 part number system ec r 1c pt 101 m ff 2  0611 je xxxxx technology terminal type rated voltage code series code capacitance code (in f) capacitance tolerance lead form terminal/ pitch size dimension for specials only ec = electrolytic capacitor smd = v for coding please refer to the pages of ratings cd vs = bs 0,47 = r47 20% = m smd: 4x7 = 0407 radial = r cd vh = vh 1,0 = 010 10% = k taped = ff terminal = t2 5x11,5 = 0511 pc = polymer capacitor snap-in = s cd vz = vz 2,2 = 2r2 +30 / -10% = q radial: 6,3x11,5 = 0611 cd 261 = lk 100 = 101 +50 / -10% = t long lead = ll 2,0mm = 20 35x80 = 3580 cd 261x = qx 1 000 = 102 cut 5,0mm = cb 2,5mm = 25 45x100 = 45100 cd 262 = qm 10 000 = 103 cut  ,  mm = cc 3,5mm = 35 cd 26  = bk cut 4,0mm = cd 5,0mm = 50 cd 269 = ph cut 3,5mm = ce 7,5mm = 75 cd 281 = ll cut 3,0mm = cf 10,0mm = 10 cd 28  = xy on request: alternative lead forms (axial, 90 - angle, others) 12,5mm = 12 cd 287 = gc cd 28l = ql snap-in: cd 29  = bz 4,0mm pin length = t4 2 pin = p2 cd 29  = bw 6,  mm pin length = t6 3 pin = p3 cd 29  = bc soldering pin = s4 4 pin = p4 cd 296 = kc 5 pin = p5 cd 297 = bb preferred cd 299 = pg cd 29d = hr cd 29h = qh cd 29l = ql hcp = cp hpm = pm hvc = vc order code smd, radial, snap-in technical specifcation smd type dimensions ? d x l  x  ,   x  ,  6,  x  ,  6,  x 7,7 8 x 10,  8 x 11,8 10x10,  10x12,7 a 1,8 2,1 2,4 2,5 2,9 2,9 3,2 3,2 b 4,3 5,3 6,6 6,6 8,3 8,4 10,3 10,4 c 4,3 5,3 6,6 6,6 8,3 8,4 10,3 10,4 e 1,0 1,3 2,2 2,2 3,1 3,1 4,5 4,5 l 5,4 5,4 5,4 7,7 10,5 11,8 10,5 12,7 w 0,5 - 0,8 0,7 - 1,1 in mm size (dxl) w 0,  a 0,2 b 0,2 p 0,1 t2 0,2 f 0,1 t1 0,1 4 x 5,4 12,0 5,0 5,0 8,0 5,8 5,5 0,4 5 x 5,4 12,0 6,0 6,0 12,0 5,8 5,5 0,4 6,3 x 5,4 16,0 7,0 7,0 12,0 5,8 7,5 0,4 6,3 x 7,7 16,0 7,0 7,0 12,0 8,4 7,5 0,4 8 x 10,5 24,0 8,7 8,7 16,0 11,0 11,5 0,5 8 x 11,8 24,0 8,7 8,7 16,0 12,3 11,5 0,5 10 x 10,5 24,0 10,7 10,7 16,0 11,0 11,5 0,5 10 x 12,7 24,0 10,7 10,7 16,0 14,0 11,5 0,5 in mm taping dimensions diameter w d 4; 5 14 1 50 1 6,3 18 1 50 1 8; 10 25 1 50 1 polymer 25 1 80 1 in mm for more details or soldering profles of radials or polymer-capacitors please contact our local sales offces. allowable range of peak temperature size t (c) t (second) t 1 (second) ? 4 ~ 6,3 250 90 40 ? 8 x 10,5 240 90 30 ? 10 x 10,5 235 60 30 soldering profle (aluminium electrolytic capacitors) direct contact & support: jianghai europe gmbh +49 (0)2151-652088-0 info@jianghai-europe.com www.jianghai-europe.com v2006.2
10 part number system terminal t6 t  pin length t 6,3 4,0 technical specifcation snap-in type pin type: snap-in pin type: soldering order code: t6, t4 order code: s4 t6 , t4 s4 snap-in terminal soldering terminal order code: p2, p3, p4 order code: p5 negative mounting holes mounting holes negative terminal p2 p3 p4 p5 ec g 1c bp 101 m b e 160 a  61 jexxxxx technology terminal type rated voltage code series code capacitance code capacitance tolerance mounting diameter length for terminal code see tables below for specials only ec = electrolytic capacitor screw = g for coding please refer to the pages of ratings cd 1  = bp 100 = 101 20% = m bolt = b 36 = a 53 = 053 cd 1  6 = pk 1 000 = 102 10% = k no double sleeve = n 40 = b 65 = 065 cd 1  7 = px 10 000 = 103 +30 / -10% = q 2 stoppers bracket + double sleeve* = i 51 = c 96 = 096 cd 1  8 = pc +20 / -0% = r 3 stoppers bracket + double sleeve* = y 64 = d 100 = 100 cd 1  9 = bl +50 / -10% = t no bracket, but double sleeve* = d 77 = e 115 = 115 preferred * double sleeve for diameter 51 only 90 = f 236 = 236 101 = g order code screw type ? d ? d l ? 36 m8 12 ? 51 m12 16 in mm technical specifcation screw type dimensions standard housing bolt housing order code : i, y, d, n order code : b mounting holes p3 only t4 terminal positive negative direct contact & support: jianghai europe gmbh +49 (0)2151-652088-0 info@jianghai-europe.com www.jianghai-europe.com v2006.2


▲Up To Search▲   

 
Price & Availability of CD299PG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X