Part Number Hot Search : 
HCU04 R2632 FSP3301 AX6641 4000B FP5ZC9V1 NTE3183 1308A
Product Description
Full Text Search
 

To Download CD2383 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  npn complementary silicon transistsor CD2383 to-92 plastic package vertical deflection output and class b sound output applications of color t.v absolute maximum ratings ( ta=25oc unless specified otherwise) description symbol value unit collector emitter voltage v ceo 160 v collector base voltage v cbo 160 v emitter base voltage v ebo 6 v collector current continuous i c 1 a base current continuous i b 500 ma power dissipation p d 700 mw operating and storage junction temperature range electrical characteristics ( ta=25oc unless specified otherwise) description symbol test condition min typ max collector emitter breakdown voltage bv ceo i c =10ma,i b =0 160 v collector cut off current i cbo v cb =150v, i e = 0 1 m a emitter cut off current i ebo v be =6v, i c = 0 1 m a dc current gain h fe * v ce =5v,i c =200ma 60 320 collector emitter saturation voltage v ce(sat) * i c =500ma, i b =50ma 1.5 v base emitter on voltage v be(on) * v ce =5v, i c =5ma 0.45 0.75 v dynamic characteristics gain bandwith product f t i c =200ma, v ce =5v 20 100 mhz output capacitance c ob i c =0, v cb =10v 20 pf f=1mhz *pulse condition: width < 300 m m s, duty cycle < 2%. classification r o y hfe 60-120 100-200 160-320 value unit t j , t stg -55 to +150 oc e c b continental device india limited data sheet page 1 of 3 continental device india limited an iso/ts 16949, iso 9001 and iso 14001 certified company
CD2383 to-92 plastic package to-92 plastic package to-92 transistors on tape and ammo pack to-92 bulk to-92 t&a 1k/polybag 2k/ammo box 200 gm/1k pcs 645 gm/2k pcs 3" x 7.5" x 7.5" 12.5" x 8" x 1.8" 5k 2k 17" x 15" x 13.5" 17" x 15" x 13.5" 80k 32k 23 kgs 12.5 kgs package net weight/qty details standard pack inner carton box qty outer carton box qty gr wt size size packing detail cumulative pitch error 1.0 mm/20 pitch to be measured at bottom of clinch at top of body t1 0.3 - 0.6 body width body height body thickness pitch of component feed hole pitch feed hole centre to component centre distance between outer leads component alignment tape width hold-down tape width hole position hold-down tape position lead wire clinch height component height length of snipped leads feed hole diameter total tape thickness lead - to - lead distancef1, clinch height pull - out force item a1 a t p po p2 f h w wo w1 w2 ho h1 l do t f2 h2 (p) symbol specification 4.0 4.8 3.9 6n min. 12.7 12.7 6.35 5.08 0 18 6 9 0.5 16 4 2.54 nom. 4.8 5.2 4.2 1 23.25 11.0 1.2 3 max. 1 0.3 0.4 +0.6 -0.2 0.5 0.2 +0.7 -0.5 0.2 0.5 0.2 +0.4 -0.1 tol . remarks notes 1. maximum alignment deviation between leads not to be greater than 0.2 mm. 2. maximum non-cumulative variation between tape feed holes shall not exceed 1 mm in 20 pitches. 3. holddown tape not to exceed beyond the edge(s) of carrier tape and there shall be no exposure of adhesive. 4. no more than 3 consecutive missing components are permitted. 5. a tape trailer, having at least three feed holes are required after the last component. 6. splices shall not interfere with the sprocket feed holes. all dimensions in mm unless specified otherwise ammo pack style adhesive tape on top side flat side mechanical data t t1 t f1 f2 f p2 po do (p) w2 wo w1 w h1 a a1 p h0 l flat side of transistor and adhesive tape visible 2000 pcs./ammo pack label carrier strip 183 3 3 1 f e e d 4 2 h h pin configuration 1. base 2. collector 3. emitter f f h c 3 2 1 all diminsions in mm. dim min. max. a 4.32 5.33 b 4.45 5.20 c 3.18 4.19 d 0.41 0.55 e 0.35 0.50 f 5 deg g 1.14 1.40 h 1.14 1.53 2.082 k l 12.70 1.982 ? b a l s o l d e r a b i l i t y e n s u r e d d i m e n s i o n w i t h ' l ' u n c o n t r o l l e d b e y o n d ' l ' k e d a a sec aa g d 3 2 1 1 2 3 continental device india limited data sheet page 2 of 3
notes CD2383 to-92 plastic package CD2383rev030901 disclaimer the product information and the selection guides facilitate selection of the cdil's discrete semiconductor device(s) best suited for application in your product(s) as per your requirement. it is recommended that you completely review our data sheet(s) so as to confirm that the device(s) meet functionality parameters for your application. the information furnished in the data sheet and on the cdil web site/cd is believed to be accurate and reliable. cdil however, does not assume responsibility for inaccuracies or incomplete information. furthermore, cdil does not assume liability whatsoever, arising out of the application or use of any cdil product; neither does it convey any license under its patent rights nor rights of others. these products are not designed for use in life saving/support appliances or systems. cdil customers selling these products (either as individual discrete semiconductor devices or incorporated in their end products), in any life saving/support appliances or systems or applications do so at their own risk and cdil will not be responsible for any damages resulting from such sale(s). cdil strives for continuous improvement and reserves the right to change the specifications of its products without prior notice. cdil is a registered trademark of continental device india limited c-120 naraina industrial area, new delhi 110 028, india. telephone + 91-11-579 6150 fax + 91-11-579 9569, 579 5290 e-mail sales@cdil.com www.cdil.com continental device india limited data sheet page 3 of 3


▲Up To Search▲   

 
Price & Availability of CD2383

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X