Part Number Hot Search : 
LMD18400 UC284 RCA31R CHA366 TCA305A CR148 SWE1270 C1336M0
Product Description
Full Text Search
 

To Download CD2328A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  npn complementary silicon epitaxial transistor CD2328A to-92 bce 3w audio out p ut am p lifier a pp lication. absolute maximum ratings(ta=25deg c unless otherwise specified) description symbol value unit collector -base voltage vcbo 30 v collector -emitter voltage vceo 30 v emitter base voltage vebo 5.0 v collector current continuous ic 1.5 a peak icm 2.0 a power dissipation pd 0.75 w operating and storage junction tj, tstg -55 to +150 deg c temperature range electrical characteristics (ta=25 deg c unless otherwise specified) description symbol test condition min typ max unit collector -emitter voltage vceo ic=10ma, ib=0 30 - - v collector -base voltage vcbo ic=100ua, ie=0 30 - - v emitter base voltage vebo ie=1ma, ic=0 5.0 - - v collector cut off current icbo vcb=30v, ie=0 - - 100 na emitter cut off current iebo veb=5v, ic=0 - - 100 na dc current gain hfe* ic=500ma,vce=2v 100 - 320 collector emitter saturation voltage vce(sat) * ic=1.5a, ib=30ma - - 2.0 v base emitter on voltage vbe(on)* ic=500ma, vce=2v - - 1.0 v dynamic characteristics output capacitance cob vcb=10v, ie=0 - 30 - pf f=1mhz - 48 - pf gain bandwidth product ft vce=2v,ic=500ma, - 120 - mhz classification o y hfe * 100-200 160-320 *pulse test : pulse width =300us, duty cycle=2% continental device india limited data sheet page 1 of 3 e c b continental device india limited an iso/ts 16949, iso 9001 and iso 14001 certified company
to-92 transistors on tape and ammo pack to-92 plastic package to-92 bulk to-92 t&a 1k/polybag 2k/ammo box 200 gm/1k pcs 645 gm/2k pcs 3" x 7.5" x 7.5" 12.5" x 8" x 1.8" 5.0k 2.0k 17" x 15" x 13.5" 17" x 15" x 13.5" 80.0k 32.0k 23 kgs 12.5 kgs package net weight/qty details standard pack inner carton box qty outer carton box qty gr wt size size p ac ki ng d eta il cumulative pitch error 1.0 mm/20 pitch to be measured at bottom of clinch at top of body t1 0.3 - 0.6 body width body height body thickness pitch of component feed hole pitch feed hole centre to component centre distance between outer leads component alignment tape width hold-down tape width hole position hold-down tape position lead wire clinch height component height length of snipped leads feed hole diameter total tape thickness lead - to - lead distancef1, clinch height pull - out force item a1 a t p po p2 f h w wo w1 w2 ho h1 l do t f2 h2 (p) symbol specification 4.0 4.8 3.9 6n min. 12.7 12.7 6.35 5.08 0 18 6 9 0.5 16 4 2.54 nom. 4.8 5.2 4.2 1 23.25 11.0 1.2 3 max. 1 0.3 0.4 +0.6 -0.2 0.5 0.2 +0.7 -0.5 0.2 0.5 0.2 +0.4 -0.1 tol . remarks notes 1. maximum alignment deviation between leads not to be greater than 0.2 mm. 2. maximum non-cumulative variation betw een tape feed holes shall not exceed 1 mm in 20 pit ch es . 3. holddown tape not to exceed beyond the edge(s) of carrier tape and there shall be no exposure of adhesive. 4. no more than 3 consecutive missing components are permitted. 5. a tape trailer, having at least three feed holes are required after the last component. 6. splices shall not interfere with the sprocket feed holes. all dimensions in mm unless specified otherwise ammo pack s t y le adhesive ta p e on to p side flat side mechanical data t t1 t f1 f2 f p2 po do (p) w2 wo w1 w h1 a a1 p h0 l flat side of transistor and adhesive tape visible 2000 pcs./ammo pack label carrier strip 8.2" 1 3 " f e e d 1 . 7 7 " h h b 3 2 1 a k e d a a sec aa g d f f h c 3 2 1 3 2 1 all diminsions in mm. dim min. max. a 4.32 5.33 b 4.45 5.20 c 3.18 4.19 d 0.41 0.55 e 0.35 0.50 f5 deg g 1.14 1.40 h 1.14 1.53 k 12.70 ? pin configuration 1. base 2. collector 3. emitter continental device india limited data sheet page 2 of 3
disclaimer customer notes the product information and the selection guides facilitate selection of the cdil's discrete semiconductor device(s) best suited for application in your product(s) as per your requirement. it is recommended that you completely review our data sheet(s) so as to confirm that the device(s) meet functionality parameters for your application. the information furnished on the cdil web site/cd is believed to be accurate and reliable. cdil however, does not assume res ponsibility for inaccuracies or incomplete information. furthermore, cdil does not assume liability whatsoever, arising out of the application or use of any cdil product; neither does it convey any license under its patent rights nor rights of others. these pr oducts are not designed for use in life saving/support appliances or systems. cdil customers selling these pr oducts (either as individual discrete semiconductor devices or incorporated in their end products), in any life saving/support appliances or systems or applications do so at their own risk and cdil will not be responsible for any damages resulting from such sale(s). cdil strives for continuous improvement and reserves the right to change the specifications of its products without prior notic e. cdil is a registered trademark of continental device india limited c-120 naraina industrial area, new delhi 110 028, india. telephone + 91-11-2579 6150, 5141 1112 fax + 91-11-2579 5290, 5141 1119 email@cdil.com www.cdilsemi.com continental device india limited data sheet page 3 of 3


▲Up To Search▲   

 
Price & Availability of CD2328A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X