Part Number Hot Search : 
MAX17201 CS7107 UJA1065 RT8256 30NF20 IGT0550 16080 5ED430J
Product Description
Full Text Search
 

To Download BPWXLD4-50U-008 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bpwxl 4 series data sheet, page 1 of 2 bias power +1 847 215 2427 revised 3/12/2012 www.biaspower.com specifications subject to change bias 4 watt led drivers universal input/output with aovc tm bpwxl 4-12u-035 (350ma constant current) bpwxld 4-12u-035 (350ma, 0-10 dimmable) bpwxl 4-50u-008 (80ma constant current) bpwxld 4-50u-008 (80ma, 0-10 dimmable) features ? universal input (100-308 vac, 50/60hz) ? universal output with aovc tm (3-12vdc@350ma) or (3-50vdc@80ma) ? ingress protection to ip67 ? -40 to +85c ambient, 90c maximum case temperature ? flying leads for ac and led connections ? 3000 vac isolation ? 75% efficiency ? en 55022, class b; fcc part 15, class b ? meets ul/csa and en product safety re- quirements (ul 8750 class 2) ? overcurrent, short circuit (shorted string), open circuit (string break) and overload protected operating specifications (@120vac / 60 hz / 25c unless otherwise specified) electrical input voltage range 100-308 vac (50/60hz) output power (pmax) 4 w nom (50/60hz) efficiency 75% nom. temperature regulation io (peak) +/- 2%, po < pmax isolation 3000 vac (meets ul/csa & en product safety) earth leakage @ 120 vac < 10 ua short circuit protection continuous, pin 0.7 w @ 120 vac reliability @ 25 c, mil hdbk-217f > 500 khr mtbf string voltage (minimum) 3.0 vdc 0-10 vdc dimming per iec 60929, annex e line regulation, io (peak) +/- 1%, po < pmax ac input connections line blk, neutral wht dc output connections pos(+) red, neg (-) blu dimming (0-10 vdc) connections adjust pur/com gry environmental operating temperature -40 to 85 o c case temperature, maximum 90 o c storage temperature -40 to 105 o c ingress protection ip67 mechanical package size (l x w x h) 1.9 x 1.74 x 0.94 inches lead length 11, 18awg 600v class safety and standards safety compliance etl/ul 8750 class 2/can/csa c22.2 emi emissions en 55022, class b, fcc part 15, class b standards compliance iec61347-1, iec61347-2-3 model number maximum string voltage output current dimming bpwxl 4-12u-035 12 vdc 350 ma n/a bpwxld 4-12u-035 12 vdc 0 - 350 ma 0 to 10 vdc, vd bpwxl 4-50u-008 50 vdc 80 ma n/a bpwxld 4-50u-008 50 vdc 0 - 80 ma 0 to 10 vdc, vd recognized benefits ? bias adaptive output voltage control, aovc tm technology (patent pend- ing) provides the broadest range of applications wi th the fewest driver skus and 75%+ efficiency across all string lengths ? highly reliable, rugged construction for indoor or outdoor applications ? true 0-10 volt dimming with 1000:1 range, iec 60929 compliant ? 1% current regulation and no flicker ? color coded flying leads for simple assembly and in stallation ? ac line or dc load switching without overshoot on s tartup 5 year warranty - see bias power published warrant y for specifics
bpwxl 4 series data sheet, page 2 of 2 bias power +1 847 215 2427 revised 3/12/2012 www.biaspower.com specifications subject to change bias 4 watt led drivers universal input/output with aovc tm bpwxl 4-12u-035 (350ma constant current) bpwxld 4-12u-035 (350ma, 0-10 dimmable) bpwxl 4-50u-008 (80ma constant current) bpwxld 4-50u-008 (80ma, 0-10 dimmable) bpwxl 4-12u-035 bpwxl 4-50u-006 top view ac side view top view ac side view bpwxld 4-12u-035
mouser electronics authorized distributor click to view pricing, inventory, delivery & lifecycle information: bias power: ? bpwxld4-12u-035? bpwxl4-50u-008


▲Up To Search▲   

 
Price & Availability of BPWXLD4-50U-008

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X