Part Number Hot Search : 
BCM73 SP8858I BYT43A SA060 MX25V 152N085 C16LF 6039122
Product Description
Full Text Search
 

To Download AXL226901 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  connectors for industrial equipment axl(2) ordering information specifications 1. characteristics for pc board to pc board for pc board to wire for pc board to flat cable low-profile headers (axl2) item speci?ations condition box type, open type (height: 7.4mm) open type (height: 2.54mm) electrical characteristics rated current 2 a when the header is connected to our wire-press socket, the rated current varies depending on the wire used as shown below. (awg#22/#24: 3 a, awg#26: 2 a, awg#28: 1 a) rated voltage 250v ac breakdown voltage 1,000v ac for 1 min. detection current: 1ma insulation resistance min. 1,000m ? at 500v dc contact resistance max. 20m ? mil type socket or bb socket are mated, measured based on the hp4338b measurement method of jis c 5402 mechanical characteristics post holding force min. 19.6n {2kgf} min. 9.81n {1kgf} by pulling post until coming off insertion and removal life 500 times however, life of the simple lock is 10 times. ambient temperature ?5 c to +105 c features 1. simple lock mechanism provided. a simple lock mechanism is used for box type. it can be used where there is light vibration or shock. also, the socket is a one-touch insertion and removal type. 2. incorrect insertion prevention mechanism is provided. with the box type, prevention against incorrect insertion is provided. 3. variety of combination possible. box types can be used with mil type sockets and open types can be combined with bb (axb) sockets. applications ?communication equipment ?measuring equipment ?factory automation equipment box type open type compliance with rohs directive 1: au plating/sn plating 2: low-profile headers (header)
2: box type 8: open type, height: 2.54 mm 9: open type, height: 7.4 mm axl 12 10: 10 contacts 14: 14 contacts 16: 16 contacts 20: 20 contacts 26: 26 contacts 30: 30 contacts 34: 34 contacts 40: 40 contacts 50: 50 contacts 60: 60 contacts 64: 64 contacts 0: straight 1: angle panasonic-electric-works.net/ac
connectors for industrial equipment axl(2) 2. materials and surface treatment product types dimensions (unit: mm) pa rt name material surface treatment molded parts glass reinforced pbt (ul94v-0) post copper alloy contact portion: ni plating on base, au plating on surface terminal portion: ni plating on base, sn plating on surface 1. box type notes) 1. try packaging: outer carton 200 pcs. 2. for available foreign standard product, refer to ?tandards chart on the end of catalog. special order - with polarity slot - with polarity incorrect insertion prevention projection 2. open type notes) 1. try packaging: outer carton 200 pcs. 2. for available foreign standard product, refer to ?tandards chart on the end of catalog. te r minal shape no. of contact angle straight 10 axl210211 axl210201 14 axl214211 axl214201 16 axl216211 axl216201 20 axl220211 axl220201 26 axl226211 axl226201 30 axl230211 axl230201 34 axl234211 axl234201 40 axl240211 axl240201 50 axl250211 axl250201 te r minal shape no. of contact height 7.4mm height 2.54mm angle straight straight 10 axl210911 axl210901 axl210801 14 axl214911 axl214901 axl214801 16 axl216911 axl216901 axl216801 20 axl220911 axl220901 axl220801 26 axl226911 AXL226901 axl226801 30 axl230911 axl230901 axl230801 34 axl234911 axl234901 axl234801 40 axl240911 axl240901 axl240801 50 axl250911 axl250901 axl250801 60 axl260801 64 axl264801 the cad data of the products with a cad data mark can be downloaded from: http://panasonic-electric-works.net/ac ?box type general tolerance: 0.3 6.35 6.0 13.9 b 2.54 a c 8.7 8.4 te r minal dimensions recommended pc board pattern (bottom view) angle terminal straight terminal angle terminal straight terminal 3.59 3.0 2.54 0.5 0.05 0.5 0.05 3.0 2.54 ( 13.9 ) b 2.54 0.05 3.59 ( a ) 2.54 0.05 0.8+0.05 dia. ( 8.7 ) (a) b 0.1 2.54 0.05 2.93 2.54 0.05 0.8+0.05 dia. dimension table (mm) no. of contacts a b c 10 19.6 10.16 17.53 14 24.7 15.24 22.61 16 27.3 17.78 25.15 20 32.3 22.86 30.23 26 40.0 30.48 37.85 30 45.0 35.56 42.93 34 50.1 40.64 48.01 40 57.7 48.26 55.63 50 70.4 60.96 68.33 cad data panasonic-electric-works.net/ac
connectors for industrial equipment axl(2) ?open type (height: 7.4mm) general tolerance: 0.3 0.64 a b 0.64 6.6 c 7.4 2.54 0.15 te r minal dimensions recommended pc board pattern (bottom view) angle terminal straight terminal angle terminal straight terminal 3.0 3.59 0.5 0.05 2.54 0.15 0.5 0.05 1.73 2.54 0.15 3.0 3.59 ( a ) b 0.1 0.8 dia. 2.54 0.05 2.54 0.05 +0.1 0 b 0.1 ( a ) 0.8 dia. 1.73 2.54 0.05 +0.1 2.54 0.05 0 dimension table (mm) no. of contacts a b c 10 13.6 10.16 6.0 14 18.6 15.24 16 21.2 17.78 20 26.3 22.86 26 33.9 30.48 30 39.0 35.56 34 44.0 40.64 40 51.7 48.26 50 64.4 60.96 cad data ?open type (height: 2.54mm) general tolerance: 0.3 0.64 0.5 a b 2.54 0.15 2.54 0.15 0.5 5.08 2.54 0.64 2.54 0.3 3.0 6.0 2.54 recommended pc board pattern (bottom view) ( a ) b 0.1 2.54 0.05 0.8 dia. 2.54 0.05 ( 5.08 ) +0.1 0 dimension table (mm) no. of contacts a b 10 12.7 10.16 14 17.78 15.24 16 20.32 17.78 20 25.4 22.86 26 33.02 30.48 30 38.1 35.56 34 43.18 40.64 40 50.8 48.26 50 63.5 60.96 60 76.2 73.66 64 81.28 78.74 cad data panasonic-electric-works.net/ac
connectors for industrial equipment axl(2) cable no. and terminal correlation drawing notes when this low-pro?e header is ?ed with mil type socket, the header terminal positions and the corresponding cable n umbers are shown in the drawing below. 1. box type angle terminal straight terminal 2. open type angle terminal straight terminal triangle mark triangle mark 1 2 4 n n 1234 3 n-1 cable no. cable 2 n-1 13 n 2 1 triangle mark n n-1 2 1 n n-1 2 1 n n-1 1. regarding socket insertion and removal the low pro?e type header does not have a lever mechanism for removal of the header. the socket should be gr asped with the hand for insertion and removal. in case that mil type or wire- press socket are inserted to box type header with 50 contacts, there will be a little dif?ulty in insertion. this is because the polarity guide is a little higher for the protection of reverse insertion. please refer to the following illustration for smooth inserting. 2. regarding soldering soldering should be carried out under the conditions given below. 260 c: within 10 seconds 300 c: within 5 seconds 350 c: within 3 seconds 3. regarding handling of terminals care should be taken in the handling of the terminals because repeated bending can lead to damage. 4. regarding the environment for use header selection can be made from the table right for use under external mechanical vibration or shock, or for use where there is dust or other adverse environment. vibration: approx. 9.8m/s 2 {1g}/10 to 150hz shock: approx. 49m/s 2 {5g} 5. vibration and shock when low-pro?e headers are used together with mil type sockets or bb sockets, there is a possibility of socket removal if they are used where always shock or vibration is applied. so care for lock mechanism or no shock application ahould be taken. socket header polarity guide use environ- ment header type vibration, shock dust occasion ally normally low- pro?e header box type good not good good open type not good not good not good mil header long lever good good good short lever good not good good for other details, please verify with the product speci?ation sheets. panasonic-electric-works.net/ac


▲Up To Search▲   

 
Price & Availability of AXL226901

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X