Part Number Hot Search : 
MT9161BN 5030D 2SK34 101M10 50N03 XN1000 24012 WSH135
Product Description
Full Text Search
 

To Download AP9973GI Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  advanced power n-channel enhancement mode electronics corp. power mosfet fast switching performance bv dss 60v single drive requirement r ds(on) 80m full isolation package i d 14a description absolute maximum ratings symbol units v ds v v gs v i d @t c =25 a i d @t c =100 a i dm a p d @t c =25 w t stg t j symbol value units rthj-c maximum thermal resistance, junction-case 5.0 /w rthj-a maximum thermal resistance, junction-ambient 65 /w data and specifications subject to change without notice thermal data parameter storage temperature range total power dissipation 25 -55 to 150 operating junction temperature range -55 to 150 continuous drain current, v gs @ 10v 9 pulsed drain current 1 40 parameter rating drain-source voltage 60 gate-source voltage 20 continuous drain current, v gs @ 10v 201210072 rohs-compliant product 1 AP9973GI 14 g d s advanced power mosfets from apec provide the designer with the best combination of fast switching, ruggedized device design, low on-resistance and cost-effectiveness. the to-220cfm isolation package is widely preferred for commercial- industrial through hole applications. g d s to-220cfm(i)
electrical characteristics@t j =25 o c(unless otherwise specified) symbol parameter test conditions min. typ. max. units bv dss drain-source breakdown voltage v gs =0v, i d =250ua 60 - - v r ds(on) static drain-source on-resistance 2 v gs =10v, i d =9a - - 80 m  v gs =4.5v, i d =6a - - 100 m  v gs(th) gate threshold voltage v ds =v gs , i d =250ua 1 - 3 v g fs forward transconductance v ds =10v, i d =9a - 8.6 - s i dss drain-source leakage current v ds =60v, v gs =0v - - 1 ua drain-source leakage current (t j =150 o c) v ds =48v ,v gs =0v - - 25 ua i gss gate-source leakage v gs =20v - - 100 na q g total gate charge 2 i d =9a - 8 13 nc q gs gate-source charge v ds =48v - 3 - nc q gd gate-drain ("miller") charge v gs =4.5v - 4 - nc t d(on) turn-on delay time 2 v ds =30v - 7 - ns t r rise time i d =9a - 15 - ns t d(off) turn-off delay time r g =3.3 ? v gs =10v - 16 - ns t f fall time r d =3.3  -3- ns c iss input capacitance v gs =0v - 720 1150 pf c oss output capacitance v ds =25v - 77 - pf c rss reverse transfer capacitance f=1.0mhz - 45 - pf source-drain diode symbol parameter test conditions min. typ. max. units v sd forward on voltage 2 i s =14a, v gs =0v - - 1.2 v t rr reverse recovery time 2 i s =9a, v gs =0 v , - 28 - ns q rr reverse recovery charge di/dt=100a/s - 27 - nc notes: 1.pulse width limited by max. junction temperature. 2.pulse test this product is an electrostatic sensitive, please handle with caution. device or system are not authorized. 2 AP9973GI this product has been qualified for consumer market. applications or uses as criterial component in life support
AP9973GI fig 1. typical output characteristics fig 2. typical output characteristics ??? t rr q rr fig 3. on-resistance v.s. gate voltage fig 4. normalized on-resistance v.s. junction temperature fig 5. forward characteristic of fig 6. gate threshold voltage v.s. reverse diode junction temperature 3 60 70 80 90 246810 v gs , gate-to-source voltage (v) r ds(on) (m  ) i d =9a t c =25 o c 0 10 20 30 40 0123456 v ds , drain-to-source voltage (v) i d , drain current (a) v g =3.0v t c =25 o c 10v 7.0v 5.0v 4.5v 0 10 20 30 0123456 v ds , drain-to-source voltage (v) i d , drain current (a) t c =150 o c v g =3.0v 10v 7.0v 5.0v 4.5v 0.4 0.8 1.2 1.6 2.0 -50 0 50 100 150 t j , junction temperature ( o c) normalized r ds(on) v g =10v i d =9a 0 4 8 12 16 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 v sd , source-to-drain voltage (v) i s (a) t j =25 o c t j =150 o c 0.8 1 1.2 1.4 1.6 1.8 2 -50 0 50 100 150 t j ,junction temperature ( o c) v gs(th) (v)
fig 7. gate charge characteristics fig 8. typical capacitance characteristics ??? t rr q rr fig 9. maximum safe operating area fig 10. effective transient thermal impedance fig 11. switching time waveform fig 12. gate charge waveform 4 AP9973GI 10 100 1000 10000 1 5 9 13 17 21 25 29 v ds , drain-to-source voltage (v) c (pf) f=1.0mhz c iss c rss c oss t d(on) t r t d(off) t f v ds v gs 10% 90% q v g 4.5v q gs q gd q g charge 0.01 0.1 1 0.00001 0.0001 0.001 0.01 0.1 1 10 t , pulse width (s) normalized thermal response (r thjc ) p dm duty factor = t/t peak t j = p dm x r thjc + t c t t 0.02 0.01 0.05 0.1 0.2 duty factor=0.5 single pulse 0.1 1 10 100 0.1 1 10 100 v ds , drain-to-source voltage (v) i d (a) t c =25 o c single pulse 100us 1ms 10ms 100ms 1s dc 0 2 4 6 8 10 12 0 4 8 12 16 q g , total gate charge (nc) v gs , gate to source voltage (v) v ds =30v v ds =38v v ds =48v i d =9a
package outline : to-220cfm millimeters min nom max a 4.50 4.70 4.90 a1 2.30 2.65 3.00 b 0.50 0.70 0.90 b1 0.95 1.20 1.50 c 0.45 0.65 0.80 c2 2.30 2.60 2.90 e 9.70 10.00 10.40 l3 2.91 3.41 3.91 l4 14.70 15.40 16.10 ---- 3.20 ---- e ---- 2.54 ---- 1.all dimensions are in millimeters. 2.dimension does not include mold protrusions. part marking information & packing : to-220cfm symbols advanced power electronics corp. package code 9973gi part number logo date code (ywwsss) y last digit of the year ww week sss sequence ywwsss logo a1 a c e b b1 e l4 c2 a1 a c e b b1 e l4 c2 l3 meet rohs requirement 5


▲Up To Search▲   

 
Price & Availability of AP9973GI

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X