Part Number Hot Search : 
GG1178 AAT863 HZU3CLL J0000F RL4ZZ CLC1011 ACE100 SA130
Product Description
Full Text Search
 

To Download AP7340 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  AP7340 document number: ds35282 rev. 2 - 2 1 of 15 www.diodes.com october 2013 ? diodes incorporated a p7340 150ma high psrr low noise ldo with enable description the AP7340 is low dropout regulator with high output voltage accuracy, low r dson , high psrr, low output noise and low quiescent current. this regulator is based on a cmos process. the AP7340 includes a voltage reference, error amplifier, current limit circuit and an enable input to turn it on and off. with the integrated resistor network fixed output vo ltage versions can be delivered. with its low power consumption and line and load transient response the AP7340 is well suited for low power handheld communication equipment. the AP7340 is packaged in a x2-dfn1010-4 package and allows for smallest footprint and dense pcb layout. features low v in and wide v in range: 1.7v to 5.25v guarantee output current,150ma v out accuracy 1% ripple rejection 75db at 1khz low output noise, 60uvrms from 10hz to 100khz quiescent current as low as 35a v out fixed 1.2v to 3.3v totally lead-free & and fully rohs compliant (note 1) halogen and antimony free, green device (note 2) pin assignments pin1 ? v out , pin2 ? gnd, pin3 ? en, pin4 ? v in applications ? smart phone/pad ? rf supply ? cameras ? portable video ? portable media player ? wireless adapter ? wireless communication notes: 1. no purposely added lead. fully eu directiv e 2002/95/ec (rohs) & 2011/6 5/eu (rohs 2) compliant. 2. see http://www.diodes.com/quality/lead_free.html for more in formation about diodes incorporated?s definitions of halogen- a nd antimony-free, "green" and lead-free. 3. halogen- and antimony-free "green? products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total br + cl) and <1000ppm antimony compounds. typical applications circuit figure 1 typical application circuit free datasheet http:///
AP7340 document number: ds35282 rev. 2 - 2 2 of 15 www.diodes.com october 2013 ? diodes incorporated a p7340 pin descriptions pin name pin no function x2-dfn1010-4 v out 1 power output pin gnd 2 ground en 3 enable pin. this pin should be driv en either high or low and must not be floating. driving this pin high enables the regulator, while pulling it low puts the regulator into shutdown mode v in 4 power input pin thermal pad in pcb layout, prefer to use large copper area to cover this pad for better thermal dissipation, then connect this area to gnd or leave it open. howeve r do not use it as gnd electrode function alone. functional block diagram AP7340 (non discharge) AP7340d (with discharge) absolute maximum ratings (note 4) (@t a = +25c, unless otherwise specified.) symbol parameter ratings unit v in input voltage 6.0 v v ce input voltage en 6.0 v v out output voltage -0.3 to v in +0.3 v i out output current 300 ma p d power dissipation 400 mw t a operating temperature -40 to +85 c t stg storage temperature -55 to +125 c note: 4. a). stresses beyond those listed under absolute ma ximum ratings may cause permanent damage to the device. these are stress ratings only and functional operation of the device at t hese conditions is not implied. expos ure to absolute-maximum-rated condi tions for extended periods may affect device reliability. b). ratings apply to ambient temperature at 25c . the jedec high-k board design used to derive this data was a 2 inch x 2 inch multilayer board with 1-ounce internal power and ground planes and 2-ounce copper traces on the top and bottom of the board. recommended operating conditions (@t a = +25c, unless otherwise specified.) symbol parameter min max unit v in input voltage 1.7 5.25 v i out output current 0 150 ma t a operating ambient temperature -40 +85 c free datasheet http:///
AP7340 document number: ds35282 rev. 2 - 2 3 of 15 www.diodes.com october 2013 ? diodes incorporated a p7340 electrical characteristics (v en = v in = v out +1.0v, c in = c out 0.47f, i out = 1.0ma @t a = +25c, unless otherwise specified.) parameter conditions min typ max units input voltage t a = -40c to +85c 1.7 5.25 v output voltage accuracy (note 11) v in = (v out ? nom +1.0v) to 5.25v, i out = 1ma to 150ma t a = +25c -1 1 % t a = -40c to +85c -1.5 +1.5 line regulation (dv out /dv in /v out ) v in = (v out ? nom +1.0v) to 5.25v, i out = 1.0ma 0.02 0.1 %/v load regulation (dv out /v out /di out ) v in = v out - nom +1.0v, i out = 1ma to 150ma 0.5 1.0 %/a quiescent current (note 6) i out = 0ma 35 50 ua i out = 150ma 60 100 i standby v en = 0v (disabled) 0.01 1.0 ua output current 150 ma fold-back short current (note 7) v out short to ground 55 ma psrr (note 8) v in = [v out +1v] vdc + 0.2vp-pac, v out 1.8v, i out = 30ma f = 1khz 75 db output noise voltage (note 8) (note 9) bw = 10hz to 100khz, i out = 30ma 60 vrms dropout voltage (note 5) i out = 150ma 1.2v v out < 1.5v 0.50 0.62 v 1.5v v out < 1.7v 0.38 0.47 1.7v v out < 2.0v 0.34 0.42 2.0v v out < 2.5v 0.28 0.36 2.5v v out < 2.8v 0.22 0.30 2.8v v out 3.3v 0.21 0.27 output voltage temperature coefficient i out = 30ma, t a = -40c to +85c 30 ppm/c en input low voltage 0 0.5 v en input high voltage 1.3 5.25 v en input leakage v en = 0, v in = 5.0v or v en = 5.0v, v in = 0v -1.0 +1.0 a on resistance of n-channel for auto-discharge (note 10) vin = 4.0v v en = 0v (disabled) 30 ?? notes: 5. dropout voltage is the volt age difference between the input and the output at which the output voltage drops 2% bel ow its nominal value. 6. quiescent current is defined here is the di fference in current between the input and the output. 7. short circuit current is measured with v out pulled to gnd. 8. this specification is guaranteed by design. 9. to make sure lowest environment noise minimizes the influence on noise measurement. 10. AP7340 has 2 options for outpu t, built-in discharge and non-discharge 11. potential multiple grades based on following output voltage accuracy. free datasheet http:///
AP7340 document number: ds35282 rev. 2 - 2 4 of 15 www.diodes.com october 2013 ? diodes incorporated a p7340 typical characteristics output noise (AP7340-33) free datasheet http:///
AP7340 document number: ds35282 rev. 2 - 2 5 of 15 www.diodes.com october 2013 ? diodes incorporated a p7340 typical characteristics (cont.) free datasheet http:///
AP7340 document number: ds35282 rev. 2 - 2 6 of 15 www.diodes.com october 2013 ? diodes incorporated a p7340 typical characteristics (cont.) free datasheet http:///
AP7340 document number: ds35282 rev. 2 - 2 7 of 15 www.diodes.com october 2013 ? diodes incorporated a p7340 typical characteristics (cont.) free datasheet http:///
AP7340 document number: ds35282 rev. 2 - 2 8 of 15 www.diodes.com october 2013 ? diodes incorporated a p7340 AP7340-25 time t (s) out p ut volta g e input voltage 0 20 40 60 80 100 output voltage v out (v) 2.500 2.480 2.520 5 4 3 input voltage v in (v) AP7340-33 time t (s) out p ut volta g e input voltage 0 20 40 60 80 100 output voltage v out (v) 3.300 3.280 3.320 5 4 6 input voltage v in (v) typical characteristics (cont.) AP7340-25 time t (s) output voltage output current 50ma ? 100m a 0 20 40 60 80 100 output voltage v out (v) 2.50 2.45 2.35 2.40 150 100 50 0 v in =3.5v tr=tf=0.5 s output current i out (ma) AP7340-33 time t (s) output voltage output current 50ma ? 100ma 0 20 40 60 80 100 output voltage v out (v) 3.30 3.25 3.35 150 100 50 3.20 0 v in =4.3v tr=tf=0.5 s output current i out (ma) AP7340-25 time t ( s ) output voltage output current 1ma ? 150ma 0 20 40 60 80 100 output voltage v out (v) 2.50 2.30 2.70 300 150 0 2.10 output current i out (ma) v in =3.5v tr=tf=0.5s AP7340-33 time t (s) output voltage output current 1ma ? free datasheet http:///
AP7340 document number: ds35282 rev. 2 - 2 9 of 15 www.diodes.com october 2013 ? diodes incorporated a p7340 typical characteristics (cont.) AP7340-25 time t (s) out p ut volta g e ce input voltage 0 40 80 120 160 200 output voltage v out (v) 1 0 2 3 2 1 3 ce input voltage v ce (v) i out =0ma 0 AP7340-25 time t (s) output voltage ce input voltage 0 40 80 120 160 200 output voltage v out (v) 1 0 2 3 2 1 3 ce input voltage v ce (v) i ou t =30m a 0 AP7340-25 time t (s) output voltage ce input voltage 0 40 80 120 160 200 output voltage v out (v) 1 0 2 3 2 1 3 ce input voltage v ce (v) i ou t =150m a 0 AP7340-33 time t (s) output voltage ce input voltage 0 40 80 120 160 200 output voltage v out (v) 1 0 2 3 2 1 ce input voltage v ce (v) i out =0m a 0 3 AP7340-33 time t (s) output voltage ce input voltage 0 40 80 120 160 200 output voltage v out (v) 1 0 2 3 2 1 ce input voltage v ce (v) i out =30ma 0 3 AP7340-33 time t (s) output voltage ce input voltage 0 40 80 120 160 200 output voltage v out (v) 1 0 2 3 2 1 ce input voltage v ce (v) i out =150m a 0 3 free datasheet http:///
AP7340 document number: ds35282 rev. 2 - 2 10 of 15 www.diodes.com october 2013 ? diodes incorporated a p7340 AP7340-18 time t (s) out p ut volta g e ce input voltage 0 40 80 120 160 200 output voltage v out (v) 2 1 3 4 2 0 ce input voltage v ce (v) i ou t =0m a 0 4 6 AP7340-18 time t (s) out p ut volta g e ce input voltage 0 40 80 120 160 200 output voltage v out (v) 2 1 3 4 2 0 ce input voltage v ce (v) i ou t =150m a 0 4 6 AP7340-33 time t (s) out p ut volta g e ce input voltage 0 40 80 120 160 200 output voltage v out (v) 2 1 3 4 2 0 ce input voltage v ce (v) i ou t =0m a 0 4 6 AP7340-33 time t (s) out p ut volta g e ce input voltage 0 40 80 120 160 200 output voltage v out (v) 2 1 3 4 2 0 ce input voltage v ce (v) i ou t =30m a 0 4 6 AP7340-33 time t (s) out p ut volta g e ce input voltage 0 40 80 120 160 200 output voltage v out (v) 2 1 3 4 2 0 ce input voltage v ce (v) i ou t =150m a 0 4 6 i ou t =30m a AP7340-18 3 1 2 0 output voltage v out (v) ce input voltage v ce (v) ce input voltage out p ut volta g e 0 40 80 120 160 200 4 time t (s) 6 4 6 2 0 typical characteristics (cont.) free datasheet http:///
AP7340 document number: ds35282 rev. 2 - 2 11 of 15 www.diodes.com october 2013 ? diodes incorporated a p7340 application information output capacitor an output capacitor (c out ) is needed to improve transient response and ma intain stability. the AP7340 is stable with very small ceramic output capacitors. the esr (equivalent series re sistance) and capacitance drives the selecti on. if the application has large load var iations, it is recommended to utilize low-esr bulk capacitors. it is recommended to place ceramic capacitors as close as possible to the load and the ground pin and care should be taken to reduce the impedance in the layout. input capacitor to prevent the input voltage from dropping during load st eps it is recommended to utilize an input capacitor (c in ). a minimum 0.47 f ceramic capacitor is recommended between v in and gnd pins to decouple input power supply glitch. th is input capacitor must be located as close as possible to the device to assure input stability and reduce noise . for pcb layout, a wide copper trace is required for both v in and gnd pins. enable control the AP7340 is turned on by setting the en pin high, and is turned o ff by pulling it low. if this feature is not used, the en pi n should be tied to v in pin to keep the regulator output on at all time. to ensure proper ope ration, the signal source used to drive the en pin must be abl e to swing above and below the specified turn-on/off voltage thresholds listed in the electrical characteristics section. short circuit protection when v out pin is short-circuit to gnd, short circuit protection will be triggered and clamp the output cu rrent to approxi mately 60ma. th is feature protects the regulator from over-cu rrent and damage due to overheating. layout considerations for good ground loop and stability, the input and output capacit ors should be located close to the input, output, and ground pi ns of the device. the regulator ground pin should be connected to the external circuit ground to reduce voltage drop caused by trace impedance. groun d plane is generally used to reduce trace impedanc e. wide trace should be used for large current paths from v in to v out , and load circuit. esr vs. output current ceramic type output capacitor is recommended for this series; howev er, the other output capacitors with low esr also can be use d. the relations between i out (output current) and esr of an output capacitor are shown below . the stable region is marked as the hatched area in the graph . measurement conditions: frequency band : 10hz to 2mhz, temperature : -40c to +85c free datasheet http:///
AP7340 document number: ds35282 rev. 2 - 2 12 of 15 www.diodes.com october 2013 ? diodes incorporated a p7340 ordering information part number package code packaging 7? tape and reel quantity part number suffix AP7340-xxfs4-7 fs4 x2-dfn1010-4 5000/tape & reel -7 AP7340d-xxfs4-7 fs4 x2-dfn1010-4 5000/tape & reel -7 marking information x2-dfn1010-4 y : year : 0~9 (top view) x : a~z : internal code y w x xx xx : identification code w : week : a~z : 1~26 week; a~z : 27~52 week; z represents 52 and 53 week part number package identification code AP7340-12fs4-7 x2-dfn1010-4 ch AP7340-15fs4-7 x2-dfn1010-4 cj AP7340-18fs4-7 x2-dfn1010-4 ck AP7340-185fs4-7 x2-dfn1010-4 ev AP7340-25fs4-7 x2-dfn1010-4 cm AP7340-28fs4-7 x2-dfn1010-4 cn AP7340-285fs4-7 x2-dfn1010-4 ew AP7340-30fs4-7 x2-dfn1010-4 ex AP7340-31fs4-7 x2-dfn1010-4 ey AP7340-32fs4-7 x2-dfn1010-4 ez AP7340-33fs4-7 x2-dfn1010-4 cp AP7340d-12fs4-7 x2-dfn1010-4 dg AP7340d-15fs4-7 x2-dfn1010-4 dh AP7340d-18fs4-7 x2-dfn1010-4 dj AP7340d-185fs4-7 x2-dfn1010-4 dv AP7340d-25fs4-7 x2-dfn1010-4 dk AP7340d-28fs4-7 x2-dfn1010-4 dm AP7340d-285fs4-7 x2-dfn1010-4 dw AP7340d-30fs4-7 x2-dfn1010-4 dx AP7340d-31fs4-7 x2-dfn1010-4 dy AP7340d-32fs4-7 x2-dfn1010-4 dz free datasheet http:///
AP7340 document number: ds35282 rev. 2 - 2 13 of 15 www.diodes.com october 2013 ? diodes incorporated a p7340 package outline dimensions (all dimensions in mm.) please see ap02002 at http://www.diodes.com /datasheets/ap02002.pdf for latest version. package type: x2-dfn1010-4 a a 1 a 3 d e z b e l l 2 e 2 d 2 c 0 . 2 5 c 0 . 1 8 3 x l 1 s e a t i n g p l a n e x2-dfn1010-4 dim min max typ a - 0.40 0.39 a1 0.00 0.05 0.02 a3 - - 0.13 b 0.20 0.30 0.25 d 0.95 1.05 1.00 d2 0.38 0.58 0.48 e 0.95 1.05 1.00 e2 0.38 0.58 0.48 e - - 0.65 l 0.20 0.30 0.25 l1 0.27 0.37 0.32 l2 0.02 0.12 0.07 z - - 0.050 all dimensions in mm suggested pad layout please see ap02001 at http://www.diodes.com/dat asheets/ap02001.pdf for the latest version. package type: x2-dfn1010-4 c x 2 y 1 y 4 y 3 x 1 x y y 2 dimensions value (in mm) c 0.650 x 0.250 x1 0.480 x2 0.900 y 0.400 y1 0.470 y2 0.220 y3 0.480 free datasheet http:///
AP7340 document number: ds35282 rev. 2 - 2 14 of 15 www.diodes.com october 2013 ? diodes incorporated a p7340 tape orientation for x2-dfn1010-4 note: 12. the taping orientation of the other package type ca n be found on our website at http://www.diodes.com/datasheets/ap0 2007.pdf free datasheet http:///
AP7340 document number: ds35282 rev. 2 - 2 15 of 15 www.diodes.com october 2013 ? diodes incorporated a p7340 important notice diodes incorporated makes no warranty of any kind, express or implied, with regards to this document, including, but not limited to, the implied warranties of merchantability and fitness for a particular purpose (and their equivalents under the laws of any jurisdiction). diodes incorporated and its subsidiaries rese rve the right to make modifications, enhanc ements, improvements, corrections or ot her changes without further notice to this document and any product descri bed herein. diodes incorporated does not assume any liability ari sing out of the application or use of this document or an y product described herein; neither does di odes incorporated convey any license under its patent or trademark rights, nor the rights of others. any customer or us er of this document or products described herein in such applica tions shall assume all risks of such use and will agree to hold diodes incorporated and all the companies whose products are represented on diodes incorporated website, harmless against all damages. diodes incorporated does not warrant or accept any liability w hatsoever in respect of any products purchased through unauthoriz ed sales channel. should customers purchase or use diodes inco rporated products for any unintended or una uthorized application, customers shall i ndemnify and hold diodes incorporated and its representativ es harmless against all claims, damages, expenses, and attorney fees arising out of, directly or indirectly, any claim of personal injury or death a ssociated with such unintended or unauthorized application. products described herein may be covered by one or more united states, international or foreign patents pending. product names and markings noted herein may also be covered by one or more united states, international or foreign trademarks. this document is written in english but may be translated into multiple languages for reference. only the english version of t his document is the final and determinative format released by diodes incorporated. life support diodes incorporated products are specifically not authorized for use as critical component s in life support devices or systems without the express written approval of the chief executive offi cer of diodes incorporated. as used herein: a. life support devices or syst ems are devices or systems which: 1. are intended to implant into the body, or 2. support or sustain life and whose failure to perform when proper ly used in accordance with instructions for use provided in the labeling can be reasonably expected to result in significant injury to the user. b. a critical component is any component in a life support devic e or system whose failure to perform can be reasonably expect ed to cause the failure of the life support device or to affect its safety or effectiveness. customers represent that they have all necessary expertise in the safety and regulatory ramifi cations of their life support dev ices or systems, and acknowledge and agree that they are solely responsible for all legal, regulatory and safety-rel ated requirements concerning the ir products and any use of diodes incorporated products in such safety-critical, life support devices or systems, notwithstanding any devices- or s ystems-related information or support that may be provided by diodes incorporated. further, customers must fully indemnify diodes incorporate d and its representatives against any damages arisi ng out of the use of diodes incorporated pr oducts in such safety-critical, life suppor t devices or systems. copyright ? 2013, diodes incorporated www.diodes.com free datasheet http:///


▲Up To Search▲   

 
Price & Availability of AP7340

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X