Part Number Hot Search : 
FDP88 SC162 MT240 1N4007 2N5064 GCD4402 2SD18 02204
Product Description
Full Text Search
 

To Download AA15S1200A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  aa1 5 s /d/t s e ries 15w single, dual, and triple output ac/dc power module ds_aa15s/d/t_ 0 4082014 e - mail : dcdc @ d elta.com.tw http://www.deltaww.com/dcdc p1 features ? encapsulated compact ac - dc power supply ? single - , d ual - and triple output models ? over load and over voltage protection ? 3 mounting package versoins: - solder pins for direct pcb mount - screw terminal block for chassis mount - din - rail mounting ? universal input voltage range 85 - 264 vac, 47 - 440 hz ? 3kvac isolat oin , protection class ll level ? ul/ul/iec/en 60950 - 1 certified , ce marked ? ul508 approval ( selective ) ? lead free, rohs compliant ? 3 year product warranty the aa15s/d /t series , isolated fully encapsulated 15w ac/dc power module with 3,000v a c isolation. wi th universal input voltage 85 - 264vac and international safety approvals, these power modules are ideal for applications in commercial and industrial electr onic equipment. these isolated ac/dc converters are the latest offering from a world leader in power systems technology and manufacturing D delta electronics, inc. with creative design technology and optimization of component placement, these conver ters possess outstanding electrical and thermal performance, as well as extremely high reliability under hig hly stressful operating conditions. industrial electronic equipment . m odel list model number output voltage output current input current max. capacitive load efficiency (typ.) ul60950 - 1 approval ul508 approval 115vac, 60hz max. @max. load @no load @max. load vdc ma ma(typ.) ma(typ.) f % aa15s0500a 5 3000 290 30 3900 75 AA15S1200A 12 1250 275 30 2200 79 aa15s1500a 15 1000 275 30 2200 79 aa15s2400a 24 625 275 30 1000 79 aa15s4800a 48 310 273 30 680 79 aa15d1212a 12 650 275 30 *1500 79 aa15d1515a 15 500 275 30 *1500 79 aa15d0512a 5 1500 302 30 2000 72 *12 625 1500 aa15t051212a 5 2000 290 30 2200 74 *12 200 1500 * - 12 - 200 1500 aa15t051515a *5 2000 284 30 2200 74 *15 150 1500 * - 15 - 150 1500 * outp ut voltage accuracy 4% max. * for each output
ds_aa15s/d/t_ 0 4082014 e - mail : dcdc @ d elta.com.tw http://www.deltaww.com/dcdc p 2 input characteristics parameter model min. typ. max. unit input voltage range all models 85 --- 264 vac input frequency range 47 --- 440 hz input voltage range 120 --- 370 vdc inrush current (co ld start at 25 output characteristics parameter conditions min. typ. max. unit output voltage accuracy --- 1.0 2.0 % line regulation vin=min. to max. --- 0.5 1.0 % load regulation iout=min. to max. single output mo dels --- 0.5 1.0 % dual/ triple output models --- 2.5 5.0 % cross regulation - dual positives / triple output vo1 measured output io = 20% to 100% of rated load other output(s) set at 50% of rated load --- 1.0 --- % vo2 --- 2.5 --- % vo3 --- 2.5 --- % ripple & noise (20mhz) 5vdc output models --- 1.5 1.8 %v pp of v o other output models --- 0.8 1.0 %v pp of v o minimum load --- 10 --- %inom. over voltage protection zener diode clamp --- 120 --- % of vo temperature coefficient --- 0.01 0.02 %/ overshoot --- --- 5 % vout current limitation foldback, auto - recovery 105 --- --- %inom. (long term overload condition may cause damage) short circuit protection hiccup mode, indefinite (automatic recovery) general characteristics pa rameter conditions min. typ. max. unit i/o isolation voltage input to output, 60 seconds 3000 --- --- vacrms i/o isolation resistance 500 vdc 100 --- --- m switching frequency --- 100 --- khz hold - up time --- 20 --- ms mtbf (calculated) mil - hdbk - 21 7f@25 , ground benign 280,000 --- --- hours emc emission conducted and radiated en 55011 class b, en 55022 class b, fcc part 15 class b emc immunity according en61000 - 6 - 1 standard specification requirement performance criteria en61000 - 4 - 2 air 8kv con t. 4kv b en61000 - 4 - 3 80~1000mhz, 10v/m 80% am, 1khz modulation a en61000 - 4 - 4 ac port 2kv dc, sl, tl 2kv not less than 1 min. b en61000 - 4 - 5 1.2/50us(8/20 s) ac dif. 1kv dc 0.5kv b en61000 - 4 - 6 0.15~80mhz, 10vrms (functional earth ports included) b 80% am, 1khz modulation en61000 - 4 - 8 50hz/60hz, 30a/m a en61000 - 4 - 11 30%, 10ms b 60%, 100ms, 95%, 5000ms c protection class ii according iec/en 60536 safety approvals cul/ul 60950 - 1,iec/en 60950 - 1 ul508 for selective models
ds_aa15s/d/t_ 0 4082014 e - mail : dcdc @ d elta.com.tw http://www.deltaww.com/dcdc p 3 input fuse all models built - in fuse 2a / 250vac external fuse (recommended) 1.5a slow C blow type environmental specifications parameter conditions temperature range (operational) ambient - 25 +70 storage temperature range - 40 +85 over temperature protection at 90 (automatic recovery at 67 ) cooling free - air convection humidity (non condensing) --- 95 % rel. h power derating curve notes 1 all specifications typical at ta=+ 25 , resistive load, 115vac, 60hz input voltage and after warm - up time rated output current unless otherwise noted. 2 ripple & noise measurement bandwidth is 0~20 mhz 3 these power modules require a minimum output loading to maintain specified regulation , operation under no - load conditions will not damage the power supplies however they may not meet all listed specifications. 4 other input and output voltage may be available, please contact us for custom solution 5 specifications are subject to change a nytime without notice
ds_aa15s/d/t_ 0 4082014 e - mail : dcdc @ d elta.com.tw http://www.deltaww.com/dcdc p 4 mechancial drawing pcb mount mechanical dimensions pin connections pin single dual (d12,d15) dual (d512) triple 1 ac(n) C ac neutral 2 ac(l) C ac line 3 no pin - vout3 4 - vout - vout - vout2 commo n 5 no pin common +vout2 +vout2 6 +vout +vout - vout1 - vout1 7 no pin +vout1 +vout1 ? all dimensions in mm (inches) ? tolerance: 0.5 (0.02) ? pin diameter ? 1.0 0.1 (0.04 0.004) physical outline case size : 74.0x54.0x19. 5 mm (2.91x 2.13x0.77 inches) case material : plastic resin + fiberglass (flammability to ul 94v - 0 rated) pin material : copper alloy with gold plate over nickel subplate weight : 174g mechancial drawings chassis mount ( option code, suffix c) mechani cal dimensions connections termin al single dual (d12,d1 5) dual (d512) triple 1 ac(n) C ac neutral 2 ac(l) C ac line 3 nc - vout3 4 - vout - vout - vout2 comm on 5 nc commo n +vout2 +vout2 6 +vout +vout - vout1 - vout1 7 nc +vout1 +vout1 nc: no connection ? all dimensions in mm (inches) ? tolerance: x.x 0.5 (x.xx0.02) x.xx 0.25 ( x.xxx0.01) ? pin pitch tolerance: 0.25 (0.01) bottom view 39.8 [1.57] 20.32 [0.80] 54.0 [2.13] 6 2 . 0 [ 2 . 4 4 ] 7 4 . 0 [ 2 . 9 1 ] mounting m4.0 thread 7.1 [0.28] 7.1 [0.28] 8.89 [0.35] 11.43 [0.45] 19.5 [0.77] 0.7 [0.03] 5 . 0 [ 0 . 2 0 ] 7 6 5 4 3 4 6 . 0 [ 1 . 8 1 ] 6.0 [0.24] 1 . 0 [ 0 . 0 4 ] 1 2 8.89 [0.35] 11.43 [0.45] 76.0 [2.99] 86.0 [3.39] 96.0 [3.78] 5 4 . 0 [ 2 . 1 3 ] 4 6 . 0 [ 1 . 8 1 ] 4 x 3.5 top view 1 2 3 4 5 6 7 10.0 [0.39] 5 . 0 [ 0 . 2 0 ] 1 6 . 8 [ 0 . 6 6 ] 2 3 . 3 [ 0 . 9 2 ] power " good " indicator dc - on indication led
ds_aa15s/d/t_ 0 4082014 e - mail : dcdc @ d elta.com.tw http://www.deltaww.com/dcdc p 5 physical outline case size : 96.0x54.0x23.3 mm (3.78x 2.13x0.92 inches) case materia l : plastic resin + fiberglass (flammability to ul 94v - 0 rated) weight : 162g mechancial dawings chassis mounting with din rail kit ( option code , suffix d ) mechanical dimensions physical outline case size : 96.0x54.0x23.3 mm (3.78x 2.13x0.92 inc hes) case material : plastic resin + fiberglass (flammability to ul 94v - 0 rated) weight : 216g din - rail mounting kit 1 6 . 8 [ 0 . 6 6 ] 76.0 [2.99] 86.0 [3.39] 96.0 [3.78] 5 4 . 0 [ 2 . 1 3 ] 4 6 . 0 [ 1 . 8 1 ] 4 x 3.5 top view 1 2 3 4 5 6 7 10.0 [0.39] 2 3 . 3 [ 0 . 9 2 ] power " good " indicator dc - on 5 . 0 [ 0 . 2 0 ] 1 1 . 0 [ 0 . 4 3 ] 3 . 0 [ 0 . 1 2 ] indication led
ds_aa15s/d/t_ 0 4082014 e - mail : dcdc @ d elta.com.tw http://www.deltaww.com/dcdc p 6 part numbering system a a 15 t 05 12 12 a form factor family series watt number of outputs 0 nput voltage i output volta ge ii output voltage iii option code ac/dc power module a~z 15 : 15 w s - single 05 : 5v 05 : 5v 05 : 5v a - std pcb mounting d - dual 12 : 12v 12 : 12 12 : - 12v c - chasis mounting t - triple 1 5 : 1 5 v 1 5 : 15 1 5 : - 15v d C chassis mountin g with d in - rail kit 24 : 24v 24 : 24 v 24 : - 24 v 48 : 48v contact : www.deltaww.com/dcdc usa: telephone: east coast: 978 - 656 - 3993 west coast: 510 - 668 - 5100 fax: (978) 656 3964 email: dcdc@delta - corp.com europe: phone: +31 - 20 - 655 - 0967 fax: +31 - 20 - 655 - 0999 email: dcdc@delta - es.com asia & the rest of world: telephone: +886 3 4526107 ext 6220~6224 fax: +886 3 4513485 email: dcdc@delta.com.tw warranty delta offers a t hree ( 3 ) year s limited warranty. complete warranty information is listed on our web site or is available upon request from delta. information furnishe d by delta is believed to be accurate and reliable. however, no responsibility is assumed by delta for its use, nor for any infringements of patents or other rights of third parties, which may result from its use. no license is granted by im plication or ot herwise under any patent or patent rights of delta. delta reserves the right to revise these specifications at any time, with out notice
mouser electronics authorized distributor click to view pricing, inventory, delivery & lifecycle information: delta: ? aa15s2400d? aa15s2400c? aa15d1515c? aa15d1515a? aa15s0500a? aa15s2400a? aa15d1515d? aa15t051515a? aa15s1500c? aa15t051515d? aa15s1500d? aa15d1212c? aa15d1212a? aa15t051212d? aa15t051515c? aa15s1500a? aa15d1212d? aa15t051212c? aa15t051212a? aa15s1200c? aa15s4800d? aa15s4800a? aa15d0512d? aa15d0512a? aa15s0500c? aa15s1200d? aa15s4800c? AA15S1200A? aa15s0500d? aa15d0512c


▲Up To Search▲   

 
Price & Availability of AA15S1200A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X