Part Number Hot Search : 
M07652R MSS1038 SPB80N06 K2133 BTLV3 RN1244 RN1244 LM404
Product Description
Full Text Search
 

To Download 73K224BL-IGT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  73k224bl v.22bis/v.22/v.21/bell 212a/103 single-chip modem w/ integrated hybrid description the 73k224bl is a highly integrated single-chip modem ic which provides the functions needed to construct a v.22bis compatible modem, capable of 2400 bit/s full-duplex operation over dial-up lines. the 73k224bl is an enhancement of the 73k224l single-chip modem which adds the hybrid hook switch control, and driver to the 73k224l. the 73k224bl integrates analog, digital, and switched- capacitor array functions on a single chip, offering excellent performance and a high level of functional integration in a 32-lead plcc and 44-lead tqfp package. the 73k224bl operates from a single +5 v supply for low power consumption. the 73k224bl is designed to appear to the systems designer as a microprocessor peripheral, and will easily interface with popular single-chip micro- processors (80c51 typical) for control of modem functions through its 8-bit multiplexed address/data bus or via an optional serial control bus. an ale control simplifies address demultiplexing. data communications normally occur through a separate serial port. ( continued) features ? includes features of 73k224l single-chip modem ? on chip 2-wire/4-wire hybrid driver and off hook relay buffer driver ? one-ch ip multi-mode v.22bis/v.22/v.21 and bell 212a/103 compatible modem data pump ? fsk (300 bit/s), dpsk (600, 1200 bit/s), or qam (2400 bit/s) encoding ? software compatible with other tdk semiconductor k-series one-chip modems ? interfaces directly with stan dard micro- processors (80c51 typical) ? parallel or serial bus for control ? selectable internal buffer/ debuffer and scrambler/descrambler functions ? all asynchronous and synchronous operating modes (internal, external, slave) ( continued) block diagram april 2000 di-bit/ quad-bit decoder txd rxd serial interface buffer scrambler di-bit/ quad-bit encoder fsk modulator 8-bit p bus interface debuffer descrambler fir pulse shaper qam/ dpsk modulator equalizer filter filter filter 2w/4w hybrid txa1 txa2 r xa filter equalizer digital signal processor receive functions a/d filter fixed demodulator agc gain boost attenuator dtmf, answer, guard & calling tone generator tone detection oh
73k224bl v.22bis/v.22/v.21/bell 212a/103 single-chip modem w/ integrated hybrid 2 description (continued ) the 73k224bl is pin and software compatible with the 73k222bl, allowing system upgrades with a single component change. the 73k224bl is designed to be a complete v.22bis compatible modem on a chip. the complete modem requires only the addition of the phone line interface, a control microprocessor, and rs-232 level converter for a typical system. many functions were included to simplify implementation of typical modem designs. in addition to the basic 2400 bit/s qam, 600/1200 bit/s dpsk and 300 bit/s fsk modulator/demodulator sections, the device also includes synch/ asynch converters, scrambler/descrambler, call progress tone detect, dtmf tone generator capabilities and handshake pattern detectors. test features such as analog loop, digital loop, and remote digital loopback are supported. internal pattern generators are also included for self-testing. features (continued) adaptive equalization for optimum perform- ance over all lines programmable transmit attenuation (16 db, 1 db steps), selectable receive boost (+18 db) call progress, carrier, answer tone, unscrambled mark, s1, and signal quality monitors dtmf, answer and guard tone generators test modes available: alb, dl, rdl, mark, space, alternating bit, s1 pattern generation and detection cmos technology for low power consumption (typically 100 mw @ 5 v) with power-down mode (15 mw @ 5 v) ttl and cmos compatible inputs and outputs functional description hybrid and relay driver t o make designs more cost effective and space efficient, the 73k224bl includes the 2-wire to 4- wire hybrid with sufficient drive to interface directly to the telecom coupling transformers. in addition, an off hook relay driver with 30ma drive capability is also included to allow use of commonly available mechanical telecom relays. qam modulator/demodulator the 73k224bl encodes incoming data into quad- bits represented by 16 possible signal points with specific phase and amplitude levels. the base- band signal is then filtered to reduce intersymbol interference on the band limited telephone network. the modulator transmits this encoded data using either a 1200 hz (originate mode) or 2400 hz (answer mode) carrier. the demodulator, although more complex, essentially reverses this procedure while also recovering the data clock from the incoming signal. adaptive equalization corrects for varying line conditions by automatically changing filter parameters to compensate for line characteristics. dpsk modulator/demodulator the 73k224bl modulates a serial bit stream into di -bit pairs that are represented by four possible phase shifts as prescribed by the bell 212a/v.22 standards. the base-band signal is then filtered to reduce intersymbol interference on the bandlimited 2-wire pstn line. transmission occurs on either a 1200 hz (originate mode) or 2400 hz carrier (answer mode). demodulation is the reverse of the modulation process, with the incoming analog signal eventually decoded into di-bits and converted back to a serial bit stream. the demodulator also recovers the clock which was encoded into the analog signal during modulation. demodulation occurs using either a 1200 hz carrier (answer mode or alb originate mode) or a 2400 hz carrier (originate mode or alb answer mode). adaptive equalization is also used in dpsk modes for optimum operation with varying line conditions. fsk modulator/demodulator the fsk modulator produces a frequency modulated analog output signal using two discrete frequencies to represent the binary data. the bell 103 standard frequencies of 1270 and 1070 hz
73k224bl v.22bis/v.22/v.21/bell 212a/103 single-chip modem w/ integrated hybrid 3 functional description (continued) ( originate mark and space) and 2225 and 2025 hz (answer mark and space) are used when this mode is selected. v.21 mode uses 980 and 1180 hz (originate, mark and space) or 1650 and 1850 hz (answer, mark and space). demodulation involves detecting the received frequencies and decoding them into the appropriate binary value. the rate converter and scrambler/descrambler are automatically bypassed in the fsk modes. passband filters and equalizers high and low band filters are included to shape the amplitude and phase response of the transmit and receive signals and provide compromise delay equalization and rejection of out-of-band signals. amplitude and phase equalization are necessary to compensate for distortion of the transmission line and to reduce intersymbol interference in the band limited receive signal. the transmit signal filtering corresponds to a 75% square root of raised cosine frequency response characteristic. asynchronous mode the asynchronous mode is used for communication with asynchronous terminals which may communicate at 600,1200, or 2400 bit/s +1%, - 2.5% even though the modem?s output is limited to the nominal bit rate .01% in dpsk and qam modes. when transmitting in this mode the serial data on the txd input is passed through a rate converter which inserts or deletes stop bits in the serial bit stream in order to output a signal that is the nominal bit rate .01%. this signal is then routed to a data scrambler and into the analog modulator where quad-bit/ di-bit encoding results in the output signal. both the rate converter and scrambler can be bypassed for handshaking, and synchronous operation as selected. received data is processed in a similar fashion except that the rate converter now acts to reinsert any deleted stop bits and output data to the terminal at no greater than the bit rate plus 1%. an incoming break signal (low through two characters) will be passed through without incorrectly inserting a stop bit. the synch/ asynch converter also has an extended overspeed mode which allows selection of an output overspeed range of either +1% or +2.3%. in the extended overspeed mode , stop bits are output at 7/8 rising edge of txclk the normal width. both the synch/ asynch rate converter and the data descrambler are automatically bypassed in the fsk modes. synchronous mode synchronous operation is possible only in the qam or dpsk modes. operation is similar to that of the asynchronous mode except that data must be synchronized to a provided clock and no variation in data transfer rate is allowable. serial input data appearing at txd must be valid on the rising edge of txclk. txclk is an internally derived 1200 or 2400 hz signal in internal mode and is connected internally to the rxclk pin in slave mode. receive data at the rxd pin is clocked out on the falling edge of rxclk. the asynch/synch converter is bypassed when synchronous mode is selected and data is transmitted at the same rate as it is input. parallel bus control interface mode eight 8-bit registers are provided for control, option select, and status monitoring. these registers are addressed with the ad0, ad1, and ad2 multiplexed address lines (latched by ale) and appear to a control microprocessor as seven consecutive memory locations. six control registers are read/write memory. the detect and id registers are read only and cannot be modified except by modem response to monitored parameters.
73k224bl v.22bis/v.22/v.21/bell 212a/103 single-chip modem w/ integrated hybrid 4 serial control interface mode the serial command mode allows access to the 73k224bl control and status registers via a serial control port. in this mode the ad0, ad1, and ad2 lines provide register addresses for data passed through the ad7 (data) pin under control of the rd and wr lines. a read operation is initiated when the rd line is taken low. the next eight cycles of exclk will then transfer out eight bits of the selected address location lsb first. a write takes place by shifting in eight bits of data lsb first for eight consecutive cycles of exclk. wr is then pulsed low and data transfer into the selected register occurs on the rising edge of wr. dtmf generator the dtmf generator controls the sending of the sixteen standard dtmf tone pairs. the tone pair sent is determined by selecting transmit dtmf (bit d4) and the 4 dtmf bits (d0-d3) of the tone register. transmission of dtmf tones from txa is gated by the transmit enable bit of cr0 (bit d1) as with all other analog signals.
73k224bl v.22bis/v.22/v.21/bell 212a/103 single-chip modem w/ integrated hybrid 5 pin description power name pin type description gnd 1 i system ground vdd 16 i power supply input, 5 v 10% (73k224bl). bypass with 0.1 and 22 f capacitors to gnd. vref 31 o an internally generated reference voltage. bypass with 0 .1 f capacitor to ground. iset 28 i chip current reference. sets bias current for op-amps. the chip current is set by connecting this pin to vdd through a 2 m w resistor. iset should be bypassed to gnd with a 0.1 f capacitor. parallel microprocessor control interface mode ale 13 i address latch enable : the falling edge of ale latches the address on ad0-ad2 and the chip select on cs . ad0-ad7 5-12 i/o address/data bus : these bi-directional tri-state multiplexed lines carry information to and from the internal registers. cs 23 i chip select : a low on this pin during the falling edge of ale allows a read cycle or a write cycle to occur. ad0-ad7 will not be driven and no registers will be written if cs (latched) is not active. the state of cs is latched on the falling edge of ale. clk 2 o output clock : this pin is selectable under processor control to be either the crystal frequency (for use as a processor clock) or 16 times the data rate for use as a baud rate clock in dpsk modes only. the pin defaults to the crystal frequency on reset. int 20 o interrupt : this open drain output signal is used to inform the processor that a detect flag has occurred. the processor must then read the detect register to determine which detect triggered the interrupt. int will stay low until the processor reads the detect register or does a full reset. rd 15 i read : a low requests a read of the 73k224bl internal registers. data can not be output unless both rd and the latched cs are active or low. reset 30 i reset : an active high signal on this pin will put the chip into an inactive state. all control register bits (cr0, cr1, tone) will be reset. the output of the clk pin will be set to the crystal frequency. an internal pull-down resistor permits power-on-reset using a capacitor to vdd.
73k224bl v.22bis/v.22/v.21/bell 212a/103 single-chip modem w/ integrated hybrid 6 parallel microprocessor interface (continued ) name pin type description wr 14 i write : a low on this informs the 73k224bl that data is available on ad0-ad7 for writing into an internal register. data is latched on the rising edge of wr . no data is written unless both wr and the latched cs are low. serial microprocessor control interface mode name pin type description ad0-ad2 5-7 i register address selection : these lines carry register addresses and should be valid during any read or write operation. data (ad7) 12 i/o serial control data : data for a read/write operation is clocked in or out on the falling edge of the exclk pin. the direction of data flow is controlled by the rd pin. rd low outputs data. rd high inputs data. rd 15 i read : a low on this input informs the 73k224bl that data or status information is being read by the processor. the falling edge of the rd signal will initiate a read from the addressed register. the rd signal must continue for eight falling edges of exclk in order to read all eight bits of the referenced register. read data is provided lsb first. data will not be output unless the rd signal is active. wr 14 i write : a low on this input informs the 73k224bl that data or status information has been shifted in through the data pin and is available for writing to an internal register. the normal procedure for a write is to shift in data lsb first on the data pin for eight consecutive falling edges of exclk and then to pulse wr low. data is written on the rising edge of wr . n ote : the serial control mode is provided by tying ale high and cs low. in this configuration ad7 becomes data and ad0, ad1 and ad2 become the register address.
73k224bl v.22bis/v.22/v.21/bell 212a/103 single-chip modem w/ integrated hybrid 7 dte user name pin type description exclk 22 i external clock : this signal is used in synchronous transmission when the external timing option has been selected. in the external timing mode the rising edge of exclk is used to strobe synchronous dpsk transmit data applied to on the txd pin. also used for serial control interface. rxclk 26 o receive clock : the falling edge of this clock output is coincident with the transitions in the serial received data output. the rising edge of rxclk can be used to latch the valid output data. rxclk will be valid as long as a carrier is present. rxd 25 o received data output : serial receive data is available on this pin. the data is always valid on the rising edge of rxclk when in synchronous mode. rxd will output constant marks if no carrier is detected. txclk 21 o transmit clock : this signal is used in synchronous transmission to latch serial input data on the txd pin. data must be provided so that valid data is available on the rising edge of the txclk. the transmit clock is derived from different sources depending upon the synchronization mode selection. in internal mode the clock is generated internally. in external mode txclk is phase locked to the exclk pin. in slave mode txclk is phase locked to the rxclk pin. txclk is always active. txd 24 i transmit data input: serial data for transmission is applied on this pin. in synchronous modes, the data must be valid on the rising edge of the txclk clock. in asynchronous modes (1200/600 bit/s or 300 baud) no clocking is necessary. dpsk data must be 1200/600 bit/s +1%, -2.5% or +2.3%, -2.5 % in extended over speed mode. .
73k224bl v.22bis/v.22/v.21/bell 212a/103 single-chip modem w/ integrated hybrid 8 pin description (continued) analog interface and oscillator name pin type description rxa 32 i received modulated analog signal input from the telephone line interface. txa1 / txa2 18 / 17 o transmit analog (differential outputs): these pins provide the analog output signals to be transmitted to the telephone line. the drivers will differentially drive the impedance of the line transformer and the line matching resistor. an external hybrid can also be built using txa1 as a single ended transmit signal. xtl1 / xtl2 3 / 4 i these pins are for the internal crystal oscillator requiring a 11.0592 mhz parallel mode crystal. load capacitors should be connected from xtl1 and xtl2 to ground. xtl2 can also be driven from an external clock. oh 27 o off-hook relay driver : this signal is an open drain output capable of sinking 30ma and is used for controlling a relay. the output is the complement of the oh register bit in the id register. .
73k224bl v.22bis/v.22/v.21/bell 212a/103 single-chip modem w/ integrated hybrid 9 register address table modulation option 00 = normal 01 = analog loopback 10 = remote digital loopback 11 = local digital loopback control register 000 transmit mode 2 transmit mode 1 transmit enable originate/ answer data bit number ad2 - ad0 register address d7 d6 d5 d4 d3 d2 d1 d0 test mode 0 test mode 1 reset clk control bypass scrambler enable detect interrupt transmit pattern 0 transmit pattern 1 001 control register cr1 signal quality indicator cp tone detect answer tone detect carrier detect receive data 010 detect register read only dr dtmf0/ guard/ answer dtmf1/ extended overspeed dtmf2/ 4w/fdx dtmf3 transmit dtmf transmit answer tone rxd output control 011 tone control register tr transmit mode 0 0000 = pwr down 0001 = int synch 0010 = ext synch 0011 = slave synch 0100 = asynch 8 bits/char 0101 = asynch 9 bits/char 0110 = asynch 10 bits/char 0111 = asynch 11 bits/char 1x00 = fsk 0 = disable txa output 1 = enable txa output 0 = answer 1 = originate 00 = tx data 01 = tx alternate (dotting) 10 = tx mark 11 = tx space 0 = disable 1 = enable 0 = normal 1 = bypass scrambler 0 = xtal 1 = 16 x data rate output at clk pin in qam/dpsk mode only 0 = normal 1 = reset outputs received data stream 0 = condition not detected 1 = condition detected rxd pin 0 = normal 1 = open 0 = off 1 = on 0 = data carrier 1=tx dtmf 4 bit code for 1 of 16 dual tone combinations cr0 qam: 0 = 2400 bit/s dpsk: 0=1200 bit/s 1 = 600 bit/s fsk: 0 = 103 mode 1 = v.21 transmit guard/ tone 0 = 1800 hz g.t. 2225 hz anns tone generated 1 = 550 hz ans tone 2100 hz ans tone generated & detected (v.21, v.22) 0 = off 1 = on unscr. marks detect control register 2 cr2 100 0 special register access call intialize transmit s1 s1 pattern detect receive level indicator 16 way reset dsp train inhibit equalizer enable 0=access cr3 1=access special register 1 0 modulation type 1 modulation type 0 10=qa, 00=dpsk 01=fsk 0=signal below threshold 1=above threshold 0=not present 1=pattern found 0=good 1=bad 0=dsp in demod mode 1=dsp in call progress mode 0=normal dotting 1=s1 0=rx=tx 1=rx=16way tx=4way in dpsk 0=dsp inactive 1=dsp active 0=adapt eq active 1=adapt eq frozen 0=adapt eq in reset state 1=adapt eq active control register 3 cr3 101 txdalt tristate tx/rxclk oh receive gain boost transmit atten. 3 transmit atten. 2 transmit atten. 1 transmit atten. 0 alternate transmit data source 0=normal 1=tristate 0=oh relay driver open 1=oh open drain driver pulling low 0000-1111,sets transmit attenuator 16 db range default=0100 -10 dbm0 0=no boost 1=18 db boost special register sr 101 0 tx baud clock rx unscr. data 0 txd source sq select 1 sq select 0 0 outputs txbaud clock 00 10 -5 ber 01 10 -6 ber 10 10 -4 ber 11 10 -3 ber outputs unscr. data 0=txd pin 1=txalt bit id register read only 10 110 1 1 0 0 x x x x 0 = only write zeros to these locations x = undefined, mask in software 00xx=73k212al, 322l, 321l 01xx=73k221al, 302l 10xx=73k222al, 222bl 1100=73k224l, 224bl 1110=73k324l, 324bl
73k224bl v.22bis/v.22/v.21/bell 212a/103 single-chip modem w/ integrated hybrid 10 control register 0 cr0 d7 d6 d5 d4 d3 d2 d1 d0 addr 000 modul. option modul. type 1 modul. type 0 transmit mode 2 transmit mode 1 transmit mode 0 transmit enable answer/ originate bit name condition description d0 answer/ 0 selects answer mode (transmit in high band, receive originate in low band). 1 selects originate mode (transmit in low band, receive in high band). d1 transmit 0 disables transmit output at txa1 & txa2 enable 1 enables transmit output at txa1 & txa2 note: transmit enable must be set to 1 to allow activation of answer tone or dtmf. d5,d4 transmit d5 d4 d3 d2 d3,d2 mode 0 0 0 0 selects power down mode. all functions disabled except digital interface .. 0 0 0 1 internal synchronous mode in this mode txclk is an internally derived 600,1200 or 2400 hz signal. serial input data appearing at txd must be valid on the rising edge of txclk. receive data is clocked out of rxd on the falling edge of rxclk. 0 0 1 0 external synchronous mode. operation is identical to internal synchronous, but txclk is connected internally to exclk pin, and a 600, 1200 or 2400 hz clock must be supplied externally. 0 0 1 1 slave synchronous mode same operation as other synchronous modes txclk is connected internally to the rxclk pin in this mode. 0 1 0 0 selects a synchronous mode 8 bits/character (1 start bit, 6 data bits, 1 stop bit). 0 1 0 1 selects asynchronous mode - 9 bits/character (1 start bit, 7 data bits, 1 stop bit). 0 1 1 0 selects asynchronous mode - 10 bits/character (1 start bit, 8 data bits, 1 stop bit). 0 1 1 1 selects asynchronous mode - 11 bits/character (1 start bit, 8 data bits, 1 stop bit) or 2 stop bits) .. 1 x 0 0 selects fsk operation. d6,d5 modulation d6 d5 type 1 0 qam 0 0 dpsk 0 1 fsk
73k224bl v.22bis/v.22/v.21/bell 212a/103 single-chip modem w/ integrated hybrid 11 control register 0 (continued) cr0 d7 d6 d5 d4 d3 d2 d1 d0 addr 000 modul. option modul. type 1 modul. type 0 transmit mode 2 transmit mode 1 transmit mode 0 transmit enable answer/ originate bit name condition description d7 modulation option 0 qam selects 2400 bit/s. dpsk selects 1200 bit/s. fsk selects 103 mode. 1 dpsk selects 600 bit/s. fsk selects v.21 mode. control register 1 cr1 d7 d6 d5 d4 d3 d2 d1 d0 addr 001 transmit pattern 1 transmit pattern 0 enable detect interrupt bypass scrambler clock control reset test mode 1 test mode 0 bit name condition description d0, d1 test mode d1 d0 0 0 selects normal operating mode 0 1 analog loopback mode. loops the transmitted analog signal back to the receiver, and causes the receiver to use the same carrier frequency as the transmitter. to squelch the txa pin, transmit enable bit as well as tone register bit d2 must be low. 1 0 selects remote digital loopback. received data is looped back to transmit data internally, and rxd is forced to a mark. data on txd is ignored. 1 1 selects local digital loopback. internally loops txd back to rxd and continues to transmit data carrier at txa pin d2 reset 0 selects normal operations 1 resets modem to power-down state. all control register bits (cr0, cr1, cr2, cr3 and tone) are reset to zero except cr3 bit d2. the output of the clock pin will be set to the crystal frequency. d3 clock control 0 selects 11.0592 mhz crystal echo output at clk pin 1 selects 16 times the data rate output at clk pin in dpsk/qam modes only.
73k224bl v.22bis/v.22/v.21/bell 212a/103 single-chip modem w/ integrated hybrid 12 control register 1 (continued) cr1 d7 d6 d5 d4 d3 d2 d1 d0 addr 001 transmit pattern 1 transmit pattern 0 enable detect interrupt bypass scrambler clock control reset test mode 1 test mode 0 bit name condition description d4 bypass scrambler 0 selects normal operation. dpsk and qam data is passed through scrambler. 1 selects scrambler bypass. bypass dpsk and qam data is route around scrambler in the transmit path. d5 enable detect interrupt 0 disables interrupt at int pin. all interrupts are normally disabled in power-down mode. 1 enables int output. an interrupt will be generated with a change in status of dr bits d1- d4 and d6. the answer tone and call progress detect interrupts are masked when the tx enable bit is set. carrier detect is masked when txdtmf is activated. all interrupts will be disabled if the device is in power-down mode. d7 d6 d6, d7 transmit pattern 0 0 selects normal data transmission as controlled by the state of the txdpin. 0 1 selects an alternating mar/space transmit pattern for modem testing and handshaking. also used for s1 pattern generation (see cr2 bit d4). 1 0 selects a constant mark transmit pattern. 1 1 selects a constant space transmit pattern. detect register dr d7 d6 d5 d4 d3 d2 d1 d0 addr 010 receive level indicator s1 pattern detect receive data unscr. mark detect carr. detect answer tones detect call prog. detect signal quality indicator bit name condition description d0 signal quality 0 indicates normal received signal. indicator 1 indicates low received signal quality (above average error rate). interacts with special register bits d2, d1. d1 call progress 0 no call progress tone detected. detect 1 indicates presence of call progress tones. the call progress detection circuitry is activated by energy in the normal 350 to 620 hz call progress bandwidth.
73k224bl v.22bis/v.22/v.21/bell 212a/103 single-chip modem w/ integrated hybrid 13 detect register (continued) dr d7 d6 d5 d4 d3 d2 d1 d0 addr 010 receive level indicator s1 pattern detect receive data unscr. mark detect carr. detect answer tones detect call prog. detect signal quality indicator bit name condition description d2 answer tone 0 no answer tone detected. received 1 in call init mode, indicates detection of 2225 hz answer tone in bell mode (tr bit d0 = 0) or 2100 hz if in ccitt mode (tr bit d0 = 1). the device must be in originate mode for detection of answer tone. both answer tones are detected in demodulation mode. d3 carrier detect 0 no carrier detected in the receive channel. 1 indicated carrier has been detected in the received channel. d4 unscrambled 0 no unscrambled mark. mark detect 1 indicates detection of unscrambled marks in the received data. should be time qualified by software. d5 receive data continuously outputs the received data stream. this data is the same as that output on the rxd pin, but it is not disabled when rxd is tri-stated. d6 s1 pattern 0 no s1 pattern being received. detect 1 s1 pattern detected. should be time qualified by software. s1 pattern is defined as a double di-bit (001100 ..) unscrambled 1200 bit/s dpsk signal. pattern must be aligned with baud clock to be detected. d7 receive level indicator 0 received signal level below threshold, (typical ? -25 dbm0); can use receive gain boost (+18 db). 1 received signal above threshold.
73k224bl v.22bis/v.22/v.21/bell 212a/103 single-chip modem w/ integrated hybrid 14 tone register tr d7 d6 d5 d4 d3 d2 d1 d0 addr 011 rxd output control transmit guard tone transmit answer tone transmit dtmf dtmf 3 dtmf 2/ 4-wire fdx dtmf 1/ extended over- speed dtmf 0/ answer guard bit name condition description d6 d5 d4 d0 d0 interacts with bits d6, d5, and d4 as shown d0 dtmf 0/ x x 1 x transmit dtmf tones must be in dpsk or bell 103 mode. answer/ guard tone x 1 0 0 select bell mode answer tone. interacts with dr bit d2 and tr bit d5. x 1 0 1 select ccitt mode answer tone. interacts with dr bit d2 and tr bit d5. 1 0 0 0 select 1800 hz guard tone. 1 0 0 1 select 550 hz guard tone. d4 d1 d1 interacts with d4 as shown. d1 dtmf 1/ 0 0 asynchronous qam or dpsk +1% -2.5%. (normal) extended overspeed 0 1 asynchronous qam or dpsk +2.3% -2.5%. (extended overspeed) d4 d2 d2 dtmf 2/ 0 0 selects 2-wire duplex or half duplex 4 wire fdx 0 1 d2 selects 4-wire full duplex in the modulation mode selected. the receive path corresponds to the receive mode selected by the ans/orig bit cr0 d0 in terms of high or low band selection. the transmitter is in the same band as the receiver, but does not have magnitude filtering or equalization on its signal as in the receive path.
73k224bl v.22bis/v.22/v.21/bell 212a/103 single-chip modem w/ integrated hybrid 15 tone register tr d7 d6 d5 d4 d3 d2 d1 d0 addr 011 rxd output control transmit guard tone transmit answer tone transmit dtmf dtmf 3 dtmf 2/ 4-wire fdx dtmf 1/ extended over- speed dtmf 0/ answer guard bit name condition description d0 interacts with bits d6, d5, and d4 as shown d3, d2, d1, d0 dtmf 3, 2, 1, 0 programs 1 of 16 dtmf tone pairs that will be transmitted when tx dtmf and tx enable bit (cr0, bit d1) is set. tone encoding is shown below: dtmf code d3 d2 d1 d0 keyboard equivalent tones low high 0 0 0 1 1 697 1209 0 0 1 0 2 697 1336 0 0 1 1 3 697 1477 0 1 0 0 4 770 1209 0 1 0 1 5 770 1336 0 1 1 0 6 770 1477 0 1 1 1 7 852 1209 1 0 0 0 8 852 1336 1 0 0 1 9 852 1477 1 0 1 0 0 941 1336 1 0 1 1 * 941 1209 1 1 0 0 # 941 1477 1 1 0 1 a 697 1633 1 1 1 0 b 770 1633 1 1 1 1 c 852 1633 0 0 0 0 d 941 1633 d4 tx dtmf 0 disable dtmf. (transmit dtmf) 1 activate dtmf. the selected dtmf tones are transmitted continuously when this bit is high. tx dtmf overrides all other transmit functions. note : dtmf0-dtmf2 should be set to an appropriate state after dtmf dialing to avoid unintended operation.
73k224bl v.22bis/v.22/v.21/bell 212a/103 single-chip modem w/ integrated hybrid 16 tone register (continued) tr d7 d6 d5 d4 d3 d2 d1 d0 addr 011 rxd output control transmit guard tone transmit answer tone transmit dtmf dtmf 3 dtmf 2/ 4-wire fdx dtmf 1/ extended over- speed dtmf 0/ answer guard bit name condition description d5 d4 d0 d5 interacts with bits d4 and d0 as shown. also interacts with dr bit d2 in originate mode (see detect register description). d5 transmit 0 0 x disables answer tone generator. answer tone 1 0 0 in answer mode, a bell 2225 hz tone is transmitted continuously when the transmit enable bit is set. 1 0 1 likewise, a ccitt 2100 hz answer tone is transmitted. d6 transmit 0 disables guard tone generator. guard tone 1 enables guard tone generator (see d0 for selection of guard tones). bit d4 must be zero. d7 rxd output 0 enables rxd pin. receive data will be output on rxd. control 1 disables rxd pin. the rxd pin reverts to a high impedance with internal weak pull-up resistor.
73k224bl v.22bis/v.22/v.21/bell 212a/103 single-chip modem w/ integrated hybrid 17 control register 2 cr2 d7 d6 d5 d4 d3 d2 d1 d0 addr 100 0 spec reg access call init transmit s1 16 way reset dsp train inhibit equalizer enable bit name condition description d0 equalizer 0 the adaptive equalizer is in its initialized state. enable 1 the adaptive equalizer is enabled. this bit is used in handshakes to control when the equalizer should calculate its coefficients. d1 train inhibit 0 the adaptive equalizer is active. 1 the adaptive equalizer coefficients are frozen. d2 reset dsp 0 the dsp is inactive and all variables are initialized. 1 the dsp is running based on the mode set by other control bits. d3 16 way 0 the receiver and transmitter are using the same decision plane (based on the modulator control mode). 1 the receiver, independent of the transmitter, is forced into a 16 point decision plane. used for qam handshaking. d4 transmit s1 0 the transmitter when placed in alternating mark/space mode transmits 0101 ...... scrambled or not dependent on the bypass scrambler bit. 1 when this bit is 1 and only when the transmitter is placed in alternating mark/space mode by cr1 bits d7, d6, and in dpsk or qam, an unscrambled repetitive double di-bit pattern of 00 and 11 at 1200 bit/s (s1) is sent. d5 call init 0 the dsp is set-up to do demodulation and pattern detection based on the various mode bits. both answer tones are detected in demodulation mode concurrently; tr-d0 is ignored. 1 the dsp decodes unscrambled mark, answer tone and call progress tones. 0 normal cr3 access. d6 special register access 1 setting this bit and addressing cr3 allows access to the special register (see the special register for details). d7 not used at this time 0 only write zero to this bit. reset dsp
73k224bl v.22bis/v.22/v.21/bell 212a/103 single-chip modem w/ integrated hybrid 18 control register 3 cr3 d7 d6 d5 d4 d3 d2 d1 d0 addr 101 txdalt tri-state tx/rxclk oh receive boost enable transmit atten. 3 transmit aten 2 transmit atten. 1 transmit atten. 0 bit name condition description d3 d2 d1 d0 d3, d2, d1,d0 transmit attenuator 0 0 0 0 1 1 1 1 sets the attenuation level of the transmitted signal in 1 db steps. the default (d3 - d0 = 0100) is for a transmit level of -10 dbm0 on the line with the recommended hybrid transmit gain. the total range is 16 db. d4 receive gain 0 18 db receive front end boost is not used. boost 1 boost is in the path. this boost does not change reference levels. it is used to extend dynamic range by compensating for internally generated noise when receiving weak signals. the receive level detect signal and knowledge of the hybrid and transmit attenuator setting will determine when boost should be enabled. d5 oh 0 relay driver open. 1 open drain driver pulling low. d6 tri-state 0 txclk and rxclk are driven. txclk/rxclk 1 txclk and rxclk are tri-stated. d7 txdalt special register bit d3=1 alternate tx data source (see special register).
73k224bl v.22bis/v.22/v.21/bell 212a/103 single-chip modem w/ integrated hybrid 19 special register sr d7 d6 d5 d4 d3 d2 d1 d0 addr 101 0 txbaud clock rxun- dscr data 0 txd source signal quality level select 1 signal quality level select 0 0 bit name description d7, d4, d0 not used at this time. only write zeros to these bits. d6 txbaud clk txbaud clock is the transmit baud-synchronous clock that can be used to synchronize the input of arbitrary quad/ di-bit patterns. the rising edge of txbaud signals the latching of a baud-worth of data internally. synchronous data to be entered via the txdalt bit, cr3 bit d7, should have data transitions that start 1/2 bit period delayed from the txbaud clock edges. d5 rxundscr data this bit outputs the data received before going to the descrambler. this is useful for sending special unscrambled patterns that can be used for signaling. d3 txd source this bit selects the transmit data source; either the txd pin if zero or the txdalt if this bit is a one. the transmit pattern bits d7 and d6 in cr1 override either of these sources. d2, d1 signal quality level select the signal quality indicator is a logical zero when the signal received is acceptable for low error rate reception. it is determined by the value of the mean squared error (mse) calculated in the decisioning process when compared to a given threshold. this threshold can be set to four levels of error rate. the sqi bit will be low for good or average connections. as the error rate crosses the threshold setting, the sqi bit will toggle at a 1.66 ms rate. toggling will continue until the error rate indicates that the data pump has lost convergence and a retrain is required. at that point the sqi bit will be a one constantly. the sqi bit and threshold selection are valid for qam and dpsk only and indicates typical error rate. d2 d1 threshold value units 0 0 10 -5 ber (default) 0 1 10 -6 ber 1 0 10 -4 ber 1 1 10 -3 ber note: this register is "mapped" and is accessed by setting cr2 bit d6 to a one and addressing cr3. this register provides functions to the 73k224bl user that are not necessary in normal communications. bits d7-d4 are read only, while d3-d0 are read/write. to return to normal cr3 access, cr2 bit d6 must be returned to a zero.
73k224bl v.22bis/v.22/v.21/bell 212a/103 single-chip modem w/ integrated hybrid 20 id register id d7 d6 d5 d4 d3 d2 d1 d0 addr 110 id id id id x x x x bit name condition description d7 d6 d5 d4 indicates device: 0 0 x x 73k212l, 73k321l or 73k322l 0 1 x x 73k221l or 73k302l 1 0 x x 73k222l or 73k222bl 1 1 0 0 73k224l, 73k224bl d7, d6, d5, d4 1 1 1 0 73k324l, 73k324bl
73k224bl v.22bis/v.22/v.21/bell 212a/103 single-chip modem w/ integrated hybrid 21 electrical specifications absolute maximum ratings parameter rating vdd supply voltage 7 v storage temperature -65 to 150 c soldering temperature (10 s) 235 c applied voltage -0.3 to vdd + 0.3 v n ote : all inputs and outputs are protected from static charge using built-in, industry standard protection devices and all outputs are short-circuit protected. recommended operating conditions parameter condition min nom max unit vdd supply voltage 4.5 5 5.5 v ta, operating free-air -40 +85 c clock variation (11.0592 mhz) crystal or external clock -0.01 +0.01 % external components (refer to application section for placement.) vref bypass capacitor external to gnd (note 1) 0.1 f bias setting resistor placed between vdd and iset pins 1.8 2 2.2 w iset bypass capacitor iset pin to gnd 0.1 f vdd bypass capacitor 1 external to gnd (note 1) 0.1 f vdd bypass capacitor 2 external to gnd (note 1) 22 f xtl1 load capacitor depends on crystal characteristics from pin to gnd 40 pf xtl2 load capacitor depends on crystal characteristics from pin to gnd 40 pf hybrid loading see figure 1 600 w r1 600 w r2 0.033 w c1 f n ote 1 : minimum for optimized system layout; may require higher values for noisy environments.
73k224bl v.22bis/v.22/v.21/bell 212a/103 single-chip modem w/ integrated hybrid 22 dc electrical characteristics (ta = -40c to 85c, vdd = recommended range unless otherwise noted.) parameter condition min nom max unit idd, supply current clk = 11.0592 mhz iset resistor = 2 m w idd1, active operating with crystal oscillator, 20 27 ma idd2, idle < 5 pf capacitive load on clk pin 5 7 ma digital inputs vil, input low voltage 0.8 v vih, input high voltage all inputs except reset xtl1, xtl2 2.0 vdd v reset, xtl1, xtl2 3.0 vdd v iih, input high current vi = vdd 100 a iil, input low current vi = 0v -200 a reset pull-down current reset = vdd 2 50 a digital outputs voh, output high voltage io = ioh min iout = -0.4 ma 2.4 vdd v vol, output low voltage io = iout = 1.6 ma 0.4 v rxd tri-state pull-up curr. rxd = gnd -2 -50 a oh output v ol i out = 40 ma tba v capacitance clk maximum permitted load 25 pf input capacitance all digital inputs 10 pf figure 1: analog interface hybrid loading txa1 txa2 rxa r1 600 w 600 w 1:1 r2 600 w (nominal telephone line impedance) c1 note: parameters expressed in dbm0 refer to signals at the telephone line, i.e., across r2 in figure 1. the signals at txa1 or txa2 are each ? 8db lower than at the line. the signal at rxa is ? 3 db lower than at the line.
73k224bl v.22bis/v.22/v.21/bell 212a/103 single-chip modem w/ integrated hybrid 23 electrical specifications (continued) dynamic characteristics and timing (ta = -40c to +85c, vdd = recommended range unless otherwise noted.) parameter condition min nom max unit qam/dpsk modulator carrier suppression measured at txa 35 db output amplitude tx scrambled marks att = 0100 (default) -11.5 -10 -9 dbm0 fsk modulator/demodulator output frequency error clk = 11.0592 mhz -0.31 +0.20 % transmit level att = 0100 (default) transmit dotting pattern -11.5 -10 -9 dbm0 txa output distortion all products through bpf -45 db output bias distortion @ rxd dotting pattern measured at rxd receive level -20 dbm, snr 20 db -10 +10 % output jitter @ rxd integrated for 5 seconds -15 +15 % sum of bias distortion and output jitter integrated for 5 seconds -17 +17 % answer tone generator (2100 or 2225 hz) output amplitude att = 0100 (default level) -11.5 -10 -9 dbm0 not in v.21 output distortion distortion products in receive band -40 db dtmf generator not in v.21 frequency accuracy -0.03 +0.25 % output amplitude low band, att = 0100, dpsk mode -10 -8 dbm0 output amplitude high band, att = 0100, dpsk mode -8 -6 dbm0 twist high band to low band, dpsk mode 1 2 3 db receiver dynamic range refer to performance curves -43 -3 dbm0 call progress detector in call init mode detect level 460 hz test signal -34 0 dbm0 reject level 460 hz test signal -40 dbm0 delay time -70 dbm0 to -30 dbm0 step 25 ms hold time -30 dbm0 to -70 dbm0 step 25 ms
73k224bl v.22bis/v.22/v.21/bell 212a/103 single-chip modem w/ integrated hybrid 24 dynamic characteristics and timing (continued) parameter condition min nom max unit carrier detect receive gain = on for lower input level measurements threshold all modes -48 -43 dbm0 hysteresis all modes 2 delay time fsk 70 dbm0 to -6 dbm0 change at input 25 37 ms 70 dbm0 to -40 dbm0 change at input 25 37 ms dpsk -70 dbm0 to -6 dbm0 change at input 7 17 ms -70 dbm0 to -40 dbm0 change at input 7 17 ms qam -70 dbm0 to -6 dbm0 change at input 25 37 ms -70 dbm0 to -40 dbm0 change at input 25 37 ms hold time fsk -6 dbm0 to -70 dbm0 change at input 25 37 ms 40 dbm0 to -70 dbm0 change at input 15 30 ms dpsk -6 dbm0 to -70 dbm0 change at input 20 29 ms -40 dbm0 to -70 dbm0 change at input 14 21 ms qam -6 dbm0 to -70 dbm0 change at input 25 32 ms -40 dbm0 to -70 dbm0 change at input 18 28 ms answer tone detectors dpsk mode detect level -48 -43 dbm0 detect time call init mode, 2100 or 2225 hz 6 50 ms hold time call init mode, 2100 or 2225 hz 6 50 ms pattern detectors dpsk mode s1 pattern delay time for signals from -6 to -40 dbm0, 10 55 ms hold time demodulation mode 10 45 ms unscrambled mark delay time for signals from -6 to -40 call init 10 45 ms hold time mode 10 45 ms receive level indicator detect on -22 -28 dbm0 valid after carrier detect dpsk mode 1 4 7 ms
73k224bl v.22bis/v.22/v.21/bell 212a/103 single-chip modem w/ integrated hybrid 25 dynamic characteristics and timing (continued) parameter condition min nom max unit transmit attenuator range of transmit level 1111-0000 (default att=0100) -22 -6 dbm0 step accuracy -0.15 +0.15 db clock noise txa pins; 153.6 khz 1.5 mvrms carrier offset capture range originate or answer 5 hz recovered clock capture range % of frequency (originate or answer) -0.02 +0.02 % guard tone generator tone accuracy 550 hz +1.2 % 1800 hz -0.8 tone level 550 hz -4.5 -3.0 -1.5 db (below qam/dpsk output) 1800 hz -7.5 -6.1 -4.5 db harmonic distortion 550 hz -50 db (700 to 2900 hz) 1800 hz -50 db
73k224bl v.22bis/v.22/v.21/bell 212a/103 single-chip modem w/ integrated hybrid 26 dynamic characteristics and timing (continued) parameter condition min nom max unit timing (refer to timing diagrams) * tal cs /address setup before ale low 12 ns tla cs cs 0 ns ad0-ad7 address hold after ale low 10 ns tlc ale low to rd/wr low 10 ns tcl rd/wr control to ale high 0 ns trd data out from rd low 0 70 ns tll ale width 15 ns trdf data float after rd high 50 ns trw rd width 50 ns tww wr width 150 ns tdw data setup before wr high 15 ns twd data hold after wr high 12 ns tckd data out after exclk low 200 ns tckw (serial mode) wr after exclk low 150 ns tdck (serial mode) data setup before exclk low 150 ns tac (serial mode) address setup before control** 50 ns tca (serial mode) address hold after control** 50 ns twh (serial mode) data hold after exclk 50 ns * all timing parameters are targets and not guaranteed. ** control for setup is the falling edge of rd or wr . control for hold is the falling edge of rd or the rising edge of wr . note: asserting ale, cs , and rd or wr concurrently can cause unintentional register accesses. when using non-8031 compatible processors, care must be taken to prevent this from occurring when designing the interface logic.
73k224bl v.22bis/v.22/v.21/bell 212a/103 single-chip modem w/ integrated hybrid 27 timing diagrams ale tll tlc trw tcl tlc tww address address read data write data tdw tal tla trd trdf ad0-ad7 rd wr cs twd figure 2: bus timing diagram (parallel control mode) address tac tca trd tckd trdf d0 d1 d2 d3 d4 d5 d6 d7 exclk rd ad0-ad2 data figure 3: read timing diagram (serial control mode) exclk wr ad0-ad2 address data tdck d0 d1 d2 d3 d4 d5 d6 d7 tckw tww tac tca twh figure 4: write timing diagram (serial control mode)
73k224bl v.22bis/v.22/v.21/bell 212a/103 single-chip modem w/ integrated hybrid 28 applications information general considerations figure 5 shows the basic circuit diagram for a 73k224bl modem integrated circuit designed to be used in conjunction with a control processor, a uart or rs-232 serial data interface, and a daa phone line interface to function as a typical intelligent modem. the k-series ics interface directly with intel 8048 and 80c51 microprocessors for control and status monitoring purposes. a typical daa arrangement is shown in figure 5. this diagram is for reference only and does not represent a production-ready modem design. the 73k224bl is available with two control interface versions: one for a parallel multiplexed address/data interface, and one for a serial interface. the parallel version is intended for use with 8039/48 or 8031/51 compatible microcontrollers from intel or many other manufacturers. the serial interface mode can be used with other microcontrollers or in applications where only a limited number of port lines are available or the application does not lend itself to a multiplexed address/data interface. the parallel versions may also be used in the serial mode, as explained in the data sheet pin description. in most applications the controller will monitor the serial data for commands from the dte and the received data for break signals from the far end modem. in this way, commands to the modem are sent over the same line as the transmitted data. in other applications the rs-232 interface handshake lines are used for modem control. ring detect tx data rx data 11.0592 adr/data bus m c ale m c wr m c rd rxclk txclk exclk chip select control interface 10 m f 0.1 m f + +5 +5 2 m w 1 m f 0.1 m f 0.1 m f 8.2 k 600 w +5 0.033 m f typ. 600 w 1:1 hook relay ring detector transient suppressor fuse rj - 11 1 2 3 4 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 gnd clk xtl1 xtl2 ad0 ad3 ad1 ad2 ad4 ad5 ad6 ad7 ale wr rd vdd rxa vref reset n/c iset rxd oh rxclk txd cs exclk txclk int n/c txa1 txa2 transformer + figure 5: typical 73k224bl daa circuit
73k224bl v.22bis/v.22/v.21/bell 212a/103 single-chip modem w/ integrated hybrid 29 applications information (continued) direct access arrangement (daa) the daa (direct access arrangement) required for the 73k224bl consists of an impedance matching resistor, telecom coupling transformer, and ring detection and fault protection circuitry. the transformer specifications must comply with the impedance of the country in which the modem is being operated. transformers designed specifically for use with the telephone network should be used. these may present a dc load to the network themselves (a ?wet? transformer) or they may require ac coupling with a dc load provided by additional devices (a ?dry? transformer). a dry transformer will generally provide higher performance and smaller size than a wet transformer. a wet transformer allows a simpler design, but must not saturate with the worst case dc current passing through it or distortion and poor performance will result. the protection circuitry typically consists of a transient suppression device and current limiter to protect the user and the telephone network from hazardous voltages that can be present under fault conditions. the transient suppresser may be a mov (metal oxide varistor), sidactor ( teccor electronics inc.), spark gap device, or avalanche diode. some devices clamp the transient to their specified break down voltage and others go into low impedance crowbar state. the latter require that the fault current cease before they can return to their inactive state. current limiting devices can consist of a resistor, raychem polyswitch resettable fuse, or slow blow fuse that can withstand the transient tests without permanent damage or replacement. ring detection circuitry is not required by the fcc, but may be required by the application. the ring detector usually consists of an optoisolator, capacitor, and resistor to present the proper ac load to the network to meet the ren (ring equivalency number) regulations of fcc part 68. the k-series design manual contains detailed information on the design of a ring detect circuits as well as the other topics concerning the daa. design considerations semiconductor's one-chip modem products include all basic modem functions. this makes these devices adaptable for use in a variety of applications, and as easy to control as conventional digital bus peripherals. unlike digital logic circuitry, modem designs must properly contend with precise frequency tolerances and very low level analog signals, to ensure acceptable performance. using good analog circuit design practices will generally result in a sound design. following are additional recommendations which should be taken into consideration when starting new designs. crystal oscillator the k-series crystal oscillator requires a parallel mode (anti-resonant) crystal which operates at 11.0592 mhz. it is important that this frequency be maintained to within 0.01% accuracy. in order for a parallel mode crystal to operate correctly and to specification, it must have a capacitor connected to the junction of each of the crystal and internal inverter connections, terminated to ground. the values of these capacitors depend primarily on the crystal?s characteristics, and to a lesser degree on the internal inverter circuit. the values used affect the accuracy and start up characteristics of the oscillator. layout considerations good analog/digital design rules must be used to control system noise in order to obtain highest performance in modem designs. the more digital circuitry present on the pc board, the more this attention to noise control is needed. the modem should be treated as a high performance analog device. a 22 f electrolytic capacitor in parallel with a 0.1 f ceramic capacitor between vdd and gnd is recommended. liberal use of ground planes and larger traces on power and ground are also highly favored. high speed digital circuits tend to generate a significant amount of emi (electro- magnetic interference) which must be minimized in order to meet regulatory agency limitations. to accomplish this, high speed digital devices should be locally bypassed, and the telephone line interface and k-series device should be located
73k224bl v.22bis/v.22/v.21/bell 212a/103 single-chip modem w/ integrated hybrid 30 close to each other near the area of the board where the phone line connection is accessed. to avoid problems, power supply and ground traces should be routed separately to the analog and digital functions on the board, and digital signals should not be routed near low level or high impedance analog traces. the analog and digital grounds should only connect at one point near the k-series device ground pin to avoid ground loops. the k-series modem ics should have both high frequency and low frequency bypassing as close to the package as possible. modem performance characteristics the curves presented here define modem ic performance under a variety of line conditions while inducing disturbances that are typical of those encountered during data transmission on public service telephone lines. test data was taken using an aea electronics? ? autotest i? modem test set and line simulator, operating under computer control. all tests were run full- duplex, using a concord data systems 224 as the reference modem. a 511 pseudo-random-bit pattern was used for each data point. noise was c-message weighted and all signal-to-noise (s/n) ratios reflect total power measurements similar to the ccitt v.56 measurement specification. the individual tests are defined as follows. ber vs. s/n this test measures the ability of the modem to operate over noisy lines with a minimum of data- transfer errors. since some noise is generated in the best of dial-up lines, the modem must operate with the lowest s/n ratio possible. better modem performance is indicated by test curves that are closest to the ber axis. a narrow spread between curves representing the four line parameters indicates minimal variation in performance while operating over a range of operating conditions. typically, a dpsk modem will exhibit better ber performance test curves receiving in the low band than in the high band. ber vs. receive level this test measures the dynamic range of the modem. because signal levels vary widely over dial-up lines, the widest possible dynamic range is desirable. the minimum bell specification calls for 36 db of dynamic range. s/n ratios are held constant at the indicated values while the receive level is lowered from a very high to very low signal levels. the width of the ?bowl? of these curves, taken at the ber point, is the measure of dynamic range.
73k224bl v.22bis/v.22/v.21/bell 212a/103 single-chip modem w/ integrated hybrid 31 4 6 8 10 12 14 16 signal to noise (db) bit error rate 10 -6 10 -5 10 -4 10 -3 10 -2 3002 low band receive -30 dbm dpsk operation 1200 bit/s c1, c2, flat 4 6 8 10 12 14 16 signal to noise (db) bit error rate 10 -6 10 -5 10 -4 10 -3 10 -2 c1, 3002, flat high band receive -30 dbm dpsk operation 1200 bit/s c2 8 10 12 14 16 18 20 signal to noise (db) bit error rate 10 -6 10 -5 10 -4 10 -3 10 -2 high band receive -30 dbm qam operation 2400 bit/s c1 flat 3002 c2 8 10 12 14 16 18 20 signal to noise (db) bit error rate 10 -6 10 -5 10 -4 10 -3 10 -2 high band receive -30 dbm qam operation 2400 bit/s c1 flat 3002 c2 73k224bl ber vs s/n-dpsk low band 73k224bl ber vs s/n-dpsk high band 73k224bl ber vs s/n-qam-low band 73k224bl ber vs s/n-qam-high band
73k224bl v.22bis/v.22/v.21/bell 212a/103 single-chip modem w/ integrated hybrid 32 mechanical specifications 32-lead plcc 44-lead tqfp
73k224bl v.22bis/v.22/v.21/bell 212a/103 single-chip modem w/ integrated hybrid 33 package pin designations (top view) ad0 ad1 ad2 ad3 ad4 ad5 ad6 data/ad7 ale xtal2 xtal1 clk gnd rxa vref reset n/c i set oh rxclk rxd txd cs exclk txclk wr rd vdd txa2 txa1 n/c int 4 3 2 1 32 31 30 5 6 7 8 9 10 11 12 13 29 28 27 26 25 24 23 22 21 14 15 16 17 18 19 20 32-lead plcc 44-lead tqfp 73k224bl-ih 73K224BL-IGT ordering information part description order number packaging mark 73k224bl 32-lead plcc 73k224bl-ih 73k224bl-ih 73k224bl 44-lead tqfp 73K224BL-IGT 73l224bl-igt no responsibility is assumed by tdk semiconductor corporation for use of this product nor for any infringements of patents and trademarks or other rights of third parties resulting from its use. no license is granted under any patents, patent rights or trademarks of tdk semiconductor corporation, and the company reserves the right to make changes in specifications at any time without notice. accordingly, the reader is cautioned to verify that the data sheet is current before placing orders. tdk semiconductor corporation, 2642 michelle dr., tustin, ca 92780-7019, (714) 508-8800, fax: (714) 508-8877 protected by the following patents (4,691,172) (4,777,453) ? 1996 - 2000 tdk semiconductor corporation 04/24/00 - rev. e caution: use handling procedures necessary for a static sensitive component.


▲Up To Search▲   

 
Price & Availability of 73K224BL-IGT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X