Part Number Hot Search : 
11021 TSH10 HIP6020 P6SMB 11017 20M22X 3000L 6333A
Product Description
Full Text Search
 

To Download 14D181K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  eleme nt size 14 14 mm varistor voltage the first two digits are s ignificant figures and the th i r d o n e d e n o t e s n u m b e r o f zeros following d voltage tolerance k: 10% d i m e n si on v a r i s to r t y pe m y g t y p e my g v a r i st or s a r e m a de of se m i c ond uc t or c e r a m i c m a t e r i a l s c om pose d m a i nl y o f z i nc o x i de . t he y ha v e non - l i ne a r r e si st a n c e t ha t c ha nge s a s a f un c t i on of a ppl i e d vol t a g e . i t ha s sm a l l si z e , hi g h c ur r e nt c a pa c i t y , a nd hi g h p r ot e c t i on l e ve l . f e at u r e s > w i de v a r i st or vol t a ge r a n g e ( 18 v 180 0v ) > e x c e l l e nt non - l i ne a r i t y a nd pr ot e c t i on l e ve l > l a r g e w i t hst a ndi ng sur g e c ur r e nt > f a st r e spons e 20n s r e c om m e n d e d a p p l i c at i on s > p r ot e c t i on of se m i c onduc t or s > s ur ge pr ot e c t i on of c ons um e r e qui pm e nt > s ur ge p r ot e c t i on of c om m uni c a t i on , m e a sur i n g o r c ont r ol l e r i nst r um e nt > r e l a y o r e l e c t r om a g ne t i c v a l ve sur ge a bsor pt i on e xp l a n at i on o f p ar t n u m b e r s 14 d series 0 1 | www.spsemi.cn > rev.2014.05.01 17.0 3.6~5.4 eleme nt size 14 14 mm varistor voltage the first two digits are s ignificant figures and the th i r d o n e d e n o t e s n u m b e r o f zeros following d voltage tolerance k: 10%
m a x im u m e n e r g y ra t e d w a t t a g e v a r is t o r v o lt a g e m a x im u m cla m p in g v o lt a g e a c r m s dc 1 0 /1 0 0  s 1 t im e 2 t im e s v 1 m a v 5 0 a ( v ) ( v ) ( j ) ( v ) ( v ) 1 4 d1 8 2 k 1 0 0 0 1 4 6 5 3 3 6 .0 1 8 0 0 ( 1 6 2 0 - 1 9 8 0 ) 2 9 7 0 1 4 d1 5 2 k 7 5 0 1 3 0 0 2 6 6 .0 1 5 0 0 ( 1 3 5 0 - 1 6 5 0 ) 2 4 7 5 1 4 d1 1 2 k 6 8 0 8 9 5 2 1 7 .0 1 1 0 0 ( 9 9 0 - 1 2 1 0 ) 1 8 1 5 1 4 d1 0 2 k 6 2 5 8 2 5 2 1 7 .0 1 0 0 0 ( 9 0 0 - 1 1 0 0 ) 1 6 5 0 1 4 d9 1 1 k 5 5 0 7 4 5 2 1 7 .0 9 1 0 ( 8 1 9 - 1 0 0 1 ) 1 5 0 0 1 4 d8 2 1 k 5 1 0 6 7 0 2 0 3 .0 8 2 0 ( 7 3 8 - 9 0 2 ) 1 3 5 5 1 4 d7 8 1 k 4 8 5 6 4 0 2 0 3 .0 7 8 0 ( 7 0 2 - 8 5 8 ) 1 2 9 0 1 4 d7 5 1 k 4 6 0 6 1 5 2 0 3 .0 7 5 0 ( 6 7 5 - 8 2 5 ) 1 2 4 0 1 4 d6 8 1 k 4 2 0 5 6 0 1 6 8 .0 6 8 0 ( 6 1 2 - 7 4 8 ) 1 1 2 0 1 4 d6 2 1 k 3 8 5 5 0 5 1 6 8 .0 6 2 0 ( 5 5 8 - 6 8 2 ) 1 0 2 5 1 4 d5 6 1 k 3 5 0 4 6 0 1 4 9 .8 5 6 0 ( 5 0 4 - 6 1 6 ) 9 2 0 1 4 d5 1 1 k 3 2 0 4 1 5 1 4 9 .8 5 1 0 ( 4 5 9 - 5 6 1 ) 8 4 5 1 4 d4 7 1 k 3 0 0 3 8 5 1 4 9 .8 4 7 0 ( 4 2 3 - 5 1 7 ) 7 7 5 1 4 d4 3 1 k 2 7 5 3 5 0 1 4 5 .6 4 3 0 ( 3 8 7 - 4 7 3 ) 7 1 0 1 4 d3 9 1 k 2 5 0 3 2 0 1 3 4 .4 3 9 0 ( 3 5 1 - 4 2 9 ) 6 5 0 1 4 d3 6 1 k 2 3 0 3 0 0 1 2 3 .2 3 6 0 ( 3 2 4 - 3 9 6 ) 5 9 5 1 4 d3 3 1 k 2 1 0 2 7 5 1 1 2 .0 3 3 0 ( 2 9 7 - 3 6 3 ) 5 5 0 1 4 d3 0 1 k 1 9 0 2 5 0 1 0 3 .2 3 0 0 ( 2 7 0 - 3 3 0 ) 5 0 5 1 4 d2 7 1 k 1 7 5 2 2 5 9 3 .8 2 7 0 ( 2 4 3 - 2 9 7 ) 4 5 5 1 4 d2 4 1 k 1 5 0 2 0 0 8 2 .6 2 4 0 ( 2 1 6 - 2 6 4 ) 3 9 5 1 4 d2 2 1 k 1 4 0 1 8 0 7 9 .8 2 2 0 ( 1 9 8 - 2 4 2 ) 3 6 0 1 4 d2 0 1 k 1 3 0 1 7 0 7 9 .8 2 0 0 ( 1 8 0 - 2 2 0 ) 3 3 0 1 4 d1 8 1 k 1 1 5 1 5 0 5 8 .8 1 8 0 ( 1 6 2 - 1 9 8 ) 3 0 0 1 4 d1 5 1 k 9 5 1 2 5 5 1 .8 1 5 0 ( 1 3 5 - 1 6 5 ) 2 5 0 1 4 d1 2 1 k 7 5 1 0 0 4 0 .6 1 2 0 ( 1 0 8 - 1 3 2 ) 2 0 0 1 4 d1 0 1 k 6 0 8 5 3 3 .6 1 0 0 ( 9 0 - 1 1 0 ) 1 6 5 1 4 d8 2 0 k 5 0 6 5 2 9 .4 8 2 ( 7 4 - 9 0 ) 1 3 5 1 4 d6 8 0 k 4 0 5 6 2 3 .8 6 8 ( 6 1 - 7 5 ) * 1 3 5 1 4 d5 6 0 k 3 5 4 5 1 9 .6 5 6 ( 5 0 - 6 2 ) * 1 1 0 1 4 d4 7 0 k 3 0 3 8 1 6 .8 4 7 ( 4 2 - 5 2 ) * 9 3 1 4 d3 9 0 k 2 5 3 1 1 3 .2 3 9 ( 3 5 - 4 3 ) * 7 7 1 4 d3 3 0 k 2 0 2 6 1 2 .3 3 3 ( 3 0 - 3 6 ) * 6 5 1 4 d2 7 0 k 1 7 2 2 9 .7 2 7 ( 2 4 - 3 0 ) * 5 3 1 4 d2 2 0 k 1 4 1 8 7 .6 2 2 ( 2 0 - 2 4 ) * 4 3 1 4 d1 8 0 k 1 1 1 4 6 .6 1 8 ( 1 5 - 2 1 ) * 3 8 1 0 0 0 5 0 0 0 .1 p a r t nu m b e r m a x im u m a ll o w a b le v o lt a g e w it h s t a n d in g s u r g e cu r r e n t 8 /2 0  s ( w ) ( a ) 4 5 0 0 2 5 0 0 0 .6 14d series 0 2 | www.spsemi.cn s p e c i f i c at i on an d e l e c t r i c al c h ar a c t e r i st i c s rev.2014.05.01 * * * * n ot e ? 2 ? v ar i s t or v ol t age i s m ea s ur ed at 0.1 m a f or 05 d , and at 1 m a f or 0 7d , 10 d , 14d , 20 d , r es pe ct i v el y . 3 ? o per at i ng t em per at ur e r ange   40    85  s t or ag e t em per at ur e r ange :  40    125  stand for commonly used models * 1 ?


▲Up To Search▲   

 
Price & Availability of 14D181K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X