Part Number Hot Search : 
74CBTL TC74AC CD2003GB 1585155 MOC30 AG8100 SKIIP2 TC74LCX5
Product Description
Full Text Search
 

To Download Z0410XE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  Z0410XE/f ? january 1995 standard triacs symbol parameter value unit i t(rms) rms on-state current (360 conduction angle) Z0410XE/f tc= 75 c4 a z0410xf ta= 25 c 0.95 i tsm non repetitive surge peak on-state current (t j initial = 25 c) tp = 8.3 ms 22 a tp = 10 ms 20 i 2 ti 2 t value for fusing tp = 10 ms 2 a 2 s di/dt critical rate of rise of on-state current i g =50ma di g /dt = 0.1 a/ m s. repetitive f = 50 hz 10 a/ m s non repetitive 50 t stg t j storage and operating junction temperature range - 40, + 150 - 40, + 125 c tl maximum lead temperature for soldering during 10s at 4.5mm from case 260 c absolute ratings (limiting values) i t(rms) =4a v drm = 400v to 800v i gt 25ma features symbol parameter voltage unit dmsn v drm v rrm repetitive peak off-state voltage t j = 125 c 400 600 700 800 v the Z0410XE/f series of triacs uses a high performance top glass pnpn technology. these parts are intended for general purpose switching and phase control applications. description a1 g a2 to202-1 (plastic) Z0410XE a1 g a2 to202-2 (plastic) z0410xf 1/6
p g (av) = 0.2 w p gm = 3 w (tp = 20 m s) i gm = 1.2 a (tp = 20 m s) gate characteristics (maximum values) symbol parameter value unit rth(j-a) junction to ambient Z0410XE 80 c/w z0410xf 100 rth(j-c) junction to case for d.c 10 c/w rth(j-c) junction to case for a.c 360 conduction angle (f=50hz) 7.5 c/w thermal resistances symbol test conditions quadrant sensitivity unit 10 i gt v d =12v (dc) r l =33 w tj= 25 c i-ii-iii-iv max 25 ma v gt v d =12v (dc) r l =33 w tj= 25 c i-ii-iii-iv max 1.5 v v gd v d =v drm r l =3.3k w tj= 125 c i-ii-iii-iv min 0.2 v tgt v d =v drm i g = 40ma i t =5.5a di g /dt = 0.5a/ m s tj= 25 c i-ii-iii-iv typ 2 m s i h *i t = 50 ma gate open tj= 25 c max 25 ma i l i g =1.2i gt tj= 25 c i-iii-iv typ 25 ma ii typ 50 v tm *i tm = 5.5a tp= 380 m s tj= 25 c max 2 v i drm i rrm v d =v drm v r =v rrm tj= 25 c max 5 m a tj= 110 c max 200 dv/dt * vd=67%v drm gate open tj= 110 c min 200 v/ m s typ 400 (dv/dt)c * (di/dt)c = 1.8 a/ms tj= 110 c min 5 v/ m s * for either polarity of electrode a 2 voltage with reference to electrode a 1 electrical characteristics ordering information z0410me triac top glass current packages : e=to202-1 f=to202-2 voltage sensitivity ? Z0410XE/f 2/6
01234 0 1 2 3 4 5 6 7 =30 o =90 o =60 o = 120 o = 180 o 180 o i (a) t(rms) p(w) fig.1 : maximum rms power dissipation versus rms on-state current. 0 10 20 30 40 50 60 70 80 90 100 110 120 130 0 1 2 3 4 5 = 180 o tcase( c) o i (a) t(rms) fig.5 : rms on-state current versus case tempera- ture (to202-1). p (w) 0 20406080100120140 0 1 2 3 4 5 6 7 -75 -85 -95 -105 rth = 0 c/w 5c/w 10 c/w 15 c/w o o o o tcase ( c) o tamb ( c) o -115 -125 fig.2 : correlation between maximum rms power dissipation and maximum allowable temperature (tamb and tcase) for different thermal resistances heatsink + contact (to202-1). p(w) tcase ( c) o 0 20 40 60 80 100 120 140 0 1 2 3 4 5 6 7 -75 -85 -95 -105 -115 -125 tamb ( c) o rth(j-a) rth(j-c) fig.4 : correlation between maximum rms power dissipation and maximum allowable temperature (tamb and tcase) (to202-2). 0 102030405060708090100110120130 0 0.2 0.4 0.6 0.8 1 = 180 o tamb( c) o i (a) t(rms) fig.6 : rms on-state current versus case tempera- ture (to202-2). 01234 0 1 2 3 4 5 6 7 =30 o =90 o =60 o = 120 o = 180 o 180 o i (a) t(rms) p(w) fig.3 : maximum rms power dissipation versus rms on-state current. ? Z0410XE/f 3/6
i (a). i 2 t(a 2 s) tsm 110 1 10 100 tj initial = 25 c o i tsm i 2 t tp (ms) fig.11 : non repetitive surge peak on-state cur- rent for a sinusoidal pulse with width : tp 10ms, and corresponding value of i 2 t. 00.511.522.533.544.5 0.1 1 10 100 i (a) tm tj initial 25 c o tj max v (v) tm tj max vto =0.98v rt =0.180 fig.12 : on-state characteristics (maximum val- ues). 2.6 2.4 2.2 2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 igt tj( c) o ih -40 -20 0 20 40 60 80 100 120 140 igt[tj] igt[tj=25 c] o ih[tj] ih[tj=25 c] o fig.9 : relative variation of gate trigger current and holding current versus junction temperature. 1 10 100 1000 0 5 10 15 20 i (a) tsm tj initial = 25 c o number of cycles fig.10 : non repetitive surge peak on-state current versus number of cycles. 1e-3 1e-2 1e-1 1 e+0 1 e+1 1 e +2 5 e+2 0.01 0.10 1.00 zth(j-a)/rth(j-a) tp (s) fig.7 : relative variation of thermal impedance junction to ambient versus pulse duration (to202-2). 1e-3 1e-2 1e-1 1 e +0 1 e +1 1e +2 5e +2 0.01 0.10 1.00 zth/rth zth (j-c) zt h( j-a) tp(s) fig.6 : relative variation of thermal impedance versus pulse duration (to202-1). ? Z0410XE/f 4/6
package mechanical data to202-1 (plastic) d g i h j b a m n1 n o p c f ref. dimensions millimeters inches typ. min. max. typ. min. max. a 10.1 0.398 b 13.7 0.540 c 7.3 0.287 d 10.5 0.413 f 1.5 0.059 g 3.2 0.126 h 0.51 0.020 i 3.16 3.20 0.124 0.126 j 1.5 0.059 m 4.5 0.177 n 5.3 0.209 n1 2.54 0.100 o 1.4 0.055 p 0.7 0.028 marking : type number weight : 1.4 g ? Z0410XE/f 5/6
information furnished is believed to be accurate and reliable. however, sgs-thomson microelectronics assumes no responsability for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. no license is granted by implication or otherwise under any patent or patent rights of sgs-thomson microelectronics. specifications mentioned in this publication are subject to change without notice. this publication supersedes and replaces all information previously supplied. sgs-tho mson microelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of sgs-thomson microelectronics. ? 1995 sgs-thomson microelectronics - all rights reserved. sgs-thomson microelectronics group of companies australia - brazil - france - germany - hong kong - italy - japan - korea - malaysia - malta - morocco - the netherlands singapore - spain - sweden - switzerland - taiwan - thailand - united kingdom - u.s.a. package mechanical data to202-2 (plastic) d h j a b e m n1 n o p c f ref. dimensions millimeters inches typ. min. max. typ. min. max. a 10.1 0.398 b 1.2 0.047 c 7.3 0.287 d 10.5 0.413 e 7.4 0.290 f 1.5 0.059 h 0.51 0.020 j 1.5 0.059 m 4.5 0.177 n 5.3 0.209 n1 2.54 0.100 o 1.4 0.055 p 0.7 0.028 marking : type number weight : 1.0 g ? Z0410XE/f 6/6


▲Up To Search▲   

 
Price & Availability of Z0410XE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X