Part Number Hot Search : 
TS7009 AKD4370 6BG17 MC100LV D1877 C221M SL021 TB100
Product Description
Full Text Search
 

To Download XZTHI54W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  part number: XZTHI54W 2.0x1.25mm infrared emitting diode apr 19,2011 xdsa1795 v6 layout: maggie l. sunled corporation p. 1/4 features long life and robust package variety of lens types available package : 2000pcs / reel moisture sensitiv ity level : level 3 rohs compliant absolute maximum ratings (t a =25c) thi (gaalas) unit reverse voltage v r 5 v forward current i f 50 ma forward current (peak) 1/100 duty cycle 10us pulse width i fs 1200 ma power dissipation p d 80 mw operating temperature t a -40 ~ +85 c storage temperature tstg -40 ~ +85 package schematics notes: 1. all dimensions are in millimeters (inches). 2. tolerance is 0.1(0.004") unless otherwise noted. 3. specifications are subjec t to change without notice. thi (gaalas) unit forward voltage (typ.) (i f =20ma) v f 1.3 v forward voltage (max.) (i f =20ma) v f 1.6 v reverse current (max.) (v r =5v) i r 10 ua wavelength of peak emission (typ.) (i f =20ma) p 880 nm spectral line full width at half-maximum (typ.) (i f =20ma) 50 nm capacitance (typ.) (v f =0v, f=1mhz) c 90 pf operating characteristics (t a =25c) part number emitting material lens-color wavelength nm p viewing angle 2 1/2 min. typ. XZTHI54W gaalas water clear 0.8 1.3 880 120 radiant intensity (po = mw/sr) @20ma
part number: XZTHI54W 2.0x1.25mm infrared emitting diode apr 19,2011 xdsa1795 v6 layout: maggie l. sunled corporation p. 2/4 ? thi led is recommended for reflow soldering and soldering profile is shown below.
part number: XZTHI54W 2.0x1.25mm infrared emitting diode apr 19,2011 xdsa1795 v6 layout: maggie l. sunled corporation p. 3/4 ? the device has a single mounting surface. the device must be mounted according to the specifications. ? recommended soldering pattern (units : mm; tolerance: 0.1) ? reel dimension ? tape specification (units : mm) remarks: if special sorting is required (e.g. binning based on forward voltage or radiant intensity / luminous flux), the typical accuracy of the so rting process is as follows: 1. radiant intensity / luminous flux: +/-15% 2. forward voltage: +/-0.1v note: accuracy may depend on the sorting parameters
part number: XZTHI54W 2.0x1.25mm infrared emitting diode apr 19,2011 xdsa1795 v6 layout: maggie l. sunled corporation p. 4/4 packing & label specifications


▲Up To Search▲   

 
Price & Availability of XZTHI54W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X