Part Number Hot Search : 
FZT956 Z5230 101A1 PEMB2 485CN 00ETTS X1286 SP9500JS
Product Description
Full Text Search
 

To Download XOV576 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  euroquartz limited blacknell lane crewkerne somerset uk ta18 7he tel: +44 (0)1460 230000 fax: +44 (0)1460 230001 info@euroquartz.co.uk www.euroquartz.co.uk euro quartz 7 x 5mm high frequency hcmos oscillator XOV576 are 6 pad smd oscillators designed to provide a high quality hcmos output at frequencies from 125mhz to 200mhz. phase and rms period jitter are kept within low limits. an enable/disable function is standard and the oscillator may also be specified with a power down function. industry-standard 6 pad 7.0 x 5.0mm package frequency range 125mhz to 200mhz high frequency range at low cost supply voltage 2.5v or 3.3volts tristate function to conserve power features outline & dimensions frequency range: 125.0mhz to 200.0mhz output logic: hcmos phase jitter: 3.5ps typical rms period jitter: 4.0ps typical frequency stability commercial: 25ppm to 100ppm -10 to +70c industrial: 25ppm to 100ppm -40 to +85c input voltage: +2.5v to +3.3vdc 10% output voltage high '1': +2.97v minimum low '0': +0.33 v maximum rise/fall time: 0.25ns typical, 0.5ns max. (20%vdd to 80%vdd) current consumption: 80ma typical (frequency dependent) load: 15pf start-up time: 5ms typical, 10ms maximum duty cycle: 50% 5% (measured at vdd-1.3v) input static discharge protection: 2kv maximum ageing: 2pmm per year maximum specification part number schedule nominal frequency (mhz) series designation XOV576 temperature stability: 025 = 25ppm 050 = 50ppm 100 = 100ppm output hcmos operating temperature range c = -10 to +70c i = -40 to +85c tristate (enable/disable) function supply voltage 3 = 3.3 volts 25 = 2.5 volts solder temperature profile tristate options XOV576 oscillators description permanent damage may occur if units are operated beyond specified limits. supply voltage: +4.6 vdc max. input voltage vi: vss-0.5 min., vdd +0.5v max. input voltage vo: vss-0.5 min., vdd +0.5v max. absolute maximum ratings 125mhz to 200mhz disable output is disabled when pad 1 is taken below 0.3 vcc referenced to ground oscillator continues to run while disabled. enable oscillator is enabled when pad 1 is taken above 0.7 vcc referenced to ground. power down available by special request: oscillator shuts down when disabled. longer time to enable. example: 150.0mhz XOV576050ucta 150.0mhz XOV576050ucta


▲Up To Search▲   

 
Price & Availability of XOV576

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X