Part Number Hot Search : 
MSP2204 2SC53 XC2765X EPA1073 SMA75 SZ155B MZP4733 2SB940
Product Description
Full Text Search
 

To Download WJ176 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  issu:2000.7.12 wj 176 ? low coil p ower consum p tion. ? high contact load. ? strong anti-shock high reliability. specifications contact characteristics operate time max.15msec. contact material release time max.15msec. contact resistance operating humidity 40to 85% rh (by voltage drop 6v 1a) initial breakdown voltage rating between coil & contact 1500vac (50/60hz)for 1 min. resistive load between open contacts 2000vac (50/60hz)for 1 min. max. switching power insulation resistance min.1000m ? (500 vdc) expected life(min.ope) ambient temperature -40c +55c mechanical(at 120 cpm) shock functional min.10g electrical (at 20 cpm) resistance destruction min.100g vibration functional 10 to 55 hz at double amplitude of 1.5mm resistance destruction 10 to 55 hz at double amplitude of 1.5mm unit weight coil nominal operating power typical application 1.industrial machine 2.electrical equipment 3.air conditioner and houseold appllications ordering information number of pole contact form WJ176 1 :1pole coil resistance 51, 220 : 2.8w 4000 : 4.2va coilvoltage (dc) 12, 24v 220vac type a: 1 form a b: 1 form b c: 1 form c WJ176-relays 1120w 10000va 110 6 40a 250vac max.20m ? 2.8w to 4.2va wanjia automotive power relays relays for advanced technology arrangement ? 110g 110 5 1a,1b,1c, silver alloy 1 c WJ176 12vdc 74 ? free datasheet http://www.ndatasheet.com
wj 176 issu: 2000.07.12 coil data (at 20c) nom i na l co il power pu ll - i n drop-out max.a ll owa bl e voltage resistance consumption voltage voltage voltage (vdc) ( ? ) 10% (w) (vdc) (vdc) (vdc) 12 51 120% of 24 220 nominal 220vac 4000 4.2va 80%max. 30%min. volta g e dimensions unit: mm note: the relative changes for the specification will not be advised in the future. 2.8 75%max. 10%min. free datasheet http://www.ndatasheet.com


▲Up To Search▲   

 
Price & Availability of WJ176

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X