Part Number Hot Search : 
UMX4NTR 02000 MHR66TF SBL1045 CXP88624 SST12P1 72V32 AD7774
Product Description
Full Text Search
 

To Download VLMG21K2M1-GS08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  vlmg21.. www.vishay.com vishay semiconductors rev. 1.4, 30-apr-13 1 document number: 81750 for technical ques tions, contact: led@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 standard mini smd led description the miniled series has been designed in a small white smt package. the feature of the device is the very small package 2.3 mm x 1.3 mm x 1.4 mm. the miniled is an obvious solution for small-scale, high-power products that are expected to work reliably in an arduous environment. this is often the case in automotive and industrial application of course. product group and package data ? product group: led ? package: smd miniled ? product series: standard ? angle of half intensity: 60 features ? smd leds with exceptional brightness ? luminous intensity categorized ? compatible with automatic placement ? equipment ? eia and ice standard package ? ir reflow soldering ? available in 8 mm tape ? low profile package ? non-diffused lens: excellent for coupling to light pipes and backlighting ? low power consumption ? luminous intensity ratio in one packaging unit i vmax. /i vmin. ? 1.6 ? preconditioning accordi ng to jedec level 2a ? aec-q101 qualified ? material categorization: for definitions of compliance please see www.vishay.com/doc?99912 applications ? automotive: backlighting in dashboards and switches ? telecommunication: indicator and backlighting in telephone and fax ? indicator and backlight for audio and video ? equipment ? indicator and backlight in office equipment ? flat backlight for lcds, switches, and symbols ? general use note (1) driving the led in reverse direction is suitable for a short term application 19226 parts table part color luminous intensity (mcd) at i f (ma) wavelength (nm) at i f (ma) forward voltage (v) at i f (ma) technology min. typ. max. min. typ. max. min. typ. max. vlmg21k1l2-gs08 green 7.1 - 18 10 562 568 575 10 - 2.1 2.8 10 gap on gap vlmg21j2l1-gs08 green 5.6 - 14 10 562 568 575 10 - 2.1 2.8 10 gap on gap VLMG21K2M1-GS08 green 9 - 22.4 10 562 568 575 10 - 2.1 2.8 10 gap on gap vlmg21j2m1-gs08 green 5.6 - 22.4 10 562 568 575 10 - 2.1 2.8 10 gap on gap absolute maximum ratings (t amb = 25 c, unless otherwise specified) ? vlmg21.. parameter test condition symbol value unit reverse voltage (1) v r 6v dc forward current t amb ? 60 c i f 30 ma surge forward current t p ? 10 s i fsm 0.5 a power di ssipation p v 95 mw junction temperature t j 100 c operating temperature range t amb - 40 to + 100 c storage temperature range t stg - 40 to + 100 c thermal resistance junction/ambient mo unted on pc board (pad size > 5 mm 2 )r thja 480 k/w
vlmg21.. www.vishay.com vishay semiconductors rev. 1.4, 30-apr-13 2 document number: 81750 for technical ques tions, contact: led@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 note (1) in one packing unit i vmax. /i vmin. ? 1.6 note ? luminous intensity is tested at a current pulse duration of 25 ms and an accuracy of 11 %. ? the above type numbers repres ent the order groups which include only a few brightness groups. only one group will be shipped on each reel (there will be no mixing of two groups on each reel). ? in order to ensure availability, single brightness groups will not be orderable. ? in a similar manner for colors where wavelength groups are measured and binned, single wave length groups wi ll be shipped on any one reel. ? in order to ensure availability, single wavelength groups will not be orderable. note ? wavelengths are tested at a current pulse duration of 25 ms and an accuracy of 1 nm. optical and electrical characteristics (t amb = 25 c, unless otherwise specified) ? vlmg21.., green parameter test condition part symbol min. typ. max. unit luminous intensity (1) i f = 10 ma vlmg21j2l1 i v 5.6 - 14 mcd i f = 10 ma vlmg21k2m1 i v 9 - 22.4 mcd i f = 10 ma vlmg21j2m1 i v 5.6 - 22.4 mcd i f = 10 ma vlmg21k1l2 i v 7.1 - 18 mcd dominant wavelength i f = 10 ma ? d 562 568 575 nm peak wavelength i f = 10 ma ? p - 565 - nm angle of half intensity i f = 10 ma ? - 60- deg forward voltage i f = 10 ma v f -2.12.8v reverse voltage i r = 10 a v r 615- v junction capacitance v r = 0 v, f = 1 mhz c j -15-pf luminous intensity classification group light intensity (mcd) standard optional min. max. j 2 5.6 7.1 k 1 7.1 9.0 2 9.0 11.2 l 1 11.2 14.0 2 14.0 18.0 m 1 18.0 22.4 color classification group green dom. wavelength (nm) min. max. 3 562 565 4 564 567 5 566 569 6 568 571 7 570 573 8 572 575 crossing table vishay osram vlmg21j2l1 lgm670j2l1 vlmg21k2m1 lgm670k2m1 vlmg21j2m1 lgm670j2m1 vlmg21k1l2 lgm670k1l2
vlmg21.. www.vishay.com vishay semiconductors rev. 1.4, 30-apr-13 3 document number: 81750 for technical ques tions, contact: led@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 typical characteristics (t amb = 25 c, unless otherwise specified) fig. 1 - forward current vs. ambient temperature fig. 2 - relative luminous in tensity vs. angular displacement fig. 3 - forward current vs. forward voltage fig. 4 - relative luminous intensity vs. forward current fig. 5 - relative. luminous in tensity vs. ambient temperature fig. 6 - relative intensity vs. wavelength 0 10 20 30 40 60 i f - forward current (ma) 95 10905 50 t amb - ambient temperature (c) 100 80 60 40 20 0 19903 0.4 0.2 0 0.2 0.4 0.6 0.6 0.9 0.8 0 30 10 20 40 50 60 70 80 0.7 1.0 i vrel - relative luminous intensity green 0.1 1 10 100 v f - forward voltage (v) i- forward current (ma) f 5 2 1 03 95 9986 4 green i f - forward current (ma) 100 0.01 0.1 1 10 95 9996 i- relative luminous intensity v rel 10 1 green 0 0.4 0.8 1.6 1.2 2.0 95 10320 i- relative luminous intensity v rel t amb - ambient temperature (c) 20 40 60 80 0 100 520 540 560 580 600 0 0.2 0.4 0.6 0.8 1.2 620 95 10038 - wavelength (nm) 1.0 green i rel - relative intensity
vlmg21.. www.vishay.com vishay semiconductors rev. 1.4, 30-apr-13 4 document number: 81750 for technical ques tions, contact: led@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 soldering profile fig. 7 - vishay lead (pb)-free reflow soldering profile (acc. to j-std-020) ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? package dimensions in millimeters 0 50 100 150 200 250 300 0 50 100 150 200 250 300 time (s) temperature (c) 240 c 245 c max. 260 c max. 120 s max. 100 s 217 c max. 30 s max. ramp up 3 c/s max. ramp down 6 c/s 19885 ir reflow soldering profile for lead (pb)-free soldering preconditioning acc. to jedec level 2a max. 2 cycles allowed 255 c 16892
vlmg21.. www.vishay.com vishay semiconductors rev. 1.4, 30-apr-13 5 document number: 81750 for technical ques tions, contact: led@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 reel dimensions in millimeters 16938
vlmg21.. www.vishay.com vishay semiconductors rev. 1.4, 30-apr-13 6 document number: 81750 for technical ques tions, contact: led@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 tape dimensions in millimeters leader and trailer dimensions in millimeters note ? gs08 = 3000 pcs 16939 trailer leader no devices min. 200 min. 400 start end devices 96 11818 no devices
vlmg21.. www.vishay.com vishay semiconductors rev. 1.4, 30-apr-13 7 document number: 81750 for technical ques tions, contact: led@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 bar code product label a. type of component b. manufacturing plant c. date code year/week d. day code (e.g. 2: tuesday) e. batch no. f. total quantity g. company code cover tape peel strength according to din en 60286-3 0.1 n to 1.3 n 300 10 mm/min 165 to 180 peel angle label standard bar code labels for finished goods the standard bar code labels are product labels and used for identification of goods. th e finished goods are packed in final packing area. the standard packing units are labeled with standard bar code labels be fore transported as finished goods to warehouses. the labels are on each packing unit and contain vishay semicond uctor gmbh specific data. ? ? ? ? 106 37 vishay a h b c d e f g 19904 vishay semiconductor gmbh standard bar code product label (finished goods) plain writting abbreviation length item-description - 18 item-number ino 8 selection-code sel 3 lot-/serial- number batch 10 data-code cod 3 (yww) plant-code ptc 2 quantity qty 8 accepted by acc - packed by pck - mixed code indica tor mixed code - origin xxxxxxx+ company logo long bar code top type length item-number n 8 plant-code n 2 sequence-number x 3 quantity n 8 total length - 21 short bar code bottom type length selection-code x 3 data-code n 3 batch-number x 10 filter - 1 total length - 17
vlmg21.. www.vishay.com vishay semiconductors rev. 1.4, 30-apr-13 8 document number: 81750 for technical ques tions, contact: led@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 dry packing the reel is packed in an anti-humidity bag to protect the devices from absorbing moisture during transportation and storage. final packing the sealed reel is packed in to a cardboard box. a secondary cardboard box is used for shipping purposes. recommended meth od of storage dry box storage is recommended as soon as the aluminum bag has been opened to preve nt moisture absorption. the following conditions should be observed, if dry boxes are not available: ? storage temperature 10 c to 30 c ? storage humidity ? 60 % rh max. after more than 672 h under these conditions moisture content will be too high for reflow soldering. in case of moisture absorption, the devices will recover to the former condition by drying under the following condition: 192 h at 40 c + 5 c/- 0 c and < 5 % rh (dry air/nitrogen) or ? 96 h at 60 c + 5 c and < 5 % rh for all device containers or ? 24 h at 100 c + 5 c not suitable for reel or tubes. an eia jedec standard jesd22-a112 level 2a label is included on all dry bags. example of jesd22-a 112 level 2a label esd precaution proper storage and handling pr ocedures should be followed to prevent esd damage to the devices especially when they are removed from the antistatic shielding bag. electro-static sensitive devices warning labels are on the packaging. vishay semiconductors standard ? bar code label the vishay semiconductors st andard bar code labels are printed at final packing areas. the labels are on each packing unit and contain vishay semiconductors specific data. aluminum bag label reel 15973 l e v e l caution this bag contains moisture ? sensitive devices 1. shelf life in sealed bag 12 months at <40c and < 90% relative humidity (rh) 2. after this bag is opened devices that will be subjected to infrared reflow, vapor - phase reflow, or equivalent processing (peak package body temp. 260c) must be: a) mounted within 672 hours at factory condition of < 30c/60%rh or b) stored at <1 0% rh. 3. devices require baking before mounting if: a) humidity indicator card is >10% when read at 23c + 5c or b) 2a or 2b is not met. 4. if baking is required, devices may be baked for: 192 hours at 40c + 5c/ - 0c and <5%rh (dry air/nitrogen) or 96 hours at 605 o cand <5%rh for all device containers or 24 hours at 1005c not suitable for reels or tubes bag seal date: ______________________________ (if blank, see bar code label) note: level defined by eia jedec standard jesd22 - a113 2a 19786
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of VLMG21K2M1-GS08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X