Part Number Hot Search : 
KBP00 KBP00 280360 S6010 ZD5242B 6EEJP S6010 PT800A
Product Description
Full Text Search
 

To Download UM810AAP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ________________________________________________________________________ http://www.union-ic.com rev.04 dec.2013 1/15 um809/810 3-pin microprocessor reset circuits um809/810 sc70-3/s ot23-3 general description the um809/810 series are ultra low current, cost eff ective system supervisory circuits designed to monitor the power supplies in digital systems. they provide a reset signal to the host processor when necessary, offer excellent ci rcuit reliability & low cost by eliminating external component and adjustment when used with +5v, +3.3v, +3.0v or other voltage powered circuits. the reset output is driven active within 10 s of power supply falling through the reset voltage threshold. reset is keeping active for a minimu m of 140ms after system power supply has risen above the reset threshold. reset threshold suitabl e for operation with variety of supply voltage are available. um809 has an active-low reset output while um810 has an active-high reset output. the um809 / 810 are optimized to reject fast transient glitc hes on the power supply line, and the reset output are guaranteed to be in the correct logic state for power supply v cc down to 1v. each of these ics consists of a voltage reference comparator, resistors for detector threshold setting, delay generator, output driver & hyster esis circuit. the reset threshold & time delay are fixed with high accuracy internally and does not require any external adjustment. low supply current of 3 a (v cc =3v) makes um809/810 ideal for low power application. both devices are available in 3 pin sc70 or sot23 packages. applications features ? cpu and logic circuit reset ? power fail detector ? computers ? embedded system ? battery powered equipment ? intelligent instrument ? wide operation voltage range of 1v to 10v ? typical quiescent current of 3 a ? no external components ? 3-pin small sc70 and sot23 packages ? v cc transient immunity ? correct logic output guaranteed to v cc =1.0v ? precision v cc monitor for 2.5v, 3.0v, 3.3v, and 5.0v supplies ? available in 2 output configurations push-pull low active reset output(um809) push-pull high active reset output(um810) ? wide operation temperature: -40 to 105 pin configurations top view top view top view um809/810 m: monthly code sc70-3/sot23-3
________________________________________________________________________ http://www.union-ic.com rev.04 dec.2013 2/15 um809/810 ordering information um8 xx zz p xx: output type =09 push-pull active low =10 push-pull active high zz: reset threshold (v) p: package type =s sot23-3 =p sc70-3 absolute maximum ratings (note 1) symbol parameter value unit v cc supply voltage -0.3 to +10 v reset, reset _____________ (push-pull) -0.3 to v cc +0.3 v i cc input current, v cc 20 ma i o output current, reset, reset _____________ 20 ma rate of rise, v cc 100 v/us p d continuous power dissipation sc70-3 174 mw sot23-3 320 t j operating junction temperature sc70-3 -40 to +125 c sot23-3 -40 to +105 t stg storage temperature range -65 to +150 c lead temperature (soldering, 10s) 300 c note 1: stresses beyond those listed under ?absolute maximum ratings? may cause permanent damage to the device. these are stress ratings only and functio nal operation of the device at these or any other conditions beyond those indicated in the operational sec tions of the specifications are not implied. exposure to absolute maximum rating conditions for extended periods may affect device reliability.
________________________________________________________________________ http://www.union-ic.com rev.04 dec.2013 3/15 um809/810 electrical characteristics v cc = full range, t a = -40c to +105c (sot23) or t a = -40c to +125c (sc70), unless otherwise noted. typical values are at t a =+25c, v cc = 5v for l/m/j versions, v cc = 3.3v for t/s versions, v cc = 3v for r version, and v cc = 2.5v for z version. (note 1) symbol parameter conditions min. typ. max. unit v cc range t a =0 to + 70 1.0 10 v t a =-40 to + 105 (sot23 ) 1.2 10 t a =-40 to + 125 (sc70 ) 1.2 10 i cc supply current (sot23) t a =-40 to + 85 v cc <5.5v, um8_l/m/j 3 5 ua v cc <3.6v, um8_r/s/t/z 3 5 t a =-40 to + 105 v cc <5.5v, um8_l/m/j 3 6 v cc <3.6v, um8_r/s/t/z 3 6 i cc supply current (sc70) t a =-40 to + 85 v cc <5.5v, um8_l/m/j 3 5 v cc <3.6v,um 8_r/s/t/z 3 5 t a =-40 to + 105 v cc <5.5v, um8_l/m/j 3 6 v cc <3.6v, um8_r/s/t/z 3 6 v th reset threshold (sot23 only) um8_l t a =+25 4.56 4.63 4.70 v t a =-40 to + 85 4.50 4.75 t a =-40 to + 105 4.40 4.86 um8_m t a =+25 4.31 4.38 4.45 t a =-40 to + 85 4.25 4.50 t a =-40 to + 105 4.16 4.56 um8_j t a =+25 3.93 4.00 4.06 t a =-40 to + 85 3.89 4.10 t a =-40 to + 105 3.80 4.20 um8_t t a =+25 3.04 3.08 3.11 t a =-40 to + 85 3.00 3.15 t a =-40 to + 105 2.92 3.23 um8_s t a =+25 2.89 2.93 2.96 t a =-40 to + 85 2.85 3.00 t a =-40 to + 105 2.78 3.08 um8_r t a =+25 2.59 2.63 2.66 t a =-40 to + 85 2.55 2.70 t a =-40 to + 105 2.50 2.76 um8_z ta=+25 2.28 2.32 2.35 ta=-40 to + 85 2.25 2.38 ta=-40 to + 105 2.20 2.44
________________________________________________________________________ http://www.union-ic.com rev.04 dec.2013 4/15 um809/810 electrical characteristics (continued) v cc = full range, t a = -40c to +105c (sot23) or t a = -40c to +125c (sc70), unless otherwise noted. typical values are at t a =+25c, v cc = 5v for l/m/j versions, v cc = 3.3v for t/s versions, v cc = 3v for r version, and v cc = 2.5v for z version. (note 1) symbol parameter conditions min. typ. max. un it v th reset threshold sc70 only um8_l ta=+25 4.56 4.63 4.70 v ta=-40 to + 85 4.50 4.75 ta=-40 to + 125 4.44 4.82 um8_m ta=+25 4.31 4.38 4.45 ta=-40 to + 85 4.25 4.50 ta=-40 to + 125 4.20 4.56 um8_j ta=+25 3.93 4.00 4.06 ta=-40 to + 85 3.89 4.10 ta=-40 to + 125 3.84 4.16 um8_t ta=+25 3.04 3.08 3.11 ta=-40 to + 85 3.00 3.15 ta=-40 to + 125 2.92 3.23 um8_s ta=+25 2.89 2.93 2.96 ta=-40 to + 85 2.85 3.00 ta=-40 to + 125 2.81 3.05 um8_r ta=+25 2.59 2.63 2.66 ta=-40 to + 85 2.55 2.70 ta=-40 to + 125 2.52 2.74 um8_z ta=+25 2.28 2.32 2.35 ta=-40 to + 85 2.25 2.38 ta=-40 to + 125 2.22 2.42 reset threshold tempco 30 ppm / v cc to reset delay note 2 v cc =v th to ( v th ? 100mv ) 10 us reset active timeout period sot23 version t a =-40 to + 85 140 240 560 ms t a =+85 to + 105 140 840 reset active timeout period sc70 version t a =-40 to + 85 140 240 460 ms t a =+85 to + 1 25 140 840 v ol output voltage low (push-pull active low um809) v cc =v th min, i sink =1.2ma, um809r/s/t/z 0.3 v v cc =v th min, i sink =3.2ma, um809j/l/m 0.4 v cc 1.0v, i sink =50 a 0.3 v oh output voltage high (push-pull active low um809) v cc >v th max, i source =500 a, um809r/s/t/z 0.8v cc v v cc >v th max, i source =800 a, um809j/l/m v cc ? 1.5 v ol reset output voltage low (push-pull active high, um810) v cc =v th max, i sink =1.2ma, um810r/s/t/z 0.3 v v cc =v th max, i sink =3.2ma, um810j/l/m 0.4 v oh reset output voltage high (push-pull active high, um810) 1.8v < v cc < v th min, i source = 150a 0.8v cc v note 1: production testing done at t a = +25c; limits over temperature guaranteed by design only. note 2: reset _____________ output for um809; reset output for um810.
________________________________________________________________________ http://www.union-ic.com rev.04 dec.2013 5/15 um809/810 block diagram typical operating circuit typical characteristics the following data is given for um809 thr eshold levels: 2.63v, 3.08v, 4.00v and 4.38v. um810 threshold levels: 2.63v, 2. 93v, 3.08v, 4.38v and 4.63v. figure 1. supply current vs temperature figure 2. supply current vs temperature (no load,sc70) (no load,sot23-3) -40 -20 0 20 40 60 85 0 2 1 3 4 5 6 v cc =3v v cc =5v temperature( o c) supply current(a) -40 -20 0 20 40 60 85 0 2 1 3 4 5 6 v cc =3v v cc =5v temperature( o c) supply current(a)
________________________________________________________________________ http://www.union-ic.com rev.04 dec.2013 6/15 um809/810 figure 3. supply current vs supply voltage figure 4. supply current vs supply voltage figure 5. power-down reset delay vs figure 6. power-down reset delay vs temperature and overdrive(um8xxr/s/t) temperature and overdrive(um8xxl/m/j) figure 7. power-up reset timeout vs figure 8. normalized reset threshold vs temperature temperature -40 -20 0 20 40 60 85 0 40 20 60 80 100 v od =10mv temperature( o c) power- down resest delay(sec) v od =v th -v cc v od =20mv v od =100mv v od =200mv -40 -20 0 20 40 60 85 0 40 20 60 80 100 v od =10mv temperature( o c) power- down resest delay(sec) v od =v th -v cc v od =20mv v od =100mv v od =200mv 120 140 -40 -20 0 20 40 60 85 225 235 230 240 245 250 temperature( o c) power- up resest timeout(msec) um8xxl/m/j um8xxr/s/t -40 -20 0 20 40 60 85 0.997 0.999 0.998 1.000 1.001 1.002 temperature( o c) normalized threshold 1.003 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8 3.0 3.2 3.4 3.6 um810ss vth=2.9v um810rs vth=2.6v um810ms vth=4.4v um810ts vth=3.1v supply current(ua) supply voltage(ua) 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8 3.0 3.2 3.4 3.6 3.8 um809ls vth=4.6v um809rs vth=2.6v um809rp vth=2.6v um809sp vth=2.9v supply current(ua) supply voltage(v)
________________________________________________________________________ http://www.union-ic.com rev.04 dec.2013 7/15 um809/810 detailed description a microprocessor?s (p?s) reset input starts the p in a known state. the um809/810 assert reset to prevent code-execution errors during power- up, power-down, or brownout conditions. they assert a reset signal whenever the v cc supply voltage declines below a preset threshold, keeping it asserted for at least 140ms after v cc has risen above the reset threshold. the um809/810 have a push-pull output stage. applications information v cc transient rejection in addition to issuing a reset to the p dur ing power-up, power-down, and brownout conditions, the um809/810 are relatively immune to short-duration negative-going v cc transients (glitches). figure 7 shows typical transient duration vs. reset comparator overdrive, for which the um809/810 do not generate a reset pulse. the gr aph was generated using a negative-going pulse applied to v cc , starting 0.5v above the actual reset threshold and ending below it by the magnitude indicated (reset comparator overdrive). the graph indicates the maximum pulse width a negative-going v cc transient can have without causing a reset pulse. as the magnitude of the transient increases (goes farther below the reset threshold), the maximum allowable pulse width decreases. typically, for the um8_l and um8_m, a v cc transient that goes 100mv below the reset threshold and lasts 20s or less will not cause a reset pulse. a 0.1f bypass capacitor mounted as close as possible to the v cc pin provides additional transient immunity. figure 7. maximum transient duration vs overdrive for glitch rejection at 25 output signal integrity during power down when v cc falls below 1v, the um809 reset _____________ output no longer sinks current?it becomes an open circuit. therefore, high-impedance cmos logic inputs connected to reset _____________ can drift to undetermined voltages. this presents no problem in most applications since most p and other circuitry is inoperative with v cc below 1v. however, in applications where reset _____________ must be valid down to 0v, adding a pull-down resistor to reset _____________ causes any stray leakage currents to
________________________________________________________________________ http://www.union-ic.com rev.04 dec.2013 8/15 um809/810 flow to ground, holding reset _____________ low (figure 8). r1?s value is not critical; 100k ? is large enough not to load reset _____________ and small enough to pull reset _____________ to ground. a 100k ? pull-up resistor to v cc is also recommended for the um810 if reset is required to remain valid for v cc < 1v. figure 8. reset _____________ valid to v cc = ground circuit interfacing to ps with bidirectional reset pins some p?s (such as motorola 68hc11) have bi -directional reset pins. depending on the current drive capability of the processor pin, an indetermin ate logic level may result in series with the output of the um809 (figure 9). if there are other components in the system which requires a reset signal, they should be buffered so as not to load the reset line. if the other components are required to follow the reset i/o of the p, the buffer should be connected as shown with the solid line. figure 9. interfacing to bi directional reset i/o benefits of highly accurate reset threshold most p supervisor circuits ha ve reset threshold voltages betwee n 5% and 10% below the value of nominal supply voltages. this ensures a reset will not occur within 5% of the nominal supply, but will occur when the supply is 10% below nominal. when using ics rated at only the nominal supply 5%, this leaves a zone of uncertainty where the supply is between 5% and 10% low, and where the reset may or may not be asserted. the um8_ l/t/z use highly accurate circuitry to ensure that reset is asserted close to the 5% limit, and long before the supply has declined to 10% below nominal.
________________________________________________________________________ http://www.union-ic.com rev.04 dec.2013 9/15 um809/810 package information um809/810 sc70-3 outline drawing dimensions symbol millimeters inches min max min max d 1.80 2.20 0.072 0.088 e 1.15 1.35 0.006 0.054 he 1.80 2.40 0.072 0.050 b 0.25 0.40 0.010 0.016 e 0.65bsc 0.026bsc q1 0.10 0.40 0.004 0.016 a 0.80 1.10 0.032 0.044 a1 0.00 0.10 0.00 0.004 a2 0.80 1.00 0.032 0.040 c 0.10 0.18 0.004 0.007 l 0.10 0.30 0.004 0.012 l1 0.425typ. 0.017typ land pattern notes: 1. compound dimension: 2.01.25 2. unit: mm; 3. general tolerance 0.05mm unless otherwise specified; 4. the layout is just for reference. tape and reel orientation
________________________________________________________________________ http://www.union-ic.com rev.04 dec.2013 10/15 um809/810 um809/810 sot23-3 outline drawing dimensions symbol millimeters inches min max min max a 1.050 1.250 0.041 0.049 a1 0.000 0.100 0.000 0.004 a2 1.050 1.150 0.041 0.045 b 0.300 0.500 0.012 0.020 c 0.100 0.200 0.004 0.008 d 2.820 3.020 0.111 0.119 e 1.500 1.700 0.059 0.067 e1 2.650 2.950 0.104 0.116 e 0.950ref 0.037ref e1 1.800 2.000 0.071 0.079 l 0.550ref 0.022ref l1 0.300 0.600 0.012 0.024 0 8 0 8 land pattern notes: 1. compound dimension: 2.921.60 2. unit: mm; 3. general tolerance 0.05mm unless otherwise specified; 4. the layout is just for reference. tape and reel orientation
________________________________________________________________________ http://www.union-ic.com rev.04 dec.2013 11/15 um809/810 selection table part number top marking reset threshold (v) timeout period (ms) output type package type um809as 6e2 5.00 240 push-pull, active low sot23-3 um809bs 6e3 4.90 240 push-pull, active low sot23-3 um809cs 6e4 4.80 240 push-pull, active low sot23-3 um809ds 6e5 4.70 240 push-pull, active low sot23-3 um809ls 09l 4.63 240 push-pull, active low sot23-3 um809es 6e7 4.50 240 push-pull, active low sot23-3 um809ms 09m 4.38 240 push-pull, active low sot23-3 um809fs 6e9 4.30 240 push-pull, active low sot23-3 um809gs 6ea 4.20 240 push-pull, active low sot23-3 um809hs 6eb 4.10 240 push-pull, active low sot23-3 um809js 09j 4.00 240 push-pull, active low sot23-3 um809is 6ed 3.90 240 push-pull, active low sot23-3 um809ks 6ee 3.80 240 push-pull, active low sot23-3 um809ns 6ef 3.70 240 push-pull, active low sot23-3 um809os 6eh 3.60 240 push-pull, active low sot23-3 um809ps 6el 3.50 240 push-pull, active low sot23-3 um809qs 6em 3.40 240 push-pull, active low sot23-3 um809us 6ej 3.30 240 push-pull, active low sot23-3 um809vs 6ek 3.20 240 push-pull, active low sot23-3 um809ts 09t 3.08 240 push-pull, active low sot23-3 um809ws 6ep 3.00 240 push-pull, active low sot23-3 um809ss 09s 2.93 240 push-pull, active low sot23-3 um809xs 6er 2.80 240 push-pull, active low sot23-3 um809ys 6es 2.70 240 push-pull, active low sot23-3 um809rs 09r 2.63 240 push-pull, active low sot23-3 um809aas 6ey 2.50 240 push-pull, active low sot23-3 um809abs 6eu 2.40 240 push-pull, active low sot23-3 um809zs 09z 2.32 240 push-pull, active low sot23-3 um809acs 6f5 2.20 240 push-pull, active low sot23-3 um809ads 6f6 2.10 240 push-pull, active low sot23-3 um809aes 6f7 2.00 240 push-pull, active low sot23-3
________________________________________________________________________ http://www.union-ic.com rev.04 dec.2013 12/15 um809/810 selection table part number top marking reset threshold (v) timeout period (ms) output type package type um809ap vtm 5.00 240 push-pull, active low sc70-3 um809bp vtj 4.90 240 push-pull, active low sc70-3 um809cp vtk 4.80 240 push-pull, active low sc70-3 um809dp vtn 4.70 240 push-pull, active low sc70-3 um809lp vly 4.63 240 push-pull, active low sc70-3 um809ep vtq 4.50 240 push-pull, active low sc70-3 um809mp vmy 4.38 240 push-pull, active low sc70-3 um809fp vts 4.30 240 push-pull, active low sc70-3 um809gp vtt 4.20 240 push-pull, active low sc70-3 um809hp vsl 4.10 240 push-pull, active low sc70-3 um809jp vjy 4.00 240 push-pull, active low sc70-3 um809ip vsj 3.90 240 push-pull, active low sc70-3 um809kp vsk 3.80 240 push-pull, active low sc70-3 um809np vsn 3.70 240 push-pull, active low sc70-3 um809op vsp 3.60 240 push-pull, active low sc70-3 um809pp vsq 3.50 240 push-pull, active low sc70-3 um809qp vsr 3.40 240 push-pull, active low sc70-3 um809up vss 3.30 240 push-pull, active low sc70-3 um809vp vst 3.20 240 push-pull, active low sc70-3 um809tp vty 3.08 240 push-pull, active low sc70-3 um809wp vrm 3.00 240 push-pull, active low sc70-3 um809sp vsy 2.93 240 push-pull, active low sc70-3 um809xp vrk 2.80 240 push-pull, active low sc70-3 um809yp vrn 2.70 240 push-pull, active low sc70-3 um809rp vry 2.63 240 push-pull, active low sc70-3 um809aap vrq 2.50 240 push-pull, active low sc70-3 um809abp vrr 2.40 240 push-pull, active low sc70-3 um809zp vzy 2.32 240 push-pull, active low sc70-3 um809acp vrt 2.20 240 push-pull, active low sc70-3 um809adp vzl 2.10 240 push-pull, active low sc70-3 um809aep vzm 2.00 240 push-pull, active low sc70-3
________________________________________________________________________ http://www.union-ic.com rev.04 dec.2013 13/15 um809/810 selection table part number top marking reset threshold (v) timeout period (ms) output type package type um810as 5e2 5.00 240 push-pull, active high sot23-3 um810bs 5e3 4.90 240 push-pull, active high sot23-3 um810cs 5e4 4.80 240 push-pull, active high sot23-3 um810ds 5e5 4.70 240 push-pull, active high sot23-3 um810ls 10l 4.63 240 push-pull, active high sot23-3 um810es 5e7 4.50 240 push-pull, active high sot23-3 um810ms 10m 4.38 240 push-pull, active high sot23-3 um810fs 5e9 4.30 240 push-pull, active high sot23-3 um810gs 5ba 4.20 240 push-pull, active high sot23-3 um810hs 5bb 4.10 240 push-pull, active high sot23-3 um810js 10j 4.00 240 push-pull, active high sot23-3 um810is 5bd 3.90 240 push-pull, active high sot23-3 um810ks 5be 3.80 240 push-pull, active high sot23-3 um810ns 5bf 3.70 240 push-pull, active high sot23-3 um810os 5bh 3.60 240 push-pull, active high sot23-3 um810ps 5bl 3.50 240 push-pull, active high sot23-3 um810qs 5bm 3.40 240 push-pull, active high sot23-3 um810us 5bj 3.30 240 push-pull, active high sot23-3 um810vs 5bk 3.20 240 push-pull, active high sot23-3 um810ts 10t 3.08 240 push-pull, active high sot23-3 um810ws 5bp 3.00 240 push-pull, active high sot23-3 um810ss 10s 2.93 240 push-pull, active high sot23-3 um810xs 5br 2.80 240 push-pull, active high sot23-3 um810ys 5bs 2.70 240 push-pull, active high sot23-3 um810rs 10r 2.63 240 push-pull, active high sot23-3 um810aas 5by 2.50 240 push-pull, active high sot23-3 um810abs 5bu 2.40 240 push-pull, active high sot23-3 um810zs 10z 2.32 240 push-pull, active high sot23-3 um810acs 5f5 2.20 240 push-pull, active high sot23-3 um810ads 5f6 2.10 240 push-pull, active high sot23-3 um810aes 5f7 2.00 240 push-pull, active high sot23-3
________________________________________________________________________ http://www.union-ic.com rev.04 dec.2013 14/15 um809/810 selection table part number top marking reset threshold (v) timeout period (ms) output type package type um810ap ztm 5.00 240 push-pull, active high sc70-3 um810bp ztj 4.90 240 push-pull, active high sc70-3 um810cp ztk 4.80 240 push-pull, active high sc70-3 um810dp ztn 4.70 240 push-pull, active high sc70-3 um810lp zly 4.63 240 push-pull, active high sc70-3 um810ep ztq 4.50 240 push-pull, active high sc70-3 um810mp zmy 4.38 240 push-pull, active high sc70-3 um810fp zts 4.30 240 push-pull, active high sc70-3 um810gp ztt 4.20 240 push-pull, active high sc70-3 um810hp zsl 4.10 240 push-pull, active high sc70-3 um810jp zjy 4.00 240 push-pull, active high sc70-3 um810ip zsj 3.90 240 push-pull, active high sc70-3 um810kp zsk 3.80 240 push-pull, active high sc70-3 um810np zsn 3.70 240 push-pull, active high sc70-3 um810op zsp 3.60 240 push-pull, active high sc70-3 um810pp zsq 3.50 240 push-pull, active high sc70-3 um810qp zsr 3.40 240 push-pull, active high sc70-3 um810up zss 3.30 240 push-pull, active high sc70-3 um810vp zst 3.20 240 push-pull, active high sc70-3 um810tp zty 3.08 240 push-pull, active high sc70-3 um810wp zrm 3.00 240 push-pull, active high sc70-3 um810sp zsy 2.93 240 push-pull, active high sc70-3 um810xp zrk 2.80 240 push-pull, active high sc70-3 um810yp zrn 2.70 240 push-pull, active high sc70-3 um810rp zry 2.63 240 push-pull, active high sc70-3 UM810AAP zrq 2.50 240 push-pull, active high sc70-3 um810abp zrr 2.40 240 push-pull, active high sc70-3 um810zp zzy 2.32 240 push-pull, active high sc70-3 um810acp zrt 2.20 240 push-pull, active high sc70-3 um810adp zzl 2.10 240 push-pull, active high sc70-3 um810aep zzm 2.00 240 push-pull, active high sc70-3
________________________________________________________________________ http://www.union-ic.com rev.04 dec.2013 15/15 um809/810 important notice the information in this document has been ca refully reviewed and is believed to be accurate. nonetheless, this document is subjec t to change without notice. union assumes no responsibility for any inaccuracies that may be contained in this document, and makes no commitment to update or to keep current the contained information, or to notify a person or organization of any update. union rese rves the right to make changes, at any time, in order to improve reliability, function or design and to attempt to supply the best product possible. union semiconductor, inc add: 2f, no. 3, lane647 songtao road, shanghai 201203 tel: 021-51093966 fax: 021-51026018


▲Up To Search▲   

 
Price & Availability of UM810AAP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X