Part Number Hot Search : 
ZTTMX 1078M 200BZ WSD751B 40D951K 5ETTTS MURS160 HT46R0
Product Description
Full Text Search
 

To Download UB2421 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  unisonic technologies co., ltd UB2421 preliminary cmos ic www.unisonic.com.tw 1 of 11 copyright ? 2012 unisonic technologies co., ltd qw-r502-321.e ? ordering information ordering number package packing UB2421g-ag6-r sot-26 tape reel ? marking one cell lithium-ion / polymer battery protection ic ? description utc UB2421 is a lithium-ion / lithium-polymer rechargeable battery protection ic incorporati ng high accuracy voltage detection circuits and delay circuits. it is suitable for protection of single cell lithium-ion / lithium polymer battery packs from over charge, over discharge and over current. the tiny package required external few components make the utc UB2421 be able to be applied to space limited battery pack. ? features * wide supply voltage range: v dd =1.8v~9.0v * ultra-low quiescent current: i dd =3.0 a (v dd =3.9v) * ultra-low power-down current: i pd =0.1 a (v dd =2.0v) * overcharge detection voltage: v ocu =4.30v0.05v * overcharge release voltage: v ocr =4.10v0.05v * overdischarge release voltage: v odl =2.40v0.10v * overdischarge release voltage: v odr =3.00v0.10v * over current detection voltage: v oi1 =0.15v0.03v * short circuit detection voltage: v oi2 =1.35v (fixed) * charger detection voltage: v ch =-0.7v * delay times are generated by an internal circuit. (external capacitors are unnecessary.)
UB2421 preliminary cmos ic www.unisonic.com.tw 2 of 11 copyright ? 2012 unisonic technologies co., ltd qw-r502-321.e ? pin configuration ? pin description ? serial code list model package overcharge detection voltage [v ocu ](v) overcharge release voltage [v ocr ](v) overdischarge detection voltage [v odl ](v) overdischarge release voltage [v odr ](v) over current detection voltage [v oi1 ](v) UB2421 sot-26 4.3000.050 4.1000. 05 2.400.100 3.00 0.100 0.150.03 pin no. pin name description 1 od mosfet gate connection pin for discharge control 2 csi input pin for current sense, charger detection 3 oc mosfet gate connection pin for charge control 4 ds test pin for reduce delay time 5 v dd positive power input pin 6 v ss negative power input pin
UB2421 preliminary cmos ic www.unisonic.com.tw 3 of 11 copyright ? 2012 unisonic technologies co., ltd qw-r502-321.e ? block diagram
UB2421 preliminary cmos ic www.unisonic.com.tw 4 of 11 copyright ? 2012 unisonic technologies co., ltd qw-r502-321.e ? absolute maximum rating (v ss =0v, ta a =25 , unless otherwise specified) ? electrical characteristics (ta=25 , unless otherwise specified) parameter symbol ratings unit input voltage between v dd and v ss v dd v ss -0.3~v ss +12 v oc output pin voltage v oc v dd -15~v dd +0.3 v od output pin voltage v od v ss -0.3~v dd +0.3 v csi input pin voltage v csi v dd -15~v dd +0.3 v operating temperature t opr -40~+85 storage temperature t stg -40~+125 note: absolute maximum ratings are those values beyond which the device could be permanently damaged. absolute maximum ratings are stress ratings only and functional device operation is not implied. parameter symbol test conditions min typ max unit current consumption supply current i dd v dd =3.9v 3.0 6.0 a power-down current i pd v dd =2.0v 0.1 a operating voltage operating input voltage v ds v dd -v ss 1.8 9.0 v detection voltage overcharge voltage detection v ocu 4.25 4.30 4.35 v release v ocr 4.05 4.10 4.15 v overdischarge voltage detection v odl 2.30 2.40 2.50 v release v odr 2.90 3.00 3.10 v over current detection voltage v oi1 0.12 0.15 0.18 v short circuit detection voltage v oi2 v dd =3.0v 1.0 1.35 1.75 v charger detection voltage v ch -1.2 -0.7 -0.2 v delay time overcharge detection delay time t oc v dd =3.6v to 4.5v, ds=floating 80 200 ms v dd =3.6v to 4.5v, v ds =v dd 5 15 ms overdischarge detection delay time. t od v dd =3.6v to 2.0v, ds=floating 40 100 ms v dd =3.6v to 2.0v, v ds =v dd 2.5 8.5 ms over current detection delay time t oi1 v dd =3.6v 10 20 ms short circuit detection delay time t oi2 v dd =3.6v 10 50 s other items oc pin output voltage high v oh1 v dd -0.1 v dd -0.02 v low v ol1 0.1 0.5 v od pin output voltage high v oh2 v dd -0.1 v dd -0.02 v low v ol2 0.1 0.5 v
UB2421 preliminary cmos ic www.unisonic.com.tw 5 of 11 copyright ? 2012 unisonic technologies co., ltd qw-r502-321.e ? typical application circuit c1=0.1f m1 UB2421 r1=100 ? m2 r2=1k ? od oc v dd v ss csi ds battery vbat+ vbat-
UB2421 preliminary cmos ic www.unisonic.com.tw 6 of 11 copyright ? 2012 unisonic technologies co., ltd qw-r502-321.e ? description of operation 1. normal condition the UB2421 monitors the voltage of t he battery connected between v dd and v ss . the charge and discharge scheme will be sensed by the voltage difference between v csi and v ss . when v odl < v dd < v ocu and v ch < v csi < v oi1 , UB2421 will turn on the charging (m2) and discharging (m1) control mosfets. the charging and discharging processes can be operated normally. 2. overcharge condition when the battery voltage becomes higher than the overcharge detection voltage (v ocu ) during normal charging condition through a delay time longer than toc (the overcharge detection delay time), UB2421 will turn m2 off to stop charging. 3. release of overcharge condition (1) when the battery is self discharging, and if v dd < v ocr and v oi1 > v csi > v ch occurs, m2 will be turned on and back to normal condition. (2) remove the charger and connect UB2421 to a load. the discharging current will flow through the parasitic diode of m2. at this moment, v csi increases a voltage (vf) of t he parasitic diode from the v ss level momentarily. while v csi > v oi1 and v dd < v ocu occur, m2 will be turns on and back to normal condition. 4. over discharge condition when the battery voltage falls below the overdischarge detection voltage (v odl ) during discharging condition and through a delay time longer than tod (the overdischarge detection delay time), UB2421 will turn m1 off to stop discharging. in the meanwhile, csi will be pulled up to v dd through an internal resistance. if v csi > v oi2 , UB2421 will enter into power-down mode. while in this mode, the current consumption is lower than 0.1 a. 5. release of power-down mode after entering power-down mode, when the system is con nected to a charger, the charging current will flow through the parasitic diode of m1. if v csi < v oi2 occurs, then UB2421 will release power-down mode. while keeping charging status, there are two ways back to normal condition: (1) if v csi < v ch (charger detection), then when v dd > v odl , m1 will be turned on and system will back to normal condition. (2) if v ch < v csi < v oi2 , the condition v dd > v odr , must be satisfied for m1 to be turned on, and then the system will back to the normal condition. 6. charger detection while connecting to a charger after entering into power-down mode, then if v dd < v ch , m1 will be turned on when v dd > v odl . the system will back to normal condition since the charger has been detected. 7. abnormal charge current condition when a charger is connected to the battery system in normal condition, then if v dd < v ocu and v csi < v ch occur through a delay time than toc (delay time of overcharge dete ction), m2 will be turned off to stop this charging status, which is abnormal charge current condition. abnormal charge current condition is released when t he voltage of csi pin becom es higher than charger detection voltage (v ch ), or the charger is removed. 8. over current (or s hort circuit ) condition when the current is too large during di scharging under normal condition as a result of the voltage detected by csi is greater than v oi1 (or v oi2 ) through a delay time t oi1 (or t oi2 ), it satisfies the over current (or short circuit) condition. then m1 will be turned off and csi will be pulled down to v ss through an internal resistance. it is called the over current (or short circuit) condition. (1) if the over current (or short circuit) is detected an d it keeps longer than the ov erdischarge detection delay time with the same circumstance, the condition will be changed to the power-down mode when the battery voltage falls below the overdischarge detection voltage. (2) if the battery voltage falls below the overdischarge detection voltage (v odl ) due to the over current (or short circuit), the discharging control m1 will be turned off when this condition occurs. after overdischarge detection delay time (t od ) expired, if the battery voltage is still equal to or lower than the overdischarge detection voltage, the condition will be changed to power-down mode.
UB2421 preliminary cmos ic www.unisonic.com.tw 7 of 11 copyright ? 2012 unisonic technologies co., ltd qw-r502-321.e ? description of operation(cont.) 9. release of over current (or short circuit ) condition while the protection ic remains in the over current (or s hort circuit ) condition, then if the load is removed or the impedance between v bat+ and v bat- is larger than 500k ? as well as v csi < v oi1 , m1 will be turned on and the back to normal condition. 10. ds pin by forcing ds to v dd , the delay time of the overcharge and overdischarge can be reduced to within 50ms; therefore, testing time of protector circuit boar d can be reduced. 1.6m ? pull down resistor is connected between ds pin and v ss internally. ds pin should be open or connected to v ss in the actual application.
UB2421 preliminary cmos ic www.unisonic.com.tw 8 of 11 copyright ? 2012 unisonic technologies co., ltd qw-r502-321.e ? timing diagram 1. overcharge condition load discharge normal condition charger load v ocu v ocr v odr v dd csi v odl v dd v ss v dd v oi1 v ch v ss t oc t oc
UB2421 preliminary cmos ic www.unisonic.com.tw 9 of 11 copyright ? 2012 unisonic technologies co., ltd qw-r502-321.e ? timing diagram(cont.) 2. overdischarge condition charging by a charger normal condition t od t od charger load v ocu v ocr v odr v dd csi v odl v dd v ss v dd v ch battery voltage oc pin od pin csi pin v ss v oi2
UB2421 preliminary cmos ic www.unisonic.com.tw 10 of 11 copyright ? 2012 unisonic technologies co., ltd qw-r502-321.e ? timing diagram(cont.) 3. overdischarge condition abnormal charger current condition normal condition t od t oc charger load v ocu v ocr v odr v dd csi v odl v dd v ss v dd v ch battery voltage oc pin od pin csi pin v ss v oi2
UB2421 preliminary cmos ic www.unisonic.com.tw 11 of 11 copyright ? 2012 unisonic technologies co., ltd qw-r502-321.e ? timing diagram(cont.) 4. over current and short circuit condition normal condition charger load v ocu v ocr v odr v dd csi v odl v dd v ss v dd v oi1 battery voltage oc pin od pin csi pin v ss v oi2 t oi1 t oi2 utc assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all utc products described or contained herein. utc products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. the information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice.


▲Up To Search▲   

 
Price & Availability of UB2421

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X