Part Number Hot Search : 
SB110 S1500 SPLSI TLP62007 ANTXV BD508 54HC401 PUMH13
Product Description
Full Text Search
 

To Download TPB11CGVRA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  tp series d6 catalog 1308390 dimensions are in inches dimensions are shown for usa: 1-800-522-6752 south america: 55-11-3611-1514 issued 9-04 and millimeters unless otherwise reference purposes only. canada: 1-905-470-4425 hong kong: 852-2735-1628 specified. values in parentheses specifications subject mexico: 01-800-733-8926 japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. c. america: 52-55-5-729-0425 uk: 44-141-810-8967 d tp series pushbutton switches, tiny, part number matrix process seal version not process seal version available f = flush actuator* g = gold none = silver** blank=wire lug pc=printed circuitra=right angle*** vra=vertical right angle**** 0=black 2=red blank= sq. no bushing a=rnd. no bushingb=rnd., .188" bushing dia. unthreaded c=rnd., 10/48 bushing dia.d=rnd., .250" bushing dia. unthreaded f=rnd., 1/4-40 bushing dia. sp dp c m s.t. momentary f r d.t. momentary * available with ?nd "c" bushing only ** silver - available only in wire lug and pc termination *** right angle, es available with ?nd "c" bushing only **** available only in single pole es switches provided with disposable boot used only during cleaning operation. tp series life expectancy chart pushbuttons 1 pole 2 pole 0.4 (gold plate) 100,000 80,000 1a (silver plate) 60,000 50,000 p art numbering matrix process button model bushing actuator poles rating function plating terminations seal colors tp 1 = single 2 = double 1 = gold 0.4 va 3 = silver** 1 amp es = process sealed*** process seal:disposable boot, epoxied double case material specifications: contacts ......................................gold - gold plate, silver - silver plate case material ..............................high temperature polyester actuator material ........................polyamide terminals/fixed contacts ..........tin lead plate terminal seal ..............................sp epoxy, dp epoxy optional environmental specifications: operating temperature ..............-22 to +149?(-3-c to +65) storage temperature ..................-22 to +149?(-3-c to +65) solder heat resistance ..............see page m3-4 typical performance characteristics: contact rating ............................gold: 0.4 va max. @ 20 vdc or peak ac silver: 1a @ 125 vac or 28 vdc resistive initial contact resistance ..........20 milliohms max. contact timing ..........................break-before-make insulation resistance ..................1,000 megohms @ 500vdc min. dielectric strength ......................1,000 volts @ sea level actuation force ..........................50 to 400 grams plunger/actuator travel .............030" (.762) life expectancy..........................see below note: hardware included with switches tp tpa tpb tpc tpd tpf series (tp) application note: for 3 pole and 4 pole, refer to pages d22 and d24 . . . p series for surface mount termination, refer to pages d3-d5 . . . sp series free datasheet http:///
tp/tpa series d7 catalog 1308390 dimensions are in inches dimensions are shown for usa: 1-800-522-6752 south america: 55-11-3611-1514 issued 9-04 and millimeters unless otherwise reference purposes only. canada: 1-905-470-4425 hong kong: 852-2735-1628 specified. values in parentheses specifications subject mexico: 01-800-733-8926 japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. c. america: 52-55-5-729-0425 uk: 44-141-810-8967 d tp/tpa series pushbutton switches, tiny, straight or right angle, single or dual actuators spst/spdt tp11cgpc0 tpa11cgpc0 model actuator type dim.l type act. code p. m6 action contact type tp11cgra(*) sq. .125 spst c n.o. momentary gold tp11fgra(*) sq. .125 spdt f momentary gold tpa11cgra(*) rnd. .150 spst c n.o. momentary gold tpa11fgra(*) rnd. .150 spdt f momentary gold (*) specify button color by adding suffix number: (0) black, (2) red. note: no center terminal on "c" action switch. .080 (2.00) .150 (3.80) .320 (8.13) .030 (.760) .226 (5.74) .130 (3.30) .030 (0.76) typ. .115 (2.92) l .140 (3.56) .320 (8.13) .020 (0.51) typ. .206 (5.23) .043 (1.09) dia. typ. .200 (5.08) .200 (5.08) 123 spst/spdt model actuator type dim.l type act. code p. m6 action contact type tp21ccgpc(*) sq. .125 2xspst c n.o. momentary gold tpa21ccgpc(*) rnd. .150 2xspst c n.o. momentary gold tpa21ffgpc(*) rnd. .150 2xspdt f momentary gold (*) specify button color by adding suffix number: (0) black, (2) red. note: no center terminal on "c" action switch. spst/spdt (dual) tp21ccgpc0 above frame .140 (3.56) above frame .100 (2.54) dia. .160 (4.06) .080 (2.00) typ. .160 (4.06) .150 (3.81) .140 (3.56) .320 (8.13) l .130 (3.30) .360 (9.14) .320 (8.13) .200 (5.08) .043 (1.09) dia. typ. .200 (5.08) .030 (0.76) typ. .020 (0.51) typ. 1 2 3 4 5 6 model actuator type dim.l type act. code p. m6 action contact type tp11cgpc(*) sq. .125 spst c n.o. momentary gold tp11fgpc(*) sq. .125 spdt f momentary gold tpa11cgpc(*) rnd. .150 spst c n.o. momentary gold tpa11fgpc(*) rnd. .150 spdt f momentary gold (*) specify button color by adding suffix number: (0) black, (2) red. note: no center terminal on "c" action switch. .140(3.56) above frame 0.100(2.54) dia. .150 (3.81) .320 (8.13) .130 (3.30) .200 (5.08) .043 (1.09) dia. typ. .030 (7.62) typ. .320 (8.13) .210 (5.23) .020 (1.09) typ. .080 (2.03) 3 2 1 l tpa11cgra tp11cgra tpa series tp series tpa series tp series tpa series tp series see page d6 for product specifications free datasheet http:///
tp/tpa and tpb/tpc series d8 catalog 1308390 dimensions are in inches dimensions are shown for usa: 1-800-522-6752 south america: 55-11-3611-1514 issued 9-04 and millimeters unless otherwise reference purposes only. canada: 1-905-470-4425 hong kong: 852-2735-1628 specified. values in parentheses specifications subject mexico: 01-800-733-8926 japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. c. america: 52-55-5-729-0425 uk: 44-141-810-8967 d model type act. code p. m6 action bushing dia. contact type tpb11cgra(*) spst c n.o. momentary .188 gold tpb11fgra(*) spdt f momentary .188 gold tpc11cgra(*) spst c n.o. momentary 10-48 gold tpc11fgra(*) spdt f momentary 10-48 gold (*) specify button color by adding suffix number: (0) black, (2) red.note: no center terminal on ?ction switch. .200 (5.08) .043 (1.09) typ. dia. .100 (2.54) typ. .172 (4.37) to flat .236 (5.99) dia. .186 (4.72) dia. .100 (2.54) dia. .137 (3.48) .216 (5.47) 10-48 uns-2a 3 2 1 .320 (8.13) .206 (5.23) .020 (0.51) typ. .226 (5.74) .030 (0.76) .137 (3.48) .100 (2.54) dia. .340 (8.64) .216 (5.49) .135 (3.43) .030 (0.76) typ. .130 (3.30) typ. .172 (4.37) to flat tpb11cgra tpb series tpc series see page d6 for product specifications dpst/dpdt tpc11cgra * refer to page d6 for additionaloptions * pushbutton switches, tiny, right angle, single or dual actuators pushbutton switches, tiny, straight or right angle, unthreaded or 10-48 bushing tp/tpa and tpb/tpc series spst/spdt model type act. code p. m6 action bushing dia. contact type tpb11cgpc(*) spst c n.o. momentary .188 gold tpb11fgpc(*) spdt f momentary .188 gold tpc11cgpc(*) spst c n.o. momentary 10-48 gold tpc11fgpc(*) spdt f momentary 10-48 gold (*) specify button color by adding suffix number: (0) black, (2) red. note: no center terminal on ?ction switch. tpb11cgpc tpc11fgpc 3 2 1 .030 (0.76) .210 (5.33) .320 (8.13) .020 (0.51) typ. .172 (4.37) to flat .220 (5.59) .137 (3.48) .236 (5.99) dia. .172 (4.37) to flat . .186 (4.72) dia. . .100 (2.54) .130 (3.30) .340 (8.64) .220 (5.59) 10-48 uns-2a tpb series tpc series ? .043 (1.09) dia. typ. . .100 (2.54) model actuator type dim.l type act. code p. m6 action contact type tp21ccgra(*) sq. .125 2xspst c n.o. momentary gold tp21ffgra(*) sq. .125 2xspdt f momentary gold tpa21mgra(*) rnd. .150 dpst m n.o. momentary gold tpa21ccgra(*) rnd. .150 2xspst c n.o. momentary gold tpa21ffgra(*) rnd. .150 2xspdt f momentary gold (*) specify button color by adding suffix number: (0) black, (2) red. note: no center terminal on "c" or "m" action switch. spst/spdt (dual) dpst .140 (3.56) above frame .100 (2.54) dia. .140 (3.56) above frame .100 (2.54) dia. .160 (4.06) .150 (3.81) typ. .080 (2.03) typ. .043 (1.09) dia. typ. .200 (5.08) .100 (2.54) .200 (5.08) .080 (2.03) typ. .383 (9.73) .130 (3.30) .320 (8.13) l .030 (0.76) typ. .115 (2.92) .130 (3.30) .320 (8.13) .360 (9.14) .020 (0.51) typ. 2 13 5 46 tp/tpa series tp21ccgra0 tpa series tp series free datasheet http:///
tpb/tpc series d9 catalog 1308390 dimensions are in inches dimensions are shown for usa: 1-800-522-6752 south america: 55-11-3611-1514 issued 9-04 and millimeters unless otherwise reference purposes only. canada: 1-905-470-4425 hong kong: 852-2735-1628 specified. values in parentheses specifications subject mexico: 01-800-733-8926 japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. c. america: 52-55-5-729-0425 uk: 44-141-810-8967 d tpb/tpc series pushbutton switches, tiny, straight or right angle, unthreaded or 10-48 bushing .200 (5.08) .043 (1.09) typ. dia. .100 (2.54) .172 (4.37) to flat .186 (4.72) dia. .236 (5.99) dia. .100 (2.54) dia. .137 (3.48) .216 (5.47) 10-48 uns-2a .172 (4.37) to flat 3 2 1 4 5 6 .360 (9.14) .030 (0.76) typ. .320 (8.13) .340 (8.64) .130 (3.30) .020 (0.51) typ. .216 (5.49) .137 (3.48) .100 (2.54) dia. model type act. code p. m6 action bushing dia. contact type tpb21mgpc(*) dpst m n.o. momentary .188 gold tpb21rgpc(*) dpdt r momentary .188 gold tpc21mgpc(*) dpst m n.o. momentary 10-48 gold tpc21rgpc(*) dpdt r momentary 10-48 gold (*) specify button color by adding suffix number: (0) black, (2) red. note: no center terminal on ?ction switch. dpst/dpdt tpb21mgpc tpc21rgpc dpst/dpdt model type act. code. p. m6 action bushing dia. contact type tpb21mgra(*) dpst m n.o. momentary .188 gold tpb21rgra(*) dpdt r momentary .188 gold tpc21mgra(*) dpst m n.o. momentary 10-48 gold tpc21rgra(*) dpdt r momentary 10-48 gold (*) specify button color by adding suffix number: (0) black, (2) red. note: no center terminal on?ction switch. .320 (8.13) . 360 ( 9.14) .020 (0.51) typ. 2 1 3 .200 (5.08) .043 (1.09) typ. dia. . 100 ( 2.54) . 100 ( 2.54) .172 (4.47) to flat . 186 (4.72) dia. .236 (5.99) dia. .172 (4.37) to flat .100 (2.54) d ia. . 382 (9.70) .130 (3.30) .340 (8.64) . 220 ( 5.59) .030 (0.76) typ. . 140 (3.56) .137 ( 3.48) . 130 (3.30) .100 (2.54) dia. .137 ( 3.48) .220 (5.59) 10-48 uns-2a tpc21mgra see page d6 for product specifications tpb series tpc series tpb series tpc series ? 1 & 2 pole tpc23m tpc13c model type act. code p. m6 action contact type tpc13c(*) spst c n.o. momentary silver tpc13f(*) spdt f momentary silver tpc23m(*) dpst m n.o. momentary silver tpc23r(*) dpdt r momentary silver (*) specify button color by adding suffix number: (0) black, (2) red. note: no center terminal on "c" or "m" action switches. 3 2 1 3 2 1 6 5 4 .172 (4.37) to flat .206 (5.23) .078 (2.00) .160 (4.06) .360 (9.14) .194 (4.93) .190 (4.83) dia. .176 (4.47) .320 (8.13) .280 (7.11) dia. .100 (2.54) dia. .137 (3.48) .216 (5.49) .340 (8.64) .110 (2.79) .020 (0.51) typ. .040 w. x .080 l. (1.00 w. x 2.00 l.) oblong hole .100 (2.54) typ. 10-48 uns-2b free datasheet http:///
tpb/tpc and tp series d10 catalog 1308390 dimensions are in inches dimensions are shown for usa: 1-800-522-6752 south america: 55-11-3611-1514 issued 9-04 and millimeters unless otherwise reference purposes only. canada: 1-905-470-4425 hong kong: 852-2735-1628 specified. values in parentheses specifications subject mexico: 01-800-733-8926 japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. c. america: 52-55-5-729-0425 uk: 44-141-810-8967 d tpb/tpc and tp series pushbutton switches, tiny, straight or right angle, flush actuator ? tpb series tpb series tpc series model gold contacts type act. code p. m6 action bushing type tpbf11cgpc(*) spst c n.o. momentary unthreaded tpbf11fgpc(*) spdt f momentary unthreaded tpcf11cgpc(*) spst c n.o. momentary threaded tpcf11fgpc(*) spdt f momentary threaded (*) specify button color by adding suffix numbers: (0) black, (2) red. note: no center terminal on ?ction switch. spst/spdt pc 10-48 bushing model gold contacts type act. code p. m6 action bushing type tpbf11cgra(*) spst c n.o. momentary unthreaded tpbf11fgra(*) spdt f momentary unthreaded tpcf11cgra(*) spst c n.o. momentary threaded tpcf11fgra(*) spdt f momentary threaded (*) specify button color by adding suffix numbers: (0) black, (2) red. note: no center terminal on ?ction switch. spst/spdt ra 10-48 bushing 3 2 1 .210 (5.30) .320 (8.10) .020 (0.51) typ. .172 (4.37) to flat .230 (5.80) .130 (3.30) .030 (0.76) .340 (8.64) .220 (5.59) .140 (3.60) .030 (0.76) typ. .172 (4.37) to flat .236 (5.99) dia. .043 (1.09) .100 (2.54) dia. typ. .100 (2.54) .200 (5.08) .186 (4.72) dia. .220 (5.60) 10-48 uns-2a tpbf11fgpc tpcf11cgpc tpbf11cgra .043 (1.09) d ia. typ. .100 (2.54) 3 2 1 .210 ( 5.30) . 030 (0.76) . 320 (8.10) .130 (3.30) .020 (0.51) typ. . 340 (8.60) .220 (5.60) 10-48 uns-2a .172 (4.37) to flat . 220 (5.60) . see page d6 for product specifications spst/spdt wire lugs 10-48 bushing tpcf13c 3 2 1 .210 (5.30) . 080 ( 2.00) .320 (8.10) .194 (4.93) dia. .172 ( 4.37) t o flat .082 (2.08) .240 ( 6.10) d ia. .220 (5.60) .110 (2.80) . 020 ( 0.51) typ. . 040 w. x .080 l. ( 1.00 w. x 2.00 l.) . 100 ( 2.54) typ. .340 ( 8.60) 10-48 uns-2a o blong hole model silver contacts type act. code p. m6 action bushing type tpcf13c(*) spst c n.o. momentary threaded tpcf13f(*) spdt f momentary threaded (*) specify button color by adding suffix numbers: (0) black, (2) red. note: no center terminal on ?ction switch. .236 (5.99) dia. . 172 (4.37) to flat . .186 (4.72) dia. . tpc series free datasheet http:///
tp series d11 catalog 1308390 dimensions are in inches dimensions are shown for usa: 1-800-522-6752 south america: 55-11-3611-1514 issued 9-04 and millimeters unless otherwise reference purposes only. canada: 1-905-470-4425 hong kong: 852-2735-1628 specified. values in parentheses specifications subject mexico: 01-800-733-8926 japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. c. america: 52-55-5-729-0425 uk: 44-141-810-8967 d pushbutton switches, tiny, vertical right angle, unthreaded or 10-48 bushing tp series 1 & 2 pole model type act. code p. m6 action contact type tpf13c(*) spst c n.o. momentary silver tpf13f(*) spdt f momentary silver tpf23m(*) dpst m n.o. momentary silver tpf23r(*) dpdt r momentary silver (*) specify button color by adding suffix number: (0) black, (2) red. note: no center terminal on "c" or "m" action switches. 3 2 1 .210 (5.30) .080 (2.00) .320 (8.10) .281 (7.14) dia. 3 2 1 6 5 4 .160 (4.10) .360 (9.10) .253 (6.45) .190 (6.35) dia. .035 (0.89) .030 (0.76) .230 (.584) .227 (5.77) .020 (0.51) typ .110 (2.80) .100 (2.50) typ 1/4-40 .040 w. x .080 l. (1.00 w. x 2.00 l.) oblong hole .340 (8.60) .310 (7.90) .160 (4.06) .132 (3.35) .020 dp. x .040 w. (0.51 dp x 1.02 w.) .226 (5.74) to flat tpf23m tpf13c .043 (1.09) d ia. typ. .200 (5.08) t yp. .100 (2.54) t yp. . 207 (5.26) . 172 (4.37) to flat . 507 ( 12.87) .210 ( 5.33) .172 ( 4.37) to flat tpb tpc .356 ( 9.04) .216 ( 5.49) .137 (3.48) .020 (0.51) typ. .020 ( 0.51) . 100 (2.54) . 220 (5.59) .206 (5.23) .030 (0.76) t yp. .236 ( 5.99) dia. . 320 (8.13) 10-48 uns-2a .137 ( 3.48) . 186 (4.72) dia. tpb11fgvra model type act. code p. m6 action contact type TPB11CGVRA(*) spst c n.o. momentary gold tpb11fgvra(*) spdt f momentary gold tpc11cgvra(*) spst c n.o. momentary gold tpc11fgvra(*) spdt f momentary gold (*) specify button color by adding suffix number: (0) black, (2) red. note: no center terminal on "c" action switches. . 200 (5.08) . 043 (1.092) . 100 (2.54) spst/spdt tpd11cgpc model type act. code p. m6 action bushing dia. contact type tpd11cgpc(*) spst c n.o. momentary .250 gold tpd11fgpc(*) spdt f momentary .250 gold tpf11cgpc(*) spst c n.o. momentary 1/4-40 gold tpf11fgpc(*) spdt f momentary 1/4-40 gold (*) specify button color by adding suffix number: (0) black, (2) red.note: no center terminal on ?ction swtch. .226 (5.74) to flat .158 (4.01) .132 (3.35) dia. .311 (7.90) .340 (8.60) .130 (3.30) .030 (0.76) .320 (8.13) .281 (7.14) dia. .206 (5.23) 1 23 .100 (2.54) typ. .020 (0.51) typ. 1/4-40 uns-2a .020 dp. x .040 w. (0.51 dp. x (1.00) w.) keyway .100 (2.54) .043 (1.09) dia. t. .245 (6.22) dia. .226 (5.74) to flat .158 (4.01) .310 (7.87) .340 (8.64) .130 (3.30) .100 (2.54) typ. .020 (0.51) typ. .132 (3.35) dia. .200 (5.08) tpd series tpf series pushbutton switches, t iny , v ertical, unthreaded or 1/4-40 bushing tpb series tpc series see page d6 for product specifications free datasheet http:///
tpd/tpf series d12 catalog 1308390 dimensions are in inches dimensions are shown for usa: 1-800-522-6752 south america: 55-11-3611-1514 issued 9-04 and millimeters unless otherwise reference purposes only. canada: 1-905-470-4425 hong kong: 852-2735-1628 specified. values in parentheses specifications subject mexico: 01-800-733-8926 japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. c. america: 52-55-5-729-0425 uk: 44-141-810-8967 d tpd/tpf series pushbutton switches, tiny, vertical or right angle, unthreaded or 1/4-40 bushing ? model type act. code p. m6 action bushing dia. contact type tpd21mgra(*) dpst m n.o. momentary .250 gold tpd21rgra(*) dpdt r momentary .250 gold tpf21mgra(*) dpst m n.o. momentary 1/4-40 gold tpf21rgra(*) dpdt r momentary 1/4-40 gold (*) specify button color by adding suffix number: (0) black, (2) red. note: no center terminal on "m" action switches. dpst/dpdt tpf21mgra tpd21mgra .226 (5.74) to flat .020 dp. x .040 w. (0.51 dp. x (1.06) w.) keyway 1/4-40 uns-2a .132 (3.35) dia. .140 (3.56) .160 (4.06) .380 (9.65) .130 (3.30) .310 (7.87) .340 (8.64) .130 (3.30) .030 (0.76) typ. . .245 (6.22) dia. .226 (5.74) to flat .132 (3.35) dia. .140 (3.56) .130 (3.30) 123 456 .380 (9.65) .130 (3.30) .340 (8.64) .310 (7.87) .320 (8.13) .360 (9.14) .020 (0.51) typ. .160 (4.06) .030 (0.76) typ. .200 (5.08) .100 (2.54) .200 (5.08) .043 (1.09) dia. typ. . model type act. code p. m6 action bushing dia. contact type tpd11cgra(*) spst c n.o. momentary .250 gold tpd11fgra(*) spdt f momentary .250 gold tpf11cgra(*) spdt c n.o. momentary 1/4-40 gold tpf11fgra(*) spdt f momentary 1/4-40 gold (*) specify button color by adding suffix number: (0) black, (2) red.note: no center terminal on "c" action switch. .226 (5.74) to flat .022 dp. x .040 w. (0.56 dp. x (1.02) w.) keyway 1/4-40 uns-2a .200 (5.08) .200 (5.08) .043 (1.09) dia. typ. .100 (2.54) dia. typ. . 245 (6.22) dia. .158 ( 4.01) .030 (.762) .340 (8.64) .310 (7.87) .135 (3.43) .030 (0.76) .226 (5.74) .130 (3.30) . 158 (4.01) .132 (3.35) .311 (7.90) .3.40 (8.64) . 030 (0.76) .226 (5.74) .320 (8.10) .140 (3.60) .030 (0.76) .020 (0.51) typ. .206 (5.23) .281 (7.14) dia. 123 .226 (5.74) to flat . 132 (3.35) spst/spdt tpd11cgra tpf11cgra tpd series tpf series tpd series tpf series dpst/dpdt tpd21mgpc model type act. code p. m6 action bushing dia. contact type tpd21mgpc(*) dpst m n.o. momentary .250 gold tpd21rgpc(*) dpdt r momentary .250 gold tpf21mgpc(*) dpst m n.o. momentary 1/4-40 gold tpf21rgpc(*) dpdt r momentary 1/4-40 gold (*) specify button color by adding suffix number: (0) black, (2) red. note: no center terminals on "m" action switches. .226 (5.74) to flat .158 (4.01) .132 (3.35) dia. .311 (7.90) .340 (8.64) .130 (3.30) .320 (8.13) .030 (0.76) typ. .9.14 (.360) 1 2 3 4 5 6 .100 (2.54) typ. .020 (0.51) typ. 1/4-40 uns-2a .020 dp. x .040 w. (0.51 dp. x (1.00) w.) keyway .100 (2.54) .043 (1.09) dia. typ. .200 (5.08) .200 (5.08) .245 (6.22) dia. .226 (5.74) to flat .158 (4.01) .310 (7.87) .340 (8.64) .130 (3.30) .100 (2.54) typ. .020 (0.51) typ. .132 (3.35) dia. tpd series tpf series see page d6 for product specifications free datasheet http:///


▲Up To Search▲   

 
Price & Availability of TPB11CGVRA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X