Part Number Hot Search : 
44100 2SD1506 PRECI 200BG V2461P7L 2LB35 SMLJ64C D15AA
Product Description
Full Text Search
 

To Download SP7805 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  description the sp7800 series of th ree-terminal positive regulators is available in to-220 packages and several fixed output voltages, making it useful in a wide range of applications . these regulators can provide local on-card regulation, eliminating the distribution problems asso ciated with single point regulation. each type employs internal current limiting, thermal shut-down and safe area protection, making it essent ially indestructible. if adequate heat sinking is provided, they can deliver over 1a output current. although designed primarily as fixed voltage regulators, these devices can be used with external components to obtain adjustable voltage and currents. features ? output current to 1.5a ? output voltages of 5; 8;12v ? thermal overload protection ? short circuit protection ? output transiti on soa protection schematic diagram absolute maximum ratings symbol parameter2 value unit v i dc input voltage 40 v i o output current internally limited p tot power dissipation internally limited t stg storage temperature range -65 to 150 c t op operating junction temperature range 0 to 150 c 1 of 9 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification SP7805
absolute maximum ratings are those values beyo nd which damage to the device may occur. functional operation under these condi tion is not implied. thermal data symbol parameter to-220 unit r thj-case thermal resistance junction-case max 5 c/w r thj-amb thermal resistance junction-ambient max 50 c/w connection diagram (top view) 2 of 9 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification SP7805
ordering codes type to-220 output voltage l7805c l7805cv 5 v l7808c l7808cv 8 v l7812c l7812cv 12 v application circuits test circuits figure 1 : dc parameter figure 2 : load regulation 3 of 9 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification SP7805
figure 3 : ripple rejection electrical characteristics of SP7805c (refer to the test circuits, t j = -55 to 150c, v i = 10v,i o =500ma,c i =0.33f,c o = 0.1 f unless otherwise specified). symbol parameter test conditions min. typ. max. unit v o output voltage t j = 25c 4.8 5 5.2 v v o output voltage i o =5mato1a p o 15w v i = 7 to 20 v 4.75 5 5.25 v ? v o (*) line regulation v i =7to25v t j = 25c 3 100 mv v i =8to12v t j = 25c 1 50 ? v o (*) load regulation i o =5mato1.5a t j = 25c 100 mv i o = 250 to 750 ma t j = 25c 50 i d quiescent current t j = 25c 8 ma ? i d quiescent current change i o =5mato1a 0.5 ma v i = 7 to 25 v 0.8 ? v o / ? t output voltage drift i o = 5 ma -1.1 mv/c en output noise voltage b =10hz to 100khz t j = 25c 40 v/v o svr supply voltage rejection vi= 8 to 18 v f = 120hz 62 db v d dropout voltage i o =1a t j = 25c 2 v r o output resistance f = 1 khz 17 m ? i sc short circuit current v i =35v t j = 25c 0.75 a i scp short circuit peak current t j = 25c 2.2 a (*) load and line regulation are s pecified at constant junction temperature. changes in v o due to heating effects must be taken into account separately . pulse testing with low duty cycle is used. 4 of 9 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification SP7805
electrical characteristics of sp7808c (refer to the test circuits, t j = -55 to 150c, v i = 14v,i o =500ma,c i =0.33f,c o = 0.1 f unless otherwise specified). symbol parameter test conditions min. typ. max. unit v o output voltage t j = 25c 7.7 8 8.3 v v o output voltage i o =5mato1a p o 15w v i = 10.5 to 25 v 7.6 8 8.4 v ? v o (*) line regulation v i =10.5to25v t j = 25c 160 mv v i =11to17v t j = 25c 80 ? v o (*) load regulation i o =5mato1.5a t j = 25c 160 mv i o = 250 to 750 ma t j = 25c 80 i d quiescent current t j = 25c 8 ma ? i d quiescent current change i o =5mato1a 0.5 ma v i = 10.5 to 25 v 1 ? v o / ? t output voltage drift i o = 5 ma -0.8 mv/c en output noise voltage b =10hz to 100khz t j = 25c 52 v/v o svr supply voltage rejection vi= 11.5 to 21.5 v f = 120hz 56 db v d dropout voltage i o =1a t j = 25c 2 v r o output resistance f = 1 khz 16 m ? i sc short circuit current v i =35v t j = 25c 0.45 a i scp short circuit peak current t j = 25c 2.2 a (*) load and line regulation are s pecified at constant junction temperature. changes in v o due to heating effects must be taken into account separately . pulse testing with low duty cycle is used. 5 of 9 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification SP7805
electrical characteristics of sp7812c (refer to the test circuits, t j = -55 to 150c, v i = 19v,i o =500ma,c i =0.33f,c o = 0.1 f unless otherwise specified). symbol parameter test conditions min. typ. max. unit v o output voltage t j = 25c 11.5 12 12.5 v v o output voltage i o =5mato1a p o 15w v i = 14.5 to 27 v 11.4 12 12.6 v ? v o (*) line regulation v i =14.5to30v t j = 25c 240 mv v i =16to22v t j = 25c 120 ? v o (*) load regulation i o =5mato1.5a t j = 25c 240 mv i o = 250 to 750 ma t j = 25c 120 i d quiescent current t j = 25c 8 ma ? i d quiescent current change i o =5mato1a 0.5 ma v i = 14.5 to 30 v 1 ? v o / ? t output voltage drift i o = 5 ma -1 mv/c en output noise voltage b =10hz to 100khz t j = 25c 75 v/v o svr supply voltage rejection vi= 15 to 25 v f = 120hz 55 db v d dropout voltage i o =1a t j = 25c 2 v r o output resistance f = 1 khz 18 m ? i sc short circuit current v i =35v t j = 25c 0.35 a i scp short circuit peak current t j = 25c 2.2 a (*) load and line regulation are s pecified at constant junction temperature. changes in v o due to heating effects must be taken into account separately . pulse testing with low duty cycle is used. 6 of 9 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification SP7805
7 of 9 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification SP7805
package description to-220 package outline dimensions 8 of 9 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification SP7805
dim. mm. inch min. typ max. min. typ max. a 4.40 4.60 0.173 0.181 c 1.23 1.32 0.048 0.051 d 2.40 2.72 0.094 0.107 d1 1.27 0.050 e 0.49 0.70 0.019 0.027 f 0.61 0.88 0.024 0.034 f1 1.14 1.70 0.044 0.067 f2 1.14 1.70 0.044 0.067 g 4.95 5.15 0.194 0.203 g1 2.4 2.7 0.094 0.106 h2 10.0 10.40 0.393 0.409 l2 16.4 0.645 l4 13.0 14.0 0.511 0.551 l5 2.65 2.95 0.104 0.116 l6 15.25 15.75 0.600 0.620 l7 6.2 6.6 0.244 0.260 l9 3.5 3.93 0.137 0.154 dia. 3.75 3.85 0.147 0.151 9 of 9 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification SP7805


▲Up To Search▲   

 
Price & Availability of SP7805

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X