smb2ezxxd5 series surface mount device v rrm t j max ? glass passivated chip ? case: do-214aa (smb) ? low leakage ? epoxy: ul 94v-0 rate flame retardant ? built-in strain relief ? polarity: laser band denotes cathode end ? low inductance ? weight: 0.095 grams (approximate) ? high peak reverse power dissipation ? lead (pb)-free component ? for use in stabilizing and clipping circuits with high power rating ? aec-q101 qualified symbol unit p d w v f v tj c t stg c note: 1. t l = lead temperature at 3/8 " (9.5mm) from body. revision: b01 www.eris.com.tw do-214aa(smb) 2.7~330v 175c primary characteristics features mechanical data value maximum ratings (ta=25c unless otherwise noted) dimensions in inches and (m illimeters) 2.0 1.5 - 55 to + 175 - 55 to + 175 parameter dc power dissipation at t l = 50 c (note1) maximum forward voltage at i f = 200 ma. junction temperature range storage temperature range smb2ezxxd5-h halogen free smb2ezxxd5-q automotive ordering information part number compound smb2ezxxd5 general 0.155 (3.94) 0.130 (3.30) 0.180 (4.57) 0.160 (4.06) 0.086 (2.20) 0.077 (1.95) 0.012 (0.305) 0.006 (0.152) 0.220 (5.59) 0.201 (5.10) 0.060 (1.52) 0.030 (0.76) 0.096 (2.44) 0.084 (2.13) 0.008 (0.203) max.
smb2ezxx series surface mount device 2 watt surface mount zener diodes / do 214aa (smb) max. dc zener current i zm nom. v ma ? ma ? ma ua v ma smb2ez2.7d5 2.7 80.0 10.0 80.0 400 1.0 100.0 1.0 670 2h0 smb2ez3 0d5 30 160 0 80 160 0 400 10 100 0 10 603 2h1 part number nominal zener voltage max. zener impedance max. reverse leakage current marking code 2 watt surface mount zener diodes / do - 214aa (smb) v z @ i zt z zt @ i zt z zk @ i zk i r @ v r smb2ez3 . 0d5 3 . 0 160 . 0 8 . 0 160 . 0 400 1 . 0 100 . 0 1 . 0 603 2h1 smb2ez3.3d5 3.3 145.0 8.0 145.0 400 1.0 80.0 1.0 548 2h2 smb2ez3.6d5 3.6 139.0 5.0 139.0 400 1.0 80.0 1.0 502 2h3 smb2ez3.9d5 3.9 128.0 5.0 128.0 400 1.0 30.0 1.0 464 2h4 smb2ez4.3d5 4.3 116.0 4.5 116.0 400 1.0 20.0 1.0 421 2h5 smb2ez4.7d5 4.7 106.0 4.5 106.0 550 1.0 5.0 1.0 385 2h6 smb2ez5.1d5 5.1 90.0 3.5 90.0 600 1.0 5.0 1.0 354 2h7 smb2ez5.6d5 5.6 89.5 2.5 89.5 500 1.0 5.0 2.0 323 2h8 smb2ez6.2d5 6.2 80.5 1.5 80.5 700 1.0 5.0 3.0 292 2a0 smb2ez6.8d5 6.8 73.5 2.0 73.5 700 1.0 5.0 4.0 266 2a1 smb2ez7.5d5 7.5 66.5 2.0 66.5 700 0.5 5.0 5.0 242 2a2 smb2ez8.2d5 8.2 61.0 2.3 61.0 700 0.5 5.0 6.0 220 2a3 smb2ez9.1d5 9.1 55.0 2.5 55.0 700 0.5 3.0 7.0 200 2a4 smb2ez10d5 10 50.0 3.5 50.0 700 0.25 3.0 7.6 182 2a5 smb2ez11d5 11 45.5 4.0 45.5 700 0.25 1.0 8.4 166 2a6 smb2ez12d5 12 41.5 4.5 41.5 700 0.25 1.0 9.1 152 2a7 smb2ez13d5 13 38.5 5.0 38.5 700 0.25 0.5 9.9 138 2a8 smb2ez14d5 14 35.7 5.5 35.7 700 0.25 0.5 10.6 130 2a9 smb2ez15d5 15 33.4 7.0 33.4 700 0.25 0.5 11.4 122 2b0 smb2ez16d5 16 31.2 8.0 31.2 700 0.25 0.5 12.2 114 2b1 smb2ez17d5 17 29 4 90 29 4 750 025 05 13 0 107 2b2 smb2ez17d5 17 29 . 4 9 . 0 29 . 4 750 0 . 25 0 . 5 13 . 0 107 2b2 smb2ez18d5 18 27.8 10.0 27. 8 750 0.25 0.5 13.7 100 2b3 smb2ez19d5 19 26.3 11.0 26. 3 750 0.25 0.5 14.4 95 2b4 smb2ez20d5 20 25.0 11.0 25. 0 750 0.25 0.5 15.2 90 2b5 smb2ez22d5 22 22.8 12.0 22. 8 750 0.25 0.5 16.7 82 2b6 smb2ez24d5 24 20.8 13.0 20. 8 750 0.25 0.5 18.2 76 2b7 smb2ez27d5 27 18.5 18.0 18. 5 750 0.25 0.5 20.6 68 2b8 smb2ez30d5 30 16.6 20 16.6 1000 0.25 0.5 22.5 60 2b9 smb2ez33d5 33 15.1 23 15.1 1000 0.25 0.5 25.1 55 2c0 smb2ez36d5 36 13.9 25 13.9 1000 0.25 0.5 27.4 50 2c1 smb2ez39d5 39 12.8 30 12.8 1000 0.25 0.5 29.7 47 2c2 smb2ez43d5 43 11.6 35 11.6 1500 0.25 0.5 32.7 43 2c3 smb2ez47d5 47 10.6 40 10.6 1500 0.25 0.5 35.8 39 2c4 smb2ez51d5 51 9.8 48 9.8 1500 0.25 0.5 38.8 36 2c5 smb2ez56d5 56 9.0 55 9.0 2000 0.25 0.5 42.6 32 2c6 smb2ez62d5 62 8.1 60 8.1 2000 0.25 0.5 47.1 29 2c7 smb2ez68d5 68 7.4 75 7.4 2000 0.25 0.5 51.7 27 2c8 smb2ez75d5 75 6.7 90 6.7 2000 0.25 0.5 56.0 24 2c9 smb2ez82d5 82 6.1 100 6.1 3000 0.25 0.5 62.2 22 2f0 revision: b01 www eris com tw revision: b01 www . eris . com . tw
smb2ezxx series surface mount device 2 watt surface mount zener diodes / do 214aa (smb) max. dc zener current i zm nom. v ma ? ma ? ma ua v ma smb2ez91d5 91 5.5 125 5.5 3000 0.25 0.5 69.2 20 2f1 smb2ez100d5 100 50 175 50 3000 025 05 76 0 18 2f2 2 watt surface mount zener diodes / do - 214aa (smb) v z @ i zt z zt @ i zt z zk @ i zk i r @ v r part number nominal zener voltage max. zener impedance max. reverse leakage current marking code smb2ez100d5 100 5 . 0 175 5 . 0 3000 0 . 25 0 . 5 76 . 0 18 2f2 smb2ez110d5 110 4.5 250 4. 5 4000 0.25 0.5 83.6 17 2f3 smb2ez120d5 120 4.2 325 4. 2 4500 0.25 0.5 91.2 15 2f4 smb2ez130d5 130 3.8 400 3. 8 5000 0.25 0.5 98.8 14 2f5 smb2ez140d5 140 3.6 500 3. 6 5500 0.25 0.5 106.4 13 2f6 SMB2EZ150D5 150 3.3 575 3. 3 6000 0.25 0.5 114.0 12 2f7 smb2ez160d5 160 3.1 650 3. 1 6500 0.25 0.5 121.6 11 2f8 smb2ez170d5 170 2.9 675 2. 9 7000 0.25 0.5 130.4 11 2f9 smb2ez180d5 180 2.8 725 2. 8 7000 0.25 0.5 136.8 10 2g1 smb2ez190d5 190 2.6 825 2. 6 8000 0.25 0.5 144.8 10 2g2 smb2ez200d5 200 2.5 1900 2. 5 9990 0.25 0.5 152.0 9 2g3 smb2ez220d5 220 2.0 2000 2. 0 8500 0.25 0.5 167.0 8 2g4 smb2ez270d5 270 1.6 2200 1.6 8500 0.25 0.5 205.0 6.7 2g5 smb2ez300d5 300 1.5 2200 1.5 9000 0.25 0.5 228.0 5.9 2g6 smb2ez330d5 330 1.4 2300 1.4 9000 0.25 0.5 250.0 5.4 2g7 notes : (2) the revese surge current is a non-repetitiv e, 8.3ms pulse width square wave or equivalent sine-wave superimposed on izt per jedec method (1) the type number listed have a standard toler ance on the nominal zener voltage of 5 %. revision: b01 www eris com tw revision: b01 www . eris . com . tw
smb2ezxx series surface mount device fig 1 - power temperature derating curve fig 2 - temperature coefficients v s zener voltage fig . 1 power temperature derating curve fig . 2 temperature coefficients v . s . zener voltage 1.0 1.5 2.0 o wer dissipation,pd (watt) 100 1000 o efficient, ? vz, (ma/ c) range 0.0 0.5 0 25 50 75 100 125 150 175 200 maximum p o lead temperature ,tl ( ) 10 0 40 80 120 160 200 temperature c o zener voltage, vz, (volts) fig. 3 - typical thermal resistance v.s. lead length fig. 4 - maximum surge power 60 80 e sistance, ? jl, 100 k, (watts) 0 20 40 junction to lead thermal r e ( c/w) 1 10 peak surge power, pp fig. 5 - typical thermal response l, lead length=3/8inch 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 lead length to heat sink , l, (inches) 0.1 1 10 100 pulse width, pw, (ms) 100 1 10 ensient thermal resistance, l (t,d), ( c/w) d=0.5 d=0.2 d=0.1 d=0.05 d=0.02 0.1 0.0001 0.001 0.01 0.1 1 10 junction to lead tri ? j l pulse width, pw, (ms) d=0.01 d=0 note: below 0.1 second, thermal response curve is applicable to any lead length (l) single pulse ? t jl = jl (t)p pk repetitive pulse ? t jl = jl (t,d)p pk revision: b01 www.eris.com.tw
|