Part Number Hot Search : 
M505011V XE0052S1 98266 AM2360N 98822 7C140 LVCH1624 CY62148B
Product Description
Full Text Search
 

To Download SK10EL11WDT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
   
      
 revision 1/february 12, 2001   !" !#$ %$  
   

     the sk10/100el11w is a differential 1:2 fanout buffer. this device is fully compatible with mc10/100el11 and mc100lvel11. with output transition time much faster than the e111, the el11w is ideally suited for those applications which require ultimate ac performance. under open input conditions, the pulldown resistors will force the q 0 and q 1 outputs low and q 0 * and q 1 * high. ? extended supply voltage range: (vee = ?5.5v to ?3.0v, vcc = 0v) or (vcc = + 3.0v to +5.5v, vee=0v)  high bandwidth output transition  330 ps propagation delay  5 ps skew between outputs  internal input pulldown resistors  q output will default low with inputs open or at v ee  new differential input common mode range  fully compatible with mc10/100el11 and mc10/100lvel11  esd protection of >4000v  industrial temperature range: ?40 o c to +85 o c  available in both 8 pin soic (150 mils ) and msop (3mm x 3mm) packages 1 2 3 4 8 7 6 5 q 0 q 1 * q 0 * q 1 v cc v ee d d*                             
             
             
  
  
     revision 1/february 12, 2001 

   
 notes: 1. dimensions are in millimeters. 2. dimensions d and e do no include mold protrusion. 3. maximum mold protrusion 0.15 per side. 4. dimension b does not include dambar protrusion. allowable dambar protrusion shall be 0.127 total in excess of the b dimension at maximum material condition. end view h x 45 o c q l top view 8 5 1 4 d e h e b a 0.25 m b m b c a1 a 0.25 m c b s a s 0.10 seating plane 8 pin soic package
                                                         !  "      # $       %        &  &
  
  
     revision 1/february 12, 2001 

 
notes: 1. dimensions are in mm. 2. controlling dimension: mm 3. dimension does not include mold flash or protrusions, either of which shall not exceed 0.20 . 8 pin msop package
                                            #   !  "     %      & # & 5 4 8 1 top view bottom view end view detail a see detail a h e b e d a c l
  
  
     revision 1/february 12, 2001       sk10/100el11w dc electrical characteristics (notes 1, 2)                                              '      
       (     (     (     (   )      * 

!   + & , %   %      #            #            #            #           -  - .   . /  0   & . * 

!   + & ,                . ta = ?40 o c ta = 0 o c ta = +25 o c ta = +85 o c (v cc ? v ee = 3.0v to 5.5v; vout loaded 50 ? to vcc ? 2.0v)                                               " % ,  % " , *    
  &  
              #             
 +  1  +  1 !  2  3    $   4  +  1 !   2 *  *                        

. , , 0  + ! 
- -   5                      . - . 6 5   0 6   & 5 & - - &  # 7 . #   (   .    7 . #   (   .    7 . #   (   .    7 . #   (   .    .        -  8   9 :    6 
  ; <   &  <   =       #      #        #       
sk10/100el11w ac electrical characteristics (notes 1, 2) ta = ?40 o c ta = 0 o c ta = +25 o c ta = +85 o c (v cc ? v ee = 3.0v to 5.5v; vout loaded 50 ? to vcc ? 2.0v)      
!  
  
     revision 1/february 12, 2001 " #  

  !   "     !  #   "  $    "  
           4   %   > !  ! (       8  4   %   > !  ! (        4   %    > !  ! (       8  4   %    > !  ! (       ! 5 4   %   > !,  ! 5 (       8 ! 5 4   %   > !,  ! 5 (       ! 5 4   %    > !,  ! 5 (       8 ! 5 4   %    > !,  ! 5 (       ? 4   %   > !   ? 4   %    > !   notes: 1. 10el circuits are designed to meet the dc specifications shown in the table after thermal equilibrium has been established. the circuit is in a test socket or mounted on a printed circuit board and transverse airflow greater than 500 lfpm is maintained. outputs are terminated through a 50 ? resistor to vcc -2.0v except where otherwise specified on the individual data sheets. 2. 100k circuits are designed to meet the dc specifications shown in the table where transverse airflow greater than 500 lfpm is maintained. 3. within-device skew defined as identical transitions on similar paths through a device. 4. duty cycle skew is the difference between a t plh and t phl propagation delay through a device. 5. minimum input swing for which ac parameters guaranteed. 6. cmr range is referenced to the most positive side of the differential input signal. normal operation is obtained if the high level falls within the specified range and the peak-to-peak voltage lies between vpp (min) and 1v. the lower end of the cmr range varies 1:1 with vee and is equal to vee + 1.6v. 7. for standard ecl dc specifications, refer to the ecl logic family standard dc specifications data sheet. 8. for part ordering descriptions, see hpp part ordering information data sheet.       

$  
  
     revision 1/february 12, 2001 function / voltage option function code / part number assembly lot number assembly date code sk10el/elt = h sk100el/elt = k 8/10 pin msop packages function / voltage & device operation function code / part number h = 10 k = 100 yy: last two digits of the year ww: working week el ww yy 8 pin soic package assembly lot number %  

 division headquarters 10021 willow creek road san diego, ca 92131 phone: (858) 695-1808 fax: (858) 695-2633 marketing group 1111 comstock street santa clara, ca 95054 phone: (408) 566-8776 fax: (408) 727-8994 semtech corporation high-performance products division 
 




▲Up To Search▲   

 
Price & Availability of SK10EL11WDT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X