Part Number Hot Search : 
F220IO SML4738 2SC4685 2405D EM2000X 01S03 UPC1943T EL7104
Product Description
Full Text Search
 

To Download SBR2080R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  elektronische bauelemente SBR2080R voltage 80v 20.0 amp low v f schottky barrier rectifiers 26-mar-2012 rev. a page 1 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed individually. rohs compliant product a suffix of ?-c? specifies halogen & lead-free features z low forward voltage drop z high current capability z high reliability z high surge current capability z epitaxial construction mechanical data z case: molded plastic z epoxy: ul94v-0 rate flame retardant z lead: lead solderable per mil-std-202 method 208 guaranteed z polarity: as marked z mounting position: any z weight: 2.064 grams (approximate) maximum ratings and electrical characteristics (rating 25 c ambient temperature unless otherwise specified. single phase half wave, 60hz, resistive or inductive load. for capacitive load, de-rate current by 20%.) parameter symbol rating unit maximum recurrent peak reverse voltage v rrm 80 v working peak reverse voltage v rsm 80 v maximum dc blocking voltage v dc 80 v per leg 10 maximum average forward rectified current per device i f 20 a peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method) i fsm 180 a i f =10a, t j =25 c, per leg 0.74 maximum instantaneous forward voltage i f =10a, t j =125 c, per leg v f 0.63 v t j =25 c 0.2 maximum dc reverse current at rated dc blocking voltage 3 t j =100 c i r 20 ma typical junction capacitance 1 c j 280 pf typical thermal resistance 2 r jc 2 c / w voltage rate of chance (rated v r ) dv / dt 10000 v / s operating temperature range t j t j -50~150 c storage temperature range t stg t stg -65~150 c notes: 1. measured at 1mhz and applied reverse voltage of 5.0v d.c. 2. thermal resistance junction to case. 3. pulse test: 300 s pulse width, 1% duty cycle. pin 1 pin 3 pin 2 case to-220 a m p j k l l g f b n d e o c h millimete r millimete r ref. min. max. ref. min. max. a 14.22 16.51 j 0.7 1.78 b 9.65 10.67 k 0.38 1.02 c 12.50 14.75 l 2.39 2.69 d 3.56 4.90 m 2.50 3.43 e 0.51 1.45 n 3.10 4.09 f 2.03 2.92 o 8.38 9.65 g 0.31 0.76 p 0.89 1.45 h3.54.5
elektronische bauelemente SBR2080R voltage 80v 20.0 amp low v f schottky barrier rectifiers 26-mar-2012 rev. a page 2 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed individually. ratings and characteristic curves tc, case temperature ( j) average forward current (a); per leg typical forward current derating curve 0 5 10 20 50 100 150 180 15 junction capacitance (pf) revise voltage (%) typical junction capacitance 0 400 800 1200 0 1 10 100 maximum non- repetitive forward surge current number of cycles at 60hz peak forwad surge current (a) 0 30 60 90 120 180 1 10 100 8.3ms single half sine wave jedec method tj=25 j 150 0.2 0.1 1 10 100 instantaneous forward current (a); per leg forward voltage (v) typical forward characteristic 0.3 0.4 0.5 0.6 0.7 0.8 25j 125j 50j 100j 75j 0.01 0.1 1 10 100 70 40 50 60 80 30 reverse voltage(v) typical reverse characteristic reverse curren t(ma) 25j 50j 100j 125j 75j


▲Up To Search▲   

 
Price & Availability of SBR2080R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X