Part Number Hot Search : 
EMIF0 6YLMH10F 2W04G AK4753EN C28DRT SSF303 25AA160B 4021006
Product Description
Full Text Search
 

To Download RV1-1224S10A1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  output specifications rv1-s10/d10 10 watt regulated single & dual output absolute maximum ratings (4) 1) ripple / noise measured with 20 mhz bandwith. 2) tested by minimal vin and constant resistive load. 3) measured input reflected ripple current with a simulated source inductance of 12uh. 4) exceeding the absolute ratings of the unit could cause damage. it is not allowed for continuous operating. 5) operation under no-load conditions will not damage these devices. however they may not meet all listed specifications. 6) add external input filters to meet conducted emissions (en55022 class a) the models listed are just for standard type. if you need a special specification product, please contact our service. phone: +49 69 984047-0, mail to: info@rsg-electronic.de or use the forms on www.rsg-electronic.de (?kontakt). 2"x1" package, wide 2:1 input range full smd technology 1500 vdc isolation continuous short circuit protection efficiency up to 86% -40c~85c operation temperature range emi complies with en55022 class a voltage accuracy 1% line regulation 0.5% load regulation (from 10% to 100% load) 0.5% ripple & noise (20 mhz bandwith) (1) 100 mv pk-pk over current protection (of max. io) 140% short circuit protection indefinite (automatic recovery) temperature coefficient 0.02%/c capacitor load (2) see table voltage range see table start up time (nom. vin and constant resistive load) 20ms typ max. input current see table no-load input current see table input filter capacitors input reflected ripple current (3) 35 ma pk-pk input specifications efficiency see table i/o isolation voltage (3 sec.) input / output 1500 vdc metal case / input & output 1000 vdc i/o isolation capacitance 500 pf typ. i/o isolation resistance 1000 m ohm switching frequency typ. 200 khz humidity 95% rel. h reliability calculated mtbf (mil-hdbk-217f) > 1.121 mhrs. safety standard (designed to meet) iec 60950-1:2001 general specifications case material nickel-coated brass pin material ? 1.0 mm brass solder-coated potting material epoxy (ul94v-0 rated) weight 30 g dimensions 2x1x 0.4 physical specifications note page: 1/4 last update: 12.02.09 emc characteristics radiated emissions en55022 class a fcc 47 cfr part 15 subpart b class a esd en61000-4-2 perf. crit. b rs en61000-4-3 perf. crit. a operating temperature -40c~ 85c (see derating curve) maximum case temperature 100c storage temperature -40c~125c cooling nature convection environment specifications these are stress ratings. exposure of devices to any of these conditions may adversely affect long-term reliability. input voltage (100 ms) 12 modes -0.7 ~ 24 vdc 24 modes -0.7 ~ 40 vdc 48 modes -0.7 ~ 80 vdc lead soldering temperature 260c (1.5 mm from case 10 sec.) all specifications typical at ta = 25c, nominal input voltage and full load unless otherwise specified. the information and specifications contained in this data sheet are believed to be correct at time of publication. however, we accept no responsibility for consequences arising from printing errors or inaccuracies. subject to change without notice.
rv1-s10/d10 10 watt regulated single & dual output derating curve model number input input current (ma) output output current efficiency capacitor range vdc no load / full load vdc full load (ma) @fl (%) load ( hf) rv1-1203s10a1 9-18 30 / 705 3.3 2000 78 2200 rv1-1205s10a1 9-18 30 / 1016 5 2000 82 2200 rv1-1207s10a1 9-18 30 / 1004 7.2 1388 83 1000 rv1-1209s10a1 9-18 30 / 1004 9 1111 83 1000 rv1-1212s10a1 9-18 30 / 992 12 833 84 680 rv1-1215s10a1 9-18 30 / 992 15 666 84 470 rv1-1218s10a1 9-18 30 / 980 18 555 85 470 RV1-1224S10A1 9-18 30 / 980 24 416 85 330 rv1-1203d10a1 9-18 30 / 1068 3.3 1000 78 1000 rv1-1205d10a1 9-18 30 / 1016 5 1000 82 1000 rv1-1207d10a1 9-18 30 / 1004 7.2 694 83 680 rv1-1209d10a1 9-18 30 / 992 9 555 84 470 rv1-1212d10a1 9-18 30 / 992 12 416 84 470 rv1-1215d10a1 9-18 30 / 980 15 333 85 330 rv1-1218d10a1 9-18 30 / 980 18 277 85 220 rv1-1224d10a1 9-18 30 / 980 24 208 85 220 rv1-2403s10a1 18-36 25 / 352 3.3 2000 78 2200 rv1-2405s10a1 18-36 25 / 508 5 2000 82 2200 rv1-2407s10a1 18-36 25 / 502 7.2 1388 83 1000 rv1-2409s10a1 18-36 25 / 496 9 1111 84 1000 rv1-2412s10a1 18-36 25 / 496 12 833 84 680 rv1-2415s10a1 18-36 25 / 490 15 666 85 470 rv1-2418s10a1 18-36 25 / 490 18 555 85 470 rv1-2424s10a1 18-36 25 / 484 24 416 86 330 rv1-2403d10a1 18-36 25 / 352 3.3 1000 78 1000 rv1-2405d10a1 18-36 25 / 508 5 1000 82 1000 rv1-2407d10a1 18-36 25 / 502 7.2 694 83 680 rv1-2409d10a1 18-36 25 / 502 9 555 83 470 rv1-2412d10a1 18-36 25 / 496 12 416 84 470 rv1-2415d10a1 18-36 25 / 496 15 333 84 330 rv1-2418d10a1 18-36 25 / 490 18 277 85 220 rv1-2424d10a1 18-36 25 / 490 24 208 85 220 model selection guide page: 2/4 last update: 12.02.09 number structure isolation 1=1.5 kvdc power 10=10w output 03=3.3v 05=5v 07=7.2v 09=9v 12=12v 15=15v 18=18v 24=24v code internal rv1 - xx xx s 10 a 1 type s=single d=dual input 12=9-18v 24=18-36v 48=36-72v name/package rv1=2x1
model number input input current (ma) output output current efficiency capacitor range vdc no load / full load vdc full load (ma) @fl (%) load ( hf) rv1-4803s10a1 36-72 20 / 176 3.3 2000 78 2200 rv1-4805s10a1 36-72 20 / 251 5 2000 83 2200 rv1-4807s10a1 36-72 20 / 251 7.2 1388 83 1000 rv1-4809s10a1 36-72 20 / 248 9 1111 84 1000 rv1-4812s10a1 36-72 20 / 248 12 833 84 680 rv1-4815s10a1 36-72 20 / 248 15 666 84 470 rv1-4818s10a1 36-72 20 / 245 18 555 85 470 rv1-4824s10a1 36-72 20 / 245 24 416 86 330 rv1-4803d10a1 36-72 20 / 176 3.3 1000 78 1000 rv1-4805d10a1 36-72 20 / 254 5 1000 82 1000 rv1-4807d10a1 36-72 20 / 248 7.2 694 84 680 rv1-4809d10a1 36-72 20 / 248 9 555 84 470 rv1-4812d10a1 36-72 20 / 245 12 416 85 470 rv1-4815d10a1 36-72 20 / 245 15 333 85 330 rv1-4818d10a1 36-72 20 / 242 18 277 86 220 rv1-4824d10a1 36-72 20 / 242 24 208 86 220 model selection guide page: 3/4 last update: 12.02.09 rv1-s10/d10 10 watt regulated single & dual output
single +v input -v input +v output n.p. -v output dimensions rv1-s10/d10 10 watt regulated single & dual output page: 4/4 last update: 12.02.09 mail: info@rsg-electronic.de www.rsg-electronic.de rsg electronic components gmbh sprendlinger landstr. 115 d-63069 offenbach tel. +49 69 984047-0 fax +49 69 984047-77 pin number 1 2 3 4 5 dual +v input -v input +v output common -v output pin connections efficiency vs output current 12 models load efficiency (%) efficiency vs output current 24 models load efficiency (%) efficiency vs output current 12 models load efficiency (%) notes: all dimensions are typical in millimeters (inches). 1) pin diameter: 1.0 0.05 (0.04 0.002) 2) pin pitch tolerance: 0.35 ( 0.014) 3) case tolerance: 0.5 ( 0.02) rsg rv1-xxxxx10a 1 mechanical specifications


▲Up To Search▲   

 
Price & Availability of RV1-1224S10A1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X