Part Number Hot Search : 
2SK142 2SK142 R2402TA D37F0F0T 74F28000 DTA124E UPD6125A FRS12000
Product Description
Full Text Search
 

To Download RLT1050M-500G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  25.02.2011 RLT1050M-500G 1 of 3 RLT1050M-500G technical data high power infrared laser diode features ? lasing mode structure: multi mode ? peak wavelength : typ. 1050 nm ? optical ouput power: 500 mw ? package: 9 mm electrical connection pin configuration bottom view n-type pin function 1 ld cathode 2 ld anode, pd cathode 3 pd anode absolute maximum ratings (t c =25c) item symbol value unit cw output power p o 550 mw ld reverse voltage v r(ld) 1.5 v pd reverse voltage v r(pd) 10 v operating case temperature t c -20 ? +35 c storage temperature t stg -40 ? +70 c specifications (t c =25c) item symbol min. typ. max. unit optical specification cw output power p o - 500 - mw peak wavelength p - 1050 - nm spectral width (fwhm) ? 1.6 1.7 1.8 nm U - 10 - deg fwhm beam divergence - 30 - deg emitting aperature w x h 100 x 1 m electrical specification threshold current i th 200 280 350 ma operating current i op 860 890 910 a operating voltage u op - 1.7 1.8 v monitor current i m 100 500 1500 a operating voltage u op - 1.9 - v the above specifications are for reference purpos e only and subjected to change without prior notice.
25.02.2011 RLT1050M-500G 2 of 3 package dimensons 9 mm package ( unit:mm )
25.02.2011 RLT1050M-500G 3 of 3 safety of laser light ? laser light can damage the human eyes and skin. do not expose the eye or skin directly to any laser light and/or through optical lens. when handling the lds, wear appropriate safety glasses to prevent laser light, even any reflections from entering to the eye. focused laser beam through optical instruments will increase the chance of eye hazard. ? warning: laser diode is emitting invisible light cautions 1. operating methode ? this ld shall change its forward voltage requirement and optical ouput power according to temperature change. also, the ld will require more operation current to maintain same ouput power as it degrades. ? confirm that electrical spike current generated by switching on and off does not exceed the maximum operating current level specified her ein above as absolute maximum rating. also, employ appropriat countermeasures to reduce c hattering and/or overshooting in the circuit. 2. static electricity ? static electricity or electrical surges will reduce and degrade the reliability of the lds. it is recommended to use a wrist trap or anti-electrostatic glove when handeling the product. 3. absolute maximum rating ? active layer of lds shall have high current density and generate high electric field during its operation. in order to prevent excessive dam age, the ld must be operated striclty below absolute maximum rating.


▲Up To Search▲   

 
Price & Availability of RLT1050M-500G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X