Part Number Hot Search : 
LT1026CH BCR15807 MAX951 74408 5KE43 2SD15 NS0013A 2SD15
Product Description
Full Text Search
 

To Download PVZ2A102C04 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cat.no.r50e-16 trimmer potentiometers ? this pdf catalog is downloaded from the website of murata manufacturing co., ltd. therefore, its specifications are subject to change or our products in it may be discontinued without advance notice. please check with our sales representatives or product engineers before ordering. ? this pdf catalog has only typical specifications because there is no space for detailed specifications. therefore, please app rove our product specifications or transact the approval sheet for product specifications before ordering. ! note r50e.pdf 08.8.26
4 1 ! note ?please read rating and ! caution (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, e tc. ?this catalog has only typical specifications because there is no space for detailed specifications. therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. trimmer potentiometers smd open type 2mm size pvz2/pva2 series pvz2 series 2.1 0.8 0.05 0.5 0.4 0.45 0.1 0.8 2.4 dia. 1.3 2.2 2.7 0.3 #2 0.7 #1 #3 * 1 * 1 driver plate rotation area: please do not place any components more than 0.5mm in height within this area. 0.55 0.55 0.5 0.5 4 1 soldering part ( tolerance: 0.2 ) in mm #2 #1 #3 clockwise pvz2a ( tolerance : 0.2 ) in mm #2 #1 #3 clockwise 2.1 2.2 4.8 0.6 0.65 0.65 (0.6) (0.6) 0.8 0.8 +0.10 - 0.15 1.3 0.45 0.10 soldering part #2 #1 #3 2.4 dia. * 1: driver plate rotation area * 1 pvz2r part number power rating (w) soldering method number of turns (effective rotation angle) total resistance value tcr (ppm/ c) pvz2 p 471c04 0.05(50 c) reflow/soldering iron 1(240 10 ) 470ohm 30% 500 pvz2 p 102c04 0.05(50 c) reflow/soldering iron 1(240 10 ) 1k ohm 30% 500 pvz2 p 222c04 0.05(50 c) reflow/soldering iron 1(240 10 ) 2.2k ohm 30% 500 pvz2 p 472c04 0.05(50 c) reflow/soldering iron 1(240 10 ) 4.7k ohm 30% 500 pvz2 p 103c04 0.05(50 c) reflow/soldering iron 1(240 10 ) 10k ohm 30% 500 pvz2 p 223c04 0.05(50 c) reflow/soldering iron 1(240 10 ) 22k ohm 30% 500 pvz2 p 473c04 0.05(50 c) reflow/soldering iron 1(240 10 ) 47k ohm 30% 500 pvz2 p 104c04 0.05(50 c) reflow/soldering iron 1(240 10 ) 100k ohm 30% 500 pvz2 p 224c04 0.05(50 c) reflow/soldering iron 1(240 10 ) 220k ohm 30% 500 pvz2 p 474c04 0.05(50 c) reflow/soldering iron 1(240 10 ) 470k ohm 30% 500 pvz2 p 105c04 0.05(50 c) reflow/soldering iron 1(240 10 ) 1m ohm 30% 500 *available for other resistance value. operating temperature range: -25 to 85 c the blank column is filled with the code of adjustment direction and lead type a (top) or r (rear). n features 1. ultra-small and thin external dimensions of 2.1(w)x2.7(l)x0.85 max. (t)mm. (top adjustment type: pvz2a_c04 series) 2. ultra-small and thin external dimensions of 2.1(w)x4.8(l)x0.9 max. (t)mm. (rear adjustment type: pvz2r_c04 series) compact pcb design is possible by smaller adjustment hole (3.0mm dia.) due to short wing length (4.8mm). 3. au plated termination achieves a high density pcb mounting. 4. cross-shaped driver slot allows for in-process automatic adjustment and it provides superior adjustability. 5. two-piece parts construction achieves low cost and excellent quality. 6. special resin substrate allows high peak temperature for reflow soldering. (pvz2_cxx series) n applications 1. pick-up module 2. lcd 3. cellular-phone 4. phs 5. pager 6. dvc 7. digital camera 8. portable audio, etc. ? this pdf catalog is downloaded from the website of murata manufacturing co., ltd. therefore, its specifications are subject to change or our products in it may be discontinued without advance notice. please check with our sales representatives or product engineers before ordering. ? this pdf catalog has only typical specifications because there is no space for detailed specifications. therefore, please app rove our product specifications or transact the approval sheet for product specifications before ordering. ! note r50e.pdf 08.8.26
5 1 ! n o t e p l e a s e r e a d r a t i n g a n d ! c a u t i o n ( f o r s t o r a g e , o p e r a t i n g , r a t i n g , s o l d e r i n g , m o u n t i n g a n d h a n d l i n g ) i n t h i s c a t a l o g t o p r e v e n t s m o k i n g a n d / o r b u r n i n g , e t c . t h i s c a t a l o g h a s o n l y t y p i c a l s p e c i f i c a t i o n s b e c a u s e t h e r e i s n o s p a c e f o r d e t a i l e d s p e c i f i c a t i o n s . t h e r e f o r e , p l e a s e a p p r o v e o u r p r o d u c t s p e c i f i c a t i o n s o r t r a n s a c t t h e a p p r o v a l s h e e t f o r p r o d u c t s p e c i f i c a t i o n s b e f o r e o r d e r i n g . n c o n s t r u c t i o n p v z 2 a n s t a n d a r d l a n d p a t t e r n p v z 2 a 0 . 9 0 . 6 0 . 6 0 . 7 1 . 5 5 1 . 5 5 0 . 8 5 0 . 8 5 ( t o l e r a n c e : 0 . 1 i n m m ) n c o n s t r u c t i o n p v z 2 r


▲Up To Search▲   

 
Price & Availability of PVZ2A102C04

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X