Part Number Hot Search : 
RT1N242X S1610 TA155 853S004I CD407 A0315 32M10V8 NTE1732
Product Description
Full Text Search
 

To Download PV05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  the copyright and authority for the interpretation of the products are reserved by mornsun . specifications subject to change without notice. pv series a/1-2012 page 1 of 3 input voltage:1200vdc pv series new power sources 200- 1200vdc overwide and overhigh input voltage isolation converter pv series are 200-1200vdc input voltage regulated dc-dc converter. it features ultra-high input voltage, high efficiency, high reliability, it can be widely used in pv power generation and high voltage inverter occasion, provide a stable operating voltage to the load equipment. its own multiple protection features can enhance the safety performance of the power and load when module work under abnormal conditions. rohs product features 6:1 ultra-wide input voltage range: 200 ~ 1200vdc industrial operating temperature: -40 ~ 70 4000vdc high isolation voltage hi gh efficiency, low ripple& noise u nder input voltage protection (automatic recovery) o ver output voltage protection(automatic recovery) s hort circuit protection(automatic recovery) input against reverse protection m tbf>300 k hours h igh reliability, long life, three years warranty offer custom products part number system PV05-27b05 selection guide output model package input voltage range (vdc) voltage (vdc) current (ma) isolation voltage (vdc) efficiency (%,typ) ripple& noise (max.) PV05-27b05 5 1 000 73 pv10-27b05 5 2000 75 pv10-27b09 9 1111 78 pv10-27b24 74.0x52.0x28.0mm 200 1200 24 420 4000 83 100mv intput specifications input voltage range 200 1200vdc input current PV05 models pv10 models 200vdc 34ma(typ.) 66ma (typ.) 600vdc 12ma (typ.) 22ma (typ.) 1200vdc 9ma (typ.) 14ma (typ.) inrush current 200vdc 8a (typ.) 600vdc 12a (typ.) 1200vdc 25a (typ.) external input fuse 1a slow blow output specifications output voltage accuracy 1% (typ.) 2% (typ.) line regulation 0.5% (typ.) 1% (typ.) load regulation 0.5% (typ.) 1% (typ.) ripple& noise(p-p) 20mhz bandwidth 50mv (typ.) 100mv (typ.) short circuit protection continuous, and auto resume under input voltage protecti on undervoltage protection range: 175 185v undervoltage release range:185 195v PV05-27b05 (feedback-clamp) voltage limited < 6.5v pv10-27b05 (feedback-clamp) voltage limited < 6.5v pv10-27b09 (feedback-clamp) voltage limited < 11.5v over output voltage protection pv10-27b24 (feedback-clamp) voltage limited < 27v PV05-27b05 10000 f pv10-27b05 6000 f pv10-27b09 4000 f max. capacitive load(full load) pv10-27b24 1500 f PV05-27b05 5w output power pv10-27b24 10w
the copyright and authority for the interpretation of the products are reserved by mornsun . specifications subject to change without notice. pv series a/1-2012 page 2 of 3 common specifications temperature ranges operating storage case temperature temperature drift -40 +70 -40 +105 +90 max. 0.02 %/ c max. humidity 20 95% delay time 1s (max.) cooling free air convection hot-plugging no support isolation voltage 4000vdc/1min isolation resistance test at 500vdc > 100 m ce* cispr22/en55022 class a emi re* cispr22/en55022 class a esd iec/en61000-4-2 contact 6kv / air 8kv perf. criteria b rs iec/en61000-4-3 10v/m perf. criteria a eft* iec/en61000-4-4 4kv perf. criteria b surge* iec/en61000-4-5 2kv/ 4kv perf. criteria b cs iec/en61000-4-6 10 vr.m.s perf. criteria a pfm iec/en61000-4-8 10a/m perf. criteria a emc* ems voltage dips short and interruptions immunity iec/en61000-4-11 0%-70% perf. criteria b case material aluminium install pcb mtbf >300,000h @25 c weight 190 g note: 1. * external circuit is required to models, refer to emc typical application. 2. test ripple and noise by parallel cable method. test efficiency at normal temperature and input voltage is 200vdc. 3. unless otherwise specified, all specifications above are measured at rated input voltage and rated output load, ta=25 c, humidity < 75%; 4. all specifications stated in this datasheet are subject to the above listed models only. for specifications of non-standard models, please contact our technical s upport team. parallel lines measure +vo -vo fuse 25.4mm 2 5.4mm c1 c2 12.7mm +vin -vin copper sheet connect oscillograph probe load note: c1: 1 f (ceramic capacitor) c2: 10 f (electrolytic capacitor) input voltage vs load temperature vs load 1000 400 1200 20 40 100 60 80 200 load(%) inputvoltage(vdc) 600 PV05-27b05 pv10-27b24 pv10-27b05 pv10-27b09 50 100 80 load (%) temperature( ) 0 -40 70 60 -20 75 80 inputvv 800-1200 i nputvv 200-800 50 100 80 0 -40 70 60 -20 75 load (%) temperature( ) i nputvv 800-1200 i nputvv 200-800 typical efficiency curve efficiency vs input voltage curve 0 10 20 30 40 50 60 70 80 90 200 400 600 8 00 1000 1200 input voltage(v) efficiency(%) PV05-27b05 pv10-27b05 pv10-27b09 pv10-27b24 efficiency vs output load curve(vin=600vdc) 0 10 20 30 40 50 60 70 80 90 10 20 30 40 50 60 70 80 90 100 output current percent(%) efficiency(%) PV05-27b05 pv10-27b05 pv10-27b09 pv10-27b24
the copyright and authority for the interpretation of the products are reserved by mornsun . specifications subject to change without notice. pv series a/1-2012 page 3 of 3 emc typical applications emi recommended circuit load +output -output + + + + +input -input r2 r3 r4 r5 c2 c3 c4 c5 +vin -vin +vo -vo r ecommended parameters: c2 c3 c4 c5:47 f/450v r2 r3 r4 r5:1m /2w ems recommended circuit mov ntc fuse c1 c2 tvs rl + +vin -vin +vo -vo r ecommended parameters: vout 5v 24v tvs smcj7.0a smcj33a c2 224k/50v 224k/50v note: output filtering capacitor c1 is electrolytic capacitors, it is recommended to use high frequency and low impedance electrolytic capacitors. for capacitance and current of capacitor please refer to manufacture s datasheet. voltage derating of capacitor should be 80%. tvs is a recommended component to protect post-circuits (if converter fails). external input ntc is recommended to use 5d-9. mov: varistor, model: 162kd20 it is used to protect the device under surge. access as needed. outline dimensions & recommended footprint 5 2 . 0 0 [ 2 . 0 4 7 ] 10.16 [0.400] 30.48 [1.200] 74.00[2.913] 60.96[2.400] 28.00 [1.102] 6 .00 [0.236] 1.20[0.047] 1 2 3,4 5 6 +vin nc +vo 3 1 2 4 6 5 17.78 [0.700] 22.86 [0.900] -vin -vo 1.70[0.067] 3 1 2 4 6 5 (main view) note:grid 2.54*2.54mm. pin (bottom view) function note: unit:mm(inch) pinsection tolerances: 0.10mm [ 0.004inch] general tolerances: 0.50mm [ 0.020inch] package diagram inner packaging box dimensions:l*w*h=365*350*105mm package quantity: 24 pcs outer package box dimensions:l*w*h=390*360*245mm package quantity: 48 pcs mornsun science & technology co.,ltd. address: no. 5, kehui st. 1, kehui development center, science ave., guangzhou science city, luogang district, guangzhou,p.r.china. tel: 86-20-28203030 fax:86-20-38601272 http://www.mornsun-power.com


▲Up To Search▲   

 
Price & Availability of PV05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X