Part Number Hot Search : 
MSS1807 ZR36432 FJ20C ER14505 P6SMBJ85 MAE34021 SISS98DN XXXBB
Product Description
Full Text Search
 

To Download PS9123 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  r08ds0030ej0001 rev.0.01 page 1 of 7 jan 29, 2011 preliminary data sheet specifications in this document ar e tentative and subject to change. PS9123 ? nepoc series ? high cmr, 10 mbps totem pole output type, 5-pin sop (so-5) photocoupler description the PS9123 is an optically coupled high-speed, totem pole output isolator containing a gaalas led on the input side and a photodiode and a signal processing circuit on the output side on one chip. the PS9123 is specified high cmr, high ctr and pulse width distortion with operating temperature. features ? high common mode transient immunity (cm h , cm l = 20 kv/ s typ.) ? small package (so-5) ? pulse width distortion ( ? t phl ? t plh ? = 7 ns typ.) ? high-speed (10 mbps) ? high isolation voltage (bv = 3 750 vr.m.s.) ? totem pole output ? embossed tape product : PS9123-f3 : 2 500 pcs/reel ? pb-free product applications ? plc ? inverter ? ac servo r08ds0030ej0001 rev.0.01 jan 29, 2011 1. anode 2. cathode 3. gnd 4. v o 5. v cc pin connection (top view) 53 12 4 truth table led output on l off h
preliminary document specifications in this document are tentative and subject to change. PS9123 chapter title r08ds0030ej0001 rev.0.01 page 2 of 7 jan 29, 2011 package dimensions (unit: mm) 1.27 0.4 +0.10 ?0.05 0.25 m 0.10.1 2.60.2 4.4 7.00.3 0.50.3 0.15 +0.10 ?0.05 3.4 +0.3 ?0.1 53 12 4 photocoupler construction parameter unit (min.) air distance 4.2 mm outer creepage distance 4.2 mm isolation distance 0.2 mm marking example no. 1 pin mark initial of renesas (engraved mark) rank code year assembled (last 1 digit) week assembled n 1 31 9123 n131 r *1 *1 bar : pb-free type number assembly lot ni/pd/au plating
preliminary document specifications in this document are tentative and subject to change. PS9123 chapter title r08ds0030ej0001 rev.0.01 page 3 of 7 jan 29, 2011 absolute maximum ratings (t a = 25 c, unless otherwise specified) parameter symbol ratings unit diode forward current *1 i f 20 ma reverse voltage v r 5 v detector supply voltage v cc 7 v output voltage v o 7 v high level output current i oh ? 5 ma low level output current i ol 13 ma power dissipation *2 p c 130 mw isolation voltage *3 bv 3 750 vr.m.s. operating ambient temperature t a ? 40 to +100 c storage temperature t stg ? 55 to +125 c notes: *1. reduced to 0.5 mw/ c at t a = 85 c or more. *2. t a = ? 40 to +100 c, applies to output pin v o and power supply pin v cc . reduced to 2.4 mw/ c at t a = 75 c or more. *3 ac voltage for 1 minute at t a = 25 c, rh = 60% between input and output. pins 1-2 shorted together, 3-5 shorted together. recommended operating conditions parameter symbol min. typ. max. unit high level input current i fh 7.5 12.5 ma supply voltage v cc 4.5 5.0 5.5 v ttl (loads) n 3
preliminary document specifications in this document are tentative and subject to change. PS9123 chapter title r08ds0030ej0001 rev.0.01 page 4 of 7 jan 29, 2011 electrical characteristics (t a = ? 40 to +100 c, unless otherwise specified) parameter symbol conditions min. typ. *1 max. unit diode forward voltage v f i f = 10 ma, t a = 25 c 1.3 1.55 1.8 v reverse current i r v r = 3 v, t a = 25 c 10 a terminal capacitance c t f = 1 mhz, v f = 0 v, t a = 25 c 30 pf detector high level output current i oh v cc = v o = 5.5 v, v f = 0.8 ma 0.003 100 a high level output voltage v oh v cc = 4.5 v, v f = 0.8 ma, i oh = 2 ma 2.4 3.0 v low level output voltage v ol v cc = 4.5 v, i f = 7 ma, i ol = 8 ma 0.25 0.6 v high level supply current i cch v cc = 5.5 v, i f = 0 ma, v o = open 4 7 ma low level supply current i ccl v cc = 5.5 v, i f = 10 ma, v o = open 6 10 ma high level output short circuit current i osh v cc = 5.5 v, v o = gnd, i f = 0 ma, 10 ms or less 26 ma low level output short circuit current i osl v cc = v o = 5.5 v, i f = 8 ma, 10 ms or less 34 ma t a = 25 c 2.3 5 coupled threshold input voltage (h l) i fhl v cc = 5 v, v o = 0.6 v 6 ma isolation resistance r i-o v i-o = 1 kv dc , rh = 40 to 60%, t a = 25 c 10 11 isolation capacitance c i-o v = 0 v, f = 1 mhz, t a = 25 c 0.6 pf propagation delay time t a = 25 c 15 33 65 (h l) *2 t phl v cc = 5 v, i f = 7.5 ma 10 85 ns propagation delay time t a = 25 c 15 40 65 (l h) *2 t plh v cc = 5 v, i f = 7.5 ma 10 85 ns pulse width distortion (pwd) *2 ? t phl- t plh ? v cc = 5 v, i f = 7.5 ma 7 50 ns common mode transient immunity at high level output *3 cm h v cc = 5 v, t a = 25 c, i f = 0 ma, v o > 2 v, v cm = 1 kv 10 20 kv/ s common mode transient immunity at low level output *3 cm l v cc = 5 v, t a = 25 c, i f = 7.5 ma, v o < 0.8 v, v cm = 1 kv 10 20 kv/ s
preliminary document specifications in this document are tentative and subject to change. PS9123 chapter title r08ds0030ej0001 rev.0.01 page 5 of 7 jan 29, 2011 notes: *1. typical values at t a = 25 c *2. test circuit for propagation delay time input output 1.5 v v oh v ol t phl t plh i f (on) 50% i f (on) c l includes probe and stray wiring capacitance. pulse input (i f ) v o (monitor) input (monitor) (pw = 500 ns, duty cycle = 1/2) 47 v cc = 5 v 0.1 f c l = 30 pf 2.5 k 1.3 k v cc = 5 v *3. test circuit for common mode transient immunity 90% 10% 1 kv 0 v v oh 2 v 0.8 v v ol v cm v o (i f = 0 ma) v o (i f = 7.5 ma) t r t f c l includes probe and stray wiring capacitance. v o (monitor) v cc = 5 v 0.1 f c l = 15 pf sw i f v cm
preliminary document specifications in this document are tentative and subject to change. PS9123 chapter title r08ds0030ej0001 rev.0.01 page 6 of 7 jan 29, 2011 notes on handling cautions regarding noise be aware that when voltage is applied suddenly between the photocoupler?s input and output at startup, the output transistor may enter the on state, even if the voltage is within the absolute maximum ratings. usage cautions 1. this product is weak for static electricity by designed w ith high-speed integrated circuit so protect against static electricity when handling. 2. by-pass capacitor of more than 0.1 f is used between v cc and gnd near device. also , ensure that the distance between the leads of the photocoupler and capacitor is no more than 10 mm. 3. avoid storage at a high te mperature and high humidity.
preliminary document specifications in this document are tentative and subject to change. PS9123 chapter title r08ds0030ej0001 rev.0.01 page 7 of 7 jan 29, 2011 caution gaas products this product uses gallium arsenide (gaas). gaas vapor and powder are hazardous to human health if inhaled or ingested, so please observe the following points. ? follow related laws and ordinances when disposi ng of the product. if there are no applicable laws and/or ordinances, dispose of the product as recommended below. 1. commission a disposal company able to (with a license to) collect, tran sport and dispose of materials that contain arsenic and ot her such industrial waste materials. 2. exclude the product from general industrial waste and household garbage, and ensure that the product is controlled (as industrial waste subjec t to special control) up until final disposal. ? do not burn, destroy, cut, crush, or chemically dissolve the product. ? do not lick the product or in any way allow it to enter the mouth.
all trademarks and registered trademarks are t he property of their respective owners. c - 1 revision history PS9123 preliminary data sheet description rev. date page summary 0.01 jan 29, 2011 ? first edition issued
notice 1. all information included in this document is current as of the date this document is issued. such information, however, is s ubject to change without any prior notice. before purchasing or using any renesas electronics products listed herein, please confirm the latest product information with a renesas electronics sales office. also , please pay regular and careful attention to additional and different information to be disclosed by renesas electronics such as that disclosed through our website. 2. renesas electronics does not assume any liability for infringement of patents, copyrights, or other intellectual property ri ghts of third parties by or arising from the use of renesas electronics products or technical information described in this document. no license, express, implied or otherwise, is granted hereby under any paten ts, copyrights or other intellectual property rights of renesas electronics or others. 3. you should not alter, modify, copy, or otherwise misappropriate any renesas electronics product, whether in whole or in part . 4. descriptions of circuits, software and other related information in this document are provided only to illustrate the operat ion of semiconductor products and application examples. you are fully responsible for the incorporation of these circuits, software, and information in the design of your equipment. renesas electronics assumes no responsibility for any losses incurred by you or third parties arising from the use of these circuits, software, or information. 5. when exporting the products or technology described in this document, you should comply with the applicable export control l aws and regulations and follow the procedures required by such laws and regulations. you should not use renesas electronics products or the technology described in this document for any purpose rela ting to military applications or use by the military, including but not limited to the development of weapons of mass destruction. renesas electronics products and technology may not be used for or incorporate d into any products or systems whose manufacture, use, or sale is prohibited under any applicable domestic or foreign laws or regulations. 6. renesas electronics has used reasonable care in preparing the information included in this document, but renesas electronics does not warrant that such information is error free. renesas electronics assumes no liability whatsoever for any damages incurred by you resulting from errors in or omissions from the information incl uded herein. 7. renesas electronics products are classified according to the following three quality grades: "standard", "high quality", an d "specific". the recommended applications for each renesas electronics product depends on the product's quality grade, as indicated below. you must check the quality grade of each renesas electronics produ ct before using it in a particular application. you may not use any renesas electronics product for any application categorized as "specific" without the prior written consent of renesas electronics. fu rther, you may not use any renesas electronics product for any application for which it is not intended without the prior written consent of renesas electronics. renesas electronics shall not be in any way liable for any damages or losses incurred by you or third parties arising from the use of any renesas electronics product for an application categorized as "specific" or for which the product is not intended wh ere you have failed to obtain the prior written consent of renesas electronics. the quality grade of each renesas electronics product is "standard" unless otherwise expressly specified in a renesas electroni cs data sheets or data books, etc. "standard": computers; office equipment; communications equipment; test and measurement equipment; audio and visual equipment ; home electronic appliances; machine tools; personal electronic equipment; and industrial robots. "high quality": transportation equipment (automobiles, trains, ships, etc.); traffic control systems; anti-disaster systems; anti-crime systems; safety equipment; and medical equipment not specifically designed for life support. "specific": aircraft; aerospace equipment; submersible repeaters; nuclear reactor control systems; medical equipment or syst ems for life support (e.g. artificial life support devices or systems), surgical implantations, or healthcare intervention (e.g. excision, etc.), and any other applications or purposes that pose a direct thr eat to human life. 8. you should use the renesas electronics products described in this document within the range specified by renesas electronics , especially with respect to the maximum rating, operating supply voltage range, movement power voltage range, heat radiation characteristics, installation and other product characteristics. renesas el ectronics shall have no liability for malfunctions or damages arising out of the use of renesas electronics products beyond such specified ranges. 9. although renesas electronics endeavors to improve the quality and reliability of its products, semiconductor products have s pecific characteristics such as the occurrence of failure at a certain rate and malfunctions under certain use conditions. further, renesas electronics products are not subject to radiation resistance design . please be sure to implement safety measures to guard them against the possibility of physical injury, and injury or damage caused by fire in the event of the failure of a renesas electronics produc t, such as safety design for hardware and software including but not limited to redundancy, fire control and malfunction prevention, appropriate treatment for aging degradation or any other appropriate measu res. because the evaluation of microcomputer software alone is very difficult, please evaluate the safety of the final products or system manufactured by you. 10. please contact a renesas electronics sales office for details as to environmental matters such as the environmental compati bility of each renesas electronics product. please use renesas electronics products in compliance with all applicable laws and regulations that regulate the inclusion or use of controlled substances, in cluding without limitation, the eu rohs directive. renesas electronics assumes no liability for damages or losses occurring as a result of your noncompliance with applicable laws and regulations. 11. this document may not be reproduced or duplicated, in any form, in whole or in part, without prior written consent of renes as electronics. 12. please contact a renesas electronics sales office if you have any questions regarding the information contained in this doc ument or renesas electronics products, or if you have any other inquiries. (note 1) "renesas electronics" as used in this document means renesas electronics corporation and also includes its majority-o wned subsidiaries. (note 2) "renesas electronics product(s)" means any product developed or manufactured by or for renesas electronics. http://www.renesas.com refer to "http://www.renesas.com/" for the latest and detailed information. renesas electronics america inc. 2880 scott boulevard santa clara, ca 95050-2554, u.s.a. tel: +1-408-588-6000, fax: +1-408-588-6130 renesas electronics canada limited 1101 nicholson road, newmarket, ontario l3y 9c3, canada tel: +1-905-898-5441, fax: +1-905-898-3220 renesas electronics europe limited dukes meadow, millboard road, bourne end, buckinghamshire, sl8 5fh, u.k tel: +44-1628-585-100, fax: +44-1628-585-900 renesas electronics europe gmbh arcadiastrasse 10, 40472 dsseldorf, germany tel: +49-211-65030, fax: +49-211-6503-1327 renesas electronics (china) co., ltd. 7th floor, quantum plaza, no.27 zhichunlu haidian district, beijing 100083, p.r.china tel: +86-10-8235-1155, fax: +86-10-8235-7679 renesas electronics (shanghai) co., ltd. unit 204, 205, azia center, no.1233 lujiazui ring rd., pudong district, shanghai 200120, china tel: +86-21-5877-1818, fax: +86-21-6887-7858 / -7898 renesas electronics hong kong limited unit 1601-1613, 16/f., tower 2, grand century place, 193 prince edward road west, mongkok, kowloon, hong kong tel: +852-2886-9318, fax: +852 2886-9022/9044 renesas electronics taiwan co., ltd. 7f, no. 363 fu shing north road taipei, taiwan tel: +886-2-8175-9600, fax: +886 2-8175-9670 renesas electronics singapore pte. ltd. 1 harbourfront avenue, #06-10, keppel bay tower, singapore 098632 tel: +65-6213-0200, fax: +65-6278-8001 renesas electronics malaysia sdn.bhd. unit 906, block b, menara amcorp, amcorp trade centre, no. 18, jln persiaran barat, 46050 petaling jaya, selangor darul ehsan, malaysia tel: +60-3-7955-9390, fax: +60-3-7955-9510 renesas electronics korea co., ltd. 11f., samik lavied' or bldg., 720-2 yeoksam-dong, kangnam-ku, seoul 135-080, korea tel: +82-2-558-3737, fax: +82-2-558-5141 sales offices ? 2011 renesas electronics corporation. all rights reserved. colophon 1.0


▲Up To Search▲   

 
Price & Availability of PS9123

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X